Part Number Hot Search : 
MX602 FJA4313 N5232 82550080 TD308 FQB9N25 00318241 SGGP25A
Product Description
Full Text Search
 

To Download STK4221II Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number: EN4611A
Thick Film Hybrid IC
STK4221II AF Power Amplifier (Split Power Supply) (80W + 80W min, THD = 0.4%)
Features
* Built-in muting circuit to cut off various kinds of pop noise * Current mirror circuit application reduces distortion to 0.4% (THD) * The STK4201II series (THD=0.4%), STK4201V series (THD=0.08%), and STK4141X series (THD=0.02%) are pin-compatible.
Package Dimensions
unit: mm
4086A
[STK4221II]
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Thermal resistance Junction temperature Operating substrate temperature Storage temperature Available time for load short-circuit Symbol VCC max Conditions Ratings 65 1.4 150 125 -30 to +125 VCC = 45V, RL = 8, f = 50Hz, PO = 80W 1 Unit V C/W C C C s
j-c
Tj Tc Tstg ts
Recommended Operating Conditions at Ta = 25C
Parameter Recommended supply voltage Load resistance Symbol VCC RL Conditions Ratings 45 8 Unit V
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
70997HA (ID) / D2593YK 5-2297 No. 4611--1/5
STK4221II
Operating Characteristics at Ta = 25C, VCC = 45V, RL = 8, Rg = 600, VG = 40dB,
RL : non-inductive load
Parameter Quiescent current Output power Total harmonic distortion Frequency response Input impedance Output noise voltage Neutral voltage Muting voltage Notes. Symbol ICCO PO THD fL, fH ri VNO VN VM Conditions VCC = 54V THD = 0.4%, f = 20Hz to 20kHz PO = 1.0W, f = 1kHz PO = 1.0W, +0 dB -3 20 to 50k 55 1.2 -70 -2 0 -5 +70 -10 min 20 80 0.3 typ 40 max 100 Unit mA W % Hz k mVrms mV V
PO = 1.0W, f = 1kHz VCC = 54V, Rg = 10k VCC = 54V
For power supply at the time of test, use a constant-voltage power supply unless otherwise specified. For measurement of the available time for load short-circuit and output noise voltage, use the specified transformer power supply shown right. The output noise voltage is represented by the peak value on rms scale (VTVM) of average value indicating type. For AC power supply, use an AC stabilized power supply (50Hz) to eliminate the effect of flicker noise in AC primary line.
Specified Transformer Power Supply (Equivalent to MG-200)
Equivalent Circuit
No. 4611--2/5
STK4221II
Sample Application Circuit : 80W min 2-channel AF power amplifier
Sample Printed Circuit Pattern for Application Circuit (Cu-foiled side)
No. 4611--3/5
STK4221II
Description of External Parts
C3, C4 Input filter capacitors * A filter formed with R5 or R6 can be used to reduce noise at high frequencies. Input coupling capacitors * Used to block DC current. When the reactance of the capacitor increases at low frequencies, the dependence of 1/f noise on signal source resistance causes the output noise to worsen. It is better to decrease the reactance. * To reduce the pop noise at the time of application of power, it is effective to increase C5, C6 that fix the time constant on the input side and to decrease C9, C10 on the NF side. NF capacitors * These capacitors fix the low cutoff frequency as shown below. 1 [Hz] f L = -------------------------2 C9 R7 To provide the desired voltage gain at low frequencies, it is better to increase C9. However, do not increase C9 more than needed because the pop noise level becomes higher at the time of application of power. Decoupling capacitor * Used to eliminate the ripple components that mix into the input side from the power line (+VCC). Bootstrap capacitors * When the capacitor value is decreased, the distortion is liable to be higher at low frequencies. Oscillation blocking capacitors * Must be inserted as close to the IC power supply pins as possible so that the power supply impedance is decreased to operate the IC stably. * Electrolytic capacitors are recommended for C17, C18. Capacitor for ripple filter * Capacitor for the TR10-used ripple filter in the IC system Oscillation blocking capacitor * A polyester film capacitor, being excellent in temperature characteristic, frequency characteristic, is recommended for C13, C14. Resistors for input filter Input bias resistors * Used to bias the input pin potential to zero. These resistors fix the input impedance practically. These resistors fix voltage gain VG. It is recommended to use R7 (R8) = 560, R9 (R10) = 56k for VG = 40dB. * To adjust VG, it is desirable to change R7 (or R8). * When R7 (or R8) is changed to adjust VG, R3 (=R4) =R9 (=R10) must be set to ensure VN balance. Bootstrap resistors * The quiescent current is set by these resistors 4.7k + 4.7k. It is recommended to use this resistor value. Resistor for ripple filter * Limiting resistor for predriver TR at the time of load short Used to ensure plus/minus balance at the time of clip. Resistor for ripple filter * When muting TR11 is turned ON, current flows from ground to -VCC through TR 11. It is recommended to use 1k (1W) + 1k (1W) allowing for the power that may be dissipated on that occasion. Oscillation blocking resistors Output limiting resistors For high-frequency oscillation blocking For high-frequency oscillation blocking
C5, C6
C9, C10
C19 C15, C16
C17, C18
C20 C13, C14 R5, R6 R3, R4
R7, R9 (R8, R10) R11, R20 (R12, R21) R15 R14 R18, R19 R24, R25 R16, R17 R22, R23 L1, L2
No. 4611--4/5
STK4221II
Sample Application Circuit (protection circuit and muting circuit)
s
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees, jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
s
s
This catalog provides information as of July, 1997. Specifications and information herein are subject to change without notice.
No. 4611--5/5


▲Up To Search▲   

 
Price & Availability of STK4221II

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X