Part Number Hot Search : 
75XKCT 1V330 CONTRO TA7060 15KE220A 085N06L MAX16 AD4805
Product Description
Full Text Search
 

To Download STH12NA60FI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STH12NA60/FI STW12NA60
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
TYPE STH12NA60 STH12NA60FI STW12NA60
s s s s s s s
VDSS 600 V 600 V 600 V
R DS(on) < 0.6 < 0.6 < 0.6
ID 12 A 7A 12 A
TO-247
TYPICAL RDS(on) = 0.44 30V GATE TO SOURCE VOLTAGE RATING 100% AVALANCHE TESTED REPETITIVE AVALANCHE DATA AT 100oC LOW INTRINSIC CAPACITANCES GATE GHARGE MINIMIZED REDUCED THRESHOLD VOLTAGE SPREAD TO-218
1
3 2 1
3
3 2
DESCRIPTION This series of POWER MOSFETS represents the most advanced high voltage technology. The optimized cell layout coupled with a new proprietary edge termination concur to give the device low RDS(on) and gate charge, unequalled ruggedness and superior switching performance. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SWITCH MODE POWER SUPPLIES (SMPS) s DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE ABSOLUTE MAXIMUM RATINGS
Symbol Parameter
2
ISOWATT218
1
INTERNAL SCHEMATIC DIAGRAM
Value STH/STW12NA60 STH12NA60FI
Unit
V DS V DGR V GS ID ID I DM (*) P tot V ISO T stg Tj
Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor Insulation Withstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature
o o
600 600 30 12 7.6 48 190 1.52 -65 to 150 150 7 4.4 48 80 0.64 4000
V V V A A A W W/o C V
o o
C C
(*) Pulse width limited by safe operating area
November 1996
1/11
STH12NA60/FI - STW12NA60
THERMAL DATA
TO-218/TO-247 ISOWATT218 R thj-case R thj-amb R t hc-sink Tl Thermal Resistance Junction-case Max 0.66 30 0.1 300 1.56
o o o
C/W C/W C/W o C
Thermal Resistance Junction-ambient Max Thermal Resistance Case-sink Typ Maximum Lead Temperature For Soldering Purpose
AVALANCHE CHARACTERISTICS
Symbol IA R E AS E AR IA R Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, I D = I AR , V DD = 50 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 12 700 28 7.6 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V(BR)DSS I DS S I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 600 25 250 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V DS = 0) V GS = 30 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) I D(on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance V GS = 10V Test Conditions I D = 250 A ID = 6 A 12 Min. 2.25 Typ. 3 0.44 Max. 3.75 0.6 Unit V A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol gfs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz ID = 6 A VGS = 0 Min. 8 Typ. 12 2500 310 85 3250 410 110 Max. Unit S pF pF pF
2/11
STH12NA60/FI - STW12NA60
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Parameter Turn-on Time Rise Time Turn-on Current Slope Test Conditions V DD = 300 V I D = 6 A R G = 4.7 V GS = 10 V (see test circuit, figure 3) V DD = 480 V I D = 12 A R G = 47 VGS = 10 V (see test circuit, figure 5) V DD = 480 V I D = 12 A V GS = 10 V Min. Typ. 25 35 190 Max. 35 50 Unit ns ns A/s
Qg Q gs Q gd
Total Gate Charge Gate-Source Charge Gate-Drain Charge
110 15 47
150
nC nC nC
SWITCHING OFF
Symbol t r(Vof f) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 480 V ID = 12 A R G = 4.7 VGS = 10 V (see test circuit, figure 5) Min. Typ. 35 20 57 Max. 50 30 80 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol IS D I SDM (*) VS D () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 12 A V GS = 0 670 12.7 38 I SD = 12 A di/dt = 100 A/s V DD = 100 V T j = 150 o C (see test circuit, figure 5) Test Conditions Min. Typ. Max. 12 48 1.6 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Areas For TO-218 and TO-247
Safe Operating Areas For ISOWATT218
3/11
STH12NA60/FI - STW12NA60
Thermal Impedeance For TO-218 and TO-247
Thermal Impedance For ISOWATT218
Derating Curve For TO-218 and TO-247
Derating Curve For ISOWATT218
Output Characteristics
Transfer Characteristics
4/11
STH12NA60/FI - STW12NA60
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Threshold Voltage vs Temperature
Normalized On Resistance vs Temperature
5/11
STH12NA60/FI - STW12NA60
Turn-on Current Slope
Turn-off Drain-source Voltage Slope
Cross-over Time
Switching Safe Operating Area
Accidental Overload Area
Source-drain Diode Forward Characteristics
6/11
STH12NA60/FI - STW12NA60
Fig. 1: Unclamped Inductive Load Test Circuits
Fig. 2: Unclamped Inductive Waveforms
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge Test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Reverse Recovery Time
7/11
STH12NA60/FI - STW12NA60
TO-247 MECHANICAL DATA
mm MIN. A A1 A2 b b1 b2 C D e E L L1 Q OP 3.05 0.4 20.4 5.43 15.3 15.57 3.7 5.3 3.5 4.3 5.84 3.71 1.5 1 4.7 TYP. MAX. 5.3 2.87 2.5 1.4 2.25 3.43 0.8 21.18 5.47 15.95 0.120 0.015 0.803 0.213 0.602 0.613 0.145 0.208 0.137 0.169 0.230 0.146 0.059 0.039 MIN. 0.185 inch TYP. MAX. 0.208 0.113 0.098 0.055 0.088 0.135 0.031 0.833 0.215 0.628
DIM.
A
A2
D
L
Q
L1
b1
A1
o
E b2
8/11
b e
C
STH12NA60/FI - STW12NA60
TO-218 (SOT-93) MECHANICAL DATA
mm MIN. A C D E F G H L2 L3 L5 L6 R O - 4 3.95 31 12.2 4.1 - 0.157 0.5 1.1 10.8 14.7 - 18 4.15 0.155 1.220 0.480 0.161 4.7 1.17 2.5 0.78 1.3 11.1 15.2 16.2 0.019 0.043 0.425 0.578 - 0.708 0.163 TYP. MAX. 4.9 1.37 MIN. 0.185 0.046 0.098 0.030 0.051 0.437 0.598 0.637 inch TYP. MAX. 0.193 0.054
DIM.
A
C
L5 L3 L2
L6
D
E H
O
F
R
123
P025A
G
9/11
STH12NA60/FI - STW12NA60
ISOWATT218 MECHANICAL DATA
DIM. MIN. A C D D1 E F G H L1 L2 L3 L4 L5 L6 M N U 5.35 3.3 2.9 1.88 0.45 1.05 10.8 15.8 20.8 19.1 22.8 40.5 4.85 20.25 3.5 2.1 4.6 mm TYP. MAX. 5.65 3.8 3.1 2.08 1 1.25 11.2 16.2 21.2 19.9 23.6 42.5 5.25 20.75 3.7 2.3 MIN. 0.210 0.130 0.114 0.074 0.017 0.041 0.425 0.622 0.818 0.752 0.897 1.594 0.190 0.797 0.137 0.082 0.181 inch TYP. MAX. 0.222 0.149 0.122 0.081 0.039 0.049 0.441 0.637 0.834 0.783 0.929 1.673 0.206 0.817 0.145 0.090
L3 N
A E
L2 L5 L6
F
M
U H G
D1
C
D
123
L1
L4
P025C
10/11
STH12NA60/FI - STW12NA60
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1996 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A .
11/11


▲Up To Search▲   

 
Price & Availability of STH12NA60FI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X