Part Number Hot Search : 
5MFP100 2SD1046 2SC410 BC200 4ALVCH16 ON0231 TC6133AF PCH1632
Product Description
Full Text Search
 

To Download SM5024AL1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM5024 series Miniature-package Crystal Oscillator Module ICs
OVERVIEW
The SM5024 series are fundamental crystal oscillator module ICs. They feature an oscillator circuit with builtin capacitors with excellent frequency response and an output buffer with high output drive capability. They are available in miniature 6-pin packages, making them ideal as DIP-type crystal oscillators.
FEATURES
I
PACKAGE DIMENSIONS
(Unit: mm)
I
I I I I
I
I
I I I
Operating supply voltage range * 3V operation: 2.7 to 3.6V * 5V operation: 4.5 to 5.5V Up to 30MHz operating frequency range (fundamental oscillation) -40 to 85C operating temperature range Oscillator capacitors CG, CD built-in Feedback resistor Rf built-in fO, fO/2, fO/4, fO/8 output frequency, determined by internal connection Output drive capability * 8mA (VDD = 2.7V) * 16mA (VDD = 4.5V) Output three-state function built-in High impedance outputs in standby mode CMOS output duty level (1/2VDD) Molybdenum-gate CMOS process Package: SOT23-6 (SM5024xxxH)
+ 0.2 1.6 - 0.1
2.8 0.2
1.9 0.2 2.9 0.2 0.4 0.1
+ 0.1 0.15 - 0.05
0.20 M 1.1 0.1 0 to 0.10
0.95 0.1
APPLICATIONS
I
DIP-type crystal oscillator modules
SERIES CONFIGURATION
Version Operating Supply voltage range [V] Recommended Built-in capacitance [pF] operating frequency CG CD range1 [MHz] Output duty level Output INHN input frequency level fO 2.7 to 5.5 4 to 30 8 10 CMOS fO/2 fO/4 fO/8 TTL Yes Hi-Z Standby mode Oscillator stop function Output state
SM5024AL1H SM5024AL2H SM5024AL3H SM5024AL4H
1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
ORDERING INFORMATION
Device SM5024xxxH Package SOT23-6
NIPPON PRECISION CIRCUITS INC.--1
0.20MIN
SM5024 series
PINOUT
(Top view)
INHN XT VSS
1 2 3
6 5 4
XTN VDD Q
PIN DESCRIPTION
Name INHN XT XTN VSS Q VDD I/O I I O - O - Description Output state control input. High impedance when LOW. Pull-up resistor built-in. Amplifier input Amplifier output Ground Output. Output frequency (fO, fO/2, fO/4, fO/8) determined by internal connection Supply voltage Crystal connection pins. Crystal is connected between XT and XTN.
BLOCK DIAGRAM
VDD VSS
XTN
CGp
Rf
CDp
XT
CGn CDn
1/2
1/2
1/2
Q
INHN
INHN = LOW active Notes. The SM5024 series reduce crystal current by limiting driving current of oscillating-stage inverter and inhibiting oscillating amplitude. Depending on the characteristics of using crystal or the mounting condition, they may not oscillate normally. Please evaluate the oscillation start-up characteristics adequately with your actual device. When this device is used for buffer application, please pay attention to input amplitude to the XT pin. If it's low input amplitude, the SM5024 series may not operate normally.
NIPPON PRECISION CIRCUITS INC.--2
SM5024 series
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance.
INHN HIGH (or open) LOW Q Any fO, fO/2, fO/4, or fO/8 output frequency High impedance Oscillator Normal operation Stopped
Current consumption and Output waveform with NPC's standard crystal
Cb
f [MHz] 30
R [] 5.26
L [mH] 2.82
Ca [fF] 1.00
Cb [pF] 2.68
L
Ca
R
NIPPON PRECISION CIRCUITS INC.--3
SM5024 series
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Parameter Supply voltage range Input voltage range Output voltage range Operating temperature range Storage temperature range Output current Power dissipation Symbol VDD VIN VOUT Topr TSTG IOUT PD Condition Rating -0.5 to +7.0 -0.5 to VDD + 0.5 -0.5 to VDD + 0.5 -40 to +85 -55 to +125 20 250 Unit V V V C C mA mW
Recommended Operating Conditions
3V operation VSS = 0V, f 30MHz, CL 15pF unless otherwise noted.
Parameter Operating supply voltage Input voltage Operating temperature Symbol VDD VIN TOPR Condition 2.7 VSS -20 Rating - - - 3.6 VDD +80 Unit V V C
5V operation VSS = 0V, f 30MHz, CL 50pF unless otherwise noted
Parameter Operating supply voltage Input voltage Operating temperature Symbol VDD VIN TOPR Condition 4.5 VSS -40 Rating - - - 5.5 VDD +85 Unit V V C
NIPPON PRECISION CIRCUITS INC.--4
SM5024 series
Electrical Characteristics
3V operation VSS = 0V, recommended operating conditions unless otherwise noted.
Rating Parameter HIGH-level output voltage LOW-level output voltage HIGH-level input voltage LOW-level input voltage Output leakage current Symbol VOH VOL VIH VIL IZ Condition min Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA INHN INHN Q: Measurement cct 2, INHN = LOW, VDD = 3.6V VOH = VDD VOL = VSS SM5024AL1H Current consumption IDD1 Measurement cct 3, load cct 1, INHN = open, CL = 15pF, f = 30MHz SM5024AL2H SM5024AL3H SM5024AL4H INHN pull-up resistance Feedback resistance Built-in capacitance RUP Rf CG CD Measurement cct 4 Measurement cct 5 Design value. A monitor pattern on a wafer is tested. 9.3 10 10.7 pF 2.1 - 2.0 - - - - - - - 25 200 7.44 typ 2.4 0.3 - - - - 4 2.5 2 1.5 100 600 8 max - 0.5 - 0.5 10 10 8 5 4 3 250 1000 8.56 V V V V A A mA mA mA mA k k pF Unit
5V operation VSS = 0V, recommended operating conditions unless otherwise noted.
Rating Parameter HIGH-level output voltage LOW-level output voltage HIGH-level input voltage LOW-level input voltage Output leakage current Symbol VOH VOL VIH VIL IZ Condition min Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA INHN INHN Q: Measurement cct 2, INHN = LOW, VDD = 5.5V VOH = VDD VOL = VSS SM5024AL1H Current consumption IDD2 Measurement cct 3, load cct 1, INHN = open, CL = 50pF, f = 30MHz SM5024AL2H SM5024AL3H SM5024AL4H INHN pull-up resistance Feedback resistance Built-in capacitance RUP Rf CG CD Measurement cct 4 Measurement cct 5 Design value. A monitor pattern on a wafer is tested. 9.3 10 10.7 pF 3.9 - 2.0 - - - - - - - 25 200 7.44 typ 4.2 0.3 - - - - 13 7 4 3 100 600 8 max - 0.5 - 0.8 10 10 26 14 8 6 250 1000 8.56 V V V V A A mA mA mA mA k k pF Unit
NIPPON PRECISION CIRCUITS INC.--5
SM5024 series
Switching Characteristics
3V operation VDD = 2.7 to 3.6V, VSS = 0V, Ta = -20 to +80C unless otherwise noted.
Rating Parameter Output rise time Output fall time Output duty cycle1 Output disable delay time2 Output enable delay time2 Symbol tr1 tf1 Duty1 tPLZ tPZL Condition min Measurement cct 6, load cct 1, 0.1VDD to 0.9VDD , CL = 15pF Measurement cct 6, load cct 1, 0.9VDD to 0.1VDD , CL = 15pF Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25C, CL = 15pF, f 30MHz Measurement cct 6, load cct 1, VDD = 3.0V, Ta = 25C, CL = 15pF - - 45 - - typ 5 5 - - - max 10 10 55 100 100 ns ns % ns ns Unit
1. The duty cycle characteristic is checked the sample chips of each production lot. 2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the oscillator start-up time has elapsed.
5V operation VDD = 4.5 to 5.5V, VSS = 0V, Ta = -40 to +85C unless otherwise noted.
Rating Parameter Symbol tr1 tr2 Output fall time Output duty cycle1 Output disable delay time2 Output enable delay time2 tf1 tf2 Duty2 tPLZ tPZL Condition min Output rise time Measurement cct 6, load cct 1, 0.1VDD to 0.9VDD Measurement cct 6, load cct 1, 0.9VDD to 0.1VDD CL = 15pF CL = 50pF CL = 15pF CL = 50pF - - - - 45 - - typ 2.5 5 2.5 5 - - - max 5 ns 10 5 ns 10 55 100 100 % ns ns Unit
Measurement cct 6, load cct 1, VDD = 5.0V, Ta = 25C, CL = 50pF, f 30MHz Measurement cct 6, load cct 1, VDD = 5.0V, Ta = 25C, CL = 15pF
1. The duty cycle characteristic is checked the sample chips of each production lot. 2. Oscillator stop function is built-in. When INHN goes LOW, normal output stops. When INHN goes HIGH, normal output is not resumed until after the oscillator start-up time has elapsed.
NIPPON PRECISION CIRCUITS INC.--6
SM5024 series
MEASUREMENT CIRCUITS
Measurement cct 1 Measurement cct 4
+5V
VDD Signal Generator R1 VSS C1 XT Q R2
VDD RUP = VSS INHN VDD IPR
Q output
VOH 0V
IPR
A
2.0Vp-p, 10MHz sine wave input signal (3V operation) 3.5Vp-p, 10MHz sine wave input signal (5V operation) C1: 0.001F R1: 50 R2: 263 (3V operation) 244 (5V operation)
Measurement cct 5
Measurement cct 2
IOL, IZ VDD Q INHN VSS IZ XT XTN VDD Q Rf = VDD IRf
A A V VOL
IRf
VSS
Measurement cct 6
Measurement cct 3
XT X'tal XTN IDD VSS VDD Q
A
VDD Signal Generator R1 VSS C1 XT
Q
Measurement cct 7
VDD
2.0Vp-p, 30MHz sine wave input signal (3V operation) 3.5Vp-p, 30MHz sine wave input signal (5V operation) C1: 0.001F R1: 50
Signal Generator R1
XT
Q
VSS INHN
R1: 50
NIPPON PRECISION CIRCUITS INC.--7
SM5024 series
Load cct 1
Q output CL
(Including probe capacitance)
CL = 15pF: tr1, tf1, Duty1, IDD1 CL = 50pF: tr2, tf2, Duty2, IDD2
Switching Time Measurement Waveform
Output duty level, tr, tf
Q output
0.9VDD 0.1VDD TW
0.9VDD 0.1VDD
DUTY measurement voltage (0.5V DD)
tr
Output duty cycle
tf
Q output
TW T
DUTY measurement voltage (0.5VDD) DUTY= TW/ T 100 (%)
Output Enable/Disable Delay
When the device is in standby, the oscillator stops. When standby is released, the oscillator starts and stable oscillator output occurs after a short delay.
INHN
VIL
VIH
tPLZ Q output
INHN input waveform
tPZL
tr = tf
10ns
NIPPON PRECISION CIRCUITS INC.--8
SM5024 series
Please pay your attention to the following points at time of using the products shown in this document. The products shown in this document (hereinafter "Products") are not intended to be used for the apparatus that exerts harmful influence on human lives due to the defects, failure or malfunction of the Products. Customers are requested to obtain prior written agreement for such use from NIPPON PRECISION CIRCUITS INC. (hereinafter "NPC"). Customers shall be solely responsible for, and indemnify and hold NPC free and harmless from, any and all claims, damages, losses, expenses or lawsuits, due to such use without such agreement. NPC reserves the right to change the specifications of the Products in order to improve the characteristic or reliability thereof. NPC makes no claim or warranty that the contents described in this document dose not infringe any intellectual property right or other similar right owned by third parties. Therefore, NPC shall not be responsible for such problems, even if the use is in accordance with the descriptions provided in this document. Any descriptions including applications, circuits, and the parameters of the Products in this document are for reference to use the Products, and shall not be guaranteed free from defect, inapplicability to the design for the mass-production products without further testing or modification. Customers are requested not to export or re-export, directly or indirectly, the Products to any country or any entity not in compliance with or in violation of the national export administration laws, treaties, orders and regulations. Customers are requested appropriately take steps to obtain required permissions or approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 4-3, Fukuzumi 2-chome, Koto-ku, Tokyo 135-8430, Japan Telephone: +81-3-3642-6661 Facsimile: +81-3-3642-6698 http://www.npc.co.jp/ Email: sales@npc.co.jp
NC0303BE 2004.10
NIPPON PRECISION CIRCUITS INC.--9


▲Up To Search▲   

 
Price & Availability of SM5024AL1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X