Part Number Hot Search : 
SDD9916 B1200 TSOP4 2SD2425 LN66A C123E 5KE18 UF2MF
Product Description
Full Text Search
 

To Download SG12864F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG12864F ( 128 DOTS X 64 DOTS )
FEATURES
BUILT-IN CONTROLLER (T6963C OR EQUIVALENT) +5 V POWER SUPPLY 1/64 DUTY CYCLE 8-BIT PARALLEL INTERFACE 4.2 V LED FORWARD VOLTAGE
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Active Area ( W x H ) Dot Size ( W x H ) Dot Pitch ( W x H )
DIMENSIONS
87.0 x 70.0 x 8.8 ( 12.7 LED ) 72.0 x 40.0 66.52 x 33.24 0.48 x 0.48 0.52 x 0.52
UNIT
mm mm mm mm mm
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7~14 15 16 17 18 19 20
ABSOLUTE MAXIMUM RATINGS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Drive Input Voltage
SYMBOL LEVEL
VSS VDD VO C/D /RD /WR DB0~DB7 /CE /RST Vout MD FS /HLT 0V 5V
FUNCTION
Power Supply Ground Power Supply Voltage Contrast Adjustment Voltage H : Data, L : Instruction Code Write Signal Read Signal Data Bus Line Enable Signal Reset Signal Power Supply Voltage For LCD H : 32/ L : 40 Select Of Columns H : 6*8 , L : 8*8 Select Of Columns Stop The Oscillatuion Of Clock
SYMBOL
VDD-VSS VDD-Vo VI
MIN.
0 0 Vss
TYP. -
MAX.
7 14 VDD
UNIT
V V V
H/L L L H/L L L
ELECTRICAL CHARACTERISTICS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Supply Current Input Voltage Output Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level
SYMBOL
VDD-VSS VDD-Vo IDD VIH VIL VOH VOL
CONDITION VDD=5V Ta=25 VDD=5V
MIN.
4.5 7.6 2.2 2.4 -
TYP.
5 8.3 4.5 -
MAX. UNIT
5.5 9.2 10 VDD 0.6 0.4 V V mA V V V V
H/L
H/L L
-
EXTERNAL DIMENSIONS
SG12864F ( 128 DOTS X 64 DOTS )
TIMING CHARACTERISTICS
ITEM C/D Setup Time C/D Hold Time CE, RD,WR Pulse Width Data Setup Time Data Hold Time Access Time Output Hold Time SYMBOL MIN. 100 10 80 80 40 10 MAX. 150 50 UNIT. ns ns ns ns ns ns ns
tCDS tCDH tCE, tRD, tWR tDS tDH tACC tOH
BLOCK DIAGRAM


▲Up To Search▲   

 
Price & Availability of SG12864F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X