Part Number Hot Search : 
ISD2564 3MC060 CLL4122 100MB 5932B 5932B 2SC184 12250
Product Description
Full Text Search
 

To Download SG12864C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG12864C ( 128 DOTS X 64 DOTS )
FEATURES
BUILT-IN CONTROLLER (KS0107 OR EQUIVALENT) +5 V POWER SUPPLY 1/64 DUTY CYCLE 8-BIT PARALLEL INTERFACE 4.2 V LED FORWARD VOLTAGE
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Active Area ( W x H ) Dot Size ( W x H ) Dot Pitch ( W x H )
DIMENSIONS
78.0 x 70.0 x 8.8 ( 12.7 LED ) 72.0 x 40.0 66.52 x 33.24 0.48 x 0.48 0.52 x 0.52
UNIT
mm mm mm mm mm
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7~14 15 16 17 18 19 20
ABSOLUTE MAXIMUM RATINGS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Drive Input Voltage
SYMBOL LEVEL
VSS VDD VO D/I R/W E DB0~DB7 CS1 CS2 /RES Vout A K 0V 5V
FUNCTION
Power Supply Ground Power Supply Voltage Contrast Adjustment Voltage H : Data, L : Instruction Code H : Read / L : Wrtie
SYMBOL
VDD-VSS VDD-Vo VI
MIN.
0 0 Vss
TYP. -
MAX.
7 14 VDD
UNIT
V V V
H/L H/L H H/L H H L L
ELECTRICAL CHARACTERISTICS
ITEM
Supply Voltage For Logic Supply Voltage For LCD Supply Current Input Voltage Output Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level
Enable Signal Data Bus Line Chip Select Signal For IC1 Chip Select Signal For IC2 Reset Signal Power Supply Voltage For LCD LED Power (+) LED Power (-)
SYMBOL
VDD-VSS VDD-Vo IDD VIH VIL VOH VOL
CONDITION VDD=5V Ta=25 VDD=5V
MIN.
4.5 7.6 2.2 2.4 -
TYP.
5 8.3 4.5 -
MAX. UNIT
5.5 9.2 10 VDD 0.6 0.4 V V mA V V V V
-
4.2V 0V
EXTERNAL DIMENSIONS
SG12864C ( 128 DOTS X 64 DOTS )
TIMING CHARACTERISTICS
ITEM E Cycle Time E High Level Width E Low Level Width E Rise Time E Fall Time Address Setup Time Address Hold Time Data Setup Time Data Delay Time Data Hold Time Data Hold Time Write Read SYMBOL MIN. 1000 450 450 140 10 200 10 20 TYP. MAX. 25 25 320 UNIT. ns ns ns ns ns ns ns ns ns ns ns FIG 1,2 1,2 1,2 1,2 1,2 1,2 1,2 1 2 1 2
tCYC PWEH PWEL tr tf tAS tAH tDSW tDDR tDHW tDHR
BLOCK DIAGRAM


▲Up To Search▲   

 
Price & Availability of SG12864C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X