Part Number Hot Search : 
VND7N VCH162 AOU417 D27512 54AC153 MS4024F OPI110 NTS0104
Product Description
Full Text Search
 

To Download RE46C101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R&E International
RE46C101
Piezoelectric Horn Driver and LED Driver Circuit Product Specification
General Description
This product is intended for applications using a self oscillating piezoelectric horn although it can be used in direct drive applications. Feedback control and a driver circuit are provided as well as a horn enable function. The design also provides an open drain Nchannel driver suitable for use with a light emitting diode.
Features
* * * * Low Quiescent Current (<100na) Low Driver Ron - 20 typical at 9V Wide Operating Voltage Range 8 Pin DIP and SO Packages
Pin Configuration
LED
Applications
1 2 3 4 8 7 6 5
HRNEN HORNS HORNB VSS
Smoke detectors CO Detectors Personal Security Products Electronic Toys
VDD LEDEN FEED
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage Input Voltage Range Except FEED FEED Input Voltage Range Input Current except FEED Operating Temperature Storage Temperature Maximum Junction Temperature SYMBOL VDD Vin Vinfd Iin TA TSTG TJ VALUE 18 -.3 to Vdd +.3 -10 to +22 10 0 to 50 -55 to 125 150 UNITS V V V mA C C C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and operation at these conditions for extended periods may affect device reliability. This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used when handling this product. Damage can occur when exposed to extremely high static electrical charge.
Telephone 610.992.0727 Page 1 of 3
E-mail: rande@randeint.com DS-RE46C101-102604 This datasheet contains PROPRIETARY and CONFIDENTIAL information.
Facsimile 610.992.0734
RE46C101
Piezoelectric Horn Driver and LED Driver Circuit Product Specification R&E International
DC Electrical Characteristics at TA = 25C, VDD=9V, Typical Application (unless otherwise noted)
Parameter
Supply Voltage Supply Current Input Voltage Low Input Voltage High Input Leakage Low Input Leakage High Output Voltage Low
Symbol
VDD IDD1 VIL1 VIH1 IIL1 ILFD IIH1 IHFD VOL1 VOL2 VOL3
Test Pin
2 2 3,8 3,8 3,8 4 3.8 4 6,7 6,7 1 6,7 6,7
Test Conditions
Operating HRNEN,LEDEN and FEED=0V
Min
6
Limits Typ Max
9 16 100 1
Units
V nA V V nA uA nA uA V V V V V
2.3 Vin=VSS FEED=-10V Vin=VDD FEED=22V Iol=16mA Iol=16mA, VDD=7.2V Iol=10mA, VDD=7.2V Ioh=-16mA Ioh=-16mA, VDD=7.2V 8.5 6.3 .5 8.7 .3 -100 -50 100 50 .5 .9 1
Output Voltage High
VOh1 VOh2
Functional Block Diagram
4 FEED
7 HRNEN 8
HORNS
VDD
2 6 HORNB
VSS
5 1 LED
LEDEN
3
Telephone 610.992.0727 Page 2 of 3
E-mail: rande@randeint.com DS-RE46C101-102604 This datasheet contains PROPRIETARY and CONFIDENTIAL information.
Facsimile 610.992.0734
RE46C101
Piezoelectric Horn Driver and LED Driver Circuit Product Specification R&E International
Typical Application
Telephone 610.992.0727 Page 3 of 3
E-mail: rande@randeint.com DS-RE46C101-102604 This datasheet contains PROPRIETARY and CONFIDENTIAL information.
Facsimile 610.992.0734


▲Up To Search▲   

 
Price & Availability of RE46C101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X