Part Number Hot Search : 
93C06B1 3404A B41890 PE9908 15530 2SK3713 87C405AM TDA3504
Product Description
Full Text Search
 

To Download PME294RB4100MR30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PME294
* EMI suppressor, class Y1, metallized paper * Safety capacitor, ceramic replacement * 470 - 4700 pF, 440 VAC, +115 C, test voltage 4000 VAC 60 s
* Self-extinguishing encapsulation. The material is recognized according to UL 94 V-0. * Very precise positioning of the leads in relation to the case giving efficient utilisation of PC board space. * Excellent self-healing properties. Ensures long life even when subjected to frequent overvoltages. * High dU/dt capability. * Good resistance to ionisation due to impregnated dielectric. * The capacitors meet the most stringent IEC humidity class, 56 days. * The impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation.
L
0.5
B
TYPICAL APPLICATIONS
Safety capacitor for bridging of double or reinforced insulation applications requiring voltage test up to 4000 VAC 60 seconds. PME294 can be left in place during this test.
CONSTRUCTION
Multi-layer metallized paper. Encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V-0.
H
p 0.3 0.8
l
dB Attenuation 70 60 50
TECHNICAL DATA
Rated voltage Capacitance range Capacitance tolerance Temperature range Climatic category IEC Approvals Dissipation factor tan Insulation resistance
440 VAC 50/60 Hz 470 - 4700 pF 20% -40 to +115 C 40/115/56/B S, N, D, FI, VDE, SEV, IMQ, UL, CSA
l = standard : 30 +5/-0 mm option : short leads, tolerance +0/-1 mm (standard 6 mm, code R06) Other lead lengths on request
1.3 % at 1 kHz 12000 M Measured at 500 VDC after 60 s, +23C Tabulated self-resonance frequencies f0 refer to 5 mm lead length. Recommended voltage: 1500 VDC The 100% screening factory test is carried out at 4000 VAC, 50 Hz, 2 s. The voltage level is selected to meet the requirements in applicable equipment standards. All electrical characteristics are checked after the test.
40 30 20 10
4700 pF 1500 pF 470 pF
Resonance frequency
f 0 1 3 5 10 30 100 200 MHz
Suppression versus frequency. Typical values.
In DC applications Test voltage between terminals
ENVIRONMENTAL TEST DATA
Vibration IEC 60068-2-6 Test Fc IEC 60068-2-29 Test Eb IEC 60068-2-20 Test Ta EN 132400 IEC 60384-14 (1993) EN 132400 IEC 60068-2-3 Test Ca +40C and 90 - 95% R.H. 56 days 3 directions at 2 hour each 10 - 500 Hz at 0.75 mm or 98 m/s2 4000 bumps at 390 m/s2 No visible damage No open or short circuit No visible damage No open or short circuit Wetting time < 1 s
Bump
Solderability
Solder globule method
Active flammability Passive flammability
Humidity
178
PME294 ARTICLE TABLE
Quantity per package reel R30 R06 taped Weight pcs pcs pcs g 500 500 500 500 500 500 500 400 400 400 400 400 250 250 1000 1000 1000 1000 1000 1000 800 600 600 600 600 600 400 400 600 600 600 600 600 600 600 400 400 400 400 400 400 400 1.7 1.7 1.7 1.8 1.8 2.0 2.1 2.5 2.5 2.6 3.0 3.0 3.6 3.6 Approvals
S N D FI VDE SEV IMQ UL CSA
Capaci- Max dimensions tance in mm pF B H L 470 560 680 820 1000 1200 1500 1800 2200 2500 2700 3300 3900 4700 5.5 5.5 5.5 5.5 5.5 5.5 5.5 7.5 7.5 7.5 7.5 7.5 8.5 8.5 12.0 12.0 12.0 12.5 12.5 14.0 14.5 13.0 13.0 13.5 15.5 15.5 17.0 17.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0
p 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0 15.0
fO MHz 64 59 54 49 46 43 40 37 33 31 30 27 24 22
Max dU/dt V/s 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000 2000
Article code









PME294RB3470MR30 PME294RB3560MR30 PME294RB3680MR30 PME294RB3820MR30 PME294RB4100MR30 PME294RB4120MR30 PME294RB4150MR30 PME294RB4180MR30 PME294RB4220MR30 PME294RB4250MR30 PME294RB4270MR30 PME294RB4330MR30 PME294RB4390MR30 PME294RB4470MR30
APPROVALS/REFERENCE DOCUMENTS
Certification Body S N D Fl VDE SEV IMQ UL CSA Specification EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 EN 132400 UL 1414 (UR = 250 VAC) Double protection C22.2. No 1 C22.2. No. 8 Approval reference 9902042/01 P99100386 DK99-00529 205353 91852 99.7 70114.01 V4715 E73869 53108 53108 * * * * *
MARKING
RIFA RIFA article code Rated capacitance Rated voltage Climatic category according to IEC 60068-1, appendix A * Passive flammability class * Approval marks * Manufacturing code (year, month)
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
PACKING
Capacitors in standard design (lead length 30 mm) and with lead length 5 or 6 mm are packed bulk in a box with dimensions 245 x 145 x 80 mm. Quantity/package as per article table. Reels with taped capacitors are packed 10 in a box with dimension 370 x 370 x 560 mm. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
179


▲Up To Search▲   

 
Price & Availability of PME294RB4100MR30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X