Part Number Hot Search : 
1N5258A ASD35 HMP8171 SB817Y T940023 1N4004L 2SC41 BC858
Product Description
Full Text Search
 

To Download PC3-5-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC-SERIES
Single output DC-DC converter 1.5W ~ 6W
Model name
P C 6 - 24 - 5
Series name Output power Input voltage Output voltage
Features
Input/Output isolation 5 dimensions shield metal case Over current protection Adjustable output voltage Remote ON/OFF control (6W type)
PC1R5 (1.5W type) Specifications
Model Input Voltage Output Voltage (*1) Vdc PC1R5 -5-3.3 PC1R5 -5-5 PC1R5 -5-12 PC1R5 -12-3.3 PC1R5 -12-5 PC1R5 -12-12 PC1R5 -24-3.3 PC1R5 -24-5 PC1R5 -24-12 PC1R5 -48-3.3 PC1R5 -48-5 PC1R5 -48-12
5VDC (4.5 ~ 9.0V) 5V5% 12V5% (15V5%)
12VDC (9 ~ 18V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 400 0 ~ 300 0 ~ 125 (0 ~ 100) 1.32 70 1.5 73 1.5 75 (73)
24VDC (18 ~ 36V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 400 0 ~ 300 0 ~ 125 (0 ~ 100) 1.32 70 1.5 75 1.5 76 (75)
48VDC (36 ~ 72V) 3.3V5% 5V5% 12V5%
Vdc 3.3V5%
On-Board Type Power Supply
(15V5%) 0 ~ 400 0 ~ 300 0 ~ 125 (0 ~ 100) 1.32 70 1.5 73 1.5 76 (75)
Output Current
mA
0 ~ 400
0 ~ 300
0 ~ 125 (0 ~ 100)
Output Power (max) Efficiency (typ) (*2)
W %
1.32 66
1.5 69
1.5 71 (70)
PC3 (3W type) Specifications
Model Input Voltage Output Voltage (*1) Vdc PC3 -5-3.3 PC3 -5-5 PC3 -5-12 PC3 -12-3.3 PC3 -12-5 PC3 -12-12 PC3 -24-3.3 PC3 -24-5 PC3 -24-12 PC3 -48-3.3 PC3 -48-5 PC3 -48-12
5VDC (4.5 ~ 9.0V) 5V5% 12V5% (15V5%)
12VDC (9 ~ 18V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 600 0 ~ 600 0 ~ 250 (0 ~ 200) 1.98 70 3.0 75 3.0 77 (77)
24VDC (18 ~ 36V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 600 0 ~ 600 0 ~ 250 (0 ~ 200) 1.98 70 3.0 75 3.0 78 (78)
48VDC (36 ~ 72V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 600 0 ~ 600 0 ~ 250 (0 ~ 200) 1.98 70 3.0 75 3.0 79 (79)
Vdc 3.3V5%
Output Current
mA
0 ~ 600
0 ~ 600
0 ~ 250 (0 ~ 200)
Output Power (max) Efficiency (typ) (*2)
W %
1.98 65
3.0 70
3.0 72 (72)
PC6 (6W type) Specifications
Model Input Voltage Output Voltage (*1) Vdc PC6 -5-3.3 PC6 -5-5 PC6 -5-12 PC6 -12-3.3 PC6 -12-5 PC6 -12-12 PC6 -24-3.3 PC6 -24-5 PC6 -24-12 PC6 -48-3.3 PC6 -48-5 PC6 -48-12
5VDC (4.5 ~ 9.0V) 5V5% 12V5% (15V5%)
12VDC (9 ~ 18V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 1500 0 ~ 1200 0 ~ 500 (0 ~ 400) 4.95 73 6.0 77 6.0 84 (84)
24VDC (18 ~ 36V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 1500 0 ~ 1200 0 ~ 500 (0 ~ 400) 4.95 77 6.0 82 6.0 84 (84)
48VDC (36 ~ 72V) 3.3V5% 5V5% 12V5% (15V5%) 0 ~ 1500 0 ~ 1200 0 ~ 500 (0 ~ 400) 4.95 77 6.0 82 6.0 85 (85)
Vdc 3.3V5%
Output Current
mA 0 ~ 1200
0 ~ 1000
0 ~ 500 (0 ~ 400)
Output Power (max) Efficiency (typ) (*2) Remote ON/OFF control
W % --
3.96 70
6.0 74
6.0 78 (78)
Possible (CNT terminal)
Common specifications
Withstand Voltage Cooling Operating Temperature Over Current Protection Input Protection Input to Output: 500VAC for 1 minute Convection cooling -20 ~ +70C (-20 ~ +50C: 100%, +60C: 70%, +70C: 40%) Output current limiting, automatic recovery. Avoid to operate overload or dead short for more than 30 seconds. Built in Fuse on input line
(*1) Measured at the maximum output power with rated input voltage (5VDC, 12VDC, 24VDC, 48VDC) (*2) At rated input voltage & maximum output power.
115
PC-SERIES
Terminal connection
[PC1R5 (1.5W type) / PC3 (3W type)] Output voltage can be adjustable by TRM terminal. Output power must be within the rating, when increasing the output voltage. *1 TRM terminal: Open *2 TRM terminal & -Vout terminal: Short
Type Output voltage
3.3V type 3.3V
5V type 5V
12V type 12V
Type Output voltage
3.3V type 3.67V
5V type 6V
12V type 15V
[PC6 (6W type)] *1 TRM terminal: Open
*2 TRM terminal & -Vout terminal: Short
On-Board Type Power Supply
116
Type Output voltage
3.3V type 3.3V
5V type 5V
12V type 12V
Type Output voltage
3.3V type 3.67V
5V type 6V
12V type 15V
*3 CNT terminal: Remote ON/OFF control
CNT terminal CNT --Vin:Short or 0 ~ 0.4V Output ON
CNT --Vin: Open or 2V ~ Vin OFF * Output voltage: Refer to TRM terminal connection
Outline drawing
* PC1R5 (1.5W type) * PC3 (3W type)
* PC6 (6W type)
(Unit: mm) Dimension tolerance not designated is 0.3.
PCD-SERIES
Dual output DC-DC converter 1.5W ~ 6W
Model name
PCD 6 - 24 - 1212
Series name Output power Input voltage Output voltage
Features
Input/Output isolation 5 dimensions shield metal case Over current protection Adjustable output voltage Remote ON/OFF control (6W type)
PCD1R5 (1.5W type) Specifications
Model Input Voltage Output Voltage (*1) Output Current Output Power (max) Efficiency (typ) (*2) Vdc Vdc mA W % PCD1R5-5-1212 5VDC (4.5 ~ 9.0V) 12V5% 0 ~ 60 1.44 69 15V5% 0 ~ 50 1.5 67 PCD1R5-12-1212 12VDC (9 ~ 18V) 12V5% 0 ~ 60 1.44 73 15V5% 0 ~ 50 1.5 73 PCD1R5-24-1212 24VDC (18 ~ 36V) 12V5% 0 ~ 60 1.44 75 15V5% 0 ~ 50 1.5 75 PCD1R5-48-1212 48VDC (36 ~ 72V) 12V5% 0 ~ 60 1.44 75 15V5% 0 ~ 50
On-Board Type Power Supply
1.5 75
PCD3 (3W type) Specifications
Model Input Voltage Output Voltage (*1) Output Current Output Power (max) Efficiency (typ) (*2) Vdc Vdc mA W % PCD3-5-1212 5VDC (4.5 ~ 9.0V) 12V5% 0 ~ 125 3.0 72 15V5% 0 ~ 100 3.0 72 PCD3-12-1212 12VDC (9 ~ 18V) 12V5% 0 ~ 125 3.0 77 15V5% 0 ~ 100 3.0 77 PCD3-24-1212 24VDC (18 ~ 36V) 12V5% 0 ~ 125 3.0 78 15V5% 0 ~ 100 3.0 78 PCD3-48-1212 48VDC (36 ~ 72V) 12V5% 0 ~ 125 3.0 78 15V5% 0 ~ 100 3.0 77
PCD6 (6W type) Specifications
Model Input Voltage Output Voltage (*1) Output Current Output Power (max) Efficiency (typ) (*2) Vdc Vdc mA W % PCD6-5-1212 5VDC (4.5 ~ 9.0V) 12V5% 0 ~ 250 6.0 75 15V5% 0 ~ 200 6.0 75 PCD6-12-1212 12VDC (9 ~ 18V) 12V5% 0 ~ 250 6.0 82 15V5% 0 ~ 200 6.0 82 PCD6-24-1212 24VDC (18 ~ 36V) 12V5% 0 ~ 250 6.0 84 15V5% 0 ~ 200 6.0 84 PCD6-48-1212 48VDC (36 ~ 72V) 12V5% 0 ~ 250 6.0 82 15V5% 0 ~ 200 6.0 82
Common specifications
Withstand Voltage Cooling Operating Temperature Over Current Protection Input Protection Input to Output: 500VAC for 1 minute Convection cooling -20 ~ +70C (-20 ~ +50C: 100%, +60C: 70%: 40%) Output current limiting, automatic recovery. Avoid to operate overload or dead short for more than 30 seconds. Built in fuse on input line
(*1) Output voltage accuracy includes line and load regulation and temperature drift. (*2) At rated input voltage & maximum output power.
117
PCD-SERIES
Terminal connection
[PCD1R5 (1.5W type) / PCD3 (3W type)] Output voltage can be adjusted by TRM terminals. Output power must be within the rating, when increasing the output voltage. *1 TRM terminal: Open Output: 12V *2 TRM terminal & -Vout terminal: Short Output: 15V
[PCD6 (6W type)] *1 TRM terminal: Open Output: 12V
*2 TRM terminal & -Vout terminal: Short Output: 15V
On-Board Type Power Supply
118
CNT terminal: Remote ON/OFF control
CNT terminal CNT--Vin: Short or 0 ~ 0.4V Output ON
OFF CNT--Vin: Open or 2V ~ Vin * Output voltage: Refer to TRM terminal connection
Outline drawing
* PCD1R5 (1.5W type) * PCD3 (3W type)
* PCD6 (6W type)
(Unit: mm) Dimension tolerance not designated is 0.3.


▲Up To Search▲   

 
Price & Availability of PC3-5-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X