Part Number Hot Search : 
PE3361 UF1006 221ME 00AXC TSP260C FZ800 78L018 MC1458
Product Description
Full Text Search
 

To Download NUD3105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NUD3105 Integrated Relay, Inductive Load Driver
This device is used to switch inductive loads such as relays, solenoids incandescent lamps , and small DC motors without the need of a free-wheeling diode. The device integrates all necessary items such as the MOSFET switch, ESD protection, and Zener clamps. It accepts logic level inputs thus allowing it to be driven by a large variety of devices including logic gates, inverters, and microcontrollers.
Features http://onsemi.com
* Provides a Robust Driver Interface Between DC Relay Coil and * * * * * *
Sensitive Logic Circuits Optimized to Switch Relays from 3.0 V to 5.0 V Rail Capable of Driving Relay Coils Rated up to 2.5 W at 5.0 V Internal Zener Eliminates the Need of Free-Wheeling Diode Internal Zener Clamp Routes Induced Current to Ground for Quieter Systems Operation Low VDS(ON) Reduces System Current Drain Pb-Free Package is Available
RELAY/INDUCTIVE LOAD DRIVER SILICON SMALLBLOCKt 0.5 Ampere, 8.0 V Clamp
MARKING DIAGRAM
3 SOT-23 TO-236 CASE 318 2 JW4D
1
Typical Applications
* Telecom: Line Cards, Modems, Answering Machines, FAX * Computers and Office: Photocopiers, Printers, Desktop Computers * Consumer: TVs and VCRs, Stereo Receivers, CD Players, * *
Cassette Recorders Industrial:Small Appliances, Security Systems, Automated Test Equipment, Garage Door Openers Automotive: 5.0 V Driven Relays, Motor Controls, Power Latches, Lamp Drivers
JW4 D
= Specific Device Code = Date Code
INTERNAL CIRCUIT DIAGRAM Drain (3)
Gate (1)
1.0 k 300 k
Source (2)
ORDERING INFORMATION
Device NUD3105LT1 NUD3105LT1G Package SOT-23 SOT-23 (Pb-Free) Shipping 3000 Units/Reel 3000 Units/Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
December, 2004 - Rev. 7
Publication Order Number: NUD3105/D
NUD3105
MAXIMUM RATINGS (TJ = 25C unless otherwise specified)
Symbol VDSS VGS ID Ez Ezpk Drain to Source Voltage - Continuous Gate to Source Voltage - Continuous Drain Current - Continuous Single Pulse Drain-to-Source Avalanche Energy (TJinitial = 25C) (Note 2) Repetitive Pulse Zener Energy Limit (DC v 0.01%) (f = 100 Hz, DC = 0.5) Junction Temperature Operating Ambient Temperature Storage Temperature Range Total Power Dissipation (Note 1) Derating Above 25C Thermal Resistance Junction-to-Ambient Rating Value 6.0 6.0 500 50 4.5 150 -40 to 85 -65 to +150 225 1.8 556 Unit Vdc Vdc mA mJ mJ C C C mW mW/C C/W
TJ
TA Tstg PD RqJA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. This device contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL_STD-883, Method 3015. Machine Model Method 200 V. 2. Refer to the section covering Avalanche and Energy.
TYPICAL ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Symbol OFF CHARACTERISTICS VBRDSS BVGSO IDSS Drain to Source Sustaining Voltage (Internally Clamped) (ID = 10 mA) Ig = 1.0 mA Drain to Source Leakage Current (VDS = 5.5 V , VGS = 0 V, TJ = 25C) (VDS = 5.5 V, VGS = 0 V, TJ = 85C ) Gate Body Leakage Current (VGS = 3.0 V, VDS = 0 V) (VGS = 5.0 V, VDS = 0 V) 6.0 8.0 9.0 V Characteristic Min Typ Max Unit
- - - 5.0 -
- - - - -
8.0 15 15 19 50
V mA
IGSS
mA
ON CHARACTERISTICS VGS(th) Gate Threshold Voltage (VGS = VDS, ID = 1.0 mA) (VGS = VDS, ID = 1.0 mA, TJ = 85C) Drain to Source On-Resistance (ID = 250 mA, VGS = 3.0 V) (ID = 500 mA, VGS = 3.0 V) (ID = 500 mA, VGS = 5.0 V) (ID = 500 mA, VGS = 3.0 V, TJ=85C) (ID = 500 mA, VGS = 5.0 V, TJ=85C) Output Continuous Current (VDS = 0.25 V, VGS = 3.0 V) (VDS = 0.25 V, VGS = 3.0 V, TJ = 85C) Forward Transconductance (VOUT = 5.0 V, IOUT = 0.25 A) 0.8 0.8 - - - - - 300 200 350 1.2 - - - - - - 400 - 570 1.4 1.4 1.2 1.3 0.9 1.3 0.9 - - - V
RDS(on)
W
IDS(on)
mA mmhos
gFS
DYNAMIC CHARACTERISTICS Ciss Input Capacitance (VDS = 5.0 V,VGS = 0 V, f = 10 kHz) - 25 - pF
http://onsemi.com
2
NUD3105
TYPICAL ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Symbol DYNAMIC CHARACTERISTICS Coss Crss Output Capacitance (VDS = 5.0 V, VGS = 0 V, f = 10 kHz) Transfer Capacitance (VDS = 5.0 V, VGS = 0 V, f = 10 kHz) - - 37 8.0 - - pF pF Characteristic Min Typ Max Unit
SWITCHING CHARACTERISTICS Symbol tPHL tPLH tPHL tPLH tf tr tf tr Characteristic Propagation Delay Times: High to Low Propagation Delay; Figure 1 (5.0 V) Low to High Propagation Delay; Figure 1 (5.0 V) High to Low Propagation Delay; Figure 1 (3.0 V) Low to High Propagation Delay; Figure 1 (3.0 V) Transition Times: Fall Time; Figure 1 (5.0 V) Rise Time; Figure 1 (5.0 V) Fall Time; Figure 1 (3.0 V) Rise Time; Figure 1 (3.0 V) Min - - - - - - - - Typ 25 80 44 44 23 32 53 30 Max - - - - nS - - - - Units nS
-
VIH Vin 50% 0V tPHL 90% Vout 50% 10% VOL tr tPLH VOH
tf
Figure 1. Switching Waveforms
http://onsemi.com
3
NUD3105
TYPICAL CHARACTERISTICS
10 10
ID, DRAIN CURRENT (A)
ID, DRAIN CURRENT (A)
TJ = 25C
1.0
VGS = 5.0 V VGS = 3.0 V
VDS = 0.8 V
1.0 0.1 0.01 0.001 0.0001
0.1 0.01 0.001
VGS = 2.0 V
85C 50C 25C
0.0001
0.00001
VGS = 1.0 V
0.00001 0.000001
-40C 0.7 0.8 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
0.1
0.2
0.3
0.4
0.5
0.6
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS, GATE-TO-SOURCE VOLTAGE (V)
Figure 2. Output Characteristics
1200 RDS(ON), DRAIN-TO-SOURCE RESISTANCE (mW) 1000 800 600 400 200 0 -50 ID = 0.5 A VGS = 5.0 V ID = 0.25 A VGS = 3.0 V RDS(ON), DRAIN-TO-SOURCE RESISTANCE (W) ID = 0.5 A VGS = 3.0 V 50 45 40 35 30 25
Figure 3. Transfer Function
ID = 250 mA
-40C
125C 85C
50C 20 15 0.8 25C 1.0 1.2 1.4 1.6 1.8 2.0
-25
0
25
50
75
100
125
TEMPERATURE (C)
VGS, GATE-TO-SOURCE VOLTAGE (V)
Figure 4. On Resistance Variation vs. Temperature
Figure 5. RDS(ON) Variation with Gate-To-Source Voltage
13.0
8.20 VZ, ZENER CLAMP VOLTAGE (V) 8.18 VZ, ZENER VOLTAGE (V) 8.16 8.14 8.12 8.10 8.08 8.06 8.04 8.02 8.00 -50 -25 0 25 50 75 100 IZ = 10 mA
12.0 11.0 10.0 9.0 8.0 7.0
VGS = 0 V
-40C 25C
85C 6.0 0.1 1.0 10 100 1000
125
TEMPERATURE (C)
IZ, ZENER CURRENT (mA)
Figure 6. Zener Voltage vs. Temperature
Figure 7. Zener Clamp Voltage vs. Zener Current
http://onsemi.com
4
NUD3105
TYPICAL CHARACTERISTICS
1.2 RDS(ON), DRAIN-TO-SOURCE RESISTANCE (W) 1.1 IGSS, GATE LEAKAGE (mA) 125C 1.0 0.9 0.8 0.7 0.6 0.5 0.05 85C 50C 25C -40C 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 40 35 30 25 20 15 VGS = 3.0 V 10 5 0 -50 -25 0 25 50 75 100 125 VGS = 5.0 V
ID, DRAIN CURRENT (A)
TEMPERATURE (C)
Figure 8. On-Resistance vs. Drain Current and Temperature
1.0 VGS = 3.0 V, TC = 25C
Figure 9. Gate Leakage vs. Temperature
ID-Continuous = 0.5 A RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT
ID, DRAIN CURRENT (A)
DC PW = 0.1 s DC = 50% PW = 10 ms DC = 20% PW = 7.0 ms DC = 5% Typical IZ vs. VZ 1.0 10 100
0.1
V(BR)DSS min = 6.0 V 0.01 0.01 0.1
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 10. Safe Operating Area
1.0 r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED)
D = 0.5 0.2 0.1
0.1
0.05 Pd(pk) 0.02 0.01
0.01
SINGLE PULSE
PW
t1 t2 PERIOD
DUTY CYCLE = t1/t2
0.001 0.01
0.1
1.0
10
100 t1, PULSE WIDTH (ms)
1000
10,000
100,000
1,000,000
Figure 11. Transient Thermal Response http://onsemi.com
5
NUD3105
Designing with this Data Sheet
1. Determine the maximum inductive load current (at max VCC, min coil resistance & usually minimum temperature) that the NUD3105 will have to drive and make sure it is less than the max rated current. 2. For pulsed operation, use the Transient Thermal Response of Figure 11 and the instructions with it to determine the maximum limit on transistor power dissipation for the desired duty cycle and temperature range. 3. Use Figures 10 and 11 with the SOA notes to insure that instantaneous operation does not push the device beyond the limits of the SOA plot.
4. Verify that the circuit driving the gate will meet the VGS(th) from the Electrical Characteristics table. 5. Using the max output current calculated in step 1, check Figure 7 to insure that the range of Zener clamp voltage over temperature will satisfy all system & EMI requirements. 6. Use IGSS and IDSS from the Electrical Characteristics table to insure that "OFF" state leakage over temperature and voltage extremes does not violate any system requirements. 7. Review circuit operation and insure none of the device max ratings are being exceeded.
APPLICATIONS DIAGRAMS
+3.0 VDD +3.75 Vdc +4.5 VCC +5.5 Vdc
+
+
Vout (3) NUD3105LT1
Vout (3) NUD3105LT1
Vin (1)
Vin (1)
GND (2)
GND (2)
Figure 12. A 200 mW, 5.0 V Dual Coil Latching Relay Application with 3.0 V Level Translating Interface
http://onsemi.com
6
NUD3105
Max Continuous Current Calculation for TX2-5V Relay, R1 = 178 W Nominal @ RA = 25C Assuming 10% Make Tolerance, R1 = 178 W * 0.9 = 160 W Min @ TA = 25C TC for Annealed Copper Wire is 0.4%/C R1 = 160 W * [1+(0.004) * (-40-25)] = 118 W Min @ -40C IO Max = (5.5 V Max - 0.25V) /118 W = 45 mA +4.5 TO +5.5 Vdc + AROMAT TX2-5V - Vout (3) NUD3105LT1 AROMAT JS1E-5V + +4.5 TO +5.5 Vdc + AROMAT JS1E-5V - + AROMAT JS1E-5V - AROMAT JS1E-5V + - -
Vout (3) NUD3105LT1
Vin (1) GND (2)
Vin (1) GND (2)
Figure 13. A 140 mW, 5.0 V Relay with TTL Interface
Figure 14. A Quad 5.0 V, 360 mW Coil Relay Bank
http://onsemi.com
7
NUD3105
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AK
A L
3 1 2 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-03 AND -07 OBSOLETE, NEW STANDARD 318-08. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
BS
V
G
DIM A B C D G H J K L S V
C D H K J
STYLE 21: PIN 1. GATE 2. SOURCE 3. DRAIN
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
SMALLBLOCK is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
NUD3105/D


▲Up To Search▲   

 
Price & Availability of NUD3105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X