Part Number Hot Search : 
C4851 AP1121BS 4076E ES9008S IRF9510 CPZ1810 90814 LP207120
Product Description
Full Text Search
 

To Download NTE626 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE625 & NTE626 Silicon Rectifier Fast Recovery
Description: The NTE625 and NTE626 are fast recovery silicon rectifiers in a 2-Lead TO220 type package designed for special applications such as DC power supplies, inverters, converters, ultrasonic systems, choppers and low RF interference. Features: D Low Forward Voltage D High Current Capability D Fast Switching for High Efficiency D High Surge Capacity D Glass Passivated Chip Junction Absolute Maximum Ratings: Peak Repetitive Reverse Voltage, VRRM NTE625 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V NTE626 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V Working Peak Reverse Voltage, VRWM NTE625 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V NTE626 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V DC Blocking Voltage, VR NTE625 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V NTE626 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600V RMS Reverse Voltage, VR(RMS) NTE625 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140V NTE626 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 420V Average Rectifier Forward Current (Rated VR, TC = +50C), IF(AV) . . . . . . . . . . . . . . . . . . . . . . . . . 8A Non-Repetitive Peak Surge Current, IFSM (8.3ms Single half Sine-Wave Superimposed on Rated Load) . . . . . . . . . . . . . . . . . . . . 150A Operating Junction Temperature Range (Reverse Voltage Applied), TJ . . . . . . . . . . -65 to +175C Storage Temperature Range (Reverse Voltage Applied), Tstg . . . . . . . . . . . . . . . . . . . -65 to +175C
Electrical Characteristics:
Parameter Instantaneous Forward Voltage Instantaneous Reverse Current Junction Capacitance Reverse Recovery Time NTE625 NTE626 Symbol VF IR CP trr IF = 8A At Rated VR, TC = +25C At Rated VR, TC = +100C Note 1 IF = 0.5A, IR = 1A, irr = 0.25A Test Conditions Min - - - - - - Typ - - - 50 - - Max 1.3 10 250 - 150 250 Unit V A A pF ns ns
Note 1. Measured at 1MHz and applied reverse voltage of 4V.
.147 (3.75) Dia Max .120 (3.04) .405 (10.3)
.190 (4.82) .055 (1.4) .255 (6.48)
K .620 (15.74)
.050 (1.27)
K
A
.562 (14.28)
.210 (5.33)
.022 (0.58)


▲Up To Search▲   

 
Price & Availability of NTE626

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X