Part Number Hot Search : 
TMC429 D3100 AD797BRZ SMA12 TDA3663 5D102 GT15J101 5016RPQI
Product Description
Full Text Search
 

To Download MMBT3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3906 / MMBT3906 / PZT3906
2N3906
MMBT3906
C
E C B
TO-92
E
SOT-23
Mark: 2A
B
PZT3906
C
E C B
SOT-223
PNP General Purpose Amplifier
This device is designed for general purpose amplifier and switching applications at collector currents of 10 A to 100 mA. Sourced from Process 66.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
40 40 5.0 200 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
(c) 1997 Fairchild Semiconductor Corporation
2N3906 / MMBT3906 / PZT3906
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Base Cutoff Current Collector Cutoff Current IC = 1.0 mA, IB = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCE = 30 V, VBE = 3.0 V VCE = 30 V, VBE = 3.0 V 40 40 5.0 50 50 V V V nA nA
ON CHARACTERISTICS
hFE DC Current Gain * IC = 0.1 mA, VCE = 1.0 V IC = 1.0 mA, VCE = 1.0 V IC = 10 mA, VCE = 1.0 V IC = 50 mA, VCE = 1.0 V IC = 100 mA, VCE = 1.0 V IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA IC = 10 mA, IB = 1.0 mA IC = 50 mA, IB = 5.0 mA 60 80 100 60 30 300
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
0.65
0.25 0.4 0.85 0.95
V V V V
SMALL SIGNAL CHARACTERISTICS
fT Cobo Cibo NF Current Gain - Bandwidth Product Output Capacitance Input Capacitance Noise Figure (except MMPQ3906) IC = 10 mA, VCE = 20 V, f = 100 MHz VCB = 5.0 V, IE = 0, f = 100 kHz VEB = 0.5 V, IC = 0, f = 100 kHz IC = 100 A, VCE = 5.0 V, RS =1.0k, f=10 Hz to 15.7 kHz 250 4.5 10.0 4.0 MHz pF pF dB
SWITCHING CHARACTERISTICS (except MMPQ3906)
td tr ts tf Delay Time Rise Time Storage Time Fall Time VCC = 3.0 V, VBE = 0.5 V, IC = 10 mA, IB1 = 1.0 mA VCC = 3.0 V, IC = 10mA IB1 = IB2 = 1.0 mA 35 35 225 75 ns ns ns ns
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
Spice Model
PNP (Is=1.41f Xti=3 Eg=1.11 Vaf=18.7 Bf=180.7 Ne=1.5 Ise=0 Ikf=80m Xtb=1.5 Br=4.977 Nc=2 Isc=0 Ikr=0 Rc=2.5 Cjc=9.728p Mjc=.5776 Vjc=.75 Fc=.5 Cje=8.063p Mje=.3677 Vje=.75 Tr=33.42n Tf=179.3p Itf=.4 Vtf=4 Xtf=6 Rb=10)
2N3906 / MMBT3906 / PZT3906
PNP General Purpose Amplifier
(continued)
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N3906 625 5.0 83.3 200
Max
*PZT3906 1,000 8.0 125
Units
mW mW/C C/W C/W
Symbol
PD RJA
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Effective 4 Die Each Die
Max
**MMBT3906 350 2.8 357 MMPQ3906 1,000 8.0 125 240
Units
mW mW/C C/W C/W C/W
*Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2. **Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
Typical Characteristics
Typical Pulsed Current Gain vs Collector Current
250
Vce = 1V 125 C
VCESAT- COLLECTOR EMITTER VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
Collector-Emitter Saturation Voltage vs Collector Current
0.3 = 10
0.25 0.2
25 C
200 150
0.15 0.1
125 C
25 C
100
- 40 C
0.05
- 40 C
50 0.1 0.2
0.5 1 2 5 10 20 50 100 I C - COLLECTOR CURRENT (mA)
0
1
10 100 I C - COLLECTOR CURRENT (mA)
200
VBEON - BASE EMITTER ON VOLTAGE (V)
VBESAT- BASE EMITTER VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1 0.8 0.6 0.4 0.2 0 = 10
- 40 C 25 C 125 C
Base Emitter ON Voltage vs Collector Current
1 0.8 0.6
125 C - 40 C 25 C
0.4 0.2 0 0.1 V CE = 1V
1
10 100 I C - COLLECTOR CURRENT (mA)
P 66
200
1 10 I C - COLLECTOR CURRENT (mA)
P 66
25
2N3906 / MMBT3906 / PZT3906
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Collector-Cutoff Current vs. Ambient Temperature
I CBO- COLLECTOR CURRENT (nA) 100 V 10
CB
Common-Base Open Circuit Input and Output Capacitance vs Reverse Bias Voltage
10
C obo
= 25V CAPACITANCE (pF)
8 6 4 2 0 0.1
C ibo
1
0.1
0.01 25
50 75 100 TA - AMBIENT TEMPERATURE ( C)
125
1 REVERSE BIAS VOLTAGE (V)
10
Noise Figure vs Frequency
6 V CE = 5.0V NF - NOISE FIGURE (dB) 5 4 3 2
I C = 1.0 mA, R S = 200 I C = 100 A, R S = 200
Noise Figure vs Source Resistance
12 NF - NOISE FIGURE (dB) 10 8 6
I C = 100 A I C = 1.0 mA
V CE = 5.0V f = 1.0 kHz
4 2 0 0.1
1 0 0.1
I C = 100 A, R S = 2.0 k
1 10 f - FREQUENCY (kHz)
100
1 10 R S - SOURCE RESISTANCE ( k )
100
Switching Times vs Collector Current
500
ts
Turn On and Turn Off Times vs Collector Current
500
t off Ic t on I B1 = 10
100 TIME (nS)
100 TIME (nS)
tf
t on
10 I B1 = I B2 = 1
Ic 10
tr
10
V BE(OFF)= 0.5V
t off I = I = B1 B2 Ic 10
td
1 1 10 I C - COLLECTOR CURRENT (mA) 100
1
10 I C - COLLECTOR CURRENT (mA)
100
2N3906 / MMBT3906 / PZT3906
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Power Dissipation vs Ambient Temperature
1 PD - POWER DISSIPATION (W)
SOT-223
0.75
TO-92
0.5
SOT-23
0.25
0
0
25
50 75 100 TEMPERATURE (o C)
125
150
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of MMBT3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X