Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download MMBT2907AWT1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Preliminary Information
Order this document by MMBT2907AWT1/D
General Purpose Transistor
PNP Silicon
These transistors are designed for general purpose amplifier applications. They are housed in the SOT-323/SC-70 package which is designed for low power surface mount applications.
COLLECTOR 3
MMBT2907AWT1
Motorola Preferred Device
3
1 BASE 2 EMITTER
1 2
MAXIMUM RATINGS
Rating Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current -- Continuous Symbol VCEO VCBO VEBO IC Value -60 -60 -5.0 -600 Unit Vdc Vdc Vdc mAdc
CASE 419 - 02, STYLE 3 SOT- 323/SC - 70
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board(1) TA = 25C Thermal Resistance Junction to Ambient Junction and Storage Temperature Symbol PD RqJA TJ, Tstg Max 150 833 - 55 to +150 Unit mW C/W C
DEVICE MARKING
MMBT2907AWT1 = 20
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage(2) (IC = -10 mAdc, IB = 0) Collector - Base Breakdown Voltage (IC = -10 mAdc, IE = 0) Emitter - Base Breakdown Voltage (IE = -10 mAdc, IC = 0) Base Cutoff Current (VCE = -30 Vdc, VEB(off) = -0.5 Vdc) Collector Cutoff Current (VCE = -30 Vdc, VEB(off) = -0.5 Vdc) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Pulse Test: Pulse Width 300 ms, Duty Cycle V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX -60 -60 -5.0 -- -- -- -- -- -50 -50 Vdc Vdc Vdc nAdc nAdc
v
v 2.0%.
Thermal Clad is a registered trademark of the Berquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Motorola Small-Signal Transistors, FETs and Diodes Device Data (c) Motorola, Inc. 1997
1
MMBT2907AWT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Max Unit
ON CHARACTERISTICS(1)
DC Current Gain (1) (IC = -0.1 mAdc, VCE = -10 Vdc) (IC = -1.0 mAdc, VCE = -10 Vdc) (IC = -10 mAdc, VCE = -10 Vdc) (IC = -150 mAdc, VCE = -10 Vdc) (IC = -500 mAdc, VCE = -10 Vdc) Collector - Emitter Saturation Voltage(1) (IC = -150 mAdc, IB = -15 mAdc) (IC = -500 mAdc, IB = -50 mAdc) Base - Emitter Saturation Voltage(1) (IC = -150 mAdc, IB = -15 mAdc) (IC = -500 mAdc, IB = -50 mAdc) HFE 75 100 100 100 50 VCE(sat) -- -- VBE(sat) -- -- -1.3 -2.6 -0.4 -1.6 Vdc -- -- -- -- -- Vdc --
SMALL- SIGNAL CHARACTERISTICS
Current - Gain -- Bandwidth Product (IC = -50 mAdc, VCE = 20 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = -2.0 Vdc, IC = 0, f = 1.0 MHz) fT Cobo Cibo 200 -- -- -- 8.0 30 MHz pF pF
SWITCHING CHARACTERISTICS
Turn-On Time Delay Time Rise Time Storage Time Fall Time Turn-Off Time 1. Pulse Test: Pulse Width (VCC = -6.0 Vdc IC = -150 mAdc 6 0 Vdc, 150 mAdc, IB1 = IB2 = 15 mAdc) (VCC = -30 Vdc 30 Vdc, IC = -150 mAdc, IB1 = -15 mAdc) 150 15 ton td tr ts tf toff -- -- -- -- -- -- 45 10 40 ns 80 30 100
v 300 ms, Duty Cycle v 2.0%.
2
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBT2907AWT1
INFORMATION FOR USING THE SOT-323/SC-70 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
SOT-323/SC-70 SOT-323/SC-70 POWER DISSIPATION
The power dissipation of the SOT-323/SC-70 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the SOT-323/SC-70 package, PD can be calculated as follows: PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 150 milliwatts. PD = 150C - 25C 833C/W = 150 milliwatts
The 833C/W for the SOT-323/SC-70 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 150 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-323/SC-70 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
Motorola Small-Signal Transistors, FETs and Diodes Device Data
3
MMBT2907AWT1
PACKAGE DIMENSIONS
A L
3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
S
1 2
B
V G
D
C 0.05 (0.002)
RN K
J
DIM A B C D G H J K L N R S V
INCHES MIN MAX 0.071 0.087 0.045 0.053 0.035 0.049 0.012 0.016 0.047 0.055 0.000 0.004 0.004 0.010 0.017 REF 0.026 BSC 0.028 REF 0.031 0.039 0.079 0.087 0.012 0.016
MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.90 1.25 0.30 0.40 1.20 1.40 0.00 0.10 0.10 0.25 0.425 REF 0.650 BSC 0.700 REF 0.80 1.00 2.00 2.20 0.30 0.40
H
STYLE 3: PIN 1. BASE 2. EMITTER 3. COLLECTOR
CASE 419-02 ISSUE H SOT-323/SC-70
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
4
Motorola Small-Signal Transistors, FETs and Diodes Device Data
MMBT2907AWT1/D


▲Up To Search▲   

 
Price & Availability of MMBT2907AWT1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X