|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MMBT2907ALT1 General Purpose Transisters PNP Silicon Features * Pb-Free Packages are Available MAXIMUM RATINGS Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC 2907A -60 -60 -5.0 -600 Unit Vdc Vdc Vdc mAdc http://onsemi.com COLLECTOR 3 1 BASE 2 EMITTER Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1 3 MARKING DIAGRAM THERMAL CHARACTERISTICS Characteristic Total Device Dissipation FR-5 Board (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 -55 to +150 mW mW/C C/W Max Unit 2 SOT-23 (TO-236AB) CASE 318 STYLE 6 2F M 2F M = Device Code = Month Code ORDERING INFORMATION mW mW/C C/W C Device MMBT2907ALT1 MMBT2907ALT1G MMBT2907ALT3 MMBT2907ALT3G Package SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) Shipping 3000 Units/Reel 3000 Units/Reel 3000 Units/Reel 3000 Units/Reel 1. FR-5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. (c) Semiconductor Components Industries, LLC, 2004 1 December, 2004 - Rev. 4 Publication Order Number: MMBT2907ALT1/D MMBT2907ALT1 ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic OFF CHARACTERISTICS Collector-Emitter Breakdown Voltage (Note 3) (IC = -10 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = -10 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = -10 mAdc, IC = 0) Collector Cutoff Current (VCE = -30 Vdc, VEB(off) = -0.5 Vdc) Collector Cutoff Current (VCB = -50 Vdc, IE = 0) (VCB = -50 Vdc, IE = 0, TA = 125C) Base Cutoff Current (VCE = -30 Vdc, VEB(off) = -0.5 Vdc) ON CHARACTERISTICS DC Current Gain (IC = -0.1 mAdc, VCE = -10 Vdc) (IC = -1.0 mAdc, VCE = -10 Vdc) (IC = -10 mAdc, VCE = -10 Vdc) (IC = -150 mAdc, VCE = -10 Vdc) (IC = -500 mAdc, VCE = -10 Vdc) (Note 3) Collector -Emitter Saturation Voltage (Note 3) (IC = -150 mAdc, IB = -15 mAdc) (Note 3) (IC = -500 mAdc, IB = -50 mAdc) Base -Emitter Saturation Voltage (Note 3) (IC = -150 mAdc, IB = -15 mAdc) (IC = -500 mAdc, IB = -50 mAdc) SMALL-SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (Notes 3, 4) (IC = -50 mAdc, VCE = -20 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = -2.0 Vdc, IC = 0, f = 1.0 MHz) SWITCHING CHARACTERISTICS Turn-On Time Delay Time Rise Time Turn-Off Time Storage Time Fall Time 3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%. 4. fT is defined as the frequency at which |hfe| extrapolates to unity. (VCC = -6.0 Vdc, IC = -150 mAdc, IB1 = IB2 = -15 mAdc) (VCC = -30 Vdc, IC = -150 mAdc, IB1 = -15 mAdc) ton td tr toff ts tf - - - - - - 45 10 40 100 80 30 ns fT 200 Cobo - Cibo - 30 8.0 - pF MHz hFE 75 100 100 100 50 VCE(sat) - - VBE(sat) - - -1.3 -2.6 -0.4 -1.6 Vdc - - - 300 - Vdc - V(BR)CEO -60 V(BR)CBO -60 V(BR)EBO -5.0 ICEX - ICBO - - IBL - -50 -0.010 -10 nAdc -50 mAdc - nAdc - Vdc - Vdc Vdc Symbol Min Max Unit http://onsemi.com 2 MMBT2907ALT1 INPUT Zo = 50 W PRF = 150 PPS RISE TIME 2.0 ns P.W. < 200 ns 0 -16 V 200 ns 50 1.0 k -30 V 200 INPUT Zo = 50 W PRF = 150 PPS RISE TIME 2.0 ns P.W. < 200 ns 0 -30 V 200 ns +15 V -6.0 V 37 TO OSCILLOSCOPE RISE TIME 5.0 ns 1N916 1.0 k 1.0 k 50 TO OSCILLOSCOPE RISE TIME 5.0 ns Figure 1. Delay and Rise Time Test Circuit Figure 2. Storage and Fall Time Test Circuit http://onsemi.com 3 MMBT2907ALT1 TYPICAL CHARACTERISTICS 3.0 hFE , NORMALIZED CURRENT GAIN 2.0 VCE = -1.0 V VCE = -10 V TJ = 125C 25C 1.0 0.7 0.5 0.3 0.2 -0.1 -55 C -0.2 -0.3 -0.5 -0.7 -1.0 -2.0 -3.0 -5.0 -7.0 -10 -20 -30 -50 -70 -100 -200 -300 -500 IC, COLLECTOR CURRENT (mA) Figure 3. DC Current Gain VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) -1.0 -0.8 IC = -1.0 mA -10 mA -100 mA -500 mA -0.6 -0.4 -0.2 0 -0.005 -0.01 -0.02 -0.03 -0.05 -0.07 -0.1 -0.2 -0.3 -0.5 -0.7 -1.0 IB, BASE CURRENT (mA) -2.0 -3.0 -5.0 -7.0 -10 -20 -30 -50 Figure 4. Collector Saturation Region 300 200 100 70 50 30 20 td @ VBE(off) = 0 V 10 7.0 5.0 3.0 -5.0 -7.0 -10 -20 -30 -50 -70 -100 IC, COLLECTOR CURRENT tr 500 VCC = -30 V IC/IB = 10 TJ = 25C t, TIME (ns) 300 200 tf 100 70 50 30 20 2.0 V -200 -300 -500 10 7.0 5.0 -5.0 -7.0 -10 ts = ts - 1/8 tf VCC = -30 V IC/IB = 10 IB1 = IB2 TJ = 25C t, TIME (ns) -20 -30 -50 -70 -100 -200 -300 -500 IC, COLLECTOR CURRENT (mA) Figure 5. Turn-On Time Figure 6. Turn-Off Time http://onsemi.com 4 MMBT2907ALT1 TYPICAL SMALL-SIGNAL Characteristics NOISE FIGURE VCE = 10 Vdc, TA = 25C 10 8.0 IC = -1.0 mA, Rs = 430 W -500 mA, Rs = 560 W -50 mA, Rs = 2.7 kW -100 mA, Rs = 1.6 kW Rs = OPTIMUM SOURCE RESISTANCE NF, NOISE FIGURE (dB) 10 f = 1.0 kHz NF, NOISE FIGURE (dB) 8.0 6.0 6.0 4.0 4.0 IC = -50 mA -100 mA -500 mA -1.0 mA 2.0 0 0.01 0.02 0.05 0.1 0.2 2.0 0.5 1.0 2.0 5.0 10 20 50 100 0 50 100 200 500 1.0 k 2.0 k 5.0 k 10 k 20 k 50 k f, FREQUENCY (kHz) Rs, SOURCE RESISTANCE (OHMS) Figure 7. Frequency Effects BANDWIDTH PRODUCT (MHz) Figure 8. Source Resistance Effects 30 20 C, CAPACITANCE (pF) Ceb 400 300 200 10 7.0 5.0 3.0 2.0 -0.1 Ccb 100 80 60 40 30 20 -1.0 -2.0 -0.2 -0.3 -0.5 -1.0 -2.0 -3.0 -5.0 -10 -20 -30 f T, CURRENT-GAIN VCE = -20 V TJ = 25C -5.0 -10 -20 -50 -100 -200 -500 -1000 REVERSE VOLTAGE (VOLTS) IC, COLLECTOR CURRENT (mA) Figure 9. Capacitances Figure 10. Current-Gain - Bandwidth Product -1.0 TJ = 25C COEFFICIENT (mV/ C) -0.8 V, VOLTAGE (VOLTS) VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = -10 V +0.5 0 -0.5 -1.0 -1.5 -2.0 VCE(sat) @ IC/IB = 10 -2.5 -0.1 -0.2 -0.5 -1.0 -2.0 RqVB for VBE RqVC for VCE(sat) -0.6 -0.4 -0.2 0 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 -500 -5.0 -10 -20 -50 -100 -200 -500 IC, COLLECTOR CURRENT (mA) IC, COLLECTOR CURRENT (mA) Figure 11. "On" Voltage Figure 12. Temperature Coefficients http://onsemi.com 5 MMBT2907ALT1 PACKAGE DIMENSIONS SOT-23 (TO-236AB) CASE 318-08 ISSUE AK A L 3 1 2 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60 BS V G C D H K J DIM A B C D G H J K L S V STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR SOLDERING FOOTPRINT* 0.95 0.037 0.95 0.037 2.0 0.079 0.9 0.035 0.8 0.031 SCALE 10:1 mm inches *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative. http://onsemi.com 6 MMBT2907ALT1/D |
Price & Availability of MMBT2907ALT1G |