Part Number Hot Search : 
RN2970CT NTXV1N TC115 TLOU114P L4821 S125HN 68HC70 1N445
Product Description
Full Text Search
 

To Download MJE13005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJE13005
SILICON NPN SWITCHING TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
DESCRIPTION The MJE13005 is a silicon multiepitaxial mesa NPN transistor in Jedec TO-220 plastic package particularly intended for switch-mode applications.
3 1 2
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEV V CEO V EBO IC I CM IB I BM P tot T stg Tj Parameter Collector-Emitter Voltage Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Base Current Base Peak Current Total Power Dissipation at Tcase 25 o C Storage Temperature Max. Operating Junction Temperature Value 700 400 9 4 8 2 4 75 -65 to +150 150 Unit V V V A A A A W
o o
C C 1/4
October 1995
MJE13005
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 1.67
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEV I EBO Parameter Collector Cut-off Current (V BE = -1.5V) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 700V V CE = 700V V EB = 9 V I C = 10 mA IC = 1 A IC = 2 A IC = 4 A IC = 1 A IC = 2 A IC = 1 A IC = 2 A IC = 2 A I B1 = -IB2 = 0.4 A V CC = 250 V I B = 0.2 A I B = 0.5 A IB = 1 A I B = 0.2 A I B = 0.5 A V CE = 5 V V CE = 5 V 10 8 30 400 0.5 0.6 1 1.2 1.6 60 40 0.8 4 0.9 T case = 100 o C Min. Typ. Max. 1 5 1 Unit mA mA mA V
Collector-Emitter VCEO(sus) Sustaining Voltage (I B = 0) V CE(sat) V BE(sat) h FE t on ts tf Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Turn-on Time Storage Time Fall Time
V V V V s s s
Pulsed: Pulse duration = 300s, duty cycle = 1.5 %
2/4
MJE13005
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
A
C
D1
L2
F1
D
G1
E
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
3/4
MJE13005
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
4/4


▲Up To Search▲   

 
Price & Availability of MJE13005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X