Part Number Hot Search : 
MOC8103 06836 LS3250 ACTR433T 04166 T3963240 DTA144E FDD8426H
Product Description
Full Text Search
 

To Download MBRF1045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1035CT thru MBRF1060CT
Crownpo Technology
Dual Schottky Rectifiers
Features
N Plastic package has Underwriters Laboratory N N N N N
Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
0.405 (10.27) 0.383 (9.72)
Reverse Voltage 35 to 60V Forward Current 10A
ITO-220AB
0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
0.600 (15.5) 0.580 (14.5)
PIN
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
3
Mechanical Data
Case: JEDEC ITO-220AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250-C/10 seconds, 0.25" (6.35mm) from case Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
0.560 (14.22) 0.530 (13.46)
1
2
0.191 (4.85) 0.171 (4.35) 0.060 (1.52)
PIN 1 PIN 3 PIN 2
0.110 (2.80) 0.100 (2.54)
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.205 (5.20) 0.195 (4.95)
Dimensions in inches and (millimeters)
Maximum Ratings and Thermal Characteristics
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Total device at TC = 105-C Per leg Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Peak repetitive reverse current per leg at tp = 2e s, 1KHZ Voltage rate of change (rated VR) Typical thermal resistance per leg Operating junction and storage temperature range RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1 second, RH m 30% MBRF Symbol 1035CT VRRM VRWM VDC IF(AV) IFSM IRRM dv/dt RJC TJ, TSTG VISOL 35 35 35
(TC = 25-C unless otherwise noted)
MBRF 1040CT 40 40 40
MBRF 1045CT 45 45 45 10 5 150
MBRF 1050CT 50 50 50
MBRF 1060CT 60 60 60
Unit V V V A A
1.0 10,000 5.0
s to +150 65
0.5
A V/e s
-C/W -C
V
4500 (1) 3500 (2) 1500 (3)
Electrical Characteristics (TC = 25-C unless otherwise noted)
Maximum instantaneous forward voltage per leg (4) at IF = 5.0A, TC = 125-C at IF = 5.0A, TC = 25-C TJ = 25-C TJ = 100-C VF IR 0.55 0.1 6.0 0.70 V mA Maximum reverse current per leg at working peak reverse voltage(4)
Notes: (1) (2) (3) (4)
Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset Clip mounting (on case), where leads do overlap heatsink Screw mounting with 4-40 screw, where washer diameter is m 4.9 mm (0.19") Pulse test: 300e s pulse width, 1% duty cycle
01-Mar-04 Document No. 11048
www.crownpo.com
MBRF1035CT thru MBRF1060CT
Crownpo Technology
Ratings and Characteristic Curves (TA = 25-C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
12 175
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Peak Forward Surge Current (A)
TJ = TJ max. 8.3ms single half sine-wave (JEDEC method)
Average Forward Current (A)
Resistive or Inductive Load
10 8
150
125 100
6 4 MBRF1035CT - MBRF1045CT MBRF1050CT & MBRF1060CT
75
2 0 0
50 25
50
100
150
0.1
1
10
100
Case Temperature (-C)
Number of Cycles at 60 Hz
Fig. 3 - Typical Instantaneous Forward Characteristics
Instantaneous Reverse Current (mA) Instantaneous Forward Current (A)
50 20 10
Fig. 4 - Typical Reverse Characteristics
TJ = 125-C
10
TJ = 150-C
Pulse Width = 300e s 1% Duty Cycle
1
TJ = 75-C
0.1 MBRF1035CT - MBRF1045CT T = 25-C J MBRF1050CT & MBRF1060CT 0.01
1
TJ = 25-C
0.1 MBRF1035CT - MBRF1045CT MBRF1050CT & MBRF1060CT 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2
0.001 0 20 40 60 80 100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 5 - Typical Junction Capacitance
4,000
Fig. 6 - Typical Transient Thermal Impedance
Transient Thermal Impedance (-C/W)
100
Junction Capacitance (pF)
TJ = 25- C f = 1.0 MHz Vsig = 50mVp-p
1,000
10.0
1
MBRF1035CT - MBRF1045CT MBRF1050CT & MBRF1060CT 100 0.1 1 10 100
0.1 0.01 0.1 1 10 100
Reverse Voltage (V)
01-Mar-04 Document No. 11048
t, Pulse Duration (sec.)
www.crownpo.com


▲Up To Search▲   

 
Price & Availability of MBRF1045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X