Part Number Hot Search : 
MIC94031 9C512 ES5CB BAV70TC VSYTSF FAN8200 XC3064A BR102
Product Description
Full Text Search
 

To Download MA161 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Diodes
MA2B150, MA2B161, MA2B162, MA2B162A
Silicon epitaxial planar type
For switching circuits I Features
* Short reverse recovery time trr * Small terminal capacitance, Ct
COLORED BAND INDICATES CATHODE 0.56 max. 1
24 min.
Unit : mm
I Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage MA2B150 (DC) MA2B161 MA2B162 MA2B162A Repetitive peak MA2B150 reverse voltage MA2B161 MA2B162 MA2B162A Average forward current Repetitive peak forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature Note) * : t = 1 s Symbol VR Rating 35 50 75 120 35 50 75 120 100 225 500 200 -55 to +150 Unit V
1st Band 2nd Band
VRRM
V
2 1.95 max.
IF(AV) IFRM IFSM Tj Tstg
mA mA mA C C
1 : Cathode 2 : Anode JEDEC : DO-35
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) MA2B150 MA2B161 MA2B162 MA2B162A MA2B150 MA2B161 MA2B162 MA2B162A Forward voltage (DC) Reverse voltage (DC) Terminal capacitance MA2B150 VF VR Ct trr Symbol IR Conditions VR = 15 V VR = 30 V VR = 15 V VR = 50 V VR = 20 V VR = 75 V VR = 20 V VR = 120 V VR = 35 V, Ta = 150C VR = 50 V, Ta = 150C VR = 75 V, Ta = 150C VR = 75 V, Ta = 150C IF = 100 mA IR = 5 A VR = 0 V, f = 1 MHz IF = 10 mA, VR = 1 V, RL = 100 Measure when Irr = 0.1 * IR 2.2 Min Typ Max 0.025 0.1 0.025 5 0.025 5 0.025 5 100 100 100 100 1.2 2 10 4 Unit A
0.012 0.012
50 50 0.95 35 0.9
24 min.
4.5 max.
V V pF ns
Reverse recovery time* MA2B150 MA2B161/162/162A
I Cathode Indication
Type No. Color 1st Band 2nd Band MA2B150 MA2B161 White Green MA2B162 MA2B162A Violet Black Black
Note) 1. Rated input/output frequency: 100 MHz 2. * : trr measuring circuit
1
MA2B150, MA2B161, MA2B162, MA2B162A
Switching Diodes
IF V F
103
Bias Application Unit N-50BU tr
Input Pulse tp 10% t IF
Output Pulse
102
trr t Irr = 0.1 * IR IF = 10 mA VR = 6 V RL = 100
Forward current IF (mA)
10
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
1
Ta = 150C 75C 25C
10-1
- 20C
trr measuring circuit
10-2
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage VF (V)
IR VR
102 MA2B150 Ta = 150C 10
10 102 MA2B161 MA2B162 MA2B162A
IR V R
1.0 Ta = 150C 0.8
100C 1
VF Ta
Reverse current IR (A)
Reverse current IR (A)
100C 1
Forward voltage VF (V)
IF = 20 mA 0.6 10 mA 0.4 1 mA
10-1
10-1 25C 10-2
10-2
25C
0.2
0.1 mA 0.01 mA
10-3
10-3
0
10
20
30
40
0
20
40
60
80
100
0 -40
0
40
80
120
160
200
Reverse voltage VR (V)
Reverse voltage VR (V)
Ambient temperature Ta (C)
IR Ta
102 MA2B150 VR = 35 V
IR T a
102 MA2B161 MA2B162 MA2B162A VR = 120 V 75 V 50 V 20 V
Ct VR
2.0 f = 1 MHz Ta = 25C
Terminal capacitance Ct (pF)
10
Reverse current IR (A)
Reverse current IR (A)
15 V
10
1.6
1
1
1.2
MA2B150 MA2B161, MA2B162, MA2B162A
10-1
10-1
0.8
10-2
10-2
0.4
10-3
0
40
80
120
160
200
10-3
0
0 40 80 120 160 200
0
4
8
12
16
20
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Reverse voltage VR (V)
2


▲Up To Search▲   

 
Price & Availability of MA161

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X