Part Number Hot Search : 
IDT72 C0805C1 2UC8AJ ADS33G TZ20B XXXDC 88E1543 STP5NB80
Product Description
Full Text Search
 

To Download LM2904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
NE/SA/SE532 LM258/358/A/2904 Low power dual operational amplifiers
Product data Supersedes data of 2002 Jan 22 2002 Jul 12
Philips Semiconductors
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
DESCRIPTION
The 532/358/LM2904 consists of two independent, high gain, internally frequency-compensated operational amplifiers internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages. Operation from dual power supplies is also possible, and the low power supply current drain is independent of the magnitude of the power supply voltage.
PIN CONFIGURATION
D, DP, and N Packages
OUTPUT A INVERTING INPUT A NON INVERTING INPUT A V- 1 2 3 4 A -+ B +- 8 7 6 5 V+ OUTPUT B INVERTING INPUT B NON INVERTING INPUT B
UNIQUE FEATURES
In the linear mode the input common-mode voltage range includes ground and the output voltage can also swing to includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage. The unity gain cross frequency is temperature-compensated. The input bias current is also temperature-compensated.
SL00282
Figure 1. Pin configuration.
FEATURES
* Internally frequency-compensated for unity gain * Large DC voltage gain: 100 dB * Wide bandwidth (unity gain): 1 MHz (temperature-compensated) * Wide power supply range single supply: 3 VDC to 30 VDC, * Very low supply current drain (400 A)--essentially independent * Low input biasing current: 45 nADC temperature-compensated * Low input offset voltage: 2 mVDC, and offset current: 5nADC * Differential input voltage range equal to the power supply voltage * Large output voltage: 0 VDC to V+ 1.5 VDC swing
EQUIVALENT CIRCUIT
V+ 6 A 100 A 6 A Q5 Q6 CC Q7
or dual supplies: 1.5 VDC to 15 VDC
of supply voltage (1 mW/op amp at +5 VDC)
Q2 Q1
Q3 Q4
RSC OUTPUT
- INPUTS
Q11 + Q10 Q8 Q9 Q12
Q13
50 A
SL00283
Figure 2. Equivalent circuit.
2002 Jul 12
2
853-1241 28616
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
ORDERING INFORMATION
DESCRIPTION 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Thin Shrink Small Outline Package (TSSOP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Thin Shrink Small Outline Package (TSSOP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP) TEMPERATURE RANGE 0 C to +70 C 0 C to +70 C -40 C to +85 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -25 C to +125 C -25 C to +125 C 0 C to +70 C 0 C to +70 C 0 C to +70 C 0 C to +70 C 0 C to +70 C -55 C to +125 C ORDER CODE NE532D NE532N SA532D LM2904D LM2904DP LM2904N LM258D LM258N LM358D LM358DP LM358N LM358AD LM358AN SE532N DWG # SOT96-1 SOT97-1 SOT96-1 SOT96-1 SOT505-1 SOT97-1 SOT96-1 SOT97-1 SOT96-1 SOT505-1 SOT97-1 SOT96-1 SOT97-1 SOT97-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL VS VIN Supply voltage, V+ Differential input voltage Input voltage Maximum power dissipation Tamb = 25 C (Still air)1 N package D package DP package Output short-circuit to GND2 V+ < 15 VDC and Tamb = 25 C Operating ambient temperature range NE532/LM358/LM358A LM258 LM2904 SA532 SE532 Storage temperature range Lead soldering temperature (10 sec max) PARAMETER RATING 32 or 16 32 -0.3 to +32 UNIT VDC VDC VDC
PD
1160 780 714 Continuous 0 to +70 -25 to +85 -40 to +125 -40 to +85 -55 to +125 -65 to +150 230
mW mW mW
Tamb
C C C C C C C
Tstg Tsld
NOTE: 1. Derate above 25 C, at the following rates: N package at 9.3 mW/C D package at 6.2 mW/C DP package at 5.72 mW/C 2. Short-circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15 VDC, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction.
2002 Jul 12
3
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
DC ELECTRICAL CHARACTERISTICS
Tamb = 25 C; V+ = +5 V, unless otherwise specified. SYMBOL PARAMETER TEST CONDITIONS RS = 0 RS = 0 ; over temp. RS = 0 ; over temp. IIN(+) - IIN(-) Over temp. Over temp. IIN(+) or IIN(-) IIN(+) or IIN(-); Over temp. Over temp. V+ = 30 V V+ = 30 V; Over temp. V+ = 30 V RL 2 k; V+ = 30 V; over temp. RL 10 k; V+ = 30 V; over temp. RL 10 k; over temp. RL = ; V+ = 30 V ICC Supply current RL= on all amplifiers; V+ = 30 V; over temp. RL 2 k; VOUT 10 V AVOL Large-signal voltage gain Supply voltage rejection ratio Amplifier-to-amplifier coupling4 V+=15V (for large VO swing); over temp. RS = 0 f = 1 kHz to 20 kHz (input referred) VIN+ = +1 VDC; VIN- = 0 VDC; V+ = 15 VDC VIN+ = +1 VDC; VIN- = 0 VDC; V+ = 15 VDC; over temp. VIN- = +1 VDC; VIN+ = 0 VDC; V+ = 15 VDC Output current (Sink) VIN- = +1 VDC; VIN+ = 0 VDC; V+ = 15 VDC; over temp. VIN+ = 0 V; VIN- = +1 VDC; VO = 200 mV ISC GBW SR VNOISE Short circuit current5 Differential input voltage6 Unity gain bandwidth Slew rate Input noise voltage Tamb = 25 C Tamb = 25 C Tamb = 25 C; f = 1 kHz 1 0.3 40 20 10 10 5 12 50 25 65 100 -120 40 20 20 8 50 40 60 V+ 1 0.3 40 20 10 10 5 12 0 0 70 26 27 28 5 0.5 0.6 100 20 1.0 1.2 25 15 65 100 -120 40 20 20 8 50 40 60 V+ 85 10 45 40 50 V+-1.5 V+-2.0 0 0 65 26 27 28 5 0.5 0.6 100 20 1.0 1.2 70 150 300 7 3 30 100 10 45 40 50 V+-1.5 V+-2.0 250 500 SE532, LM258 Min VOS VOS IOS IOS IBIAS S IB VC CM CMRR VO OH VOL Offset voltage1 Drift Offset current Drift Input current2 Drift Common-mode voltage g range3 Common-mode rejection ratio Output voltage swing Output voltage swing Typ 2 Max 5 7 7 5 50 150 NE/SA532/ LM358/LM2904 Min Typ 2 Max 7 9 mV mV V/C nA nA pA/C nA nA pA/C V V dB V V mV mA mA V/mV V/mV dB dB mA mA mA mA A mA V MHz V/s nV/Hz UNIT
PSRR
Output current (Source)
IOUT
(Notes on next page).
2002 Jul 12
4
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
DC ELECTRICAL CHARACTERISTICS (continued)
Tamb = 25 C; V+ = +5 V; unless otherwise specified. SYMBOL VOS VOS IOS IOS IBIAS S IB VC CM CMRR VO OH VOL ICC AVOL O PSRR PARAMETER Offset voltage1 Drift Offset current Drift Input current2 Drift Common mode voltage range3 Common-mode Common-mode rejection ratio Output voltage swing Output voltage swing Supply current Large-signal Large signal voltage gain Supply voltage rejection ratio Amplifier-to-amplifier coupling4 Output current (Source) IOUT Output current (Sink) TEST CONDITIONS RS = 0 RS = 0 ; over temp. RS = 0 ; over temp. IIN(+) - IIN(-) Over temp. Over temp. IIN(+) or IIN(-) IIN(+) or IIN(-); Over temp. Over temp. V+ = 30 V V+ = 30 V; Over temp. V+ = 30 V RL 2 k; V+ = 30 V; over temp. RL 10 k; V+ = 30 V; over temp. RL 10 k; over temp. RL = , V+ = 30 V RL = on all amplifiers; V+ = 30 V; over temp. RL 2 k; VOUT 10 V V+ = 15 V (for large VO swing); over temp. RS = 0 f=1kHz to 20kHz (input referred) VIN+ = +1 VDC; VIN- = 0 VDC; V+ = 15 VDC VIN+ = +1 VDC; VIN- = 0 VDC; V+ = 15 VDC; over temp. VIN- = +1 VDC,;VIN+ = 0 VDC; V+ = 15 VDC VIN- = +1 VDC; VIN+ = 0 VDC;V+ = 15 VDC; over temp. VIN+ = 0 V; VIN- = +1 VDC; VO = 200 mV ISC GBW SR VNOISE Short circuit current5 Differential input voltage6 Unity gain bandwidth Slew rate Input noise voltage Tamb = 25 C Tamb = 25 C Tamb = 25 C; f = 1 kHz 1 0.3 40 20 10 10 5 12 25 15 65 100 -120 40 20 20 8 50 40 60 V+ 0 0 65 26 27 28 5 0.5 0.6 100 20 1.0 1.2 85 10 45 40 50 V+-1.5 V+-2.0 7 5 LM358A Min Typ 2 Max 3 5 20 30 75 300 100 200 UNIT mV mV V/C nA nA pA/C nA nA pA/C V V dB V V mV mA mA V/mV V/mV dB dB mA mA mA mA A mA V MHz V/s nV/Hz
NOTES: 1. VO 1.4 V, RS = 0 with V+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ -1.5 V). 2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. 3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is V+ -1.5 V, but either or both inputs can go to +32 V without damage. 4. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance coupling increases at higher frequencies. 5. Short-circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15 VDC, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. 6. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is V+ -1.5 V, but either or both inputs can go to +32 VDC without damage.
2002 Jul 12
5
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
4 SUPPLY CURRENT DRAIN (mADC ) 90 80 OUTPUT CURRENT (mADC) 3 A VOL -- VOLTAGE GAIN (dB) 70 60 50 40 30 20 10 40 0 55 35 -15 5 25 45 65 85 105 125 TEMPERATURE (C) 0 0 10 20 30 40 120 RL + 2 k 80
Current Limiting
160
Voltage Gain
RL + 20 k
2
1
Tamb = 0 C to +125 C Tamb = 55 C 0 10 20 30
40
0
SUPPLY VOLTAGE (VDC)
SUPPLY VOLTAGE (VDC)
OUTPUT VOLTAGE (V)
Open-Loop Frequency Response
140 120 VIN VOLTAGE GAIN (dB) 100 80 60 40 20 0 1 V+ = 10 to 15 VDC AND -55 C < Tamb < +125 C V+ = 30 VDC AND -55 C Tamb +125 C V+/2 0.1 f - + V+ 20 10M VO -- OUTPUT SWING (V p-p )
Large-Signal Frequency Response
VDC 1K 15 VIN
+7 VDC
Voltage-Follower Response
4 RL < 2 k V+ 15 VDC 3 2 1 0
100 k - + VO 2 k
VO
10
INPOUT VOLTAGE (V)
3 2 1 0 0 10 20 TIME (s) 30 40
5
0 10 100 1k 10k 100k 1M 10M FREQUENCY (Hz)
1k
10k
100k
1M
FREQUENCY (Hz)
Voltage-Follower Pulse Response (Small-Signal)
500 V - OUTPUT VOLTAGE REFERENCE TO V+ (VD ) DC 8
Output Characteristics Current Sourcing
10 V+ VO - OUTPUT VOLTAGE (VDC )
Output Characteristics Current Sinking
V+ = +5 VDC V+ = +15 VDC V+ = +30 VDC 1 V+ V+ /2 0.1 - + VO IO
EO - OUTPUT VOLTAGE (mV)
7 6 5 4 3 2 1 0.001 IO+ INDEPENDENT OF V+ TAamb= +25 C +V+ /2 + - IO V2
450 IN 400
EO 50 pF
350 OUTPUT 300 250 0
INPUT
Tamb = +25 C V+ = +30 VDC 1 2 3 4 5 6 7 8
Tamb = +25 C 0.01 0.1 1 10 100 0.01 0.001 0.01 0.1 1 10 100
t -- TIME (s)
- OUTPUT SOURCE CURRENT (mADC)
IO - OUTPUT SINK CURRENT (mADC)
SL00284
Figure 3. Typical performance characteristics.
2002 Jul 12
6
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
CMRR -- COMMON-MODE REJECTION RATIO (dB)
Input Voltage Range
15 90 80 +V IN -- INPUT VOLTAGE ( +VDC) I B - INPUT CURRENT (nA DC ) 70 60 50 40 30 20 10 0 -55 -35 -15
Input Current
VCM = 0 VDC
Common-Mode Rejection Ratio
120
100
V+ = +30 VDC
10 NEGATIVE POSITIVE 5
80 +7.5 VDC 60 40 + VIN 20 0 100 1k 10k 100k f -- FREQUENCY (Hz) 1M 100 k 7.5 VDC 100 k 100 100 - + VO
V+
= +15 VDC
V+ = +5 VDC
0
5
10
15
5
25
45
65
85 105 125
V+ OR V- -- POWER SUPPLY VOLTAGE (+ VDC)
Tamb -- TEMPERATURE (C)
SL00285
Figure 4. Typical performance characteristics (continued).
TYPICAL APPLICATIONS
RF V+ RIN VIN 8 10 k VO 4 RL V+ 2 BLOCKS DC. GAIN V+ V+ 2 VIN 10 k V+ 8 V+
- + - +
4 VO
R1
RF
Single Supply Inverting Amplifier
10 k
V+ 8
Input Biasing Voltage Follower
VIN 10 k
- +
4 VO
Non-Inverting Amplifier
SL00286
Figure 5. Typical applications.
2002 Jul 12
7
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
2002 Jul 12
8
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1
2002 Jul 12
9
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
2002 Jul 12
10
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
NOTES
2002 Jul 12
11
Philips Semiconductors
Product data
Low power dual operational amplifiers
NE/SA/SE532/ LM258/358/A/2904
Data sheet status
Data sheet status [1] Objective data Preliminary data Product status [2] Development Qualification Definitions This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2002 All rights reserved. Printed in U.S.A. Date of release: 08-02
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document order number:
9397 750 10187
Philips Semiconductors
2002 Jul 12 12


▲Up To Search▲   

 
Price & Availability of LM2904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X