Part Number Hot Search : 
KA3843AM NSVS1093 GRM21 10X12 LT0412 SWSS0 VTF286BX EC6A25S
Product Description
Full Text Search
 

To Download LG128645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LG128645
128 x 64 dots
Built in 8192 Chinese Fonts
ABSOLUTE MAXIMUM RATINGS
Item Supply Voltage(Logic) Supply Voltage(LCD) Input Voltage Operating Temp. Storage Temp. Symbol VDD - VSS VO - VSS VI Topr Tstg Min. -0.3 -0.3 -0.3 -20 -30 Max. 5.5 7.0 VDD + 0.3 70 80 Unit V V V C
MECHANICAL DATA
Item Nominal Dimensions Unit mm mm mm mm g Module Size ( W x H x T ) 93.0 x 70.0 x 10.0/13.5 72.0 x 39.0 Viewing Area ( W x H ) Dot Pitch ( W x H ) 0.52 x 0.52 0.48 x 0.48 Dot Size ( W x H ) Weight (Reflective/LED) Approx. 55/75
C
ELECTRICAL CHARACTERISTICS ( V DD =5Va0.25V )
Item Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Supply Current LCD Driving Voltage Symbol VIH VIL VOH VOL I DD VO - VSS Test Condition --Min. Typ. ----3.0 6.5 Max. Unit VDD 0.6 VDD 0.4 5.0 -V V V V mA V
PIN CONNECTIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Symbol VSS VDD NC RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 PSB NC /RST NC LEDA LEDK Level 0V +5V -H/L H/L _ H,H >L H/L H/L H/L H/L H/L H/L H/L H/L H/L -L -+5V 0V Function GND Power supply for logic No connection H : Data L : Instruction code H : Read L : Write Enable signal
0.7VDD - 0.3 I OH = - 0.1mA 0.8VDD I OL = 0.1mA 0 -VDD = 5.0V -Ta=25 C
BLOCK DIAGRAM
Control Signals ST7921 VSS VDD RS(CS) R/W(SID) E(SCLK) PS /RST DB0 DB7 LEDA LEDK ST7921 LED B/L Control Signals
Data bus line
LCD Controller LSI ST7920
64 SEG 32 COM
64 SEG
128 x 32 dots 128 x 32 dots 32 COM 32 SEG 96 SEG
H: Parallel mode L: Serial mode No Connection Reset signal, active "L" No connection Power supply for LED backlight
LED BACKLIGHT SPECIFICATIONS (Ta=25 C)
Item Forward Voltage Forward Current Emission Wave Length Symbol Vf If p Typ. 4.1 300 568 Max. 4.3 --Unit V mA nm


▲Up To Search▲   

 
Price & Availability of LG128645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X