Part Number Hot Search : 
ER208 INTEGRA VCX162 SMCJ1 1N2138AR SUD50P0 01140 74HC04A
Product Description
Full Text Search
 

To Download LB1929 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7099
Monolithic Digital IC
LB1929
Three-Phase Brushless Motor Driver for OA Products
Overview
The LB1929 is a three-phase brushless motor driver that is optimal for driving the drum and paper feed motors in laser printers and plain-paper copiers. It can provide drive with minimal power loss due to direct PWM drive technique, features on-chip peripheral circuits such as a speed control circuit and an FG amplifier, and can implement a drive circuit in a single chip.
Package Dimensions
unit: mm 3147B-DIP28H
[LB1929]
28 15
R1.7
Functions and Features
* * * * Three-phase bipolar drive (30 V, 3.5 A) Direct PWM drive Built-in low side output kickback absorption diode Control technique that combines a speed discriminator with PLL speed control * Speed lock detection output * Built-in forward/reverse switching circuit * Full complement of built-in protection circuits, including current limiter, thermal protection circuit, and motor lockup protection circuit.
1
20.0 26.75 4.0
12.7 11.2
8.4
14
(1.81)
1.78
0.6
1.0
SANYO: DIP-28H (500 mil)
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Supply voltage Output current Allowable power dissipation 1 Allowable power dissipation 2 Operating temperature Storage temperature Symbol VCC max IO max Pd max1 Pd max2 Topr Tstg T 500 ms Independent IC Infinitely large heat sink Conditions Ratings 30 3.5 3 20 -20 to +80 -55 to +150 Unit V A W W C C
Allowable Operating Range at Ta = 25C
Parameter Supply voltage range 1 Regulator-voltage output current LD output current Symbol VCC IREG ILD Conditions Ratings 9.5 to 28 0 to -30 0 to 15 Unit V mA mA
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
71202RM (OT) No. 7099-1/12
4.0
0.4
LB1929 Electrical Characteristics at Ta = 25C, VCC = VM = 24 V
Parameter Supply current 1 Supply current 2 Output block Output saturation voltage 1 Output saturation voltage 2 Output leakage current Lower diode forward voltage 1 Lower diode forward voltage 2 Regulator-voltage output Output voltage Voltage regulation Load regulation Hall Amplifier Input bias current Common-mode input voltage range Hall input sensitivity Hysteresis width Input voltage L H Input voltage H L PWM oscillator circuit Output H level voltage Output L level voltage Oscillator frequency Amplitude CSD circuit Operating voltage External C charge current Operating time Current limiter operation Limiter Thermal shutdown operation Thermal shutdown operating temperature Hysteresis width TSD TSD Design target value (junction temperature) Design target value (junction temperature) 150 180 50 C C VRF VCC-VM 0.45 0.5 0.55 V VOH (CSD) ICHG T (CSD) C = 10 F, Design target value 3.6 -17 3.9 -12 3.3 4.2 -9 V A s VOH (PWM) VOL (PWM) f (PWM) V (PWM) C = 3900pF 1.05 2.5 1.2 2.8 1.5 18 1.30 1.55 3.1 1.8 V V kHz Vp-p VIN VSLH VSHL IHB VICM -2 1.5 80 15 24 12 -12 42 -0.5 VREG - 1.5 A V mVp-p mV mV mV VREG VREG1 VREG2 IO = -5 mA VCC = 9.5 to 28 V IO = -5 to -20 mA 4.65 5.00 30 20 5.35 100 100 V mV mV VOsat1 VOsat2 IO leak VD1 VD2 ID = -1.0 A ID = -2.0 A 1.2 1.5 IO = 1.0 A, VO (SINK) + VO (SOURCE) IO = 2.0 A, VO (SINK) + VO (SOURCE) 2.0 2.6 2.5 3.2 100 1.5 2.0 V V A V V Symbol ICC1 ICC2 Stop mode Conditions Ratings min typ 23 3.5 max 30 5 Unit mA mA
Note*: These items are design target values and are not tested.
Continued on next page.
No. 7099-2/12
LB1929
Continued from preceding page.
Parameter FG amplifier Input offset voltage Input bias current Output H level voltage Output L level voltage FG input sensitivity Next-stage Schmidt width Operating frequency range Open loop GAIN Speed discriminator Output H level voltage Output L level voltage No. of counts PLL output Output H level voltage Output L level voltage Lock detection Output L level voltage Lock range Integrator Input bias current Output H level voltage Output L level voltage Open loop GAIN Gain-bandwidth product Reference voltage Crystal oscillator Operating frequency range L level pin voltage H level pin current Start/stop pin H level input voltage range L level input voltage range Input open voltage Hysteresis width H level input current L level input current Forward/reverse pin H level input voltage range L level input voltage range Input open voltage Hysteresis width H level input current L level input current VIH (F/R) VIL (F/R) VIO (F/R) VIN IIH (F/R) IIL (F/R) V (F/R) = VREG V (F/R) = 0 V 3.5 0 VREG - 0.5 0.35 -10 -280 0.50 0 -210 VREG 1.5 VREG 0.65 10 V V V V A A VIH (S/S) VIL (S/S) VIO (S/S) VIN IIH (S/S) IIL (S/S) V (S/S) = VREG V (S/S) = 0 V 3.5 0 VREG - 0.5 0.35 -10 -280 0.50 0 -210 VREG 1.5 VREG 0.65 10 V V V V A A fOSC VOSCL IOSCH IOSC = -0.5 mA VOSC = VOSCL + 0.3 V 3 1.65 0.4 10 MHz V mA IB (INT) VOH (INT) IINTO = -0.2 mA VOL (INT) IINTO = 0.2 mA f (INT) = 1 kHz Design target value * Design target value * -5% 45 -0.4 VREG - 1.2 VREG - 0.8 0.8 51 450 VREG/2 5% 1.2 0.4 A V V dB kHz V VOL (LD) ILD = 10 mA 0.15 6.25 0.5 V % VOH (P) VOL (P) IPO = -0.1 mA IPO = 0.1 mA VREG - 1.8 1.2 VREG - 1.5 1.5 VREG - 1.2 1.8 V V VOH (D) VOL (D) IDO = -0.1 mA IDO = 0.1 mA VREG - 1.0 VREG - 0.7 0.8 512 1.1 V V f (FG) = 2 kHz 45 51 VIO (FG) IB (FG) VOH (FG) IFGO = -0.2 mA VOL (FG) IFGO = 0.2 mA Gain 100-fold Design target value * 3 100 180 250 2 -10 -1 VREG - 1.2 VREG - 0.8 0.8 1.2 10 1 mV A V V mV mV kHz dB Symbol Conditions Ratings min typ max Unit
Note*: These items are design target values and are not tested.
No. 7099-3/12
LB1929 Truth Table
Source Sink 1 2 3 4 5 6 OUT2 OUT1 OUT3 OUT1 OUT3 OUT2 OUT1 OUT2 OUT1 OUT3 OUT2 OUT3 IN1 H H H L L L F/R= "L" IN2 L L H H H L IN3 H L L L H H IN1 L L L H H H F/R= "H" IN2 H H L L L H IN3 L H H H L L
Pin Assignment
OUT1 28 F/R 27 IN3+ 26 IN3- 25 IN2+ 24 IN2- 23 IN1+ 22 IN1- 21 GND1 20 S/S 19 FGIN+ FGIN- FGOUT 18 17 16 LD 15
LB1929
1 OUT2
2
3
4 VCC
5 VM
6 VREG
7 PWM
8 CSD
9 XI
10
11
12
13
14
OUT3 GND2
XO INTOUT
INTIN POUT DOUT
Top view
Pd max - Ta 24
Power dissipation, Pd max - W
20 Infinitely large heat sink 16
12
8
4 3 0 -20 0 20 40
No heat sink
60
80
100
Ambient temperature, Ta - C
The crystal oscillation frequency fosc is related to the FG frequency fFG as follows: fFG (servo) = fOSC/(ECL16 division x No. of counts) = fOSC/8192
No. 7099-4/12
LB1929 Pin Description
Pin No. 28 1 2 3 Symbol OUT1 OUT2 OUT3 GND2 Pin Description Equivalent circuit
Motor drive output pin Connect the Schottky diode between the output - VCC.
VCC 300 VM 5
Output GND pin
1
Power and output current detection pins of the output. Connect a low resistance (Rf) between this pin and VCC. The output current is limited to the current value set with IOUT = VRF/Rf.
2
28
5
VM
3
VCC
4
Power pin (Other than the output)
VCC
Stabilized power supply output pin (5 V output) 6 VREG Connect a capacitor (about 0.1 F) between this pin and GND for stabilization.
6
VREG
Pin to set the PWM oscillation frequency. 7 PWM Connect a capacitor between this pin and GND. This can be set to about 18 kHz with C = 3900pF.
200 2k
7
VREG
Pin to set the operation time of motor lock protection circuit. 8 CSD Connection of a capacitor (about 10 F) between CSD and GND can set the protection operation time of about 3.3seconds.
300 1k
8
Continued on next page.
No. 7099-5/12
LB1929
Continued from preceding page.
Pin No. Symbol Pin Description Equivalent circuit
VREG
Crystal oscillation pin. 9 10 XI XO Connection of a crystal oscillator causes generation of the reference clock. To enter the clock (a few MHz) externally, connect a resistor of about 5.1 k in series to the XI pin and enter the signal via the resistor. In this case, keep XO pin open.
10 9
VREG
11
INT OUT
Integrating amplifier output pin (speed control pin)
11
PWM comparator VREG
40k
12
INT IN
Integrating amplifier input pin
300
12
VREG
300
13 POUT PLL output pin.
13
Continued on next page.
No. 7099-6/12
LB1929
Continued from preceding page.
Pin No. Symbol Pin Description Equivalent circuit
VREG
Speed discriminator output pin 14 DOUT Acceleration H Deceleration L
300
14
VREG
Speed lock detection output. 15 LD L when the motor speed is within the speed lock range (6.25%). Maximam Voltage 30 V
15
VREG
16
FG OUT
FG amplifier output pin.
16
FG Schmidt comparator
40k
VREG 20k
17 18 FGIN- FGIN+ FG amplifier input pin. Connection of a capacitor (about 0.1 F) between FGIN+ and GND causes initial reset to the logic circuit.
FG reset circuit 300 300
18
17
20k
Continued on next page.
No. 7099-7/12
LB1929
Continued from preceding page.
Pin No. Symbol Pin Description Equivalent circuit
VREG
Start/stop control pin. L: 0V to 1.5V 19 S/S H: 3.5V to VREG H level when open. Hysteresis width about 0.5 V
22k 2k
19
20
GND1
GND pin (Other than the output)
VREG
22 21 24 23 26 25 IN1+ IN1- IN2+ IN2- IN3+ IN3- Hall amplifier input. IN+ > IN- is the input high state, and the reverse is the input low state. It is recommended that the Hall signal has an amplitude of 100mVp-p(differential) or more. Connect a capacitor between the IN+ and IN- inputs if there is noise in the Hall sensor signals.
21
23
25
300
300
22
24
26
VREG
Forward/reverse control pin L: 0V to 1.5V 27 F/R H: 3.5V to VREG H level when open Hysteresis width about 0.5V
22k 2k
27
Function Description 1. Speed control circuit This IC performs speed control by using both the speed discriminator circuit and PLL circuit. The speed control circuit outputs the error signal once for every two cycles of FG (one FG cycle counted). The PLL circuit outputs the phase error signal once for each cycle of FG. As the FG servo frequency is calculated as follows, the motor speed is set with the number of FG pulses and crystal oscillation frequency. fFG (servo) = fOSC/8192 fOSC: Crystal oscillation frequency 2. Output drive circuit This IC employs a direct PWM drive method to minimize the power loss at output. The output Tr is always saturated at ON, and the motor drive force is adjusted through change of the duty at which the output is turned ON. Since the output PWM switching is made with the lower-side output Tr, it is necessary to connect the schottky diode between OUT and VCC (because the through current flows at an instant when the lower-side Tr is turned ON if the diode with a short reverse recovery time is not used). The diode between OUT and GND is incorporated. When the large output current presents problem (waveform disturbance at kickback on the lower side), connect a commutating diode or schottky diode externally.
No. 7099-8/12
LB1929 3. Current limiting circuit The current limiting circuit performs limiting with the current determined from I = VRF/Rf (VRF = 0.5 Vtyp, Rf: current detector resistance) (that is, this circuit limits the peak current). Limiting operation includes decrease in the output on-duty to suppress the current. 4. Power save circuit This IC enters the power save condition to decrease the current dissipation in the stop mode. In this condition, the bias current of most of circuits is cut off. Even in the power save condition, the 5 V regulator output is given. 5. Reference clock The reference clock for speed control can be entered in two ways as described below. (1) Oscillation with a crystal oscillator For oscillation with a crystal oscillator, connect X'tal and C, R as shown below.
XI C3 XO
C4
C1 R1
C2
VREG
C1, R1: For oscillation stabilization C3: For oscillator connection C2: For over-tone oscillation prevention and stabilization C4: For over-tone oscillation prevention
Reference value Oscillation frequency (MHz) 3 to 5 5 to 8 8 to 10 C1 (F) 0.1 0.1 0.1 C2 (pF) 15 10 10 C3 (pF) 47 47 22 C4 (pF) 10 None None R1 () 330 k 330 k 330 k
This circuit and constant are for reference only. It is necessary that each manufacturer checks for problem because of effects expected due to characteristics of a crystal oscillator and the floating capacity due to routing of a printed circuit board. (Cautions for routing of a printed circuit board) The crystal oscillation circuit is a high-frequency circuit and readily influenced by the a printed circuit board floating capacity, etc. Accordingly, due consideration must be made to shorten the wiring as much as possible for external circuits and to reduce the wire width. In the external circuit, the wiring between the oscillator and C3 (C2) is readily influenced particularly by the floating capacity, so that their routing requires particular attention. C4 is highly effective in reducing the negative resistance at high frequency, but due attention is necessary not to reduce excessively the negative resistance with the fundamental wave. (2) External clock (a few MHz equivalent to the crystal oscillation frequency) To enter the signal equivalent to the crystal oscillation frequency from the external signal source, enter the signal via resistor (reference value: about 5.1 k) in series with XI pin. In this case, the XO pin must be kept OPEN. INPUT signal level L level voltage 0 V to 0.8 V H level voltage 2.5 V to 5.0 V 6. Speed lock range The speed lock range is 6.25% of the constant speed. If the motor speed falls inside the lock range, the LD pin goes to "L" (open collector output). When the motor speed falls outside the lock range, the on-duty ratio of motor drive output changes according to the speed error, causing control to keep the motor speed within the lock range.
No. 7099-9/12
LB1929 7. PWM frequency PWM frequency is determined from the capacity C (F) of capacitor connected to the PWM pin. fPWM .= 1/(14400 x C) . It is recommended to keep the PWM frequency at 15 - 25 kHz. GND of a capacitor to be connected must be connected to the GND1 pin with the shortest possible wiring. 8. Hall input signal The Hall input requires the signal input with an amplitude exceeding the hysteresis width (42 mV max). Considering the effect of noise, the input with the amplitude of 100 mV or more is recommended. When the output waveform is disturbed due to noise effects at a time of changeover of the output phase, connect a capacitor between Hall input pins (+ and -) at a point as near as possible to the pin. 9. F/R changeover Motor rotation direction can be changed over with the F/R pin. When changing F/R while the motor is running, pay attention to following points. * For the through current at a time of changeover, the countermeasure is taken using a circuit. However, it is necessary to prevent exceeding of the rated voltage (30 V) due to rise of VCC voltage at a time of changeover (because the motor current returns instantaneously to the power supply). When this problem exists, increase the capacity of a capacitor between VCC and GND. * When the motor current exceeds the current limit value after changeover, the lower-side Tr is turned OFF. But, the upper-side Tr enters the short-brake condition and the current determined from the motor counter electromotive voltage and coil resistance flows. It is necessary to prevent this current from exceeding the rated current (3.5 A). (F/R changeover at high rotation speed is dangerous.) 10. Motor lock protection circuit A motor lock protection circuit is incorporated for protection of IC and motor when the motor is locked. When the LD output is "H" (unlocked) for a certain period in the start condition, the lower-side Tr is turned OFF. This time is set with the capacity of the capacitor connected to the CSD pin. The time can be set to about 3.3 seconds with the capacity of 10 F (variance about 30%). Set time(s) .= 0.33 x C (F) . When the capacitor used has a leak current, due consideration is necessary because it may cause error in the set time, etc. Cancelling requires either the stop condition or re-application of power supply (in the stop condition). When the lock protection circuit is not to be used, connect the CSD pin to GND. When the stop period during which lock protection is to be cancelled is short, the charge of capacitor cannot be discharged completely and the lock protection activation time at restart becomes shorter than the set value. It is necessary to provide the stop time with an allowance while referring to the following equation. (The same applies to restart in the motor start transient condition.) Stop time (ms) 15 x C (F) 11. Power supply stabilization This IC has a large output current and is driven by switching, resulting in ready oscillation of the power line. It is therefore necessary to connect a capacitor with a sufficient capacity (several ten F or more) between the VCC pin and GND for stabilization. GND of a capacitor to be connected must be connected to the GND2 pin (GND of the power block) at a point as near as possible to the pin. If a capacitor (electrolytic) cannot be provided near the pin because of existence of a heat sink, etc., provide a ceramic capacitor of about 0.1 F near the pin. When a diode is inserted in the power line to prevent breakdown due to reverse connection of power supply, the power line is particularly readily oscillated. The larger capacity need be selected. 12. VREG stabilization The VREG pin (5 V regulator output) that is a power supply for control circuit must be provided with a stabilizing capacitor (about 0.1 F). GND of a capacitor to be connected must be connected to the GND1 pin with the shortest possible wiring. 13. Constant of integrating amplifier parts Arrange the integrating amplifier external parts as near as possible to IC to protect them from noise effects. Arrange them by keeping the largest possible distance from the motor.
No. 7099-10/12
LD
FGIN- POUT - VREG/2 TSD SPEED DISCRI CURR LIM + PWM OSC VCC PWM CSD CIRUIT INT AMP DOUT INT.IN INT.OUT CSD
FGOUT
LD
FG AMP -
FGIN+
+
LOCK DET
-
VCC
+
VREG VM COMP PLL OUT1 1/512 BGP HALL HYS AMP F/R 5VREG OUT3 VREF LOGIC DRIVER
Rf
FG RST
LB1929
Equivalent Circuit Block Diagram and Peripheral Circuits
VREF
GND1
ECL 1/16
OUT2
Xtal OSC
S/S
XI
XO
S/S
F/R
VREG
IN1
IN 2
IN3
GND2
No. 7099-11/12
LB1929
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of July, 2002. Specifications and information herein are subject to change without notice. PS No. 7099-12/12


▲Up To Search▲   

 
Price & Availability of LB1929

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X