Part Number Hot Search : 
A4503 A3141LUA 2SC40 SP486ES AAA4FPLZ AO4433 1933R MJE701T
Product Description
Full Text Search
 

To Download KBPC606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. KBPC6005 THRU KBPC610
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 6.0A
FEATURES
* Surge overload rating: 125A peak * High case dielectric strength * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
KBPC6
MECHANICAL DATA
* Terminal: Plated leads solderable per MIL-STD 202E, method 208C * Case: UL-94 Class V-O recognized flame retardant epoxy * Polarity: Polarity symbol marked on body * Mounting position: Hole thru for #6 screw
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
SYMBOL
VRRM Maximum Repetitive Peak Reverse Voltage VRMS Maximum RMS Voltage VDC Maximum DC Blocking Voltage Maximum Average Forward Rectified Current IF(AV) (Tc=75oC) Peak Forward Surge Current (8.3ms single IFSM half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage VF (at forward current 3.0A DC) Maximum DC Reverse Current Ta=25oC IR o (at rated DC blocking voltage) Ta=100 C TJ Operating Temperature Range TSTG Storage Temperature
KBPC KBPC KBPC KBPC KBPC KBPC KBPC 6005 601 602 604 606 608 610 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 50 100 200 400 600 800 1000
6.0 125 1.0 10.0 500 -55 to +125 -55 to +150
UNITS
V V V A A V A A
o o
C C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of KBPC606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X