Part Number Hot Search : 
WB201 0DC12 22001 16080 354AK CXB1573R MM74HC 1102E
Product Description
Full Text Search
 

To Download KBPC606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC6005 THRU KBPC610
SINGLE-PHASE SILICON BRIDGE Reverse Voltage - 50 to 1000 Volts Forward Current - 6.0 Amperes
Features
Surge overload rating - 125 amperes peak Low forward voltage drop Small size; simple installation Silver plated copper leads Mounting position: Any
DIM ENSIONS DIM A B C E F G inches Min. 0.580 0.230 0.405 0.750 0.038 Max. 0.620 0.270 0.445 0.042 Min. 14.69 5.84 10.29 19.1 0.97 mm Max. 15.71 6.86 11.31 1.07 Note
HOLE FOR NO. 6 SCREW
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
KBPC 6005
KBPC 601
KBPC 602
KBPC 604
KBPC 606
KBPC 608
KBPC 610
Units
Maximum repetitive peak reverse voltage Maximum RMS bridge input voltage Maximum average forward rectified output current at TC=100 TA=50 * **
VRRM VRMS I(AV) IFSM VF TA=25 TA=100 IR TJ TSTG
50 35
100 70
200 140
400 280 6.0 6.0 125.0 1.0 10.0 1.0 -55 to +125 -55 to +150
600 420
800 560
1000 700
Volts Volts Amps Amps Volt uA mA
Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load Maximum forward Voltage drop per element at 3.0A peak Maximum DC reverse current at rated DC blocking voltage per element Operating temperature range Storage temperature range
Notes: * Unit mounted on metal chassis ** Unit mounted on P.C. board
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of KBPC606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X