Part Number Hot Search : 
M2100 87208 SWSS0 11TL602 ADSX34 TL431CLP SPU45102 STEVA
Product Description
Full Text Search
 

To Download KA317M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA317M
3-Terminal 0.5A Positive Adjustable Regulator
Features
* * * * * * Output current in excess of 0.5A Output adjustable between 1.2V and 37V Internal thermal overload protection Internal short circuit current limiting Output transistor safe area compensation Floating operation for high voltage applications
Description
The KA317M is a 3-terminal adjustable positive voltage regulator capable of supplying in excess of 500mA over an output voltage range of 1.2V to 37V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage.
D-PAK
2
1
3
1. Adj 2. Output 3. Input TO-220
123
Internal Block Diagram
V in Input 3
+
-
V olta ge Re fe re nce
P rote ction Circ uitry
R limit
2 1 V ad j
Vo
Output
Rev. 1.0.1
(c)2001 Fairchild Semiconductor Corporation
KA317M
Absolute Maximum Ratings
Parameter Input Output Voltage Differential Power Dissipation Operating Junction Temperature Range Storage Temperature Range Symbol VI - VO PD Tj TSTG Value 40 Internally limited 0 ~ +125 -65 ~+125 Unit V W C C
Electrical Characteristics
(VI-VO=5V, IO= 0.1A, 0C TJ + 125C, PDMAX = 7.5W, unless otherwise specified) Parameter Line Regulation (Note1) Symbol Rline Conditions TA = +25C 3V VI -VO 40V 3V VI -VO 40V TA =+ 25C 10mA IO 0.5A VO 5V VO 5V 10mA IO 0.5A VO 5V VO 5V Adjustment Pin Current Adjustment Pin Current Change IADJ IADJ 3V VI - VO 40V 10mA IO 0.5A PD < PDMAX 3V < VI - VO < 40V 10mA IO 0.5A PD < PDMAX VI - VO = 40V VI - VO 15V PD < PDMAX VI - VO = 40V PD < PDMAX, TA =+ 25C TA = +25C 10Hz < f < 10KHz VO = 10V, f = 120Hz without CADJ CADJ = 10uF (Note2) TJ =+ 125C, 1000Hours Min. Typ. 0.01 0.02 Max. 0.04 0.07 Unit %/ V
Load Regulation (Note1)
Rload
5 0.1 20 0.3 50 0.2
25 0.5 70 1.5 100 5
mV %/ VO mV %/ VO uA uA
-
Reference Voltage Temperature Stability Minimum Load Current to Maintain Regulation
VREF STT IL(MIN)
1.20 0.5 0.15 -
1.25 0.7 3.5 0.9 0.25 0.003 65 80 0.3
1.30 10 1
V %/ VO mA
Maximum Output Current
IO(MAX)
A
RMS Noise, % of VOUT
eN
%/ VO
Ripple Rejection Long-Term Stability
RR ST
66 -
dB %/ 1000Hrs
Note : 1. Load and Line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. 2. CADJ, when used, is connected between the adjustment pin and ground.
2
KA317M
Typical Perfomance Characteristics
Figure 1. Minimum Load Current
Figure 2. Peak Output Current vs. Input-Output Differential Voltage
Figure 3. Adjustment Pin Current vs. Temperature
Figure 4. Ripple Rejection vs. Frequency
Figure 5. Load Regulation vs. Temperature
Figure 6. Line Regulation vs. Temperature
3
KA317M
Typical Perfomance Characteristics (Continued)
Figure 7. Outputvoltage vs. Temperature
Figure 8. Thermal Shutdown
4
KA317M
Typical Application
Input Output
Figure 1. 15V Electronic Shutdown Regulator
D1 protects the device during an input short circuit.
Input Output
Figure 2. Slow Turn-On Regulator
Input
Output
Figure 3. Current Regulator
5
KA317M
Mechanical Dimensions
Package
TO-220
9.90 0.20 1.30 0.10 2.80 0.10 (8.70) o3.60 0.10 (1.70) 4.50 0.20
1.30 -0.05
+0.10
9.20 0.20
(1.46)
13.08 0.20
(1.00)
(3.00)
15.90 0.20
1.27 0.10
1.52 0.10
0.80 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20]
10.08 0.30
18.95MAX.
(3.70)
(45 )
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
6
KA317M
Mechanical Dimensions (Continued)
Package
D-PAK
6.60 0.20 5.34 0.30 (0.50) (4.34) (0.50)
0.70 0.20
2.30 0.10 0.50 0.10
0.60 0.20
6.10 0.20
2.70 0.20
9.50 0.30
0.91 0.10
0.80 0.20
MAX0.96 2.30TYP [2.300.20]
0.76 0.10 2.30TYP [2.300.20]
0.89 0.10
0.50 0.10 1.02 0.20 2.30 0.20
(0.70)
(0.90) (0.10) (3.05)
6.10 0.20
9.50 0.30
2.70 0.20
(2XR0.25)
0.76 0.10
7
(1.00)
6.60 0.20 (5.34) (5.04) (1.50)
MIN0.55
KA317M
Ordering Information
Product Number KA317M KA317MR Package TO-220 D-PAK Operating Temperature 0 ~ 125 C
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 10/12/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of KA317M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X