|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VDE ULTRA-MINIATURE PC BOARD TYPE POWER RELAY FEATURES 16 .630 JS RELAYS 22 .866 16 .630 mm inch * Ultra-miniature size with universal terminal footprint * High contact capacity: 10 A * Class B coil insulation type available * TV-5 type available 1 Form A type TV-5 1 Form C type TV-5 (N.O. side only) * VDE, TUV also approved * Sealed construction for automatic cleaning SPECIFICATIONS Contact Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity Max. switching power Max. switching voltage Max. switching current Mechanical (at 180 cpm) Electrical at 10 A 125 V AC, Expected 6 A 277 V AC resistive life (at 20 cpm) (min.ope.) 10 A 250 V AC resistive (at 20 cpm) Rating (resistive load) 1 Form A, 1 Form C 100 m Silver alloy 10 A 250 V AC 10 A 125 V AC 6 A 277 V AC 2,500 VA 250 V AC, 100 V DC 10 A (AC), 5 A (DC) 107 105 Functional*5 5 x 104 (No contact only) Vibration resistance Destructive 360 mW Conditions for operation, Ambient transport and storage*6 temp.*7 (Not freezing and condensHumidity ing at low temperature) Unit weight Characteristics Max. operating speed Initial insulation resistance Initial Between open contacts breakdown Between contacts and coil voltage*1 Operate time* (at nominal voltage) Release time(without diode)*2 (at nominal voltage) Temperature rise (at nominal voltage) Functional*3 Shock resistance Destructive*4 2 20 cpm Min. 100 M (at 500 V DC) 750 Vrms for 1 min. 1,500 Vrms for 1 min. Approx. 10 ms Approx. 10 ms Max. 35C Min. 98 m/s2 {10 G} Min. 980 m/s2 {100 G} Approx. 98 m/s2 {10 G}, 10 to 55 Hz at double amplitude of 1.6 mm Approx. 117.6 m/s2 {12 G}, 10 to 55 Hz at double amplitude of 2 mm -40C to +85C -40F to +185F 5 to 85% R.H. Approx.12 g .423 oz Coil Nominal operating power Remarks * Specifications will vary with foreign standards certification ratings. *1 Detection current: 10mA *2 Excluding contact bounce time *3 Half-wave pulse of sine wave: 11ms; detection time: 10s *4 Half-wave pulse of sine wave: 6ms *5 Detection time: 10s *6 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24). *7 When using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% V for each 1C 33.8F with 20C 68F as a reference) and use a coil impressed voltage that is within the maximum allowable voltage range. TYPICAL APPLICATIONS 1. Home appliances Air conditioner, heater, etc. 2. Automotive Power-window, car antenna, door-lock, etc. 3. Office machines PPC, facsimile, etc. 4. Vending machines 76 JS ORDERING INFORMATION Ex. JS 1a F B 12V Contact arrangement 1: 1 Form C 1a: 1 Form A Protective construction Nil: Sealed type F: Flux-resistant type Coil insulation class Nil: Class E insulation B: Class B insulation Coil voltage (DC) 5, 6, 9, 12, 18, 24, 48 V UL/CSA, VDE, TUV approved type is standard. Notes: 1. Standard packing: Carton: 100 pcs. Case: 500 pcs. 2. When ordering TV rated (TV-5) types, add suffix -TV. COIL DATA Sealed type JS1a-5V JS1a-6V JS1a-9V JS1a-12V JS1a-18V JS1a-24V JS1a-48V Part No. Flux-resistant type JS1aF-5V JS1aF-6V JS1aF-9V JS1aF-12V JS1aF-18V JS1aF-24V JS1aF-48V 1 Form A 1 Form C 1 Form A JS1-5V JS1-6V JS1-9V JS1-12V JS1-18V JS1-24V JS1-48V Nominal Pick-up Drop-out Coil Nominal Max. Nominal voltage, voltage, resistance, operating current, operating allowable voltage, V DC (max.) V DC (min.) (10%) power, mW voltage mA (10%) 1 Form C V DC (at 20C68F) (at 20C68F) (at 20C68F) (at 20C68F) (at 20C68F) (at 85C185F) JS1F-5V 5 3.5 0.5 69.4 72 JS1F-6V 6 4.2 0.6 100 60 JS1F-9V 9 6.3 0.9 225 40 130%V of JS1F-12V 12 8.4 1.2 400 30 360 nominal voltage JS1F-18V 18 12.6 1.8 900 20 JS1F-24V 24 16.8 2.4 1,600 15 JS1F-48V 48 33.6 4.8 6,400 7.5 mm inch DIMENSIONS Schematic (Bottom view) 1a N.O. 16 .630 0.4 .016 3.9 .154 0.24 .009 0.8 .031 0.8 .031 COIL 0.4 .016 2 16 .630 1.2 .047 2.3 .091 1 5 4 N.C. 0.4 .016 2 .079 12.2 .480 22 .866 3 N.O. 12 .472 COIL COM 1c N.O. COM N.C. PC board pattern (Copper-side view) 1a 4-1.3 dia. 4-.051 dia. 12 .472 Note: Terminal No. 4 is only for 1 Form C type General tolerance: 0.3 .012 2 .079 12.2 .480 1c 5-1.3 dia. 5-.051 dia. 12 .472 2 .079 12.2 .480 Tolerance: 0.1 .004 77 JS REFERENCE DATA 1. Maximum value for switching capacity 100 Operate/release time, ms 10 Operate time Life, x104 8 6 4 Release time 2 0 Max. - x Min. Max. - x Min. 120 140 1 0 1 2 3 4 5 6 7 8 9 10 125V AC resistive load 2. Operate/release time Sample: 25 pcs., JS1-12V 3. Life curve Ambient temperature: Room temperature 100 Contact current, A AC resistive load 10 10 1 DC resistive load 10 30 100 80 100 Contact voltage, V Coil applied voltage, %V Contact current, A 4-(1). Coil temperature rise Sample: 5 pcs., JS1a-24V Measured portion: Inside the coil Contact current: 5 A 60 Temperature rise, C 4-(2). Coil temperature rise Sample: 5 pcs., JS1a-24V Measured portion: Inside the coil Contact current: 10 A 60 26C Temperature rise, C 50 40 30 20 10 0 5. Ambient temperature characteristics Sample: 6 pcs., JS1-12V Changing ration, % 50 40 30 20 10 0 26C 70C 85C 70C 85C Pick-up voltage 20 10 Drop-out voltage -60 -40 -20 0 20 40 60 80 -10 -20 Ambient temperature C 100 120 140 160 100 120 140 160 Coil applied voltage, %V Coil applied voltage, %V 6. Electrical life test (10 A 125 V AC, resistive load) Sample: 6 pcs., JS1-12V Operating speed: 20 cpm Ambient temperature: room temperature Change of pick-up and drop-out voltage 10 Pick-up/drop-out voltage, V Change of contact resistance 100 Contact resistance, m Contact on the N.C. side Contact on the N.O. side 80 8 Pick-up voltage (Circuit) Max. - x Min. 6 60 4 Drop-out voltage 2 Max. - x Min. 5 10 4 40 Max. Max. -- xx Min. Min. 5 10 No. of operations, x104 10A 125V AC Contact welding detection and Mis-contacting detection circuit 20 0 0 No. of operations, x10 For Cautions for Use, see Relay Technical Information (Page 11 to 39). 12/27/2002 78 All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog |
Price & Availability of JS1-5V |