Part Number Hot Search : 
7912ACT 7912ACT 1N4751 MAX17 KRC404E BU2099 UPD16502 TB0610A
Product Description
Full Text Search
 

To Download IRF630 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF630, RF1S630SM
Data Sheet June 1999 File Number
1578.2
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17412.
Features
* 9A, 200V * rDS(ON) = 0.400 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Ordering Information
PART NUMBER IRF630 RF1S630SM PACKAGE TO-220AB TO-263AB BRAND IRF630 RF1S630
Symbol
D
G
NOTE: When ordering, use the entire part number. Add the suffix 9A to obtain the TO-263AB variant in the tape and reel, i.e., RF1S630SM9A.
S
Packaging
JEDEC TO-220AB
SOURCE DRAIN GATE DRAIN (FLANGE) GATE SOURCE
JEDEC TO-263AB
DRAIN (FLANGE)
4-202
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
IRF630, RF1S630SM
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRF630, RF1S630SM 200 200 9 6 36 20 75 0.6 150 -55 to 150 300 260 UNITS V V A A A V W W/oC mJ oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID TC = 100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC.
Electrical Specifications
PARAMETER Drain to Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs td(ON) tr td(OFF) tf Qg(TOT) Qgs Qgd CISS COSS CRSS LD Measured From the Contact Screw on Tab to Center of Die Measured From the Drain Lead, 6mm (0.25in) From Package to Center of Die Modified MOSFET Symbol Showing the Internal Devices Inductances
D LD
TEST CONDITIONS ID = 250A, VGS = 0V (Figure 10) VGS = VDS, ID = 250A VDS = Rated BVDSS, VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 125oC VDS > ID(ON) x rDS(ON)MAX, VGS = 10V VGS = 20V ID = 5A, VGS = 10V (Figure 8, 9) VDS > ID(ON) x rDS(ON)MAX, ID = 5A (Figure 12) VDD = 90V, ID 9A, RGS = 9.1, VGS = 10V RL = 9.6 MOSFET Switching Times are Essentially Independent of Operating Temperature VGS = 10V, ID = 9A, VDS = 0.8 x Rated BVDSS Ig(REF) = 1.5mA (Figure 14) Gate Charge is Essentially Independent of Operating Temperature VDS = 25V, VGS = 0V, f = 1MHz (Figure 11)
MIN 200 2 9 3 -
TYP 0.25 4.8 19 10 9 600 250 80 3.5
MAX 4 25 250 100 0.4 30 50 50 40 30 -
UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH
On-State Drain Current (Note 2) Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Internal Drain Inductance
-
4.5
-
nH
Internal Source Inductance
LS
Measured From the Source Lead, 6mm (0.25in) From Header to Source Bonding Pad
G LS S
7.5
-
nH
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
RJC RJA Free Air Operation
-
-
1.67 80
oC/W oC/W
4-203
IRF630, RF1S630SM
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM TEST CONDITIONS Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Diode
G D
MIN -
TYP -
MAX 9 36
UNITS A A
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovery Charge NOTES:
VSD trr QRR
TJ = 25oC, ISD = 9A, VGS = 0V (Figure 13) TJ = 150oC, ISD = 9A, dISD/dt = 100A/s TJ = 150oC, ISD = 9A, dISD/dt = 100A/s
-
450 3
2 -
V ns C
2. Pulse Test: Pulse width 300s, Duty Cycle 2%. 3. Repetitive rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 20V, starting TJ = 25oC, L = 3.37mH, RG = 50, peak IAS = 9A.
Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0
Unless Otherwise Specified
10
0.8 0.6 0.4 0.2 0
ID, DRAIN CURRENT (A)
8
6
4
2
0
50
100
150
0 25
50
75
100
125
150
TC, CASE TEMPERATURE (oC)
TC, CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
ZJC, NORMALIZED TRANSIENT THERMAL IMPEDANCE
1.0 0.5 0.2 0.1 0.1 0.05 0.02 0.01
SINGLE PULSE
PDM
t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC RJC + TC 10-4 10-3 10-2 10-1 1 10
0.01 10-5
t1, RECTANGULAR PULSE DURATION (s)
FIGURE 3. NORMALIZED TRANSIENT THERMAL IMPEDANCE
4-204
IRF630, RF1S630SM Typical Performance Curves
100
Unless Otherwise Specified (Continued)
20
VGS = 10V VGS = 8V
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 7V
ID, DRAIN CURRENT (A)
10
10s 100s 1ms
ID, DRAIN CURRENT (A)
16
12
VGS = 6V
1
OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) TJ = MAX RATED TC = 25oC 1
10ms 100ms DC
8 VGS = 5V 4 VGS = 4V
0.1
100 10 VDS, DRAIN TO SOURCE VOLTAGE (V)
1000
0 0 20 40 60 80 100 VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
10
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
10 VGS = 10V VGS = 8V VGS = 7V ID, DRAIN CURRENT (A) VGS = 9V 8
ID, DRAIN CURRENT (A)
8
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDS > ID(ON) x rDS(ON)MAX
6
VGS = 6V VGS = 5V
6 125oC 4 25oC -55oC 2
4
2
VGS = 4V
0 0 1 2 3 4 5 VDS, DRAIN TO SOURCE VOLTAGE (V)
0 0 1 3 4 2 5 VGS, GATE TO SOURCE VOLTAGE (V) 6 7
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
0.8 rDS(ON), DRAIN TO SOURCE
2s PULSE TEST VGS = 10V NORMALIZED DRAIN TO SOURCE ON RESISTANCE 40
2.2
0.6 ON RESISTANCE
1.8
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 10V, ID = 5A
1.4
0.4
1
VGS = 20V 0.2
0.6
0 0 10 20 ID, DRAIN CURRENT (A) 30
0.2 -40 0 40 80 120 TJ , JUNCTION TEMPERATURE (oC)
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
4-205
IRF630, RF1S630SM Typical Performance Curves
1.25 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE ID = 250A 1.15 C, CAPACITANCE (pF) 1600
Unless Otherwise Specified (Continued)
2000 VGS = 0V, f = 1MHz CISS = CGS + CGD, CDS CRSS = CGD COSS = CDS + CGD
1.05
1200
0.95
800 CISS 400 COSS CRSS
0.85
0.75 -40
0
40
80
120
160
0
1
10
20
30
40
50
TJ , JUNCTION TEMPERATURE (oC)
VDS, DRAIN TO SOURCE VOLTAGE (V)
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
10 ISD, SOURCE TO DRAIN CURRENT (A) PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
gfs, TRANSCONDUCTANCE (S)
100
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
8
6
55oC 25oC
150oC 10 25oC
4
125oC
2
0 0 2 4 6 8 10 ID , DRAIN CURRENT (A)
1 0 1 2 3 4 VSD, SOURCE TO DRAIN VOLTAGE (V)
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
20 VGS, GATE TO SOURCE VOLTAGE (V)
ID = 9A VDS = 40V
15
20 VDS = 100V
10
VDS = 160V IRF630, IRF632
5
0 0 8 16 24 32 40 Qg, GATE CHARGE (nC)
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
4-206
IRF630, RF1S630SM Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
-
0V
IAS 0.01
0 tAV
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
VDS (ISOLATED SUPPLY) VDD SAME TYPE AS DUT Qg(TOT) Qgd Qgs D VDS VGS
12V BATTERY
0.2F
50k 0.3F
G
DUT 0
Ig(REF) 0 IG CURRENT SAMPLING RESISTOR
S VDS ID CURRENT SAMPLING RESISTOR IG(REF) 0
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
4-207
IRF630, RF1S630SM
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
4-208


▲Up To Search▲   

 
Price & Availability of IRF630

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X