Part Number Hot Search : 
NJM2063 NBSG86 CXD2598Q MC134M 2SD19 MM1302F 2SD19 KDS2236M
Product Description
Full Text Search
 

To Download IDT7M9521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Common Bus CPU Card (C3) Family for 64-bit MIPS Processors
FEATURES:
* Supports IDT Common Bus CPU Card (C3) electrical and mechanical specifications. * C3 Card family supports IDT 64bit MIPS family including R4650, R4700, R64475, R5000, R64575 for easy scaling of performance. * Low profile, mezzanine form-factor. Ideal daughtercard for: - Compact PCI - VME - Ethernet / ATM switches * Utilizes SAMTEC CLP connectors - 100 pin Conn. A: part number: CLP-150-02-L-D-PA - 96 pin Conn. B: part number: CLP-148-02-L-D-PA * Onboard clock generation circuitry for processor/system clocks * Onboard processor reset and configuration circuitry. * 5V Tolerance
PRELIMINARY IDT7M9516 IDT7M9521 IDT7M9518 IDT7M9522 IDT7M9519 IDT7M9523 IDT7M9520
DESCRIPTION:
The C3 family are CPU mezzanine daughtercards based on IDT's MIPS processors. The C3 Card family is designed to replace the CPU and specific support circuitry around the CPU in a system design. The goal of the C3 is to provide the system designer a seamless hardware migration path through IDT's family of 64-bit MIPS processors(R4650, R4700, R64475, R5000, R64575), and to simplify the overall system implementation requirements of those processors. Each of the above processors has a unique pin configuration/package; therefore, a system designer would normally be required to implement a unique board design for each of the processors. The goal of the C3 is to eliminate the differences between these processors at the system interface level, and to allow the system designer to implement a single baseboard design which will support C3 cards featuring the R4650, R4700, R64475, R5000, R64575 or future processors.
FUNCTIONAL BLOCK DIAGRAM
Reset Generation
MIPS CPU Configuration Logic
SysAD , etc.
CLO CK GEN ERATION
SyncO ut
SyncIn
C3/System Boundary System Clocks SyncOut m ust be tied to SyncIn for proper operation
Configuration Inputs
4266 dwg 01
JULY 1999
1
(c) 1999 Integrated Device Technology, Inc. DSC-4266/2
IDT7M9516/18/19/20/21/22/23
IDT
BOARD OVERVIEW
The C3 processor cards consist of the following functional blocks: 64bit MIPS CPU, clock generation circuitry for the processor/system clocks, processor reset and configuration circuitry, and an optional L2 cache subsystem.
CLOCK GENERATION
The C3 provides nine clock outputs that are associated with system bus clock generation, as well as a 20MHz clock output and a 24MHz clock output. The ten bus clock outputs consist of nine identical buffered system clocks and one dedicated output for processor to system clock synchronization. The system clocks - SysCLK(0:8) - are provided to drive devices on the system bus, as well as other devices that need to operate at the system clock frequency. The processor synchronization clock output (SyncOut) must be connected to the processor synchronization clock input (SyncIn) through a delay path that matches the delay path of the system clocks to ensure proper operation of the C3 in the system. The 20MHz and 24MHz clocks are provided for system peripherals that have fixed frequency requirements.
RESET CONFIGURATION
The C3 contains on board reset generation logic that provides all of the reset requirements of the processor. This reset logic handles all Power On Reset requirements, as well as handling two system hard reset sources (S_HardRST*, A_HardRST*) and a system soft reset source (SoftRST*). In addition, the reset logic of the C3 also provides a reset output (RSTOut*) to the system that is asserted whenever there is a processor hard reset.
WATCHDOG TIMER
The watchdog timer input (WDStrb pin B-172) of the C3 must be strobed periodically to prevent the watchdog timer output (WDO* pin B-173) from being asserted. If the input is not strobed within 1 second of the previous strobe, the output will be asserted. Note that if the watchdog timer functionality is not required, these pins can be left unconnected.
C3 CONFIGURATION
The C3 is configured through a set of static configuration inputs. The configuration inputs are used for both C3 clock configuration and processor configuration. The clock configuration inputs are used to set the system bus clock frequency and the CPU core to system bus clock multiplier. The processor configuration inputs are used to configure the following: endianess (big/little), drive strength (83%/100%), internal timer (enabled/disabled), write type (R4X00/pipelined) and block write data rate (D/Dx/Dxx/Dxxx).
5V TOLERANCE CIRCUITRY
5V tolerance is provided by running the signals through bus switches. All inputs and I/O's are 5V tolerant except for SYNCIN. The input voltage on SYNCIN must not exceed VCC3 + 0.3V. (Not available on 7M9521 and 7M9522).
PACKAGE DIMENSIONS
TOP VIEW
BOTTOM VIEW
.0 5 0 2 .0 1 3 .0 5 0
P in 1
.169 R E F .0 5 0 T Y P
P in 1
0.5 0
P in 1 4 9
FST
PAL
FST
C L K GE N
XTA L
FS T
. 07 5 R E F
FST
2.60
FST
FST
FST
FS T
FS T
CLK D RV
M IP S CPU
2 .6 0 0 (+ / - 0 .0 1 0 )
FST
2 .4 5
P in 1 9 6
4266 dwg 2A NOTES: 1. All dimensions in inches. 2. Actual component placement may differ from those shown in the diagram.
2 .4 5 0 (+ / - 0 . 0 1 0 )
P in 5 0
4266 dwg 05
2
(c) 1999 Integrated Device Technology, Inc. DSC-4266/2
IDT7M9516/18/19/20/21/22/23
IDT
C onnector B VCC 5 SysC M D (7) GND SysAD( 9) SysAD (4 0) SysC M D (5) ScTC E* A _Hard Rst* C lkM ult(2) SysADC (0) SysAD (3 9) GND RSVD SysC M D (3) SysAD( 6) VCC 3 SysAD (3 7) SysC M D (2) SysAD( 4) GND SysAD (3 5) SysC M D (0) SysAD( 2) VCC 3 IN T4* SysAD( 1) SysAD (3 2) VCC 3 IN T3* SysAD (1 6) IN T1* VCC 3 SysAD (4 9) SysAD (1 8) ValidIn* GND RSVD SysAD (5 1) SysAD (5 2) VCC 3 ValidO ut* RSVD GND SysAD (5 3) SysAD (2 2) SysAD (5 5) VCC 3 SysAD P(2) SysAD P(6) VCC 5
PINOUT(1)
V CC 5 SysAD (10) SysAD (41) SysC M D (6) GND Sys AD(8) C lkM ult(0) C lkM ult(1) GND SysAD P(4) RSVD SysC M D (4) GND Sys AD(7) SysAD (38) W rR dy* GND Sys AD(5) SysAD (36) GND SysC M D (1) Sys AD(3) GND SysAD (34) IN T5* SysAD (33) GND Sys AD(0) IN T2* GND SysAD (48) SysAD (17) GND IN T0* SysAD (50) GND SysAD (19) SysAD (20) GND SysAD (21) RELEASE* GND R dR dy* SysAD (54) GND SysAD (23) N MI* GND SysAD (24) VCC 5
C onnector A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
VCC5 S _ H a rd R s t* O u tD rv S o ftR s t* GND 20M H zOut GND 24 M h zO u t GND S ysA D (4 2) S ysA D (1 1) S ysA D (1 2) VCC3 S ysA D (1 3) B lk W r( 0 ) B lk W r( 1 ) VCC3 S ysA D (1 4) S ysA D (1 5) S y s A D P (1 ) GND S y s C lk (8 ) E n d ia n VCC3 S y n c In VCC3 S y s C lk (1 ) VCC3 S yn cO u t VCC3 S ysC L K (3) VCC3 S ysC L K (5) VCC3 S ysC L K (7) VCC3 S y s A D P (7 ) GND S ysA D (6 3) S ysA D (6 2) S ysA D (2 9) VCC3 S ysA D (2 8) S ysA D (2 7) S ysA D (2 6) GND S ysA D (5 6) VCC5
101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 1 2 2 (2) 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148
149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196
VCC5 C L K F re q (0 ) C L K F re q (1 ) C L K F re q (2 ) ScDO E* GND S c W o rd (0 ) S c W o rd (1 ) L 2 _ H it SysC M D (8) GND S y s A D (4 3 ) S y s A D (4 4 ) S y s A D (4 5 ) GND T im e r E n * W rType RSVD GND S y s A D (4 6 ) S y s A D (4 7 ) S y s A D P (5 ) GND W D _ S tr b WDO* R s tO u t* GND S y s C L K (0 ) GND S y s C L K (2 ) GND S y s C L K (4 ) GND S y s C L K (6 ) GND E x tR e q * S y s A D C (3 ) S y s A D (3 1 ) S y s A D (3 0 ) GND S y s A D (6 1 ) S y s A D (6 0 ) S y s A D (5 9 ) GND S y s A D (5 8 ) S y s A D (5 7 ) S y s A D (2 5 ) VCC5
NOTE: 1. The pinout of the C3 card is from a top view. 2. This pin is not connected (NC) on the 7M9516.
4266 dwg 03
3
(c) 1999 Integrated Device Technology, Inc. DSC-4266/2
IDT7M9516/18/19/20/21/22/23
IDT
PIN DEFINITIONS
Signal Name SysAD(63:0) Signal Definition System (CPU) Address/Data Bus Type I/O Description 64-bit multiplexed address/data bus. This bus is driven by the C3 during the address phase (SysCMD(8)=0) of a bus transaction. Valid data is driven by the C3 during the data phase (SysCMD(8)=1) for writes when ValidOut* is asserted. The C3 receives data on this bus during the data phase for reads when ValidIn* is sampled low. Even parity is generated during the data phase for writes. Even parity is checked during the data phase for reads if SysCMD(4) is low. Timing and valid sample windows match SysAD(63:0). SysADP(0) is assosciated with SysAD(7:0), SysADP(1) is associated withSysAD(15:8). This is the 9-bit processor command bus. Nine identical clocks for devices residing on the C3 processor bus. All processor transitions/transactions are referenced with respect to these clocks. The C3 system clock generator synchronization output must be connected to SyncIn through an interconnect scheme that matches that used on SysCLK(8:0). C3 system clock generator synchronization input. This pin must be connected to SyncOut for the C3 to operate. This pin is driven low by the system to indicate that the system is ready to accept a C3 read request. This pin is driven low by the system to indicate that the system is ready to accept a C3 write request. This pin is driven low by the C3 to indicate that it is driving a valid address/data on the SysAD, SysADP and SysCMD busses. This pin in driven low by the system to indicate that it is presenting valid address/data on the SysAD, SysADP and SysCMD busses. Endian configuration input. 0=big, 1=little Output drive strength configuration input. 0=100%, 1=83% CPU internal timer interrupt enable configuration input. 0=enable timer, 1=disable timer Write Type configuration input. 0=R4X00 compatible, 1=Pipelined 000=x2 001=x3 010=x4 011=x5 100-101=reserved 110=SmartClock mode 0 (max CPU core frequency) 111=SmartClock mode 1(max CPU bus frequency) Block Write data rate 00=DDDD 01=DxDxDxD 10=DxxDxxDxxD 11=DxxxDxxxDxxxD This pin is driven low to signal to the requesting device that the system interface is available.
SysADP(7:0)
SysAD Parity
I/O
SysCMD(8:0) SysCLK(8:0) SyncOut SyncIn Clock Input RdRdy* WrRdy* ValidOut* ValidIn* Endian OutDrv TimerEn* WrType ClockMult(2:0)
System (CPU) command/data System (CPU) Clocks Synchronization Clock Output Synchronization Read Ready Write Ready Valid Output Valid Input Endian Output Drive Timer Enable Write Type Clock Multiplier
I/O Output Output Input Input Input Output Input Config Input Config Input Config Input Config Input Config Input
BlkWr(1:0)
Block Write
Config Input
RELEASE*
Release Interface
Output
ExtReq*
External Request
Intput
This pin is driven low to request the use of the system interface.
4266 tbl 01
4
(c) 1999 Integrated Device Technology, Inc. DSC-4266/2
IDT7M9516/18/19/20/21/22/23
IDT
PIN DEFINITIONS (CONTINUED)
Signal Name ClkFreq(2:0) Signal Definition SysCLK Frequency Type Config Input Description In normal mode these inputs specify the system bus clock frequency. In SmartClock mode, these inputs specify the maximum system clock frequency. 000=45MHz (includes 43.75/44) 100=75MHz 001=50MHz 101=83MHz 010=60MHz (includes 58.33) 110=90MHz 011=66MHz 111=100MHz General processor interrupts. Non-maskable interrupt Asserting this input causes a processor soft (or warm) reset. Asserting this input causes a processor hard (or cold) reset. Asserting this input causes a processor hard (or cold) reset. This pin is asserted by the C3 to reset system logic. This output is asserted during power-on reset, and whenever HardRST* is asserted. This pin asserted by the C3 whenever there is a timeout of the watchdog timer. This pin must be strobed periodically by the system to prevent the Strobe watchdog timer from timing out. This pin indicates to the system that a hit has occurred in the on board L2 cache. This pin is a no connect on the 7M9516/18/19/20/23. Only used when a secondary cache is implemented with the R5K internal cache controller. This pin is a no connect on the 7M9516/18/19/20/23. Only used when a secondary cache is implemented with the R5K internal cache controller This pin indicates to the system when the L2 cache controller of the R5K is accessing the Tag RAM. This pin is driven high by the 7M9516/18/19/20/23. 20MHz Clock 24MHz Clock System Ground System 3.3V Supply System 5V Supply
4266 tbl 03
INT*(5:0) NMI* SoftRST* S_HardRST* Hard Reset A_HardRST* Hard Reset RSTOut* WDO* WD_Strb L2_HIT (ScMatch) ScDOE*
Interrupts Non-Maskable Interrupt Soft Reset Synchronous Asynchronous Reset Output Watch Dog Output Watch Dog L2 Cache Hit Secondary Cache Data OE* Secondary Cache Word Secondary Cache Tag Chip Enable 20MHz Clock 24MHz Clock Ground +3.3V +5V
Input Input Input Input Input Output Output Input Output Input
ScWord(1:0) ScTCE* 20MHz Out 24MHz Out GND VCC3 VCC5
I/O Output Output Output Supply Supply Supply
ENVIRONMENTAL
Operating Non-Op. Storage
NOTE: 1. Non-Condensing
Temp. (C) Min Max 0 55 -10 60 -25 60
Humidity (1) Condition Min Max 20% 80% 10% 90% 10% 90%
4266 tbl 02
5
(c) 1999 Integrated Device Technology, Inc. DSC-4266/2
ORDERING INFORMATION
ID T XXXXX Device Type X Power X Speed X Package X Process/ Temperature Range B lank Com m ercial (0C to +70C)
M
196-pin M ezzanine C onnector P rocessor Core Frequency (M H z) 7M 9523 Only 7M 9523 Only E xcluding 7M 9516 and 7M 9518 E xcluding 7M 9516 and 7M 9523 7M 9516 Only E xcluding 7M 9519 and 7M 9523 7M 9516/18 O nly
333 300 250 200 180 175 150 100
S 7M 9516 7M 9518 7M 9519 7M 9520 7M 9521 7M 9522 7M 9523
S tandard Pow er Com m on Com m on Com m on Com m on Com m on Com m on Com m on B us B us B us B us B us B us B us CP U CP U CP U CP U CP U CP U CP U (C 3) (C 3) (C 3) (C 3) (C 3) (C 3) (C 3) C ard C ard C ard C ard C ard C ard C ard for for for for for for for R4700 R4650 R64475 R5000 R5000 w /512K L2 Cache R5000 w /1M B L2 Cache R64575
4266 dwg 04
CORPORATE HEADQUATERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 fax: 408-492-8674 www.idt.com
for Tech Support: 408-988-5647 ssdhelp@idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
6


▲Up To Search▲   

 
Price & Availability of IDT7M9521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X