Part Number Hot Search : 
SFH464 C1004 54LS1 46000 TA7061 GAANUB TC9328AF F104K
Product Description
Full Text Search
 

To Download IDT74LVC244A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74LVC244A 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
* 0.5 MICRON CMOS Technology * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4 W typ. static) * Rail-to-rail output swing for increased noise margin * All inputs, outputs, and I/O are 5V tolerant * Supports hot insertion * Available in SOIC, SSOP, QSOP, and TSSOP packages
IDT74LVC244A
FEATURES:
DESCRIPTION:
DRIVE FEATURES: APPLICATIONS:
The LVC244A device is organized as two 4-bit line drivers with separate output-enable (OE) inputs. When OE is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs are in the highimpedance state. The LVC244A has been designed with a 24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. Inputs can be driven from either 3.3V or 5V devices. This feature allows the use of this device as a translator in a mixed 3.3V/5V system environment.
* High Output Drivers: 24mA * Reduced system switching noise
* 5V and 3.3V mixed voltage systems * Data communication and telecommunication systems
FUNCTIONAL BLOCK DIAGRAM
1 1OE 2OE
19
1A1
2
18
1Y1
2A1
11
9
2Y1
1A2
4
16
1Y2
2A2
13
7
2Y2
1A3
6
14 1Y3
2A3
15
5 2Y3
1A4
8
12
1Y4
2A4
17
3 2Y4
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
OCTOBER 1999
DSC-4614/1
IDT74LVC244A 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM TSTG Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VO < 0 Continuous Current through each VCC or GND -0.5 to +6.5 -65 to +150 -50 to +50 -50 100
Unit V C mA mA mA
1OE 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 2Y1
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VCC
2OE 1Y1 2A4 1Y2 2A3 1Y3 2A2 1Y4 2A1
IOUT IIK IOK ICC ISS
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 4.5 5.5 6.5 Max. 6 8 8 Unit pF pF pF
GND
SOIC/ SSOP/ QSOP/ TSSOP TOP VIEW
NOTE: 1. As applicable to the device type.
PIN DESCRIPTION
Pin Names xAx xYx xOE Data Inputs 3-State Outputs Output Enable Inputs (Active LOW) Description
FUNCTION TABLE (EACH BUFFER)(1)
Inputs xOE L L H
NOTES: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High-Impedance
Outputs xAx H L X xYx H L Z
2
IDT74LVC244A 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL IOFF VIK VH ICCL ICCH ICCZ ICC High Impedance Output Current (3-State Output pins) Input/Output Power Off Leakage Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 0V, VIN or VO 5.5V VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC -- -- -- -- -- -- -- -0.7 100 -- -- -- 50 -1.2 -- 10 10 500 A V mV A VCC = 3.6V VO = 0 to 5.5V -- -- 10 A Parameter Input HIGH Voltage Level Input LOW Voltage Level Input Leakage Current VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VI = 0 to 5.5V Test Conditions Min. 1.7 2 -- -- -- Typ.(1) -- -- -- -- -- Max. -- -- 0.7 0.8 5 A V Unit V
Quiescent Power Supply Current Variation
3.6 VIN 5.5V(2) One input at VCC - 0.6V, other inputs at VCC or GND
A
NOTES: 1. Typical values are at VCC = 3.3V, +25C ambient. 2. This applies in the disabled state only.
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2.2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
3
IDT74LVC244A 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
OPERATING CHARACTERISTICS, VCC = 3.3V 0.3V, TA = 25C
Symbol CPD CPD Parameter Power Dissipation Capacitance per Buffer/Driver Outputs enabled Power Dissipation Capacitance per Buffer/Driver Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical 44 2 Unit pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay xAx to xYx Output Enable Time xOE to xYx Output Disable Time xOE to xYx Output Skew(2) Min. Max. 6.9 8.6 6.8 VCC = 3.3V 0.3V Min. 1.5 1.5 1.5 Max. 5.9 7.6 6.5 500 Unit ns ns ns ps
-- -- -- --
--
--
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
4
IDT74LVC244A 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50 6 2.7 1.5 300 300 50 VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30 Unit V V V mV mV pF
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL
VIH VT 0V VOH VT VOL VIH VT 0V
LVC Link
VCC 500 Pulse (1, 2) Generator VIN D.U.T. RT 500 CL VOUT
VLOAD Open GND CONTROL INPUT
Propagation Delay
ENABLE DISABLE VIH VT 0V VLOAD/2 VOL+VLZ VOL VOH VOH-VHZ 0V
LVC Link
tPZL OUTPUT SWITCH NORMALLY VLOAD LOW tPZH OUTPUT SWITCH NORMALLY GND HIGH VLOAD/2 VT tPHZ VT 0V
tPLZ
LVC Link
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL VIH VT 0V VOH VT VOL VOH VT VOL
tSU
tH
tREM
tSU
tH
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
LVC Link
INPUT
Set-up, Hold, and Release Times
tPLH1
tPHL1
OUTPUT 1
tSK (x)
tSK (x)
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
VT
OUTPUT 2 tPLH2 tPHL2
VT
Pulse Width
LVC Link
LVC Link
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
5
IDT74LVC244A 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
LVC X IDT XX XX XXXX Temp. Range Bus-Hold Device Type Package
SO PY Q PG 244A Blank 74
Small Outline IC (gull wing) Shrink Small Outline Package Quarter Size Small Outline Package Thin Shrink Small Outline Package Octal Buffer/Driver with 3-State Outputs, 24mA No Bus-hold -40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74LVC244A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X