Part Number Hot Search : 
MIC520 BR10150 32CTQ BR10150 MA736 2203161 ER107 BR10150
Product Description
Full Text Search
 

To Download HLMP-K105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DOUBLE HETEROJUNCTION AIGaAs
HIGH INTENSITY RED LED LAMPS
T-1 3/4 (5mm) T-100 (3mm) HLMP-D101A HLMP-D105A HLMP-K101 HLMP-K105
FEATURES
* Wide Viewing Angle * Deep Red Color
Red Red Red Red
Diffused Clear with Standoff Diffused Clear
PACKAGE DIMENSIONS
.135 (3.15) .122 (3.1)
.047 (1.2) .032 (.8)
DESCRIPTION
.189 (4.8) .165 (4.2)
(ANODE)
.059 (1.5) .032 (0.8)
1.040 (26.4) MIN
Exceptional light output typifies these devices and provides for their use over a broad range of drive currents. The LED material is based on double heterojunction (DH) AIGaAs/GaAs technology. NOTES:
.100 (2.54)
.040 (1.00) MIN
1. ALL DIMENSIONS ARE IN INCHES (mm). 2. TOLERANCE ARE .010" UNLESS OTHERWISE SPECIFIED. 3. AN EPOXY MENISCUS MAY EXTEND ABOUT .040"(1 mm) DOWN THE LEADS.
.020 (.51) SQ. (2X)
HLMP-K101/K105
.200 (5.08) .180 (4.57)
.200 (5.10) .180 (4.57)
.040 (1.02)
.350 (8.89) .330 (8.38)
.040 (1.02) .490 (12.44) .460 (11.68)
.350 (8.89) .330 (8.38)
1.00 (25.4) MIN.
.055 (1.40) .045 (1.15) .050 (1.27) .100 (2.54) .50 (1.27)
.90 (23.0) MIN.
.050 (1.27) REF.
.050 (1.27) O .230 (5.84) .100 (2.54) REF. .100 (2.54) O .230 (5.84) .100 (2.54) REF.
.023 (.58) .017 (.43) SQ. TYP. (2X)
FLAT DENOTES CATHODE .023 (.58) .017 (.43) SQ. TYP. (2X)
FLATE DENOTES CATHODE
HLMP-D101A
2001 Fairchild Semiconductor Corporation DS300011 2/27/01
HLMP-D105A
1 OF 5
www.fairchildsemi.com
DOUBLE HETEROJUNCTION AIGaAs
HIGH INTENSITY RED LED LAMPS
ABSOLUTE MAXIMUM RATING
Parameter Power Dissipation Peak Forward Current (f=1kHz, DF=10%) Continuous DC Forward Current Lead Soldering Time at 260 C Operating Temperature Storage Temperature (TA =25C) RED 87 300 30 5 -20 to +100 -55 to +100 UNITS mW mA mA sec C C
ELECTRICAL / OPTICAL CHARACTERISTICS
Parameter Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Peak Wavelength (nm) Spectral Line Half Width Reverse Voltage (V) Viewing Angle () 2.2 1.8 660 20 5 60 22 45 HLMP-K101
(TA =25C) HLMP-D101A 35 70 2.2 1.8 660 20 5 65 HLMP-D105A 100 240 IF = 20mA 2.2 1.8 660 20 5 24 IF = 20mA IF = 20mA IR = 100A IF = 20mA Condition IF = 20mA 35 65
HLMP-K105
2.2 1.8 660 20 5 45
www.fairchildsemi.com
2 OF 5
2/27/01
DS300011
DOUBLE HETEROJUNCTION AIGaAs
HIGH INTENSITY RED LED LAMPS
TYPICAL PERFORMANCE CURVES
90
(TA =25C)
2.5
RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 20 mA)
1.0 2.0 3.0 4.0 5.0
80
IF - FORWARD CURRENT (mA)
70 60 50 40 30 20 10 0
2.0
1.5
1.0
0.5
0.0 0 5 10 15 20 25 30
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 1 Forward Current vs. Forward Voltage
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
50
1.0
IF - FORWARD CURRENT (mA)
40
RELATIVE INTENSITY
30
0.5
20
10
0 500 550 600 650 700 750
0 0 20 40 60 85 100
WAVELENGTH (nm)
TA - AMBIENT TEMPERATURE (C)
Fig. 3 Relative Intensity vs. Peak Wavelength
Fig. 4 Current Derating Curve
DS300011
2/27/01
3 OF 5
www.fairchildsemi.com
DOUBLE HETEROJUNCTION AIGaAs
HIGH INTENSITY RED LED LAMPS
TYPICAL PERFORMANCE CURVES
(TA =25C)
-20 -30 -40 -50 -60 -70 -80 -90 100 80 60 40
-10
0
10
20 30 40 50 60 70 80 -40 -50 -60 -70 -80 -90 100 80 60 -30
-20
-10
0
10
20 30 40 50 60 70 80
20
0
20
40
60
80
90 100
40
20
0
20
40
60
80
90 100
REL. LUMINOUS INTENSITY (%)
REL. LUMINOUS INTENSITY (%)
Fig. 5A Radiation Diagram (HLMP-D101A)
Fig. 5B Radiation Diagram (HLMP-K101)
-20 -30 -40 -50 -60 -70 -80 -90 100 80 60 40
-10
0
10
20 30 40 50 60 70 80 -40 -50 -60 -70 -80 -90 100 80 60 -30
-20
-10
0
10
20 30 40 50 60 70 80
20
0
20
40
60
80
90 100
40
20
0
20
40
60
80
90 100
REL. LUMINOUS INTENSITY (%)
REL. LUMINOUS INTENSITY (%)
Fig. 5C Radiation Diagram (HLMP-D105A)
Fig. 5D Radiation Diagram (HLMP-K105)
www.fairchildsemi.com
4 OF 5
2/27/01
DS300011
DOUBLE HETEROJUNCTION AIGaAs
HIGH INTENSITY RED LED LAMPS
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
DS300011
2/27/01
5 OF 5
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of HLMP-K105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X