Part Number Hot Search : 
SI7456 MPL031 66000 2SA1309 66000 C546A MLL5228 IRMS6115
Product Description
Full Text Search
 

To Download HCF40192B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF40192B HCC/HCF40193B
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B - BCD TYPE 40193B - BINARY TYPE
.I .SYNCHRONOUS .ASYNCHRONOUSRESETANDPRESETCA.MEDI .STANDARDI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
NDIVIDUAL CLOCK LINES FOR COUNTING UP OR COUNTING DOWN HIGH-SPEED CARRY AND BORROW PROPAGATION DELAYS FOR CASCADING PABILITY UM-SPEED OPERATION - fCL = 8MHz (typ.) @ 10V ZED SYMMETRICAL OUTPUT CHARACTERISTICS C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package) F (Ceramic Frit Seal Package)
M1 (Chip Carrier)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC401XXBF HCF401XXBM1 HCF401XXBEY HCF401XXBC1
DESCRIPTION The HCC40192B, HCC40193B, (extended temperature range) and the HCF40192B, HCF40193B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and platic micro package. The HCC/HCF40192B Presettable BCD Up/Down Counter and the HCC/HCF40193B Presettable Binary Up/Down Counter each consist of 4 synchronously clocked, gated "D" type flip-flops connected as a counter. The inputs consist of 4 individual jam lines, a PRESET ENABLE control, individual CLOCK UP and CLOCK DOWN signals and a master RESET. Four buffered Q signal outputs as well as CARRY and BORROW outputs for multiple-stage counting schemes are provided. The counter is cleared so that all outputs are in a low state by a high on the RESET line. A RESET is accomplished asynchronously with the clock. Each output is individually programmable asynchronously with the clock to the level on the corresponding jam input when thePRESET ENABLE control is low. The counter counts up one count on the positive clock edge of the CLOCK UP signal provided the CLOCK DOWN line is high. The counter counts down one count on the positive clock edge of the CLOCK DOWN signal provided the CLOCK UP line
June 1989
PIN CONNECTIONS
1/15
HCC/HCF40192B/193B
is high. The CARRY and BORROW signals are high when the counter is counting up or down. The CARRY signal goes low one-half clock cycle after the counter reaches its maximum count in the countup mode. The BORROW signal goes low one-half clock cycle after the counter reaches its minimum FUNCTIONAL DIAGRAM count in the count-down mode. Cascading of multiple packages is easily accomplished without the need for additional external circuitry by tying the BORROW and CARRY outputs to the CLOCK DOWN and CLOCK UP inputs, respectively, of the succeeding package.
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : HC C Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltages are with respect to VSS (GND).
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : H CC Types H C F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/15
HCC/HCF40192B/193B
LOGIC DIAGRAMS 40192B (BCD).
40193B (Binary).
3/15
HCC/HCF40192B/193B
TIMING DIAGRAMS 40192B (BCD).
40193B (Binary).
4/15
HCC/HCF40192B/193B
Internal Logic of Flip-flop.
TRUTH TABLE
Clock Up - -/ -\ - 1 1 X X
1 = High Level 0 = Low Level
Clock Down 1 1 -/ -\ X X
X = Don't Care.
Preset Enable 1 1
Reset 0 0 0 0 0 1
Action Count Up No Count Count Down No Count Preset Reset
- -
1 1 0 X
5/15
HCC/HCF40192B/193B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 V OH Output High Voltage 0/ 5 0/10 0/15 V OL Output Low Voltage 5/0 10/0 15/0 V IH Input High Voltage 0.5/4.5 1/9 4.5/0.5 9/1 0/ 5 HCC Types 0/10 0/15 0/ 5 0/ 5 HCF Types 0/10 0/15 I OL Output Sink Current 0/ 5 HCC 0/10 Types 0/15 0/ 5 HCF 0/10 Types 0/15 I IH , I IL Input Leakage Current HCC 0/18 Types HCF 0/15 Types Any Input 0/ 5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 0/10 VO (V) Value Unit |I O | V D D T L o w* 25 C T Hi g h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 15 0.3 10 - 5 0.3 5 7.5 1 pF -2 - 0.64 - 1.6 - 4.2 - 1.53 - 0.52 - 1.3 - 3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 3.5 7 11 1.5 3 4 - 1.6 - 3.2 - 0.51 - 1 - 1.3 - 2.6 - 3.4 - 6.8 - 1.36 - 3.2 - 0.44 - 1 - 1.1 - 2.6 - 3.0 - 6.8 0.51 1.3 3.4 0.44 1.1 3.0 1 2.6 6.8 1 2.6 6.8 10 - 5 0.1 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 - 1.15 - 0.36 - 0.9 - 2.4 - 1.1 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 A mA mA 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 V V 0.04 0.04 0.04 0.08 0.04 0.04 0.04 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 V V 150 300 600 3000 150 300 600 A
IL
Quiescent Current
1.5/13.5 < 1 V IL Input Low Voltage
13.5/1.5 < 1 I OH Output Drive Current
CI
Input Capacitance
* TLow = - 55C for HCC device : - 40C for HCF device. * THigh = + 125C for HCC device : + 85C for HCF device. The Noise Margin for both "1" and "0" level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD =
6/15
HCC/HCF40192B/193B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, C L = 50pF, R L = 200k, typical temperature coefficient for all V DD values is 0.3%/C, all input rise and fall time = 20ns)
Symbol t PHL , tP LH Parameter Propagation Delay Time Clock Up or Clock Down to Q Reset to Q PE to Q Test Conditions V D D (V) Min. 5 10 15 5 10 15 Clock Up to Carry Clock Down to Borrow 5 10 15 Reset or PR to Borrow or Carry 5 10 15 t T HL , tTLH Transition Time 5 10 15 t re m* Removal Time Reset or PE 5 10 15 tW Clock Input Pulse Width Reset 5 10 15 PE 5 10 15 Clock 5 10 15 t r, tf Clock Input Rise or Fall Time 5 10 15 f CL Maximum Clock Input Frequency 5 10 15 2 5 5.5 4 8 11 MHz 80 40 30 480 300 260 Value Typ. 250 120 90 200 100 70 160 80 60 300 150 110 100 50 40 40 20 15 240 150 130 120 85 70 90 45 30 240 170 140 180 90 60 15 15 5 s ns ns ns ns Max. 500 240 180 400 200 140 320 160 120 600 300 220 200 100 80 ns ns ns ns ns Unit
* The time required for Reset or Preset Enable control to be removed before clocking (see timing diagram).
7/15
HCC/HCF40192B/193B
Timing Diagram Defining trem.
Output Low (sink) Current Characteristics.
Output high (source) Current Characteristics.
Typical Transition Time vs. Load Capacitance.
Typical Propagation Delay Time vs. Load Capacitance.
8/15
HCC/HCF40192B/193B
Typical Dynamic Power Dissipation.
TYPICAL APPLICATION CASCADED COUNTER PACKAGES
TEST CIRCUITS Quiescent Device Current. Input Voltage.
9/15
HCC/HCF40192B/193B
TEST CIRCUITS (continued) Input Leakage Current. Dynamic Power Dissipation.
10/15
HCC/HCF40192B/193B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
11/15
HCC/HCF40192B/193B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
12/15
HCC/HCF40192B/193B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
13/15
HCC/HCF40192B/193B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
14/15
HCC/HCF40192B/193B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
15/15


▲Up To Search▲   

 
Price & Availability of HCF40192B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X