Part Number Hot Search : 
BR810 P11A1 P5KE45A D74HC ST751850 D74HC 0J101 STM8402
Product Description
Full Text Search
 

To Download ET206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ET206
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
FUJI POWER TRANSISTOR
Outline Drawings
TO-3P
Features
High voltage,High speed switching High reliability
Applications
Switching regulators Ultrasonic generators High frequency invertors General purpose power amplifiers
JEDEC EIAJ
SC-65
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25C unless otherwise specified)
Item Collector-Base voltage Collector-Emitter voltage Collector-Emitter voltage Emitter-Base voltage Collector current Base current Collector power disspation Operating junction temperature Storage temperature Symbol VCBO VCEO VCEO(SUS) VEBO IC IB PC Tj Tstg Ratings 850 500 10 10 3 80 +150 -55 to +150 Unit V V V V A A W C C
Electrical characteristics (Tc =25C unless otherwise specified)
Item Collector-Base voltage Collector-Emitter voltage Collector-Emitter voltage Emitter-Base voltage Collector-Base leakage current Emitter-Base leakage current D.C. current gain Collector-Emitter saturation voltage Base-Emitter saturation voltage *1 Switching time Symbol VCBO VCEO VCEO(SUS) VEBO ICBO IEBO hFE VCE(Sat) VBE(Sat) ton tstg tf Test Conditions ICBO = 1mA ICEO = 10mA IEBO = 1mA VCBO = 850V VEBO = 10V IC = 1A, VCE = 5V IC = 4A, IB = 0.8A IC = 2A, IB1 = 200mA IB2 = -400mA, RL = 150 ohm Pw = 20s Duty=<2%
Min.
850 500 10
Typ.
Max.
Units
V V V V mA mA V V s s s
1.0 1.0 15 1.5 1.2 1.0 3.5 1.0
Thermal characteristics
Item Thermal resistance Symbol Rth(j-c) Test Conditions Junction to case
Min.
Typ.
Max.
1.5
Units
C/W
1
ET206
Characteristics
FUJI POWER TRANSISTOR
Collector-Emitter voltage VCE[V]
D.C. current gain hFE
Base current IB[A]
Collector current IC[A]
Collector Output Characteristics
DC Current Gain
Saturation voltage VCE(sat), VBE(sat)[V]
Collector current IC[A]
Collector current IC[A]
Collector-Emitter voltage VCE[V]
Base and Collector Saturation Voltage
Safe Operating Area
Collector current IC[A]
Derating [%]
Collector-Emitter voltage VCE[V]
Case temperature Tc [C]
Reverse Biased Safe Operating Area
ASO Derating
2
ET206
Characteristics
FUJI POWER TRANSISTOR
Switching time ton, tstg, tf [s]
Collector current IC[A]
Switching Time
Thermal resistance Rth(j-c) [C/W]
time [ms]
Transient Thermal Resistance
*1 Switching Time Test Circuit
3


▲Up To Search▲   

 
Price & Availability of ET206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X