Part Number Hot Search : 
GL3KG63 BTA06 REEL7 C74VC LTC3556 EE08801 CAT2504 160N04
Product Description
Full Text Search
 

To Download EM78P153NP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM78P153S
OTP ROM
EM78P153S
8-BIT MICRO-CONTROLLER
Version 1.4
EM78P153S
OTP ROM
Specification Revision History Version
1.1 1.2 1.3 1.4 Initial version Change Initialized Register Values, Internal RC Drift Rate, DC and AC Electrical Characteristic Change Power on reset content Add the Device Characteristic at section 6.3 05/02/2003 06/25/2003 12/31/2003
Content
Application Note
AN-001 Q & A on ICE153S AN-002 The Set-up Timing and Pin Change Wake-up Function Application AN-003 Internal RC Oscillator Mode
This specification is subject to change without prior notice.
2
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
1. GENERAL DESCRIPTION
EM78P153S is an 8-bit microprocessor with low-power and high-speed CMOS technology. It is equipped with a 1024*13-bits Electrical One Time Programmable Read Only Memory (OTP-ROM) within it. It provides a PROTECTION bit to prevent intrusion of user's code in the OTP memory as well as 15 OPTION bits to match user's requirements. With its OTP-ROM feature, the EM78P153S offers users a convenient way of developing and verifying their programs. Moreover, user developed code can be easily programmed with the ELAN writer.
This specification is subject to change without prior notice.
3
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
2. FEATURES
* 14-lead packages : EM78P153S * Operating voltage range : 2.3V~5.5V * Available in temperature range: 0C~70C * Operating frequency range (base on 2 clocks): * Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.3V. * ERC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.3V. * Low power consumption: * less then 1.5 mA at 5V/4MHz * typical of 15 A, at 3V/32KHz * typical of 1A, during the sleep mode * 1024 x 13 bits on chip ROM * Built-in calibrated IRC oscillators (8MHz, 4MHz, 1MHz, 455KHz ) * Programmable prescaler of oscillator set-up time * One security register to prevent the code in the OTP memory from intruding * One configuration register to match the user's requirements * 32x 8 bits on chip registers (SRAM, general purpose register) * 2 bi-directional I/O ports * 5 level stacks for subroutine nesting * 8-bit real time clock/counter (TCC) with selective signal sources and trigger edges, and with overflow interrupt * Power down mode (SLEEP mode) * Three available interruptions * TCC overflow interrupt * Input-port status changed interrupt (wake up from the sleep mode) * External interrupt * Programmable free running watchdog timer * 7 programmable pull-high I/O pins * 7 programmable open-drain I/O pins * 6 programmable pull-down I/O pins * Two clocks per instruction cycle * Package type: 14 pins SOP, DIP * 14 pin DIP 300mil: EM78P153SP
This specification is subject to change without prior notice. 4 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
* 14 pin SOP 150mil: EM78P153SN * The transient point of system frequency between HXT and LXT is around 400KHz.
This specification is subject to change without prior notice.
5
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
3. PIN ASSIGNMENTS
P50 P67 P66 Vdd P65/OSCI P64/OSCO P63//RST
1 2 3 4 5 6 7 EM78P153S
14 13 12 11 10 9 8
P51 P52 P53 Vss P60//INT P61 P62/TCC
Fig. 1 Pin assignment Table 1 Pin description Symbol Vdd Pin No. Type Function 4 - Power supply. * General purpose I/O pin. * External clock signal input. P65/OSCI 5 I/O * Input pin of XT oscillator. * Pull-high/open-drain * Wake up from sleep mode when the status of the pin changes. * General purpose I/O pin. * External clock signal input. P64/OSCO 6 I/O * Input pin of XT oscillator. * Pull-high/open-drain * Wake up from sleep mode when the status of the pin changes. * If set as /RESET and remain at logic low, the device will be under reset. * Wake up from sleep mode when the status of the pin changes. P63//RESET 7 I * Voltage on /RESET must not exceed Vdd during the normal mode. * Internal Pull-high is on if defined as /RESET. * P63 is input pin only * General purpose I/O pin. * Pull-high/open-drain/pull-down. P62/TCC 8 I/O * Wake up from sleep mode when the status of the pin changes. * External Timer/Counter input. * General purpose I/O pin. * Pull-high/open-drain/pull-down. P61 9 I/O * Wake up from sleep mode when the status of the pin changes. * Schmitt Trigger input during the programming mode * General purpose I/O pin. * Pull-high/open-drain/pull-down. P60//INT 10 I/O * Wake up from sleep mode when the status of the pin changes. * Schmitt Trigger input during the programming mode.
This specification is subject to change without prior notice. 6 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
* External interrupt pin triggered by falling edge. * General purpose I/O pin. 2, 3 I/O * Pull-high/open-drain. * Wake up from sleep mode when the status of the pin changes. * General purpose I/O pin. 1,14~13 I/O * Pull-down 12 I/O * General purpose I/O pin. 11 - *Ground.
P66, P67 P50~P53 P53 VSS
This specification is subject to change without prior notice.
7
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
4. FUNCTION DESCRIPTION
OSCO OSCI
Oscillator/Timing
Control
/RESET
WDT timer Prescaler
TCC
/INT
ROM
R2
Stack
Built-in OSC
RAM
Interrupt Controller
R1(TCC)
Instruction Register
R3
ALU
R4
Instruction Decoder
ACC
DATA & CONTROL BUS
P60 P61 P62/TCC P63//REST P64/OSCO P65/OSCI P66 P67
IOC6 R6
I/O PORT 6
IOC5 R6
I/O PORT 5
P50 P51 P52 P53
Fig. 2 Functional block diagram
4.1 Operational Registers
1. R0 (Indirect Addressing Register)
R0 is not a physically implemented register. Its major function is to be an indirect addressing pointer. Any instruction using R0 as a pointer, actually accesses data pointed by the RAM Select Register (R4).
2. R1 (Time Clock /Counter)
* Increased by an external signal edge, which is defined by TE bit (CONT-4) through the TCC pin, or by the instruction cycle clock. * Writable and readable as any other registers. * Defined by resetting PAB (CONT-3). * The prescaler is assigned to TCC if the PAB bit (CONT-3) is reset. * The contents of the prescaler counter is cleared only when a value is written to TCC register.
This specification is subject to change without prior notice. 8 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
3. R2 (Program Counter) & Stack
* Depending on the device type, R2 and hardware stack are 10-bit wide. The structure is depicted in Fig.3. *1024x13 bits on-chip OTP ROM addresses to the relative programming instruction codes. One program page is 1024 words long. * R2 is set as all "0"s when at RESET condition. * "JMP" instruction allows direct loading of the lower 10 program counter bits. Thus, "JMP" allows PC to go to any location within a page. * "CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into the stack. Thus, the subroutine entry address can be located anywhere within a page. * "RET" ("RETL k", "RETI") instruction loads the program counter with the contents of the top-level stack. * "ADD R2,A" allows the contents of `A' to be added to the current PC, and the ninth and tenth bits of the PC are cleared. * "MOV R2,A" allows to load an address from the "A" register to the lower 8 bits of the PC, and the ninth and tenth bits of the PC are cleared. * Any instruction that is written to R2 (e.g. "ADD R2,A", "MOV R2,A", "BC R2,6",) will cause the ninth and tenth bits (A8,A9) of the PC to be cleared. Thus, the computed jump is limited to the first 256 locations of a page. * All instructions are single instruction cycle (fclk/2 or fclk/4), except for the instruction that would change the contents of R2. This instruction will need one more instruction cycle.
PC (A9 ~ A0)
Reset Vector Interrupt Vector
000H 008H
User Memory Space
Stack Level 1 Stack Level 2 Stack Level 3 Stack Level 4 Stack Level 5
On-chip Program Memory
3FFH
Fig. 3 Program counter organization
This specification is subject to change without prior notice.
9
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Address
R PAGE registers
IOC PAGE registers
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 2F
R0 R1 R2 R3 R4 R5 R6 (TCC) (PC) (Status) (RSR) (Port5) (Port6) Reserve Reserve Reserve Reserve Reserve Reserve Reserve Reserve RF (Interrupt Status) IOC5 IOC6
Reserve CONT (Control Register) Reserve Reserve Reserve (I/O Port Control Register) (I/O Port Control Register) Reserve Reserve Reserve Reserve IOCB (Pull-down Register) IOCC (Open-drain Control) IOCD (Pull-high Control Register) IOCE (WDT Control Register) IOCF (Interrupt Mask Register)
General Registers
Fig. 4 Data memory configuration
This specification is subject to change without prior notice.
10
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
4. R3 (Status Register)
7 RST 6 GP1 5 GP0 4 T 3 P 2 Z 1 DC 0 C
* Bit 7 (RST) Bit for reset type. Set to 1 if wake-up from sleep mode on pin change Set to 0 if wake up from other reset types * Bit6 ~ 5 (GP1 ~ 0) General purpose read/write bits. * Bit 4 (T) Time-out bit. Set to 1 with the "SLEP" and "WDTC" command, or during power up and reset to 0 by WDT time-out. * Bit 3 (P) Power down bit. Set to 1 during power on or by a "WDTC" command and reset to 0 by a "SLEP" command. * Bit 2 (Z) Zero flag. Set to "1" if the result of an arithmetic or logic operation is zero. * Bit 1 (DC) Auxiliary carry flag * Bit 0 (C) Carry flag
5. R4 (RAM Select Register)
* Bits 7 ~ 6 are general-purpose read/write bits. See the configuration of the data memory in Fig. 4. * Bits 5 ~ 0 are used to select registers (address: 00~06, 0F~2F) in the indirect addressing mode.
6. R5 ~ R6 (Port 5 ~ Port 6)
* R5 and R6 are I/O registers. * Only the lower 4 bits of R5 are available. * The upper 4 bits of R5 are fixed to 0. * P63 is input only.
7. RF (Interrupt Status Register)
7 6 5 4 3 2 EXIF 1 ICIF 0 TCIF
"1" means interrupt request, and "0" means no interrupt occurs. * Bits 7 ~ 3 Not used. * Bit 2 (EXIF) External interrupt flag. Set by falling edge on /INT pin, reset by software. * Bit 1 (ICIF) Port 6 input status changed interrupt flag. Set when Port 6 input changes, reset by software. * Bit 0 (TCIF) TCC overflowing interrupt flag. Set when TCC overflows, reset by software.
This specification is subject to change without prior notice. 11 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
* RF can be cleared by instruction but cannot be set. * IOCF is the interrupt mask register. * Note that the result of reading RF is the "logic AND" of RF and IOCF.
8. R10 ~ R2F
* All of these are the 8-bit general-purpose registers.
4.2 Special Purpose Registers
1. A (Accumulator)
* Internal data transfer, or instruction operand holding * It cannot be addressed.
2. CONT (Control Register)
7 * Bit 7 Not used. * Bit 6 (INT) Interrupt enable flag 0: masked by DISI or hardware interrupt 1: enabled by ENI/RETI instructions * Bit 5 (TS) TCC signal source 0: internal instruction cycle clock, P62 is a bi-directional I/O pin. 1: transition on TCC pin * Bit 4 (TE) TCC signal edge 0: increment if the transition from low to high takes place on TCC pin 1: increment if the transition from high to low takes place on TCC pin * Bit 3 (PAB) Prescaler assignment bit. 0: TCC 1: WDT * Bit 2 (PSR2) ~ 0 (PSR0) TCC/WDT prescaler bits. PSR2 0 0 0 0 1 1 1 1 PSR1 0 0 1 1 0 0 1 1 PSR0 0 1 0 1 0 1 0 1 TCC Rate 1:2 1:4 1:8 1:16 1:32 1:64 1:128 1:256
12
6 INT
5 TS
4 TE
3 PAB
2 PSR2
1 PSR1
0 PSR0
WDT Rate 1:1 1:2 1:4 1:8 1:16 1:32 1:64 1:128
4. 1.2004 (V1.4)
This specification is subject to change without prior notice.
EM78P153S
OTP ROM
* CONT register is both readable and writable.
3. IOC5 ~ IOC6 (I/O Port Control Register)
* "1" put the relative I/O pin into high impedance, while "0" defines the relative I/O pin as output. * Only the lower 4 bits of IOC5 are available to be defined. * IOC5 and IOC6 registers are both readable and writable.
4. IOCB (Pull-down Control Register)
7 * Bit 7 Not used. 0: Enable internal pull-down 1: Disable internal pull-down * Bit 6 (/PD6) Control bit used to enable the pull-down of P62 pin. * Bit 5 (/PD5) Control bit is used to enable the pull-down of P61 pin. * Bit 4 (/PD4) Control bit is used to enable the pull-down of P60 pin. * Bit 3 Not used * Bit 2 (/PD2) Control bit is used to enable the pull-down of P52 pin. * Bit 1 (/PD1) Control bit is used to enable the pull-down of P51 pin. * Bit 0 (/PD0) Control bit is used to enable the pull-down of P50 pin. * IOCB Register is both readable and writable. 6 /PD6 5 /PD5 4 /PD4 3 2 /PD2 1 /PD1 0 /PD0
5. IOCC (Open-drain Control Register)
7 OD7 6 OD6 5 OD5 4 OD4 3 2 OD2 1 OD1 0 OD0
* Bit 7 (OD7) Control bit is used to enable the open-drain of P67 pin. 0: Disable open-drain output 1: Enable open-drain output * Bit 6 (OD6) Control bit is used to enable the open-drain of P66 pin. * Bit 5 (OD5) Control bit is used to enable the open-drain of P65 pin. * Bit 4 (OD4) Control bit is used to enable the open-drain of P64 pin. * Bit 3 Not used. * Bit 2 (OD2) Control bit is used to enable the open-drain of P62 pin. * Bit 1 (OD1) Control bit is used to enable the open-drain of P61 pin. * Bit 0 (OD0) Control bit is used to enable the open-drain of P60 pin. * IOCC Register is both readable and writable.
6. IOCD (Pull-high Control Register)
This specification is subject to change without prior notice. 13 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
7 /PH7 6 /PH6 5 /PH5 4 /PH4 3 2 /PH2 1 /PH1 0 /PH0
* Bit 7 (/PH7) Control bit is used to enable the pull-high of P67 pin. 0: Enable internal pull-high 1: Disable internal pull-high * Bit 6 (/PH6) Control bit is used to enable the pull-high of P66 pin. * Bit 5 (/PH5) Control bit is used to enable the pull-high of P65 pin. * Bit 4 (/PH4) Control bit is used to enable the pull-high of P64 pin. * Bit 3 Not used.
* Bit 2 (/PH2) Control bit is used to enable the pull-high of P62 pin. * Bit 1 (/PH1) Control bit is used to enable the pull-high of P61 pin. * Bit 0 (/PH0) Control bit used to enable the pull-high of P60 pin. * IOCD Register is both readable and writable.
7. IOCE (WDT Control Register)
7 WDTE 6 EIS 5 4 3 2 1 0 -
* Bit 7 (WDTE) Control bit used to enable Watchdog timer. 0: Disable WDT. 1: Enable WDT. WDTE is both readable and writable. * Bit 6 (EIS) Control bit is used to define the function of P60(/INT) pin. 0: P60, bi-directional I/O pin. 1: /INT, external interrupt pin. In this case, the I/O control bit of P60 (bit 0 of IOC6) must be set to "1". When EIS is "0", the path of /INT is masked. When EIS is "1", the status of /INT pin can also be read by way of reading Port 6 (R6). Refer to Fig. 7. EIS is both readable and writable. * Bit 5 ~ 0 Not used.
8. IOCF (Interrupt Mask Register)
7 6 5 4 3 2 EXIE 1 ICIE 0 TCIE
* Bit 7 ~ 3 Not used. * Individual interrupt is enabled by setting its associated control bit in the IOCF to "1". * Global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction. Refer to Fig. 9. * Bit 2 (EXIE) EXIF interrupt enable bit.
This specification is subject to change without prior notice. 14 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
0: disable EXIF interrupt 1: enable EXIF interrupt * Bit 1 (ICIE) ICIF interrupt enable bit. 0: disable ICIF interrupt 1: enable ICIF interrupt * Bit 0 (TCIE) TCIF interrupt enable bit. 0: disable TCIF interrupt 1: enable TCIF interrupt * IOCF register is both readable and writable.
4.3 TCC/WDT & Prescaler
There is an 8-bit counter available as prescaler for the TCC or WDT. The prescaler is available for the TCC only or the WDT only at the same time and the PAB bit of the CONT register is used to determine the prescaler assignment. The PSR0~PSR2 bits determine the ratio. The prescaler is cleared each time the instruction is written to TCC under TCC mode. The WDT and prescaler, when assigned to WDT mode, are cleared by the "WDTC" or "SLEP" instructions. Fig. 5 depicts the circuit diagram of TCC/WDT. * R1(TCC) is an 8-bit timer/counter. The clock source of TCC can be internal or external clock input (edge selectable from TCC pin). If TCC signal source is from internal clock, TCC will increase by 1 at every instruction cycle (without prescaler). Referring to Fig. 5, CLK=Fosc/2 or CLK=Fosc/4, depends on the CODE Option bit CLK. CLK=Fosc/2 is used if CLK bit is "0", and CLK=Fosc/4 is used if CLK bit is "1". If TCC signal source is from external clock input, TCC is increased by 1 at every falling edge or rising edge of TCC pin. * The watchdog timer is a free running on-chip RC oscillator. The WDT will keep running even when the oscillator driver has been turned off (i.e. in sleep mode). During normal operation or sleep mode, a WDT time-out (if enabled) will cause the device to reset. The WDT can be enabled or disabled any time during normal mode by software programming. Refer to WDTE bit of IOCE register. Without prescaler, the WDT time-out period is approximately 18 ms1 (default).
4.4 I/O Ports
The I/O registers, both Port 5 and Port 6, are bi-directional tri-state I/O ports. Port 6 can be pulled-high
1
: Vdd = 5V, set up time period = 16.5ms 30% Vdd = 3V, set up time period = 18ms 30%
15 4. 1.2004 (V1.4)
This specification is subject to change without prior notice.
EM78P153S
OTP ROM
internally by software except P63. In addition, Port 6 can also have open-drain output by software except P63. Input status changed interrupt (or wake-up) function is available from Port 6. P50 ~ P52 and P60 ~ P62 pins can be pulled-down by software. Each I/O pin can be defined as "input" or "output" pin by the I/O control register (IOC5 ~ IOC6) except P63. The I/O registers and I/O control registers are both readable and writable. The I/O interface circuits for Port 5 and Port 6 are shown in Fig. 6,Fig.7 and fig. 8 respectively.
CLK(Fosc/2 or Fosc/4)
Data Bus
0 TCC Pin 1 TE 0 WDT 1
M U X
1 0
M U X
SYNC 2 cycles
TCC(R1)
TS
PAB
TCC Overflow Interrupt
M U X
8-bit Counter PSR0~PSR2 8-to-1 MUX
PAB WDTE (in IOCE) 0 1 MUX PAB
WDT Time Out
Fig. 5 Block diagram of TCC and WDT
This specification is subject to change without prior notice.
16
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
PCRD
Q _ Q
P R C L
D CLK PCWR
PORT
Q _ Q
P R C L
D CLK PDWR
IOD
PDRD 0 1 M U X
*Pull-down is not shown in the figure.
Fig. 6 The circuit of I/O port and I/O control register for Port 5
PCRD
P QRD _ CLK QC L
PCW R
PORT B it 6 of I O C E
Q _ Q
0 1 M U X
P RD CLK C L
IO D PDW R
D
P R CLK C L
Q _ Q
PDRD
T 10
D
P RQ
CLK _ CQ L
*Pull-high (down), Open-drain are not shown in the figure.
Fig. 7 The circuit of I/O port and I/O control register for P60(/INT)
This specification is subject to change without prior notice.
17
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Q _ Q
P RD CLK C L
PCW R
PORT
Q _ Q
P D R CLK C L
IOD PDW R
0
1
M U X
PDRD
TIN
D
P R CLK C L
Q _ Q
*Pull-high (down), Open-drain are not shown in the figure.
Fig. 8 The circuit of I/O port and I/O control register for P61~P67
ICIE
D
P R C L
Q _ Q ICIF ENI Instruction Interrupt
CLK
P60 P61 P62 P63 P64 P65 P66 P67
D
P R
Q Q _ Q P R C L DISI Instruction Interrupt (Wake-up from SLEEP) D
CLK
_ CQ L
CLK
/SLEP
Next Instruction (Wake-up from SLEEP)
Fig. 9 Block diagram of I/O Port 6 with input change interrupt/wake-up
This specification is subject to change without prior notice.
18
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Table 2 Usage of Port 6 input change wake-up/interrupt function Usage of Port 6 Input Status Change Wake-up/Interrupt (I) Wake-up from Port 6 Input Status Change (a) Before SLEEP 1. Disable WDT 2. Read I/O Port 6 (MOV R6,R6) 3. Execute "ENI" or "DISI" 4. Enable interrupt (Set IOCF.1) 5. Execute "SLEP" instruction (b) After Wake-up 1. IF "ENI" Interrupt vector (008H) 2. IF "DISI" Next instruction (II) Port 6 Input Status Change Interrupt 1. Read I/O Port 6 (MOV R6,R6) 2. Execute "ENI" 3. Enable interrupt (Set IOCF.1) 4. IF Port 6 change (interrupt) Interrupt vector (008H)
4.5 RESET and Wake-up
1. RESET
Input Status Change (1) Power on reset. (2) /RESET pin input "low", or (3) WDT time-out (if enabled). The device is kept in a RESET condition for a period of approx. 18ms1 (one oscillator start-up timer period) after the reset is detected. Once the RESET occurs, the following functions are performed. Refer to Fig10.. * The oscillator is running, or will be started. * The Program Counter (R2) is set to all "0". * All I/O port pins are configured as input mode (high-impedance state). * The Watchdog timer and prescaler are cleared. * When power is switched on, the upper 3 bits of R3 are cleared. * The bits of the CONT register are set to all "1" except for the Bit 6 (INT flag). * The bits of the IOCB register are set to all "1". * The IOCC register is cleared. * The bits of the IOCD register are set to all "1". * Bit 7 of the IOCE register is set to "1", and Bits 4 and 6 are cleared. * Bits 0~2 of RF and bits 0~2 of IOCF register are cleared.
1
Vdd = 5V, set up time period = 16.5ms 30% Vdd = 3V, set up time period = 18ms 30%
This specification is subject to change without prior notice.
19
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
The sleep (power down) mode is attained by executing the "SLEP" instruction. While entering sleep mode, WDT (if enabled) is cleared but keeps on running. The controller can be awakened by (1) External reset input on /RESET pin, (2) WDT time-out (if enabled), or (3) Port 6 input status changes (if enabled). The first two cases will cause the EM78P153S to reset. The T and P flags of R3 can be used to determine the source of the reset (wake-up). The last case is considered the continuation of program execution and the global interrupt ("ENI" or "DISI" being executed) decides whether or not the controller branches to the interrupt vector following wake-up. If ENI is executed before SLEP, the instruction will begin to execute from the address 008H after wake-up. If DISI is executed before SLEP, the operation will restart from the instruction right next to SLEP after wake-up. Only one of the Cases 2 and 3 can be enabled before entering the sleep mode. That is, [a] if Port 6 input status changed interrupt is enabled before SLEP , WDT must be disabled. by software. However, the WDT bit in the option register remains enabled. Hence, the EM78P153S can be awakened only by Case 1 or 3. [b] if WDT is enabled before SLEP, Port 6 Input Status Change Interrupt must be disabled. Hence, the EM78P153S can be awakened only by Case 1 or 2. Refer to the section on interrupt. If Port 6 Input Status Changed Interrupt is used to wake-up the EM78P153S (Case [a] above), the following instructions must be executed before SLEP: MOV CONTW WDTC MOV IOW MOV MOV IOW ENI (or DISI) SLEP NOTE: 1. After waking up from the sleep mode, WDT is automatically enabled. The WDT enabled/disabled operation after waking up from sleep mode should be appropriately defined in the software 2. To avoid a reset from occurring when the Port 6 Input Status Changed Interrupt enters into interrupt vector or is used to wake-up the MCU, the WDT prescaler must be set above the 1:1 ratio.
This specification is subject to change without prior notice. 20 4. 1.2004 (V1.4)
A, @xxxx1110b A, @0xxxxxxxb RE R6, R6 A, @00000x1xb RF
; Select WDT prescaler, prescaler must set over 1:1 ; Clear WDT and prescaler ; Disable WDT ; Read Port 6 ; Enable Port 6 input change interrupt ; Enable (or disable) global interrupt ; Sleep
EM78P153S
OTP ROM
Table 3 The Summary of the Initialized Register Values
Address N/A Name IOC5 Reset Type Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Wake-Up from Pin Change Bit Name Power-On /RESET and WDT Bit 7 X 0 0 0 C67 1 1 P X 1 P P P67 1 P P X 1 1 P U P P 0 0 P 0 0 P RST 0 0 1 GP1 U P P X 0 0 0 X 1 1
21
N/A
IOC6
0x05
P5
0x06
P6
N/A
CONT
0x00
R0(IAR)
0x01
R1(TCC)
0x02
R2(PC)
0x03
R3(SR)
0x04
R4(RSR)
0x0F 0x0B
RF(ISR) IOCB
Bit 6 X 0 0 0 C66 1 1 P X 1 P P P66 1 P P INT 0 0 0 U P P 0 0 P 0 0 P GP1 0 0 P GP0 U P P X 0 0 0 /PD6 1 1
Bit 5 X 0 0 0 C65 1 1 P X 1 P P P65 1 P P TS 1 1 P U P P 0 0 P 0 0 P GP0 0 0 P U P P X 0 0 0 /PD5 1 1
Bit 4 X 0 0 0 C64 1 1 P X 1 P P P64 1 P P TE 1 1 P U P P 0 0 P 0 0 P T 1 t t U P P X 0 0 0 /PD4 1 1
Bit 3 C53 1 1 P C63 1 1 P P53 1 P P P63 1 P P PAB 1 1 P U P P 0 0 P 0 0 N P 1 t t U P P X 0 0 0 /PD3 1 1
Bit 2 Bit 1 Bit 0 C52 C51 C50 1 1 1 1 1 1 P P P C62 C61 C60 1 1 1 1 1 1 P P P P52 P51 P50 1 1 1 P P P P P P P62 P61 P60 1 1 1 P P P P P P PSR2 PSR1 PSR0 1 1 1 1 1 1 P P P U U U P P P P P P 0 0 0 0 0 0 P P P 0 0 0 0 0 0 P P P Z DC C U U U P P P P P P U U U P P P P P P EXIF ICIF TCIF 0 0 0 0 0 0 P N P /PD2 /PD1 /PD0 1 1 1 1 1 1
4. 1.2004 (V1.4)
This specification is subject to change without prior notice.
EM78P153S
OTP ROM
Address Reset Type Bit 7 Bit 6 Wake-Up from Pin Change P P Bit Name OD7 OD6 Power-On 0 0 IOCC /RESET and WDT 0 0 Wake-Up from Pin Change P P Bit Name /PH7 /PH6 Power-On 1 1 IOCD /RESET and WDT 1 1 Wake-Up from Pin Change P P Bit Name WDTE EIS Power-On 1 0 IOCE /RESET and WDT 1 0 Wake-Up from Pin Change 1 P Bit Name X X Power-On 1 1 IOCF /RESET and WDT 1 1 Wake-Up from Pin Change 1 1 Bit Name Power-On U U R10~R2F /RESET and WDT P P Wake-Up from Pin Change P P Name Bit 5 P OD5 0 0 P /PH5 1 1 P X 1 1 1 X 1 1 1 U P P Bit 4 P OD4 0 0 P /PH4 1 1 P X 1 1 1 X 1 1 1 U P P Bit 3 P X 0 0 P X 1 1 P X 1 1 1 X 1 1 1 U P P Bit 2 P OD2 0 0 P /PH2 1 1 P X 1 1 1 EXIE 0 0 P U P P Bit 1 P OD1 0 0 P /PH1 1 1 P X 1 1 1 ICIE 0 0 P U P P Bit 0 P OD0 0 0 P /PH0 1 1 P X 1 1 1 TCIE 0 0 P U P P
0x0C
0x0D
0x0E
0x0F
0x10~0x2F
X: not used. U: unknown or don't care. -: not defined P: previous value before reset. t: check Table 4 N: Monitors interrupt operation status; 1 = running; P = not running
2. /RESET Configure
Refer to Fig. 10 When the RESET bit in the OPTION word is programmed to 0, the external /RESET is enabled. When programmed to 1, the internal /RESET is enabled, tied to the internal Vdd and the pin is defined as P63.
3. The status of RST, T, and P of STATUS register
A RESET condition is initiated by the following events: 1. A power-on condition, 2. A high-low-high pulse on /RESET pin, and 3. Watchdog timer time-out. The values of RST, T and P, listed in Table 4 are used to check hoe the processor wakes up. Table 5 shows the events which may affect the status of RST, T and P.
This specification is subject to change without prior notice.
22
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Table 4 The Values of RST, T and P after RESET Reset Type Power on /RESET during Operating mode /RESET wake-up during SLEEP mode WDT during Operating mode WDT wake-up during SLEEP mode Wake-Up on pin change during SLEEP mode *P: Previous status before reset Table 5 The Status of RST, T and P being Affected by Events Event Power on WDTC instruction WDT time-out SLEP instruction Wake-Up on pin change during SLEEP mode *P: Previous value before reset
VDD
RST 0 0 0 0 0 1
T 1 *P 1 0 0 1
P 1 *P 0 P 0 0
RST 0 *P 0 *P 1
T 1 1 0 1 1
P 1 1 *P 0 0
Oscillator
D CLK CLR
Q
CLK
Power-on Reset
Voltage Detector
WDTE
WDT
WDT Timeout
Setup Time
RESET
/RESET
Fig. 10 Block Diagram of Controller Reset
This specification is subject to change without prior notice.
23
4. 1.2004 (V1.4)
EM78P153S
OTP ROM 4.6 Interrupt
The EM78P153S has three falling-edge interrupts as listed below: (1) TCC overflow interrupt (2) Port 6 Input Status Change Interrupt (3) External interrupt [(P60, /INT) pin]. Before the Port 6 Input Status Changed Interrupt is enabled, reading Port 6 (e.g. "MOV R6,R6") is necessary. Each pin of Port 6 will have this feature if its status changes. Any pin configured as output or P60 pin configured as /INT, is excluded from this function. The Port 6 Input Status Changed Interrupt can wake up the EM78P153S from sleep mode if Port 6 is enabled prior to going into the sleep mode by executing SLEP instruction. When the chip wakes-up, the controller will continue to execute the program in-line if the global interrupt is disabled. If the global interrupt is enabled, it will branch to the interrupt vector 008H. RF is the interrupt status register that records the interrupt requests in the relative flags/bits. IOCF is an interrupt mask register. The global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction. When one of the interrupts (enabled) occurs, the next instruction will be fetched from address 008H. Once in the interrupt service routine, the source of an interrupt can be determined by polling the flag bits in RF. The interrupt flag bit must be cleared by instructions before leaving the interrupt service routine before interrupts are enabled to avoid recursive interrupts. The flag (except ICIF bit) in the Interrupt Status Register (RF) is set regardless of the status of its mask bit or the execution of ENI. Note that the outcome of RF will be the logic AND of RF and IOCF (refer to Fig. 11). The RETI instruction ends the interrupt routine and enables the global interrupt ( the execution of ENI). When an interrupt is generated by the INT instruction (enabled), the next instruction will be fetched from address 001H.
This specification is subject to change without prior notice.
24
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
VCC
D /IRQn CLK RF
P R C L
Q _ Q RFRD
IRQn INT IRQm ENI/DISI
Q _ Q
P R C L
D CLK IOCFWR
IOD
IOCF /RESET
IOCFRD
RFWR
Fig. 11 Interrupt input circuit
4.7 Oscillator
1. Oscillator Modes
The EM78P153S can be operated in four different oscillator modes, such as Internal RC oscillator mode (IRC), External RC oscillator mode(ERC), High XTAL oscillator mode(HXT), and Low XTAL oscillator mode(LXT). User can select one of them by programming OCS1 and OSC2 in the CODE Option register. Table 6 depicts how these four modes are defined. The up-limited operation frequency of crystal/resonator on the different VDDs is listed in Table 7. Table 6 Oscillator Modes defined by OSC1 and OSC2 Mode IRC(Internal RC oscillator mode) ERC(External RC oscillator mode) HXT(High XTAL oscillator mode) LXT(Low XTAL oscillator mode) OSC1 1 1 0 0 OSC2 1 0 1 0
The transient point of system frequency between HXT and LXY is around 400 KHz.
This specification is subject to change without prior notice.
25
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Table 7 The summary of maximum operating speeds Conditions Two cycles with two clocks VDD 2.3 3.0 5.0 Fxt max.(MHz) 4.0 8.0 20.0
2. Crystal Oscillator/Ceramic Resonators(XTAL)
EM78P153S can be driven by an external clock signal through the OSCI pin as shown in Fig. 12.
OSCI OSCO EM78P153S
Ext. Clock
Fig. 12 Circuit for External Clock Input In most applications, pin OSCI and pin OSCO can be connected with a crystal or ceramic resonator to generate oscillation. Fig. 13 depicts such circuit. The same thing applies whether it is in the HXT mode or in the LXT mode. Table 8 provides the recommended values of C1 and C2. Since each resonator has its own attribute, user should refer to its specification for appropriate values of C1 and C2. RS, a serial resistor, may be necessary for AT strip cut crystal or low frequency mode
C1
OSCI EM78P153S OSCO
XTAL
RS
C2
Fig. 13 Circuit for Crystal/Resonator Table 8 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonators
This specification is subject to change without prior notice. 26 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Oscillator Type Ceramic Resonators Frequency Mode HXT Frequency 455 kHz 2.0 MHz 4.0 MHz 32.768kHz LXT Crystal Oscillator HXT 100KHz 200KHz 455KHz 1.0MHz 2.0MHz 4.0MHz 1. The value of capacitors (C1, C2) is for reference. C1(pF) 100~150 20~40 10~30 25 25 25 20~40 15~30 15 15 C2(pF) 100~150 20~40 10~30 15 25 25 20~150 15~30 15 15
3. External RC Oscillator Mode
For some applications that do not need to have its timing to be calculated precisely, the RC oscillator (Fig. 16) offers a lot of cost savings. Nevertheless, it should be noted that the frequency of the RC oscillator is influenced by the supply voltage, the values of the resistor (Rext), the capacitor (Cext), and even the operation temperature. Moreover, the frequency also changes slightly from one chip to another due to the manufacturing process variation. In order to maintain a stable system frequency, the values of the Cext should not be less than 20pF, and that the value of Rext should not be greater than 1 M ohm. If they cannot be kept in this range, the frequency is easily affected by noise, humidity, and leakage. The smaller the Rext in the RC oscillator, the faster its frequency will be. On the contrary, for very low Rext values, for instance, 1 K, the oscillator becomes unstable because the NMOS cannot discharge the current of the capacitance correctly. Based on the reasons above, it must be kept in mind that all of the supply voltage, the operation temperature, the components of the RC oscillator, the package types, the way the PCB is layout, will affect the system frequency.
This specification is subject to change without prior notice.
27
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Vcc Rext
OSCI
Cext
EM78P153S
Fig.14 Circuit for External RC Oscillator Mode
Table 9 RC Oscillator Frequencies
Cext 20 pF
100 pF
300 pF
Rext 3.3k 5.1k 10k 100k 3.3k 5.1k 10k 100k 3.3k 5.1k 10k 100k
Average Fosc 5V,25C 3.92 MHz 2.67 MHz 1.4 MHz 150 KHz 1.4 MHz 940 KHz 476 KHz 50 KHz 595 KHz 400 KHz 200 KHz 20.9 KHz
Average Fosc 3V,25C 3.63MHz 2.6 MHz 1.4 MHz 156 KHz 1.33 MHz 917 KHz 480 KHz 52 KHz 570 KHz 384 KHz 203 KHz 20 KHz
1. Measured on DIP packages. 2. Design reference only 3. The frequency drift is about 30%
4. Internal RC Oscillator Mode
EM78P153S offer a versatile internal RC mode with default frequency value of 4MHz.Internal RC oscillator mode still has other frequencies 8MHz, 1MHz, and 455KHz and can be set by OPTION bits, RCM1 and RCM0. All these four main frequencies can be calibration by programming the OPTION bits, CAL0~CAL2. Table 10 describes the EM78P153S internal RC drift with the variation of voltage, temperature, and process.
This specification is subject to change without prior notice.
28
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Table 10 Internal RC Drift Rate (Ta=25C , VDD=5 V 5%, VSS=0V) Drift Rate Internal RC 8MHz 4MHz 1MHz 455kHz Temperature (0C~70C) 3% 3% 3% 3% Voltage (2.3V~5.5V) 5% 5% 5% 5% Process 10% 5% 10% 10% Total 18% 13% 18% 18%
4.8 Code Option Register
The EM78P153S has one CODE option word that is not a part of the normal program memory. The option bits cannot be accessed during normal program execution. Code Option Register and Customer ID Register arrangement distribution: Word 0 Bit12~Bit0 Word1 Bit1~Bit0 Word 2 Bit12~Bit0
Code Option Register (Word 0)
WORD 0 Bit12 /RESET Bit11 /ENWDT Bit10 CLKS Bit9 OSC1 Bit8 OCS0 Bit7 CS Bit6 SUT1 Bit5 SUT0 Bit4 TYPE Bit3 RCOUT Bit2 C2 Bit1 C1 Bit0 C0
* Bit 12 (/RESET): Define pin7 as a reset pin. 0: /RESET enable 1: /RESET disable * Bit 11 (/ENWTD): Watchdog timer enable bit. 0: Enable 1: Disable This bit must enable and the WDTE reg. (IOCE reg. bit 6) must disable when port 6 pin change wake up function is used. * Bit 10 (CLKS): Instruction period option bit. 0: two oscillator periods. 1: four oscillator periods. Refer to the section of Instruction Set. * Bit 9 and Bit 8 ( OSC1 and OSC0 ): Oscillator Modes Selection bits. Table 11 Oscillator Modes defined by OSC1 and OSC0 Mode IRC(Internal RC oscillator mode) ERC(External RC oscillator mode) HXT(High XTAL oscillator mode)
This specification is subject to change without prior notice.
OSC1 1 1 0
29
OSC0 1 0 1
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
LXT(Low XTAL oscillator mode) * Bit 7 (CS): Code Security Bit 0: Security On 1: Security Off * Bit6 and Bit5 ( SUT1 and SUT0 ): Set-Up Time of device bits. Table 12 Set-Up Time of device Programming SUT1 1 1 0 0 SUT0 1 0 1 0 *Set-Up Time 18 ms 4.5 ms 288 ms 72 ms 0 0
: The transient point of system frequency between HXT and LXY is around 400 KHz.
* Theoretical values, for reference only
* Bit 4 (Type): Type selection for EM78P153S TYPE 0 1 RCOUT 0 1 C2,C1,C0 must be set to "1" ONLY. Series EM78P153S X Pin Function P64 OSCO
* Bit 3 (RCOUT): A selecting bit of Oscillator output or I/O port.
* Bit 2, Bit 1, and Bit 0 ( C2, C1, C 0 ): Calibrator of internal RC mode Bit 3
Code Option Register (Word 1)
WORD1 Bit1 RCM1 RCM 1 1 1 0 0 RCM 0 1 0 1 0 Bit0 RCM0 *Frequency(MHz) 4 8 1 455kHz
Bit 1, and Bit 0 ( RCM1, RCM0): RC mode selection bits
Customer ID Register (Word 2)
Bit 12~Bit 0 XXXXXXXXXXXXX Bit 12~ 0 : Customer's ID code
This specification is subject to change without prior notice. 30 4. 1.2004 (V1.4)
EM78P153S
OTP ROM 4.9 Power On Considerations
Any microcontroller is not guaranteed to start to operate properly before the power supply stabilizes at its steady state. Under customer application, when power is OFF, Vdd must drop to below 1.8V and remains OFF for 10us before power can be switched ON again. This way, the EM78P153S will reset and work normally. The extra external reset circuit will work well if Vdd can rise at very fast speed (50 ms or less). However, under most cases where critical applications are involved, extra devices are required to assist in solving the power-up problems.
4.10 Programmable Oscillator Set-Up Time
The Option word contains SUT0 and SUT1 which can be used to define the oscillator set up time. Theorically, the range is from 4.5 ms to 72 ms. For most of crystal or ceramic resonators, the lower the operation frequency is, the longer the Set-up time may be required. Table 12 describes the values of Oscillator Set-Up Time.
4.11 External Power On Reset Circuit
The circuit shown in Fig 17 implements an external RC to produce the reset pulse. The pulse width (time constant) should be kept long enough for Vdd to reach minimum operation voltage. This circuit is used when the power supply has slow rise time. Because the current leakage from the /RESET pin is about 5A, it is recommended that R should not be great than 40 K. In this way, the voltage in pin /RESET will be held below 0.2V. The diode (D) acts as a short circuit at the moment of power down. The capacitor C, will discharged rapidly and fully. Rl, the current-limited resistor, will prevent high current discharge or ESD (electrostatic discharge) from flowing to pin /RESET.
Vdd /RESET
EM78P153S
R D
Rin
C
Fig. 15 External Power-Up Reset Circuit
4.12 Residue-Voltage Protection
When battery is replaced, device power (Vdd) is taken off but residue-voltage remains. The
This specification is subject to change without prior notice. 31 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
residue-voltage may trips below Vdd minimum, but not to zero. This condition may cause a poor power on reset. Fig.18 and Fig. 19 show how to build a residue-voltage protection circuit.
Vdd 33K EM78P153S /RESET 100K 1N4684 Q1 10K
Vdd
Fig. 16 Circuit 1 for the residue voltage protection
Vdd
V dd
R1
E M78P 153S /R E S E T
Q1
R3
R2
Fig.17 Circuit 2 for the residue voltage protection
4.13 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one or more operands. Normally, all instructions are executed within one single instruction cycle (one instruction consists of 2 oscillator periods), unless the program counter is changed by instruction "MOV R2,A",
This specification is subject to change without prior notice. 32 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
"ADD R2,A", or by instructions of arithmetic or logic operation on R2 (e.g. "SUB R2,A", "BS(C) R2,6", "CLR R2", ). In this case, the execution takes two instruction cycles. If for some reasons, the specification of the instruction cycle is not suitable for certain applications, try modifying the instruction as follows: (A) Modify one instruction cycle to consist of 4 oscillator periods. (B) Execute within two instruction cycles the "JMP", "CALL", "RET", "RETL", "RETI" commands, or the conditional skip ("JBS", "JBC", "JZ", "JZA", "DJZ", "DJZA") which were tested to be true. The instructions that are written to the program counter, should also take two instruction cycles. The Case (A) is selected by the CODE Option bit, called CLKS. One instruction cycle will consist of two oscillator clocks if CLKS is low, and four oscillator clocks if CLKS is high. Note that once the 4 oscillator periods within one instruction cycle is selected under Case (A), the internal clock source to TCC should be CLK=Fosc/4 ,instead of Fosc/ 2 as illustrated in Fig. 5. In addition, the instruction set has the following features: (1) Every bit of any register can be set, cleared, or tested directly. (2) The I/O register can be regarded as general register. That is, the same instruction can operate on I/O register. The symbol "R" represents a register designator that specifies which one of the registers (including operational registers and general purpose registers) is to be utilized by the instruction. "b" represents a bit field designator that selects the value for the bit which is located in the register "R", and affects the operation. "k" represents an 8 or 10-bit constant or literal value.
INSTRUCTION BINARY 0 0000 0000 0000 0 0000 0000 0001 0 0000 0000 0010 0 0000 0000 0011 0 0000 0000 0100 0 0000 0000 rrrr 0 0000 0001 0000 0 0000 0001 0001 0 0000 0001 0010 0 0000 0001 0011 0 0000 0001 0100 0 0000 0001 rrrr 0 0000 01rr rrrr 0 0000 1000 0000 0 0000 11rr rrrr HEX 0000 0001 0002 0003 0004 000r 0010 0011 0012 0013 0014 001r 00rr 0080 00rr MNEMONIC NOP DAA CONTW SLEP WDTC IOW R ENI DISI RET RETI CONTR IOR R MOV R,A CLRA CLR R OPERATION No Operation Decimal Adjust A A CONT 0 WDT, Stop oscillator 0 WDT A IOCR Enable Interrupt Disable Interrupt [Top of Stack] PC [Top of Stack] PC, Enable Interrupt CONT A IOCR A AR 0A 0R
33
STATUS AFFECTED None C None T,P T,P None None None None None None None None Z Z
4. 1.2004 (V1.4)
This specification is subject to change without prior notice.
EM78P153S
OTP ROM
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 0001 0001 0001 0001 0010 0010 0010 0010 0011 0011 0011 0011 0100 0100 0100 0100 0101 0101 0101 0101 0110 0110 0110 0110 0111 0111 0111 0111 100b 101b 110b 111b 00kk 01kk 1000 1001 1010 1011 1100 1101 1110 1111 00rr rrrr 01rr rrrr 10rr rrrr 11rr rrrr 00rr rrrr 01rr rrrr 10rr rrrr 11rr rrrr 00rr rrrr 01rr rrrr 10rr rrrr 11rr rrrr 00rr rrrr 01rr rrrr 10rr rrrr 11rr rrrr 00rr rrrr 01rr rrrr 10rr rrrr 11rr rrrr 00rr rrrr 01rr rrrr 10rr rrrr 11rr rrrr 00rr rrrr 01rr rrrr 10rr rrrr 11rr rrrr bbrr rrrr bbrr rrrr bbrr rrrr bbrr rrrr kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk kkkk 0000 0001 kkkk kkkk 01rr 01rr 01rr 01rr 02rr 02rr 02rr 02rr 03rr 03rr 03rr 03rr 04rr 04rr 04rr 04rr 05rr 05rr 05rr 05rr 06rr 06rr 06rr 06rr 07rr 07rr 07rr 07rr 0xxx 0xxx 0xxx 0xxx 1kkk 1kkk 18kk 19kk 1Akk 1Bkk 1Ckk 1Dkk 1E01 1Fkk SUB A,R SUB R,A DECA R DEC R OR A,R OR R,A AND A,R AND R,A XOR A,R XOR R,A ADD A,R ADD R,A MOV A,R MOV R,R COMA R COM R INCA R INC R DJZA R DJZ R RRCA R RRC R RLCA R RLC R SWAPA R SWAP R JZA R JZ R BC R,b BS R,b JBC R,b JBS R,b CALL k JMP k MOV A,k OR A,k AND A,k XOR A,k RETL k SUB A,k INT ADD A,k R-A A R-A R R-1 A R-1 R A VR A A VR R A&RA A&RR ARA ARR A+RA A+RR RA RR /R A /R R R+1 A R+1 R R-1 A, skip if zero R-1 R, skip if zero R(n) A(n-1),R(0) C, C A(7) R(n) R(n-1),R(0) C, C R(7) R(n) A(n+1),R(7) C, C A(0) R(n) R(n+1),R(7) C, C R(0) R(0-3) A(4-7),R(4-7) A(0-3) R(0-3) R(4-7) R+1 A, skip if zero R+1 R, skip if zero 0 R(b) 1 R(b) if R(b)=0, skip if R(b)=1, skip PC+1 [SP],(Page, k) PC (Page, k) PC kA AkA A&kA AkA k A,[Top of Stack] PC k-A A PC+1 [SP],001H PC k+A A Z,C,DC Z,C,DC Z Z Z Z Z Z Z Z Z,C,DC Z,C,DC Z Z Z Z Z Z None None C C C C None None None None None None None None None None None Z Z Z None Z,C,DC None Z,C,DC
This instruction is applicable to IOC5~IOC6, IOCB~IOCF only. This instruction is not recommended for RF operation. This instruction cannot operate under RF.
This specification is subject to change without prior notice.
34
4. 1.2004 (V1.4)
EM78P153S
OTP ROM 4.14 Timing Diagrams
AC Test Input/Output Waveform
2.4
2.0 0.8
TEST POINTS
2.0 0.8
0.4
AC Testing : Input is driven at 2.4V for logic "1",and 0.4V for logic "0".Timing measurements are made at 2.0V for logic "1",and 0.8V for logic "0".
RESET Timing (CLK="0")
NOP
Instruction 1 Executed
CLK
/RESET
Tdrh
TCC Input Timing (CLKS="0")
Tins CLK
TCC
Ttcc
This specification is subject to change without prior notice.
35
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
5. ABSOLUTE MAXIMUNM RATINGS
Items Temperature under bias Storage temperature Input voltage Output voltage Rating 0C to 70C -65C to 150C -0.3V to +6.0V -0.3V to +6.0V
This specification is subject to change without prior notice.
36
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
6. ELECTRICAL CHARACTERISTIC
6.1 DC Electrical Characteristic
( Ta= 0C ~ 70 C, VDD= 5.0V5%, VSS= 0V )
Symbol Fxt Fxt Fxt ERC IIL VIH1 VIL1 VIHT1 VILT1 VIHX1 VILX1 VIH2 VIL2 VIHT2 VILT2 VIHX2 VILX2 Parameter Condition Min XTAL: VDD to 2.3V Two cycle with two clocks DC XTAL: VDD to 3V Two cycle with two clocks DC XTAL: VDD to 5V Two cycle with two clocks DC RC: VDD to 5V R: 5K, C: 39 pF F-30% Input Leakage Current for input pins VIN = VDD, VSS Input High Voltage (VDD=5.0V) Ports 5, 6 2.0 Input Low Voltage (VDD=5.0V) Ports 5, 6 Input High Threshold Voltage (VDD=5.0V) /RESET, TCC (Schmitt trigger) 2.0 Input Low Threshold Voltage (VDD=5.0V) /RESET, TCC (Schmitt trigger) Clock Input High Voltage (VDD=5.0V) OSCI 2.5 Clock Input Low Voltage (VDD=5.0V) OSCI Input High Voltage (VDD=3.0V) Ports 5, 6 1.5 Input Low Voltage (VDD=3.0V) Ports 5, 6 Input High Threshold Voltage (VDD=3.0V) /RESET, TCC (Schmitt trigger) 1.5 Input Low Threshold Voltage (VDD=3.0V) /RESET, TCC (Schmitt trigger) Clock Input High Voltage (VDD=3.0V) OSCI 1.5 Clock Input Low Voltage (VDD=3.0V) OSCI Output High Voltage (Ports 5, 6) VOH1 IOH = -12.0 mA 2.4 (P60~P63, P66~P67 are Schmitt trigger) Output Low Voltage (P50~P53, P60~P63, VOL1 P66~P67), (P60~P63, P66~P67 are IOL = 12.0 mA Schmitt trigger) VOL2 Output Low Voltage (P64,P65) IOL = 16.0 mA IPH Pull-high current Pull-high active, input pin at VSS -50 IPD Pull-down current Pull-down active, input pin at VDD 20 All input and I/O pins at VDD, ISB1 Power down current output pin floating, WDT disabled All input and I/O pins at VDD, ISB2 Power down current output pin floating, WDT enabled /RESET= 'High', Fosc=32KHz Operating supply current(VDD=3V) ICC1 (Crystal type,CLKS="0"), 15 at two clocks output pin floating, WDT disabled /RESET= 'High', Fosc=32KHz Operating supply current (VDD=3V) ICC2 (Crystal type,CLKS="0"), at two clocks output pin floating, WDT enabled /RESET= 'High', Fosc=4MHz Operating supply current(VDD=5.0V) ICC3 (Crystal type, CLKS="0"), At two clocks output pin floating /RESET= 'High', Fosc=10MHz Operating supply current(VDD=5.0V) ICC4 (Crystal type, CLKS="0"), at two clocks output pin floating Typ Max 4.0 8.0 20.0 F+30% 1 0.8 0.8 1.0 0.4 0.4 0.6 Unit MHz MHz MHz KHz A V V V V V V V V V V V V V 0.4 0.4 -240 120 1 10 15 19 30 35 2.0 4.0 V V A A A A A A mA mA
1500
-100 50
* These parameters are characterizes and tested. * Data in the Minimum, Typical, Maximum("Min","Typ","Max") column are based on characterization results at 25. This data is for design guidance and is tested.
This specification is subject to change without prior notice. 37 4. 1.2004 (V1.4)
EM78P153S
OTP ROM 6.2 AC Electrical Characteristic
(Ta=0C ~ 70 C, VDD=5V5%, VSS=0V)
Symbol Dclk Tins Ttcc Tdrh Trst Twdt1* Twdt2* Twdt3* Twdt4* Tset Thold Tdelay Parameter Input CLK duty cycle Instruction cycle time (CLKS="0") TCC input period Device reset hold time /RESET pulse width Watchdog timer period Watchdog timer period Watchdog timer period Watchdog timer period Input pin setup time Input pin hold time Output pin delay time Cload=20pF Ta = 25C TXAL,SUT1,SUT0=1,1 Ta = 25C Ta = 25C SUT1,SUT0=1,1 Ta = 25C SUT1,SUT0=1,0 Ta = 25C SUT1,SUT0=0,1 Ta = 25C SUT1,SUT0=0,0 Crystal type RC type Conditions Min 45 100 500 (Tins+20)/N* 17.6-30% 2000 17.6-30% 4.5-30% 288-30% 72-30% 17.6 4.5 288 72 0 20 50 17.6+30% 4.5+30% 288+30% 72+30% 17.6 17.6+30% Typ 50 Max 55 DC DC Unit % ns ns ns ms ns ms ms ms ms ns ns ns
* Twdt1: The Option word (SUT1,SUT0) is used to define the oscillator Set-Up time. In Crystal mode the WDT timeout length is the same as set-up time(18ms). * Twdt2: The Option word (SUT1,SUT0) is used to define the oscillator Set-Up time. In Crystal mode the WDT timeout length is the same as set-up time(4.5ms). * Twdt3: The Option word (SUT1,SUT0) is used to define the oscillator Set-Up time. In Crystal mode the WDT timeout length is the same as set-up time(288ms). * Twdt4: The Option word (SUT1,SUT0) is used to define the oscillator Set-Up time. In Crystal mode the WDT timeout length is the same as set-up time(72ms). * These parameters are characterizes but not tested. * Data in the Minimum, Typical, Maximum("Min","Typ","Max") column are based on characterization results at 25. This data is for design guidance and is not tested. * N= selected prescaler ratio. * The duration of watch dog timer is determined by option code (bit6,bit5)
This specification is subject to change without prior notice.
38
4. 1.2004 (V1.4)
EM78P153S
OTP ROM 6.3 Device Characteristic
The graphs provided in the following pages were derived based on a limited number of samples and are shown here for reference only. The device characteristic illustrated herein are not guaranteed for it accuracy. In some graphs, the data maybe out of the specified warranted operating range.
Vih/Vil (Input pins with schmitt inverter)
2
Vih max (-40 to 85) Vih typ 25
1.5
Vih Vil (Volt)
Vih min (-40 to 85)
1
Vil max (-40 to 85)
0.5
Vil typ 25 Vil min (-40 to 85)
0 2.5 3 3.5 4 4.5 5 5.5
Vdd (Volt)
Fig. 18 Vih, Vil of P60~P63, P66, P67 vs. VDD
This specification is subject to change without prior notice.
39
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Vth (Input thershold voltage) of I/O pins
2.2 2 1.8 1.6 Max (-40 to 85 )
Vth (Volt)
1.4 1.2 1 0.8 0.6 0.4 2.5 3 3.5
T yp 25
Min(-40 to 85 )
4
4.5
5
5.5
VDD (Volt)
Fig. 19 Vth (Threshold voltage) of P50~P53, P64~P65 vs. VDD
Vo h /Io h (VDD=5 V)
0 0
Voh/Ioh (VDD=3V)
-5
-2
Ioh (mA)
-10
-4 Max 70
Ioh (mA)
Min 70 -15 T yp 25
-6
T yp 25
-20
Min 0
-8
Min 0
-25 0 1 2 3 4 5
-10 0 0.5 1 1.5 2 2.5 3
Voh (Volt)
Voh (Volt)
Fig. 20 Port5 and Port6 Voh vs. Ioh, VDD=5V
This specification is subject to change without prior notice. 40
Fig. 21 Port5 and Port6 Voh vs. Ioh, VDD=3V
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Vol/Iol (VDD=5V)
100
Max 0
Vo l/Io l (VDD=3 V)
40 Max 0
80
Typ 25
30
Min 70
T yp 25
Iol (mA)
60
Min 70
Iol (mA)
40 20 0 0 1 2 3 4 5
20
10
0 0 0.5 1 1.5 2 2.5 3
Vol (Volt)
Vol (Volt)
Fig. 22 Port5, Port6.0~Port6.3 and Port6.6~Port6.7 Vol vs. Iol, VDD=5V
Fig. 23 Port5, Port6.0~Port6.3 and Port6.6~Port6.7 Vol vs. Iol, VDD=3V
This specification is subject to change without prior notice.
41
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Vol/Iol (VDD=5V)
120 Max 0 100 T yp 25 80 Min 70 40 50 60
Vo l/Io l (VDD=3 V)
Max 0
T yp 25
Iol (mA)
Iol (mA)
Min 70 30
60
40
20
20
10
0 0 1 2 3 4 5
0 0 0.5 1 1.5 2 2.5 3
Vol (Volt)
Vol (Volt)
Fig. 24 Port6.4 and Port6.5 Vol vs. Iol, VDD=5V
Fig. 25 Port6.4 and Port6.5 Vol vs. Iol, VDD=3V
This specification is subject to change without prior notice.
42
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
WDT Time_ o u t
35
30
Max 70
WDT period (mS)
25
T yp 25 20 Min 0
15
10 2 3 4 5 6
VDD (Volt)
Fig. 26 WDT time out period vs. VDD, perscaler set to 1:1
This specification is subject to change without prior notice.
43
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
C e xt = 100pF , Typi c a l R C OS C F re que nc y 1.4 R = 3.3K 1.2 1
Frequency (M Hz)
R = 5.1K
0.8 0.6 R = 10K 0.4 0.2 R = 100K 0 2.5 3 3.5 4 VDD (Volt) 4.5 5 5.5
Fig. 27 Typical RC OSC Frequency vs. VDD (Cext=100pF, Temperature at 25)
Fig. 28 Typical RC OSC Frequency vs. Temperature (R and C are ideal components)
This specification is subject to change without prior notice.
44
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
IRC OSC Freq u en cy (VDD=5 V)
9 8 7
OSC = 8M Hz
Frequency (M Hz)
6 5
OSC = 4M Hz
4 3 2 1 0 0 25 50 70
OSC = 1M Hz OSC = 455K Hz
Temperature ()
Fig. 29 Internal RC OSC Frequency vs. Temperature, VDD=5V
IRC OSC Frequency (VDD=3V)
9 8
OSC = 8M Hz
Frequency (M Hz)
7 6 5 4 3 2 1 0 0 25 50 70
OSC = 1M Hz OSC = 455K Hz OSC = 4M Hz
Temperature ()
Fig. 30 Internal RC OSC Frequency vs. Temperature, VDD=3V
This specification is subject to change without prior notice. 45 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Four conditions exist with the Operating Current ICC1 to ICC4. These conditions are as follows: ICC1: VDD=3V, Fosc=32K Hz, 2 clocks, WDT disable ICC2: VDD=3V, Fosc=32K Hz, 2 clocks, WDT enable ICC3: VDD=5V, Fosc=4M Hz, 2 clocks, WDT enable ICC4: VDD=5V, Fosc=10M Hz, 2 clocks, WDT enable
Typical ICC1 and ICC2 vs. Temperature
18
Current (uA)
15
T yp ICC2 T yp ICC1
12
9 0 10 20 30 40 50 60 70
Temperature ()
Fig. 31 Typical operating current (ICC1 and ICC2) vs. Temperature
Maximum ICC1 and ICC2 vs. Temperature
24
Current (uA)
21
Max ICC2
Max ICC1
18
15 0 10 20 30 40 50 60 70
Temperature ()
This specification is subject to change without prior notice.
46
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Fig. 32 Maximum operating current (ICC1 and ICC2) vs. Temperature
Typical ICC3 and ICC4 vs. Temperature
4 3.5
Current (mA)
3 2.5 2 1.5 1 0.5 0 10 20 30
T yp ICC4
T yp ICC3
40
50
60
70
Temperature ()
Fig. 33 Typical operating current (ICC3 and ICC4) vs. Temperature
Maximum ICC3 and ICC4 vs. Temperature
4 3.5
Max ICC4
Current (mA)
3 2.5 2 1.5 1 0 10 20 30 40 50 60 70
Max ICC3
Temperature ()
Fig. 34 Maximum operating current (ICC3 and ICC4) vs. Temperature
This specification is subject to change without prior notice.
47
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Two conditions exist with the Standby Current ISB1 and ISB2. These conditions are as follows: ISB1: VDD=5V, WDT disable ISB2: VDD=5V, WDT enable
Typical ISB1 and ISB2 vs. Temperature
12 9
T yp ISB2
Current (uA)
6 3
T yp ISB1
0 0 10 20 30 40 50 60 70
Temperature ()
Fig. 35 Typical standby current (ISB1 and ISB2) vs. Temperature
Maximum ISB1 and ISB2 vs. Temperature
15 12
Current (uA)
9 6 3 0 0 10 20 30
T yp ISB2
T yp ISB1
40
50
60
70
Temperature ()
Fig. 36 Maximum standby current (ISB1 and ISB2) vs. Temperature
This specification is subject to change without prior notice. 48 4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Fig. 37 Operating voltage under temperature range of 0 to 70
OSC = 4M Hz
2.5
70 60 50
OSC = 32K Hz
2
I (mA)
1.5 Max 1 Min 0.5 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
I (uA)
40 30 20 10 0 1.5 2.5 3.5 4.5 5.5 Min Max
V
V (Volt)
Fig. 38 V-I curve in operating mode, operating frequency is 4M Hz
Fig. 39 V-I curve in operating mode, operating frequency is 32K Hz
This specification is subject to change without prior notice.
49
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Appendix
Package Types:
OTP MCU EM78P153NP EM78P153NN Package Type DIP SOP Pin Count 14 14 Package Size 300 mil 150 mil
This specification is subject to change without prior notice.
50
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
Package Information
14-Lead Plastic Dual in line (PDIP) -- 300 mil
This specification is subject to change without prior notice.
51
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
14-Lead Plastic Small Outline (SOP) -- 150 mil
This specification is subject to change without prior notice.
52
4. 1.2004 (V1.4)
EM78P153S
OTP ROM
ELAN (HEADQUARTER) MICROELECTRONICS CORP., LTD. Address : No. 12, Innovation 1st. Rd. Science-Based Industrial Park, Hsinchu City, Taiwan. Telephone: 886-3-5639977 Facsimile : 886-3-5639966 ELAN (H.K.) MICROELECTRONICS CORP., LTD. Address : Rm. 1005B, 10/F, Empire Centre, 68 Mody Road, Tsimshatsui, Kowloon, Hong Kong. Telephone: 852-27233376 Facsimile : 852-27237780 E-mail : elanhk@emc.com.hk ELAN MICROELECTRONICS SHENZHEN, LTD. Address : SSMEC Bldg. 3F , Gaoxin S. Ave. 1st , South Area , Shenzhen High-tech Industrial Park., Shenzhen Telephone: 86-755-26010565 Facsimile : 86-755-26010500 ELAN MICROELECTRONICS SHANGHAI, LTD. Address : #23 Building No.115 Lane 572 BiBo Road. Zhangjiang, Hi-tech Park, Shanghai Telephone: 86-21-50803866 Facsimile : 86-21-50804600 Elan Information Technology Group. Address: 1821 Saratoga Avenue, suite 250, Saratoga, CA 95070, USA Telephone: 1-408-366-8225 Facsimile : 1-408-366-8220 Elan Microelectronics Corp. (Europe) Address: Dubendorfstrasse 4, 8051 Zurich, Switzerland Telephone: 41-43-2994060 Facsimile : 41-43-2994079 Email : info@elan-europe.com Web-Site : www.elan-europe.com
Copyright (c) 2004 ELAN Microelectronics Corp. All rights reserved. ELAN owns the intellectual property rights, concepts, ideas, inventions, know-how (whether patentable or not) related to the Information and Technology (herein after referred as " Information and Technology") mentioned above, and all its related industrial property rights throughout the world, as now may exist or to be created in the future. ELAN represents no warranty for the use of the specifications described, either expressed or implied, including, but not limited, to the implied warranties of merchantability and fitness for particular purposes. The entire risk as to the quality and performance of the application is with the user. In no even shall ELAN be liable for any loss or damage to revenues, profits or goodwill or other special, incidental, indirect and consequential damages of any kind, resulting from the performance or failure to perform, including without limitation any interruption of business, whatever resulting from breach of contract or breach of warranty, even if ELAN has been advised of the possibility of such damages. The specifications of the Product and its applied technology will be updated or changed time by time. All the information and explanations of the Products in this website is only for your reference. The actual specifications and applied technology will be based on each confirmed order. ELAN reserves the right to modify the information without prior notification. The most up-to-day information is available on the website http://www.emc.com.tw.
This specification is subject to change without prior notice.
53
4. 1.2004 (V1.4)


▲Up To Search▲   

 
Price & Availability of EM78P153NP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X