Part Number Hot Search : 
PC935 C1660 150200 C100E1 31MR71 MC010A1 26102 645ETT
Product Description
Full Text Search
 

To Download D572C20AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Data Sheet February 2000
D572-Type 1.5 m Uncooled DFB FastLight TM Laser Module for 2.5 Gbits/s and High Bandwidth Applications
Applications
s s s
SONET OC-48/STM-16 systems Telecommunications Secure digital data systems
Benefits
s s s s
Easily board mounted Gull-wing leads No additional heat sinks required Low-cost alternative to industry-standard, 14-pin isolated laser module (ILM) Highly efficient DFB-MQW laser structure allows for lower threshold and drive currents, and reduced power consumption
s
The low-profile D572-Type Laser Module is ideally suited for OC-48 SONET and other high-speed digital applications.
Features
s s
Description
The D572-Type Uncooled Laser Module consists of a laser diode coupled to a single-mode fiber pigtail. The device is available in a standard, 8-pin configuration (see Figure 1 and/or Table 1) and is ideal for long-reach (SONET) and other high-speed digital applications. The module includes a narrow linewidth (<1 nm) DFB-MQW single-mode laser and an InGaAs PIN photodiode back-facet monitor in a hermetically sealed package. This package is optimized for a 25 input impedance and allows for dc biasing through an internal bias tee. A thermistor has been included for feedback to board-level bias circuitry, if needed.
* Telcordia Technologies is a trademark of Bell Communications Research, Inc.
8-pin package suitable for SONET applications Narrow linewidth, distributed feedback, multiquantum-well (DFB-MQW)1510 nm or 1550 nm laser with single-mode fiber pigtail Operating temperature range: -25 C to +70 C (-25 C to +85 C versions under development) No TEC required High output power: typical 2.0 mW peak power coupled into single-mode fiber Hermetically sealed active components Internal back-facet monitor Built-in thermistor and Bias T 25 input impedance Internal isolator
s
s s
s s s s s s
Telcordia Technologies * TA-983 qualification program
Bandwidth > 3 GHz
s
D572-Type 1.5 m Uncooled DFB FastLight Laser Module for 2.5 Gbits/s and High-Bandwidth Applications
Advance Data Sheet February 2000
Description (continued)
The device characteristics listed in this document are met at 2.0 mW output power. Higher- or lower-power operation is possible. Under conditions of a fixed photodiode current, the change in optical output is typically 0.5 dB over an operating temperature range of -25 C to +70 C. This device incorporates the new Laser 2000 manufacturing process from the Optoelectronic Products unit of Lucent Technologies Microelectronics Group. Laser 2000 is a low-cost platform that targets high-volume manufacturing and tighter product distributions on all optical subassemblies. This platform incorporates an advanced optical design that is produced on one of the highly automated production lines at the Opotelectronic manufacturing facility. The Laser 2000 platform is qualified for the central office and uncontrolled environments, and can be used for applications requiring high performance and low cost.
4 3 2 1
Table 1. Pin Descriptions Pin Number 1 2 3 4 5 6 7 8 Connection Thermistor Thermistor, package GND Laser dc bias cathode (-) choke Photodiode cathode Photodiode anode Laser diode anode (+) Laser RF input cathode (-) 25 Laser diode anode (+)
5
6
7
8
1-900.b
Figure 1. D572-Type Uncooled DFB Mini 8-Pin Laser Module Schematic, Top View
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. Parameter Maximum Peak Laser Drive Current or Maximum Fiber Power* Peak Reverse Laser Voltage: Laser Monitor Monitor Forward Current Operating Case Temperature Range Storage Case Temperature Range Lead Soldering Temperature/Time Relative Humidity (noncondensing)
* Rating varies with temperature.
Symbol IOP PMAX VRL VRM IFD TC Tstg -- RH
Min -- -- -- -- -- -40 -40 -- --
Max 150 10 2 20 2 85 85 260/10 85
Unit mA mW V V mA C C C/s %
2
Lucent Technologies Inc.
Advance Data Sheet February 2000
D572-Type 1.5 m Uncooled DFB FastLight Laser Module for 2.5 Gbits/s and High-Bandwidth Applications
Handling Precautions
CAUTION: This device is susceptible to damage as a result of electrostatic discharge (ESD). Take proper precautions during both handling and testing. Follow EIA * Standard EIA-625. Although protection circuitry is designed into the device, take proper precautions to avoid exposure to ESD.
* EIA is a registered trademark of Electronic Industries Association.
Electro-Optical Characteristics
Table 2. Electro-Optical Characteristics (over operating temperature range unless otherwise noted) Parameter Operating Temperature Range Optical Output Power Threshold Current Modulation Current Symbol T PF ITH IMOD Test Conditions -- CW, peak T = 25 C T = full range CW, PF = 2.0 mW, T = 25 C CW, IMON = constant, T = full range CW, PF = 2.0 mW, T = 25 C PF = 2.0 mW, CW PF = 2.0 mW CW, PF = 2.0 mW IMON = constant, CW I = (0.9) ITH 10%--90% pulse4, T = 25 C 1200 ps/nm--1600 ps/nm; typical, 1350 ps/nm CW At bias coil -- VR 5 = 5 V VR5= 5 V -- Min -25 -- 5 2 15 7.5 57 1530 -- 30 -- -- -- -- 18 -- -- 100 -- -- Typ -- 2 11 -- 25 -- -- 1550 -- 40 -- -- 0.125 -- -- 1.0 25 -- 10 0.09 Max 70 -- 15 60 35 601 133 1570 1 -- 1.5 100 0.175 2.0 -- 1.6 -- 1000 200 0.12 Unit C mW mA mA mA mA W/mA nm nm dB dB W ns dB dB V A nA nm/C
Slope Efficiency2 Center Wavelength3 Spectral Width (-20 dB) Side-mode Suppression Ratio Tracking Error Spontaneous Emission Rise/Fall Times Dispersion Penalty Optical Return Loss Forward Voltage Input Impedance Monitor Current Monitor Dark Current Wavelength Temperature Coefficient
SE C SMSR TE PTH tR, tF DP ORL VF R IMON ID --
1. BOL value; EOL = 80 mA. 2. The slope efficiency is used to calculate the modulation current for a desired output power. This modulation current plus the threshold current comprise the total operating current for the device. 3 1510 nm wavelength also available. 4. Corrected for electrical pulse fall time. 5. VR = reverse voltage.
Lucent Technologies Inc.
3
D572-Type 1.5 m Uncooled DFB FastLight Laser Module for 2.5 Gbits/s and High-Bandwidth Applications
Advance Data Sheet February 2000
Qualification Information
The D572-Type Laser Module is scheduled to complete the following qualification tests and meets the intent of Telcordia Technologies TR-NWT-000468 for interoffice environments and TA-TSY-000983 for outside plant environments. Table 3. D572-Type Laser Module Qualification Test Plan Qualification Test Mechanical Shock Vibration Solderability Thermal Shock Fiber Pull Accelerated (Biased) Aging High-temperature Storage Temperature Cycling Cyclic Moisture Resistance Damp Heat Internal Moisture Flammability ESD Threshold Conditions 500 G 20 g, 20 Hz--2,000 Hz -- Delta T = 100 C 1 kg; 3 times 85 C, 5,000 hrs. 85 C, 2,000 hrs. 500 cycles 10 cycles 40 C, 95% RH, 1344 hrs. <5,000 ppm water vapor -- -- Sample Size 11 11 11 11 11 25 11 11 11 11 11 -- 6 Reference MIL-STD-883 Method 2002 MIL-STD-883 Method 2007 MIL-STD-883 Method 2007 MIL-STD-883 Method 2003 Bellcore 983 Bellcore 983 Section 5.18 Bellcore 983 Bellcore 983 Section 5.20 Bellcore 983 Section 5.23 MIL-STD-202 Method 103 MIL-STD-883 Method 1018 TR357 Section 4.4.2.5 Bellcore 983 Section 5.22
4
Lucent Technologies Inc.
Advance Data Sheet February 2000
D572-Type 1.5 m Uncooled DFB FastLight Laser Module for 2.5 Gbits/s and High-Bandwidth Applications
Outline Diagram
Dimensions are in inches and (millimeters).
0.300 (7.62) 0.100 (2.54) TRADEMARK, CODE, LASER SERIAL NUMBER, AND/OR DATE CODE IN APPROXIMATE AREA SHOWN
0.169 (4.30)
0.29 (7.37)
0.169 (4.30)
1.06 (27.0) MIN 0.52 (13.21) 39.37 (1000) MIN (PIGTAIL LENGTH)
0.045 (1.143) 0.20 (5.00)
0.02 (0.50)
0.17 (4.32)
1.925.e
Lucent Technologies Inc.
5
D572-Type 1.5 m Uncooled DFB FastLight Laser Module for 2.5 Gbits/s and High-Bandwidth Applications
Advance Data Sheet February 2000
Laser Safety Information
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser Safety requirements. All versions are Class IIIb laser products per IEC * 60825-1:1993. The device has been certified with the FDA under accession number 8720010. This product complies with 21 CFR 1040.10 and 1040.11. 8.3 m single-mode pigtail or connector Wavelength = 1.5 m Maximum power = 10 mW Because of size constraints, laser safety labeling is not affixed to the module but attached to the outside of the shipping carton. Product is not shipped with power supply. Caution: Use of controls, adjustments, and procedures other than those specified herein may result in hazardous laser radiation exposure.
* IEC is a registered trademark of The International Electrotechnical Commission.
10 mW
1.5 m
6
Lucent Technologies Inc.
Advance Data Sheet February 2000
D572-Type 1.5 m Uncooled DFB FastLight Laser Module for 2.5 Gbits/s and High-Bandwidth Applications
Ordering Information
Device Code* D572-20AS D572-20BS D572-20FS D572-20GS D572-20NS D572-20SS D572-22AS D572-22BS D572-22FS D572-22GS D572-22NS D572C20AS D572C20BS D572C20FS D572C20GS D572C20NS D572C20SS D572C22AS D572C22BS D572C22FS D572C22GS D572C22NS D572C22SS Comcode 108401290 108401308 108401316 108401324 108401332 108669565 108401340 108401357 108401365 108401373 108401381 108469842 108469859 108469867 108469875 108469883 -- 108469891 108469909 108469917 108469925 108469933 -- Pfiber 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW 2.0 mW Wavelength 1550 nm 1550 nm 1550 nm 1550 nm 1550 nm 1550 nm 1550 nm 1550 nm 1550 nm 1550 nm 1550 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm 1510 nm Connector SC-PC SC-APC FC-PC FC-APC none LC SC-PC SC-APC FC-PC FC-APC none SC SC-APC FC-PC FC-APC none LC SC SC-APC FC-PC FC-APC none LC Operating Case Temperature Range (C) -25 to +70 -25 to +70 -25 to +70 -25 to +70 -25 to +70 -25 to +70 -5 to +70 -5 to +70 -5 to +70 -5 to +70 -5 to +70 -25 to +70 -25 to +70 -25 to +70 -25 to +70 -25 to +70 -25 to +70 -5 to +70 -5 to +70 -5 to +70 -5 to +70 -5 to +70 -5 to +70
* Trailing S in code indicates the module contains an isolator.
Connectors will meet Telcordia Technologies GR-326-CORE.
Lucent Technologies Inc.
7
D572-Type 1.5 m Uncooled DFB FastLight Laser Module for 2.5 Gbits/s and High-Bandwidth Applications
Advance Data Sheet February 2000
For additional information, contact your Microelectronics Group Account Manager or the following: INTERNET: http://www.lucent.com/micro, or for Optoelectronics information, http://www.lucent.com/micro/opto E-MAIL: docmaster@micro.lucent.com N. AMERICA: Microelectronics Group, Lucent Technologies Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18103 1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106) ASIA PACIFIC: Microelectronics Group, Lucent Technologies Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256 Tel. (65) 778 8833, FAX (65) 777 7495 CHINA: Microelectronics Group, Lucent Technologies (China) Co., Ltd., A-F2, 23/F, Zao Fong Universe Building, 1800 Zhong Shan Xi Road, Shanghai 200233 P. R. China Tel. (86) 21 6440 0468, ext. 316, FAX (86) 21 6440 0652 JAPAN: Microelectronics Group, Lucent Technologies Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700 EUROPE: Data Requests: MICROELECTRONICS GROUP DATALINE: Tel. (44) 7000 582 368FAX (44) 1189 328 148 Technical Inquiries: OPTOELECTRONICS MARKETING: (44) 1344 865 900 (Ascot UK)
Lucent Technologies Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. FastLight is a trademark of Lucent Technologies Inc.
Copyright (c) 2000 Lucent Technologies Inc. All Rights Reserved Printed in U.S.A.
February 2000 DS00-137OPTO (Replaces DS99-057LWP)


▲Up To Search▲   

 
Price & Availability of D572C20AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X