|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GaAs MMIC CGY 60 ________________________________________________________________________________________________________ Datasheet * Low noise preamplifier for mobile communication (PCN, DECT, GSM) in 2.7V to 6V systems * Biased monolithic microwave IC (MMIC) Matched to 50 for 1.7 to 2GHz * Easily matchable to 50 for lower frequencies (i.e. GSM-application) * No bias coil needed * Low noise figure and high gain (typ. NF=1.9dB, G=12.5dB @ 3V, 1.85GHz) * Low power consumption * Frequency range 200 MHz ... 2.5 GHz ESD: Electrostatic discharge sensitive device, observe handling precautions! Vd 6 RF-GND 5 RF-out 4 3 2 1 RF-GND DC-GND RF-in Type Marking Ordering code (taped) Package 1) CGY 60 Y7s Q62702G-39 MW-6 Maximum ratings Drain voltage Channel temperature Storage temperature range Total power dissipation (TS < 132C) 2) Thermal resistance Channel-soldering point (GND) Channel-ambient 3) Symbol Unit 8 150 -55...+150 80 V C C mW VD TCh Tstg Ptot RthChS RthChA < 220 < 300 K/W K/W 1) Dimensions see chapter Package Outlines 2) Please care for sufficient heat dissipation on the pcb! 3) Package mounted on alumina 15 mm x 16.7 mm x 0.7 mm Siemens Aktiengesellschaft pg. 1/7 12.01.96 HL EH PD 21 GaAs MMIC Electrical characteristics of CGY60 in GSM application circuit CGY 60 ________________________________________________________________________________________________________ TA = 25C f=950MHz RS = RL = 50 unless otherwise specified Characteristics Drain current Symbol min typ 6 max 9 dB 15.5 17 1.35 1.30 10 10 11 11 dB dB dB dBm Unit mA ID G Power Gain Ud = 3V Ud = 5V Noise figure Ud = 3V Ud = 5V F Input return loss Ud = 3V Ud = 5V RLin Output return loss Ud = 3V Ud = 5V RLout Third order input intercept point two-tone intermodulation test f1 = 950MHz, f2 = 951MHz Pin = -20dBm (both carriers) Ud = 3V Ud = 5V IP3 - -3 -1 dBm Input power at 1dB gain compression Ud = 3V Ud = 5V P-1dB -10 -8 - Siemens Aktiengesellschaft pg. 2/7 12.01.96 HL EH PD 21 GaAs MMIC Electrical characteristics in PCN-, DECT-application circuit CGY 60 ________________________________________________________________________________________________________ TA = 25C f=1850MHz RS = RL = 50 unless otherwise specified Characteristics Drain current Symbol min typ 6 max 9 dB 12.5 13.5 1.90 1.85 14.5 14.5 14 14 dB dB dB dBm Unit mA ID G Power Gain Ud = 3V Ud = 5V Noise figure Ud = 3V Ud = 5V F Input return loss Ud = 3V Ud = 5V RLin Output return loss Ud = 3V Ud = 5V RLout Third order input intercept point two-tone intermodulation test f1 = 1850MHz, f2 = 1851MHz Pin = -20dBm (both carriers) Ud = 3V Ud = 5V IP3 - 0 2 dBm Input power at 1dB gain compression Ud = 3V Ud = 5V P-1dB -7 -5 - Siemens Aktiengesellschaft pg. 3/7 12.01.96 HL EH PD 21 GaAs MMIC CGY 60 ________________________________________________________________________________________________________ Application Circuit for measuring S- and Noise-parameters f = 200MHz to 2GHz Ud 1nF 6 5 Input 50 Ohm 3 4 2 1 100p * 100p * Output 50 Ohm 50 Ohm Microstripline * Use 12 to15pF for DECT - or PCN - applications 900MHz Application (GSM) 1nF Ud 27pF l = 4.1 mm * L Input 50 Ohm l = 5 mm * l = 4.1 mm * l = 6.8 mm * Output 50 Ohm Open Stub 27pF 50 Ohm Microstripline 120 Ohm L = discrete inductor 15nH, Type SIMID01, Ord.- No: B82412-A3150-M Siemens Aktiengesellschaft pg. 4/7 12.01.96 HL EH PD 21 GaAs MMIC PCB - Layouts for Application Circuits PCN -, DECT - application board: CGY 60 ________________________________________________________________________________________________________ 1nF 15pF Ud 15pF 15pF 1nF Ud 15pF in out in out CGY60 1800MHz CGY60 1800MHz actual size ( 20 x 20 mm ) GSM - application board: 1nF 27pF Ud 27pF 27pF 1nF Ud 27pF 15nH in out in out CGY60 900MHz CGY60 900MHz actual size ( 20 x 20 mm ) PCB - data: Glass fiber teflon board (double sided) TACONIC TLX-9-0150-CH/CH r = 2.45 thickness = 0.4mm Siemens Aktiengesellschaft pg. 5/7 12.01.96 HL EH PD 21 GaAs MMIC Typical S- and Noise-Parameters VD = 3 V f/GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 S11 MAG ANG 0.97 0.97 0.96 0.94 0.93 0.91 0.88 0.85 0.81 0.76 0.71 0.64 0.58 0.51 0.43 0.34 0.26 0.19 0.15 0.18 0.24 0.32 0.39 0.46 0.52 -5 -9 -14 -19 -23 -29 -34 -40 -46 -52 -59 -66 -74 -83 -93 -106 -122 -149 172 131 106 90 78 69 61 S21 MAG ANG 2.98 3.85 4.13 4.27 4.35 4.40 4.45 4.48 4.51 4.55 4.60 4.62 4.63 4.61 4.58 4.51 4.40 4.30 4.13 3.94 3.73 3.56 3.33 3.09 2.87 -135 -162 -177 172 163 155 148 140 132 125 117 110 102 94 85 77 69 60 51 43 35 27 20 13 5 Zo = 50 S12 MAG ANG 0.005 0.009 0.013 0.017 0.021 0.026 0.029 0.033 0.037 0.042 0.045 0.048 0.051 0.053 0.054 0.055 0.055 0.054 0.051 0.049 0.046 0.043 0.038 0.033 0.028 80 77 74 73 71 67 65 63 60 54 50 46 41 36 31 26 20 15 11 5 2.5 -5 -9 -11 -12 CGY 60 ________________________________________________________________________________________________________ S22 MAG ANG 0.74 0.51 0.41 0.35 0.33 0.31 0.30 0.29 0.29 0.28 0.27 0.26 0.26 0.25 0.24 0.23 0.22 0.21 0.20 0.19 0.18 0.18 0.18 0.18 0.19 -34 -44 -47 -48 -49 -51 -54 -58 -63 -69 -74 -80 -86 -93 -101 -109 -118 -128 -140 -151 -163 177 170 160 151 f GHz 0.9 1.3 1.8 2.0 Fmin dB 1.27 1.35 1.50 1.60 MAG 0.70 0.63 0.42 0.30 opt ANG deg 27 39 59 62 RN 47.8 32.7 18.2 15.0 12.01.96 HL EH PD 21 Siemens Aktiengesellschaft pg. 6/7 GaAs MMIC Typical S- and Noise-Parameters VD = 5 V f/GHz 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 S11 MAG 0.97 0.97 0.96 0.94 0.93 0.90 0.88 0.85 0.81 0.76 0.71 0.65 0.59 0.52 0.44 0.36 0.28 0.20 0.16 0.17 0.23 0.31 0.38 0.45 0.52 ANG -4 -9 -14 -18 -23 -28 -34 -39 -45 -51 -58 -65 -72 -81 -90 -103 -118 -140 -176 141 113 95 82 72 64 S21 MAG 3.58 4.49 4.78 4.91 4.96 5.02 5.09 5.11 5.14 5.16 5.23 5.25 5.25 5.25 5.21 5.15 5.05 4.93 4.77 4.57 4.36 4.18 3.92 3.66 3.39 ANG -137 -164 -178 171 163 154 147 139 132 125 118 110 102 95 87 78 70 62 53 45 37 29 21 14 7 Zo = 50 S12 MAG 0.005 0.009 0.013 0.017 0.021 0.024 0.028 0.032 0.036 0.041 0.044 0.046 0.049 0.050 0.052 0.052 0.052 0.051 0.050 0.047 0.045 0.042 0.037 0.032 0.027 ANG 74 75 74 71 70 67 64 62 60 55 50 45 42 37 32 27 23 17 13 8 5 -2 -6 -8 -9 S22 MAG 0.72 0.52 0.44 0.39 0.37 0.36 0.35 0.34 0.34 0.33 0.32 0.31 0.30 0.29 0.27 0.26 0.24 0.22 0.20 0.18 0.17 0.16 0.14 0.14 0.14 CGY 60 ________________________________________________________________________________________________________ ANG -31 -37 -38 -39 -40 -42 -45 -50 -54 -59 -64 -70 -75 -81 -88 -95 -102 -111 -121 -131 -142 -158 -173 174 162 f GHz 0.9 1.3 1.8 2.0 Fmin dB 1.23 1.32 1.45 1.53 MAG 0.69 0.67 0.45 0.32 opt ANG deg 26 39 55 60 RN 47.7 33.3 18.6 15.2 12.01.96 HL EH PD 21 Siemens Aktiengesellschaft pg. 7/7 |
Price & Availability of CGY60 |