Part Number Hot Search : 
LB540Z MD180 BAS40 BYV95B EMK23 BGO847 P4SMBJ P4SMBJ
Product Description
Full Text Search
 

To Download CDBB1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
CDBB120 Thru CDBB1100
Reverse Voltage: 20 - 100 Volts Forward Current: 1.0 Amp
Features
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Built-in strain relief Low forward voltage drop
SMB/DO-214AA
0.083(2.11) 0.075(1.91) 0.185(4.70) 0.160(4.06)
0.155(3.94) 0.130(3.30)
Mechanical Data
Case: JEDEC DO-214AA molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight:0.093 gram
0.096(2.44) 0.083(2.13) 0.050(1.27) 0.030(0.76)
0.012(0.31) 0.006(0.15)
0.220(5.59) 0.200(5.08)
0.008(0.20) 0.203(0.10)
Dimensions in inches and (millimeter)
Maximum Ratings and Electrical Characterics
Parameter
Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.0 A Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Max. Thermal Resistance (Note 1) R R Operating Junction Temperature Storage Temperature Tj TSTG
JA JL
Symbol
VRRM VDC VRMS IFSM
CDBB120
CDBB140
CDBB160
CDBB180
CDBB1100
Unit
V V V A
20 20 14
40 40 28
60 60 42
80 80 56
100 100 70
35
Io VF IR 10 0.50
1.0 0.70 0.85
A V . mA
0.5 5 80
C/W 20 -50 to +125 -65 to +150
C C
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
MDS0211004A
Page 1
SMD Schottky Barrier Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CDBB120 Thru CDBB1100)
Fig. 1 - Reverse Characteristics
100 100
CDBB120-140
Fig.2 - Forward Characteristics
Reverse Current ( mA )
Forward Current ( A )
10
10
CDBB160
CDBB180-1100
1
1
Tj=75 C
0.1
0.1
Tj=25 C Pulse width 300uS 4% duty cycle
Tj=25 C
0.01 0.01
0
20
40
60
80
100 120 140 160 180 200
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 Forward Voltage (V)
1.9 2.1
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 - Junction Capacitance
1000
=1MHz and applied 4VDC reverse voltage
Fig. 4 - Current Derating Curve
Average Forward Current ( A )
1.2 1.0
CD
Junction Capacitance (pF)
0.8
0.6 0.4 0.2 0
BB
CD
100
16
BB 12 014 0
00 11 0
10 0.1
1.0
10
100
20
40
60
80
100
120
140
160
Reverse Voltage (V)
Ambient Temperature ( C)
Fig. 5 - Non repetitive forward surge current
Peak surge Forward Current ( A )
50 40 30
8.3mS Single Half Sine Wave JEDEC methode
Tj=25 C
20
10
0
1 5 10 50 1 00
Number of Cycles at 60Hz
MDS0211004A
Page 2


▲Up To Search▲   

 
Price & Availability of CDBB1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X