Part Number Hot Search : 
M74HC N74LS25 10003 2SK37 THGBM 11012 DFREE FST10020
Product Description
Full Text Search
 

To Download BUW13AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BUW13W; BUW13AW Silicon diffused power transistors
Product specification File under Discrete Semiconductors, SC06 1997 Aug 13
Philips Semiconductors
Product specification
Silicon diffused power transistors
DESCRIPTION High-voltage, high-speed, glass-passivated NPN power transistor in a SOT429 package.
ge
BUW13W; BUW13AW
APPLICATIONS * Converters * Inverters * Switching regulators * Motor control systems. PINNING PIN 1 2 3 DESCRIPTION base collector; connected to mounting base emitter Fig.1 Simplified outline (SOT429) and symbol.
1 2 3
MBK117
2 1
MBB008
3
QUICK REFERENCE DATA SYMBOL VCESM PARAMETER collector-emitter peak voltage BUW13W BUW13AW VCEO collector-emitter voltage BUW13W BUW13AW VCEsat IC ICM Ptot tf collector-emitter saturation voltage collector current (DC) collector current (peak value) total power dissipation fall time see Figs 7 and 9 see Figs 2 and 4 see Fig 2 Tmb 25 C; see Fig.3 resistive load; see Figs 11 and 12 open base 400 450 1.5 15 30 175 0.8 V V V A A W s VBE = 0 850 1000 V V CONDITIONS MAX. UNIT
THERMAL CHARACTERISTICS SYMBOL Rth j-mb PARAMETER thermal resistance from junction to mounting base VALUE 0.7 UNIT K/W
1997 Aug 13
1
Philips Semiconductors
Product specification
Silicon diffused power transistors
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCESM PARAMETER collector-emitter peak voltage BUW13W BUW13AW VCEO collector-emitter voltage BUW13W BUW13AW IC ICM IB IBM Ptot Tstg Tj collector current (DC) collector current (peak value) base current (DC) base current (peak value) total power dissipation storage temperature junction temperature tp < 2 ms Tmb 25 C; see Fig.3 see Figs 2 and 4 tp < 2 ms; see Fig 2 open base VBE = 0 CONDITIONS
BUW13W; BUW13AW
MIN. - - - - - - - - - -65 -
MAX. 850 1000 400 450 15 30 6 9 175 +150 150 V V V V A A A A W
UNIT
C C
CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VCEOsust PARAMETER CONDITIONS MIN. 400 450 IC = 10 A; IB = 2 A; see Figs 7 and 9 IC = 8 A; IB = 1.6 A; see Figs 7 and 9 IC = 10 A; IB = 2 A; see Fig.7 IC = 8 A; IB = 1.6 A; see Fig.7 VCE = VCESMmax; VBE = 0; Tj = 125 C; note 1 IEBO hFE emitter-base cut-off current DC current gain VEB = 9 V; IC = 0 VCE = 5 V; IC = 20 mA; see Fig.10 VCE = 5 V; IC = 1.5 A; see Fig.10 - - TYP. - - - - MAX. - - 1.5 1.5 UNIT V V V V
collector-emitter sustaining voltage IC = 100 mA; IBoff = 0; L = 25 mH; see Figs 5 and 6 BUW13W BUW13AW collector-emitter saturation voltage BUW13W BUW13AW
VCEsat
VBEsat
base-emitter saturation voltage BUW13W BUW13AW - - - - 10 10 - - - - - 18 20 1.6 1.6 1 4 10 35 35 V V mA mA mA
ICES
collector-emitter cut-off current
VCE = VCESMmax; VBE = 0; note 1 -
1997 Aug 13
2
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13W; BUW13AW
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Switching times resistive load (see Figs 11 and 12) ton turn-on time BUW13W BUW13AW ts storage time BUW13W BUW13AW tf fall time BUW13W BUW13AW ICon = 10 A; IBon = -IBoff = 2 A ICon = 8 A; IBon = -IBoff = 1.6 A - - - - 0.8 0.8 s s ICon = 10 A; IBon = -IBoff = 2 A ICon = 8 A; IBon = -IBoff = 1.6 A - - - - 4 4 s s ICon = 10 A; IBon = -IBoff = 2 A ICon = 8 A; IBon = -IBoff = 1.6 A - - - - 1 1 s s
Switching times inductive load (see Figs 13 and 14) ts storage time BUW13W BUW13AW ICon = 10 A; IB = 2 A ICon = 8 A; IB = 1.6 A ICon = 8 A; IB = 1.6 A; Tj = 100 C tf fall time BUW13W BUW13AW ICon = 10 A; IB = 2 A ICon = 8 A; IB = 1.6 A ICon = 8 A; IB = 1.6 A; Tj = 100 C Note 1. Measured with a half-sinewave voltage (curve tracer). - - - 80 140 80 140 150 300 150 300 ns ns ns ns ICon = 10 A; IB = 2 A; Tj = 100 C - - - - 2.3 2.5 2.3 2.5 3 3.2 3 3.2 s s s s ICon = 10 A; IB = 2 A; Tj = 100 C -
1997 Aug 13
3
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13W; BUW13AW
handbook, full pagewidth
103 IC (A)
MGB926
102
ICM max IC max 10 (1)
II
1
10-1
I
(2)
III
10-2
BUW13W BUW13AW
DC
IV 10-3 1 10
102
103
VCE (V)
104
Tmb 25 C. I - Region of permissible DC operation. II - Permissible extension for repetitive pulse operation. III - Area of permissible operation during turn-on in single transistor converters, provided RBE 100 and tp 0.6 s. IV - Repetitive pulse operation in this region is permissible provided VBE 0 and tp 5 ms. (1) Ptot max line. (2) Second breakdown limits.
Fig.2 Forward bias SOAR.
1997 Aug 13
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13W; BUW13AW
MGD283
120 handbook, halfpage Ptot max (%) 80
handbook, halfpage
20
MGB897
IC (A)
10
40 BUW13W BUW13AW
0 0 50 100 Tmb (oC) 150
0 0 400 800 VCE (V) 1200
Fig.3 Power derating curve.
Fig.4 Reverse bias SOAR.
handbook, halfpage
+ 50 V 100 to 200 L
I halfpage handbook,C (mA) 250 200
MGE239
horizontal oscilloscope
100
vertical 300 1
MGE252
6V 30 to 60 Hz
0
VCE (V) min VCEOsust
Fig.5
Test circuit for collector-emitter sustaining voltage.
Fig.6
Oscilloscope display for collector-emitter sustaining voltage.
1997 Aug 13
5
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13W; BUW13AW
handbook, full pagewidth
2.0
MGB915
VBEsat VCEsat (V) 1.5
1.0 (1) (2) 0.5
(3) (4) 0 10-1 IC/IB = 5. (1) VBE; Tj = 25 C. (2) VBE; Tj = 100 C. 1 (3) VCE; Tj = 100 C. (4) VCE; Tj = 25 C. 10 IC (A) 102
Fig.7 Base-emitter and collector-emitter saturation voltages as functions of collector current; typical values.
handbook, full pagewidth
1.6
MGB912
VBE (V) 1.4 (1)
1.2
(2)
(3) 1.0
0.8 0 Tj = 25 C. (1) IC = 15 A. 1 (2) IC = 10 A. (3) IC = 5 A. 2 3 4 5 IB (A) 6
Fig.8 Base-emitter voltage as a function of base current; typical values.
1997 Aug 13
6
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13W; BUW13AW
handbook, halfpage
10
MGB871
102 handbook, halfpage
MBC096
(1) VCEsat (V)
(2)
(3) hFE VCE = 5 V 1V
1
10
10-1 10-2
10-1
1
IB (A)
10
1 10-2
10-1
1
10
2 IC (A) 10
(1) IC = 5 A. (2) IC = 10 A. (3) IC = 15 A. Tj = 25 C; solid line: typical values; dotted line: maximum values.
Fig.9
Collector-emitter saturation voltage as a function of base current.
Fig.10 DC current gain; typical values.
handbook, halfpage
tr -IB on
MBB730
90%
handbook, halfpage
VCC
-IB 10% t
RL VIM 0 tp T
MGE244
-IB off D.U.T. 90% -IC -IC on
RB
10% ton VCC = 250 V; tp = 20 s; VIM = -6 to +8 V; tp/T = 0.01. The values of RB and RL are selected in accordance with ICon and IBon requirements. tf t
ts toff
Fig.11 Test circuit resistive load.
Fig.12 Switching time waveforms with resistive load.
1997 Aug 13
7
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13W; BUW13AW
handbook, halfpage
tr IB on
90% IB
handbook, halfpage
VCC LC
10% t
-IB off VCL D.U.T. 90% IC on
+IB -VBE
LB
MGE246
IC
10% tf t
ts toff VCL = 300 V; VCC = 30 V; VBE = -5 V; LB = 1 H; LC = 200 H.
MGE238
Fig.13 Test circuit inductive load.
Fig.14 Switching time waveforms with inductive load.
1997 Aug 13
8
Philips Semiconductors
Product specification
Silicon diffused power transistors
PACKAGE OUTLINE
BUW13W; BUW13AW
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-247
SOT429
E P
A A1 q S
R D Y
L1(1) Q b2 L
1
2 b b1 e e
3 wM c
0
10 scale
20 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.3 4.7 A1 1.9 1.7 b 1.2 0.9 b1 2.2 1.8 b2 3.2 2.8 c 0.9 0.6 D 21 20 E 16 15 e 5.45 L 16 15 L1 4.0 3.6 P 3.7 3.3 Q 2.6 2.4 q 5.3 R 3.5 3.3 S 7.5 7.1 w 0.4 Y 15.7 15.3 6 4 17 13
Note 1. Terminals are uncontrolled within zone L1. OUTLINE VERSION SOT429 REFERENCES IEC JEDEC TO-247 EIAJ EUROPEAN PROJECTION ISSUE DATE 97-06-11
1997 Aug 13
9
Philips Semiconductors
Product specification
Silicon diffused power transistors
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
BUW13W; BUW13AW
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Aug 13
10
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA55
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
137067/00/01/pp12
Date of release: 1997 Aug 13
Document order number:
9397 750 02725


▲Up To Search▲   

 
Price & Availability of BUW13AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X