Part Number Hot Search : 
DM74AL DZ13B M30620F 15800 X9221UP MBR2580 A9842J 1N5305
Product Description
Full Text Search
 

To Download BCR10PN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR 10PN
NPN/PNP Silicon Digital Tansistor Array * Switching circuit, inverter, interface circuit, drive circuit * Two (galvanic) internal isolated NPN/PNP Transistor in one package * Built in bias resistor (R1=10k, R2=10k) Tape loading orientation
Type BCR 10PN
Marking Ordering Code Pin Configuration W1s
Package
Q62702-C2411 1=E1 2= B1 3=C2 4=E2 5=B2 6=C1 SOT-363
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 115C Junction temperature Storage temperature Symbol Values 50 50 10 20 100 250 150 - 65 ... + 150 mA mW C Unit V
VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Thermal Resistance Junction ambient
1)
RthJA RthJS
275 140
K/W
Junction - soldering point
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
Nov-26-1996
BCR 10PN
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage Values typ. max. Unit
V(BR)CEO
50 10 1 -
V
IC = 100 A, IB = 0
Collector-base breakdown voltage
V(BR)CBO
50
IC = 10 A, IB = 0
Collector cutoff current
ICBO
100
nA mA 0.75 30 V 0.3 1.5 2.5 13 1.1 k -
VCB = 40 V, IE = 0
Emitter cutoff current
IEBO hFE VCEsat Vi(off)
0.8
VEB = 10 V, IC = 0
DC current gain
IC = 5 mA, VCE = 5 V
Collector-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
Input off voltage
IC = 100 A, VCE = 5 V
Input on Voltage
Vi(on)
1
IC = 2 mA, VCE = 0.3 V
Input resistor Resistor ratio AC Characteristics for NPN Type Transition frequency
R1 R1/R2 fT
7 0.9
MHz 130 3 pF -
IC = 10 mA, VCE = 5 V, f = 100 MHz
Collector-base capacitance
Ccb
VCB = 10 V, f = 1 MHz
1) Pulse test: t < 300s; D < 2%
Semiconductor Group
2
Nov-26-1996
BCR 10PN NPN TYPE
DC Current Gain hFE = f (IC) VCE = 5V (common emitter configuration) Collector-Emitter Saturation Voltage VCEsat = f(IC), hFE = 20
10 3
10 2
-
hFE
10 2
IC
V
10 1
10 1
10 0 -1 10
10
0
10
1
mA
10 0 0.0
0.2
0.4
0.6
V
IC
1.0 V CEsat
Input on Voltage Vi(on) = f(IC) VCE = 0.3V (common emitter configuration)
Input off voltage Vi(off) = f(IC) VCE = 5V (common emitter configuration)
10 2
10 1
mA
mA
IC
10 1
IC
10 0
10 0
10 -1
10 -1 -1 10
10
0
10
1
V
10 -2 0.0
0.5
1.0
1.5
2.0
V
3.0
V i(on)
V i(off)
Semiconductor Group
3
Nov-26-1996
BCR 10PN PNP TYPE
DC Current Gain hFE = f (IC) VCE = 5V (common emitter configuration) Collector-Emitter Saturation Voltage VCEsat = f(IC), hFE = 20
10 3
10 2
-
hFE
10 2
IC
mA
10 1
10 1
10 0 -1 10
10
0
10
1
mA
10 0 0.0
0.2
0.4
0.6
V
IC
1.0 V CEsat
Input on Voltage Vi(on) = f(IC) VCE = 0.3V (common emitter configuration)
Input off voltage Vi(off) = f(IC) VCE = 5V (common emitter configuration)
10 2
10 1
mA
mA
IC
10 1
IC
10 0
10 0
10 -1
10 -1 -1 10
10
0
10
1
V
10 -2 0.0
0.5
1.0
1.5
V
2.5
V i(on)
V i(off)
Semiconductor Group
4
Nov-26-1996
BCR 10PN
Total power dissipation Ptot = f (TA*;TS) * Package mounted on epoxy
300
mW
Ptot
200
TS TA
150
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f(tp)
Permissible Pulse Load Ptotmax / PtotDC = f(tp)
10 3
10 3
K/W -
RthJS
10 2
Ptotmax/PtotDC
10 2 D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
5
Nov-26-1996


▲Up To Search▲   

 
Price & Availability of BCR10PN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X