Part Number Hot Search : 
20153 R2010 FDMC8200 TC322 UNR2218 HY1418 VBS20 SD205
Product Description
Full Text Search
 

To Download BC636 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon AF Transistors
High current gain q High collector current q Low collector-emitter saturation voltage q Complementary types: BC 635, BC 637, BC 639 (NPN)
q
BC 636 ... BC 640
2 1
3
Type BC 636 BC 638 BC 640
Marking -
Ordering Code Q68000-A3365 Q68000-A3366 Q68000-A3367
Pin Configuration 1 2 3 E C B
Package1) TO-92
If desired, selected transistors, type BC 6 5 5 -10 (hFE = 63 ... 160), or BC 6 5 5 -16 (hFE = 100 ... 250) are available. Ordering codes upon request.
1)
For detailed information see chapter Package Outlines.
Semiconductor Group
1
5.91
BC 636 ... BC 640
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Junction temperature Storage temperature range Thermal Resistance Junction - ambient1) Junction - case2) Rth JA Rth JC

Symbol VCE0 VCB0 VEB0 IC ICM IB IBM Tj Tstg
Values BC 636 45 45
Unit BC 638 60 60 5 1 1.5 100 200 0.8 (1) 150 - 65 ... + 150 W C mA A BC 640 80 100 V
Total power dissipation, TC = 90 C1) Ptot
156 55
K/W
1)
2)
If the transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area for the collector terminal, Rth JA = 125 K/W and thus Ptot max = 1 W at TA = 25 C. Mounted on Al heat sink 15 mm x 25 mm x 0.5 mm.
Semiconductor Group
2
BC 636 ... BC 640
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA BC 636 BC 638 BC 640 Collector-base breakdown voltage IC = 100 A BC 636 BC 638 BC 640 Emitter-base breakdown voltage IE = 10 A Collector cutoff current VCB = 30 V VCB = 30 V, TA = 150 C Emitter cutoff current VEB = 4 V DC current gain IC = 5 mA; VCE = 2 V IC = 150 mA; VCE = 2 V1) IC = 500 mA; VCE = 2 V1) Collector-emitter saturation voltage1) IC = 500 mA; IB = 50 mA Base-emitter voltage1) IC = 500 mA; VCE = 2 V AC characteristics Transition frequency IC = 50 mA, VCE = 10 V, f = 20 MHz fT - 100 - MHz V(BR)EB0 ICB0 - - IEB0 hFE 25 40 25 VCEsat VBE - - - - - - - - 250 - 500 1 mV V - - - - 100 20 100 nA
A
Values typ. max.
Unit
V(BR)CE0 45 60 80 V(BR)CB0 45 60 100 5 - - - - - - - - - - - - - -
V
nA -
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
3
BC 636 ... BC 640
Total power dissipation Ptot = f (TA; TC)
Collector cutoff current ICB0 = f (TA) VCB = 30 V
Permissible pulse load RthJA = f (tp)
Collector current IC = f (VBE) VCE = 2 V
Semiconductor Group
4
BC 636 ... BC 640
DC current gain hFE = f (IC) VCE = 2 V
Collector-emitter saturation voltage VCEsat = f (IC) hFE = 10
Transition frequency fT = f (IC)
Semiconductor Group
5


▲Up To Search▲   

 
Price & Availability of BC636

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X