Part Number Hot Search : 
AAT8107 1LT1G MX25L163 DTC114 74LCX 1N5651A TPS610 HC139A
Product Description
Full Text Search
 

To Download BAV99W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV 99W Silicon Switching Diode Array
* Connected in series * For high speed switching applications
Type BAV 99W
Marking Ordering Code A7s Q62702-A1051
Pin Configuration 1=A1 2=C2
Package 3=C1/A2 SOT-323
Maximum Ratings per Diode Parameter Diode reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total Power dissipation Symbol Values 70 70 200 4.5 250 mA A mW 150 - 65 ... + 150 430 190 C Unit V
VR VRM IF IFS Ptot Tj Tstg RthJA RthJS
TS = 103 C
Junction temperature Storage temperature Thermal Resistance Junction ambient
1)
K/W
Junction - soldering point
1) Package mounted on epoxy pcb 40mm x 40mmm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
Apr-03-1997
BAV 99W
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC characteristics per Diode Breakdown voltage Values typ. max. Unit
V(BR)
70 -
V mV 715 855 1000 1250 A 2.5 30 50
I(BR) = 100 A
Forward voltage
VF
IF = 1 mA IF = 10 mA IF = 50 mA IF = 150 mA
Reverse current
IR
VR = 70 V, TA = 25 C VR = 25 V, TA = 150 C VR = 70 V, TA = 150 C
AC characteristics per Diode Diode capacitance
CD
1.5
pF ns 6
VR = 0 V, f = 1 MHz
Reverse recovery time
trr
IF = 10 mA, IR = 10 mA, RL = 100 trr measured at 1 mA
Semiconductor Group
2
Apr-03-1997
BAV 99W
Forward current IF = f (TA*;TS) * Package mounted on epoxy
Forward current IF = f (VF) TA = 25C
300
mA
IF
200
TA
150
TS
100
50
0 0
20
40
60
80
100
120 C 150 TA,TS
Permissible Pulse Load RthJS = f(tp)
Permissible Pulse Load IFmax/IFDC = f(tp)
10 3
10 2
K/W
RthJS
10 2
IFmax/IFDC
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
3
Apr-03-1997
BAV 99W
Forward voltage VF = f (TA)
Reverse current IR = f (TA)
Semiconductor Group
4
Apr-03-1997


▲Up To Search▲   

 
Price & Availability of BAV99W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X