Part Number Hot Search : 
SI53115 109501 27A1226 BUV28 RF7501 MN3101 LT0129 1N4003
Product Description
Full Text Search
 

To Download BAV99LT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV99LT1
Preferred Device
Dual Series Switching Diode
Features
* Pb-Free Packages are Available
http://onsemi.com
MAXIMUM RATINGS (Each Diode)
Rating Reverse Voltage Forward Current Peak Forward Surge Current Repetitive Peak Reverse Voltage Average Rectified Forward Current (Note 1) (averaged over any 20 ms period) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current t = 1.0 ms t = 1.0 ms t = 1.0 s Symbol VR IF IFM(surge) VRRM IF(AV) IFRM IFSM 2.0 1.0 0.5 Value 70 215 500 70 715 450 Unit Vdc mAdc mAdc V mA mA A
ANODE 1
CATHODE 2
3 CATHODE/ANODE
3 1 2
CASE 318 SOT-23 STYLE 11
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Range Symbol PD Max 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 -65 to +150 Unit mW mW/C C/W mW
A7 M
A7 = Device Code M = Date Code
ORDERING INFORMATION
mW/C Device C/W C BAV99LT1 BAV99LT1G BAV99LT3 BAV99LT3G Package SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 10,000/Tape & Reel
1. FR-5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in 99.5% alumina.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2004
1
September, 2004 - Rev. 3
Publication Order Number: BAV99LT1/D
BAV99LT1
OFF CHARACTERISTICS (TA = 25C unless otherwise noted) (Each Diode)
Characteristic Reverse Breakdown Voltage, (I(BR) = 100 mA) Reverse Voltage Leakage Current, (VR = 70 Vdc) (VR = 25 Vdc, TJ = 150C) (VR = 70 Vdc, TJ = 150C) Diode Capacitance, (VR = 0, f = 1.0 MHz) Forward Voltage, (IF = 1.0 mAdc) (IF = 10 mAdc) (IF = 50 mAdc) (IF = 150 mAdc) Reverse Recovery Time, (IF = IR = 10 mAdc, iR(REC) = 1.0 mAdc) RL = 100 W Forward Recovery Voltage, (IF = 10 mA, tr = 20 ns) VFR - 1.75 V trr - 6.0 ns VF - - - - 715 855 1000 1250 mVdc CD - 1.5 pF V(BR) IR 70 - - - - 2.5 30 50 Vdc mAdc Symbol Min Max Unit
http://onsemi.com
2
BAV99LT1
CURVES APPLICABLE TO EACH DIODE
100 IF, FORWARD CURRENT (mA) I R, REVERSE CURRENT ( A) 10 TA = 150C 1.0 TA = 125C
10 TA = 85C 1.0 TA = 25C TA = -40C 0.1 0.2 0.4 0.6 0.8 1.0 1.2
0.1
TA = 85C TA = 55C
0.01 TA = 25C 0 10 20 30 40 50 VR, REVERSE VOLTAGE (VOLTS)
0.001
VF, FORWARD VOLTAGE (VOLTS)
Figure 1. Forward Voltage
Figure 2. Leakage Current
0.68 CD , DIODE CAPACITANCE (pF)
0.64
0.60
0.56
0.52
0
2
4
6
8
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Capacitance
http://onsemi.com
3
BAV99LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) PLASTIC PACKAGE CASE 318-08 ISSUE AK
A L
3 1 2 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. DIM A B C D G H J K L S V INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
BS
V
G C D H K J
STYLE 11: PIN 1. ANODE 2. CATHODE 3. CATHODE-ANODE
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BAV99LT1/D


▲Up To Search▲   

 
Price & Availability of BAV99LT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X