Part Number Hot Search : 
1N5993 CEM4953 BR5002 FD400R4A M2122REW MAX731 KMOC30 06780
Product Description
Full Text Search
 

To Download AD621 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES EASY TO USE Pin-Strappable Gains of 10 and 100 All Errors Specified for Total System Performance Higher Performance than Discrete In Amp Designs Available in 8-Lead DIP and SOIC Low Power, 1.3 mA Max Supply Current Wide Power Supply Range ( 2.3 V to 18 V) EXCELLENT DC PERFORMANCE 0.15% Max, Total Gain Error 5 ppm/ C, Total Gain Drift 125 V Max, Total Offset Voltage 1.0 V/ C Max, Offset Voltage Drift LOW NOISE 9 nV/Hz, @ 1 kHz, Input Voltage Noise 0.28 V p-p Noise (0.1 Hz to 10 Hz) EXCELLENT AC SPECIFICATIONS 800 kHz Bandwidth (G = 10), 200 kHz (G = 100) 12 s Settling Time to 0.01% APPLICATIONS Weigh Scales Transducer Interface and Data Acquisition Systems Industrial Process Controls Battery-Powered and Portable Equipment PRODUCT DESCRIPTION
Low Drift, Low Power Instrumentation Amplifier AD621
CONNECTION DIAGRAM 8-Lead Plastic Mini-DIP (N), Cerdip (Q) and SOIC (R) Packages
G = 10/100 1 -IN 2 +IN 3
8
G = 10/100 +VS
AD621
7
TOP VIEW 6 OUTPUT (Not to Scale) 5 REF -VS 4
gain drift errors are achieved by the use of internal gain setting resistors. Fixed gains of 10 and 100 can easily be set via external pin strapping. The AD621 is fully specified as a total system, therefore, simplifying the design process. For portable or remote applications, where power dissipation, size, and weight are critical, the AD621 features a very low supply current of 1.3 mA max and is packaged in a compact 8-lead SOIC, 8-lead plastic DIP or 8-lead cerdip. The AD621 also excels in applications requiring high total accuracy, such as precision data acquisition systems used in weigh scales and transducer interface circuits. Low maximum error specifications including nonlinearity of 10 ppm, gain drift of 5 ppm/C, 50 V offset voltage, and 0.6 V/C offset drift ("B" grade), make possible total system performance at a lower cost than has been previously achieved with discrete designs or with other monolithic instrumentation amplifiers. When operating from high source impedances, as in ECG and blood pressure monitors, the AD621 features the ideal combination of low noise and low input bias currents. Voltage noise is specified as 9 nV/Hz at 1 kHz and 0.28 V p-p from 0.1 Hz to 10 Hz. Input current noise is also extremely low at 0.1 pA/Hz. The AD621 outperforms FET input devices with an input bias current specification of 1.5 nA max over the full industrial temperature range.
Vp-p
The AD621 is an easy to use, low cost, low power, high accuracy instrumentation amplifier that is ideally suited for a wide range of applications. Its unique combination of high performance, small size and low power, outperforms discrete in amp implementations. High functionality, low gain errors, and low
30,000
TOTAL ERROR, ppm OF FULL SCALE
25,000 3 OP AMP IN AMP (3 OP 07S)
10,000
20,000
TOTAL INPUT VOLTAGE NOISE, G = 100 - (0.1 - 10Hz)
15,000
1,000 TYPICAL STANDARD BIPOLAR INPUT IN AMP
10,000
AD621A
100
5,000
10 AD621 SUPER ETA BIPOLAR INPUT IN AMP
0
0
5
10 SUPPLY CURRENT - mA
15
20
1
Figure 1. Three Op Amp IA Designs vs. AD621
0.1 1k 10k 100k 1M SOURCE RESISTANCE - 10M 100M
REV. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Figure 2. Total Voltage Noise vs. Source Resistance
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2001
AD621-SPECIFICATIONS
Gain = 10 (Typical @ 25 C, V =
S
15 V, and RL = 2 k , unless otherwise noted.)
Min AD621A Typ Max Min AD621B Typ Max Min AD621S1 Typ Max Unit
Model GAIN Gain Error Nonlinearity, VOUT = -10 V to +10 V Gain vs. Temperature TOTAL VOLTAGE OFFSET Offset (RTI) Over Temperature Average TC Offset Referred to the Input vs. Supply (PSR)2 Total NOISE Voltage Noise (RTI) RTI Current Noise INPUT CURRENT Input Bias Current Over Temperature Average TC Input Offset Current Over Temperature Average TC INPUT Input Impedance Differential Common-Mode Input Voltage Range3 Over Temperature Over Temperature Common-Mode Rejection Ratio DC to 60 Hz with 1 k Source Imbalance OUTPUT Output Swing Over Temperature
Conditions VOUT = 10 V RL = 2 k
0.15 2 -1.5 75 1.0 95 120 13 0.55 100 10 0.5 3.0 0.3 1.5 17 10 5 250 400 2.5 100 2 -1.5 50 0.6 120 13 0.55 100 10 0.5 3.0 0.3 1.5
0.05 10 5 125 215 1.5 95 17 0.8 2 -1 75 1.0 120 13 0.55 100 10 0.5 8.0 0.3 8.0
0.15 10 5 250 500 2.5
% ppm of FS ppm/C V V V/C dB
VS = 15 V VS = 5 V to 15 V VS = 5 V to 15 V VS = 2.3 V to 18 V 1 kHz 0.1 Hz to 10 Hz f = 1 kHz 0.1 Hz-10 Hz VS = 15 V
17 0.8
nV/Hz V p-p fA/Hz pA p-p nA nA pA/C nA nA pA/C
2.0 2.5 1.0 1.5
1.0 1.5 0.5 0.75
2 4 1.0 2.0
10 2 10 2 VS = 2.3 V to 5 V VS = 5 V to 18 V -VS + 1.9 -VS + 2.1 -VS + 1.9 -VS + 2.1 +VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.4 -VS + 1.9 -VS + 2.1 -VS + 1.9 -VS + 2.1
10 2 10 2 +VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.4 -VS + 1.9 -VS + 2.1 -VS + 1.9 -VS + 2.3
10 2 10 2 +VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.4
G pF G pF V V V V
VCM = 0 V to 10 V RL = 10 k, VS = 2.3 V to 5 V VS = 5 V to 18 V
93
110
100
110
93
110
dB
Over Temperature Short Current Circuit DYNAMIC RESPONSE Small Signal, -3 dB Bandwidth Slew Rate Settling Time to 0.01% REFERENCE INPUT RIN IIN Voltage Range Gain to Output POWER SUPPLY Operating Range Quiescent Current Over Temperature TEMPERATURE RANGE For Specified Performance
-VS + 1.1 -VS + 1.4 -VS + 1.2 -VS + 1.6 18
+VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.5
-VS + 1.1 -VS + 1.4 -VS + 1.2 -VS + 1.6 18
+VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.5
-VS + 1.1 -VS + 1.6 -VS + 1.2 -VS + 2.3 18
+VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.5
V V V V mA
0.75 10 V Step
800 1.2 12 20 50
0.75
800 1.2 12 20 50 1 0.0001
0.75
800 1.2 12 20 +50
kHz V/s s k A V
VIN +, VREF = 0 -VS + 1.6
60 +VS - 1.6 -VS + 1.6
60 +VS - 1.6
VS + 1.6
1 0.0001 2.3 0.9 1.1 -40 to +85 18 1.3 1.6 2.3
+60 +VS - 1.6 1 0.0001 18 1.3 1.6
VS = 2.3 V to 18 V
0.9 1.1 -40 to +85
18 1.3 1.6
2.3 0.9 1.1
V mA mA C
-55 to +125
NOTES 1 See Analog Devices' military data sheet for 883B tested specifications. 2 This is defined as the supply range over which PSRR is defined. 3 Input Voltage Range = CMV + (Gain x VDIFF). Specifications subject to change without notice.
-2-
REV. B
AD621 Gain = 100
Model GAIN Gain Error Nonlinearity, VOUT = -10 V to +10 V Gain vs. Temperature TOTAL VOLTAGE OFFSET Offset (RTI) Over Temperature Average TC Offset Referred to the Input vs. Supply (PSR)2 Total NOISE Voltage Noise (RTI) RTI Current Noise INPUT CURRENT Input Bias Current Over Temperature Average TC Input Offset Current Over Temperature Average TC INPUT Input Impedance Differential Common-Mode Input Voltage Range3 Over Temperature Over Temperature Common-Mode Rejection Ratio DC to 60 Hz with 1 k Source Imbalance OUTPUT Output Swing Over Temperature VS = 5 V to 18 V Over Temperature Short Current Circuit DYNAMIC RESPONSE Small Signal, -3 dB Bandwidth Slew Rate Settling Time to 0.01% REFERENCE INPUT RIN IIN Voltage Range Gain to Output POWER SUPPLY Operating Range Quiescent Current Over Temperature TEMPERATURE RANGE For Specified Performance
(Typical @ 25 C, VS =
Conditions VOUT = 10 V RL = 2 k
15 V, and RL = 2 k , unless otherwise noted.)
Min AD621A Typ Max Min AD621B Typ Max Min AD621S1 Typ Max Unit
0.15 2 -1 35 0.3 110 140 9 0.28 100 10 0.5 3.0 0.3 1.5 13 10 5 125 185 1.0 120 2 -1 25 0.1 140 9 0.28 100 10 0.5 3.0 0.3 1.5
0.05 10 5 50 215 0.6 110 13 0.4 2 -1 35 0.3 140 9 0.28 100 10 0.5 8.0 0.3 8.0
0.15 10 5 125 225 1.0
% ppm of FS ppm/C V V V/C dB
VS = 15 V VS = 5 V to 15 V VS = 5 V to 15 V VS = 2.3 V to 18 V 1 kHz 0.1 Hz to 10 Hz f = 1 kHz 0.1 Hz-10 Hz VS = 15 V
13 0.4
nV/Hz V p-p fA/Hz pA p-p nA nA pA/C nA nA pA/C
2.0 2.5 1.0 1.5
1.0 1.5 0.5 0.75
2 4 1.0 2.0
10 2 10 2 VS = 2.3 V to 5 V VS = 5 V to 18 V -VS + 1.9 -VS + 2.1 -VS + 1.9 -VS + 2.1 +VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.4 -VS + 1.9 -VS + 2.1 -VS + 1.9 -VS + 2.1
10 2 10 2 +VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.4 -VS + 1.9 -VS + 2.1 -VS + 1.9 -VS + 2.3
10 2 10 2 +VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.4
G pF G pF V V V V
VCM = 0 V to 10 V RL = 10 k, VS = 2.3 V to 5 V
110
130
120
130
110
130
dB
-VS + 1.1 -VS + 1.4 -VS + 1.2 -VS + 1.6 18
+VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.5
-VS + 1.1 -VS + 1.4 -VS + 1.2 -VS + 1.6 18
+VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.5
-VS + 1.1 -VS + 1.6 -VS + 1.2 -VS + 2.3 18
+VS - 1.2 +VS - 1.3 +VS - 1.4 +VS - 1.5
V V V V mA
0.75 10 V Step
200 1.2 12 20 50
0.75
200 1.2 12 20 50 1 0.0001
0.75
200 1.2 12 20 50
kHz V/s s k A V
VIN +, VREF = 0 -VS + 1.6
60 +VS - 1.6 -VS + 1.6
60 +VS - 1.6
VS + 1.6
1 0.0001 2.3 0.9 1.1 -40 to +85 18 1.3 1.6 2.3
60 +VS - 1.6 1 0.0001 18 1.3 1.6
VS = 2.3 V to 18 V
0.9 1.1 -40 to +85
18 1.3 1.6
2.3 0.9 1.1
V mA mA C
-55 to +125
NOTES 1 See Analog Devices' military data sheet for 883B tested specifications. 2 This is defined as the supply range over which PSEE is defined. 3 Input Voltage Range = CMV + (Gain x VDIFF). Specifications subject to change without notice.
REV. B
-3-
AD621
ABSOLUTE MAXIMUM RATINGS 1 ESD SUSCEPTIBILITY
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Internal Power Dissipation2 . . . . . . . . . . . . . . . . . . . . 650 mW Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . . VS Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . 25 V Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite Storage Temperature Range (Q) . . . . . . . . . -65C to +150C Storage Temperature Range (N, R) . . . . . . . -65C to +125C Operating Temperature Range AD621 (A, B) . . . . . . . . . . . . . . . . . . . . . . - 40C to +85C AD621 (S) . . . . . . . . . . . . . . . . . . . . . . . . - 55C to +125C Lead Temperature Range (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . 300C
NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Specification is for device in free air: 8-Lead Plastic Package: JA = 95C/W 8-Lead Cerdip Package: JA = 110C/W 8-Lead SOIC Package: JA = 155C/W
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 volts, which readily accumulate on the human body and on test equipment, can discharge without detection. Although the AD621 features proprietary ESD protection circuitry, permanent damage may still occur on these devices if they are subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid any performance degradation or loss of functionality.
ORDERING GUIDE Model AD621AN AD621BN AD621AR AD621BR AD621SQ/883B2 AD621ACHIPS Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C -40C to +85C Package Description 8-Lead Plastic DIP 8-Lead Plastic DIP 8-Lead Plastic SOIC 8-Lead Plastic SOIC 8-Lead Cerdip Die Package Option1 N-8 N-8 R-8 R-8 Q-8
NOTES 1 N = Plastic DIP; Q = Cerdip; R = SOIC. 2 See Analog Devices' military data sheet for 883B specifications.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm). Contact factory for latest dimensions.
1.125 (3.57)
+VS 7
OUTPUT 6
RG 8 5 REFERENCE
0.0708 (2.545)
RG 1
4 -VS
2 -IN
3 +IN
-4-
REV. B
Typical Performance Characteristics-AD621
50 SAMPLE SIZE = 90 40
PERCENTAGE OF UNITS 40 50 SAMPLE SIZE = 90
PERCENTAGE OF UNITS
30
30
20
20
10
10
0
0
-200
-100 0 +100 INPUT OFFSET VOLTAGE - V
+200
-800
-400 0 +400 INPUT BIAS CURRENT - pA
+800
TPC 1. Typical Distribution of VOS, Gain = 10
TPC 4. Typical Distribution of Input Bias Current
50 SAMPLE SIZE = 90
CHANGE IN OFFSET VOLTAGE -
2.0
40
V
PERCENTAGE OF UNITS
1.5
30
1.0
20
0.5
10
0
-80
0 +40 -40 INPUT OFFSET VOLTAGE - V
+80
0
0
1
2 3 WARM-UP TIME - Minutes
4
5
TPC 2. Typical Distribution of VOS, Gain = 100
TPC 5. Change in Input Offset Voltage vs. Warm-Up Time
50 SAMPLE SIZE = 90 40 VOLTAGE NOISE - nV/ Hz
1000
PERCENTAGE OF UNITS
100
30
GAIN = 10 10 GAIN = 100
20
10
0
-400
-200 0 +200 INPUT OFFSET CURRENT - pA
+400
1
1
10
100 1k FREQUENCY - Hz
10k
100k
TPC 3. Typical Distribution of Input Offset Current
TPC 6. Voltage Noise Spectral Density
REV. B
-5-
AD621
1000
100mV
CURRENT NOISE - nV/ Hz
100 90
1s
100
10 0%
10 1 10 100 FREQUENCY - Hz 1000
TPC 7. Current Noise Spectral Density vs. Frequency
TPC 9. 0.1 Hz to 10 Hz Current Noise, 5 pA per Vertical Div, 1 Second per Horizontal Div
100,000
TOTAL DRIFT FROM 25 C TO 85 C, RTI - V
10,000 FET INPUT IN AMP
RTI NOISE - 0.2 V/div
1000
100 AD621A
TIME - 1 sec/div
10 1k 10k 100k SOURCE RESISTANCE - 1M 10M
TPC 8a. 0.1 Hz to 10 Hz RTI Voltage Noise, Gain = 10
TPC 10. Total Drift vs. Source Resistance
160 140 120 100 CMR - dB 80 60 40 20 0 0.1 GAIN = 10 GAIN = 100
RTI NOISE - 0.1 V/div
TIME - 1 sec/div
1
10
100 1k FREQUENCY - Hz
10k
100k
1M
TPC 8b. 0.1 Hz to 10 Hz RTI Voltage Noise, G = 100
TPC 11. CMR vs. Frequency, RTI, for a Zero to 1 k Source Imbalance
-6-
REV. B
AD621
180 160 140 120
35 G = 10 & 100 30
OUTPUT VOLTAGE - Volts p-p
10k 100k 1M
G = 100
25
PSR - dB
G = 10 100 80 60 40 20 0.1
20 15
10 5 0 1k
1
10
100 1k FREQUENCY - Hz
10k 100k FREQUENCY - Hz
1M
TPC 12. Positive PSR vs. Frequency
TPC 15. Large Signal Frequency Response
180 160 G = 100 140 120
+VS -0.0
INPUT VOLTAGE LIMIT - Volts (REFERRED TO SUPPLY VOLTAGES)
100 1k FREQUENCY - Hz 10k 100k 1M
-0.5 -1.0 -1.5
PSR - dB
G = 10 100 80 60 40 20 0.1
+1.5 +1.0 +0.5
1
10
-VS +0.0 0 5 10 SUPPLY VOLTAGE 15 Volts 20
TPC 13. Negative PSR vs. Frequency
TPC 16. Input Voltage Range vs. Supply Voltage
1000
+VS -0.0
100
INPUT VOLTAGE LIMIT - Volts (REFERRED TO SUPPLY VOLTAGES)
-0.5 -1.0 -1.5 RL = 2k
RL = 10k
CLOSED-LOOP GAIN - V/V
10
+1.5 +1.0 +0.5
RL = 2k
1
RL = 10k
0.1 100 1k 10k 100k FREQUENCY - Hz 1M 10M
-VS +0.0
0
5
10 SUPPLY VOLTAGE
15 Volts
20
TPC 14. Closed-Loop Gain vs. Frequency
TPC 17. Output Voltage Swing vs. Supply Voltage, G = 10
REV. B
-7-
AD621
30
OUTPUT VOLTAGE SWING - Volts p-p
VS = 15V G = 10 20
5V
100 90
1mV
10 s
10
10 0%
0 0 100 1k LOAD RESISTANCE - 10k
TPC 18. Output Voltage Swing vs. Resistive Load
TPC 21. Large Signal Pulse Response and Settling Time, G = 100 (0.5 mV = 0.1%), RL = 2 k, CL = 100 pF
5V
100 90
1mV
10 s
100 90
20mV
10 s
10 0%
10 0%
TPC 19. Large Signal Pulse Response and Settling Time Gain, G = 10 (0.5 mV = 0.01%), RL = 1 k, CL = 100 pF
TPC 22. Small Signal Pulse Response, G = 100, RL = 2 k, CL = 100 pF
20
20mV
100 90
10 s
TO 0.01% 15
SETTLING TIME - s
TO 0.1% 10
10 0%
5
0 0 5 10 15 OUTPUT STEP SIZE - Volts 20
TPC 20. Small Signal Pulse Response, G = 10, RL = 1 k, CL = 100 pF
TPC 23. Settling Time vs. Step Size, G = 10
-8-
REV. B
AD621
20 TO 0.01% 15
100 90
100 V
2V
SETTLING TIME - s
TO 0.1% 10
5
10 0%
0 0 5 15 10 OUTPUT STEP SIZE - Volts 20
TPC 24. Settling Time vs. Step Size, Gain = 100
TPC 27. Gain Nonlinearity, G = 10, RL = 10 k, Vertical Scale: 100 V/Div = 100 ppm/Div, Horizontal Scale: 2 Volts/Div
2.0 1.5 +IB 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 -125 -IB
10k 1% +VS INPUT 20V p-p 100k 1% G = 10 11k 0.1% G = 100 G = 10 1k 0.1% G = 100
1k 10T
10k 1% VOUT
INPUT CURRENT - nA
-
AD621 +
-VS
-75
-25 25 75 TEMPERATURE - C
125
175
TPC 25. Input Bias Current vs. Temperature
TPC 28. Settling Time Test Circuit
0PW 0
100 90
VZR 0
100 V
2V
10 0%
0 WFM
20 WFM AQR WARNING
TPC 26. Gain Nonlinearity, G = 100, RL = 10 k, CL = 0 pF. Vertical Scale: 100 V/Div = 100 ppm/Div Horizontal Scale: 2 Volts/Div
REV. B
-9-
AD621
+VS 7 I1 20 A VB 20 A I2
R5 at a gain of 10 or the parallel combination of R5 and R6 at a gain of 100. This creates a differential gain from the inputs to the A1/A2 outputs given by G = (R1 + R2) / RG + 1. The unity-gain subtracter A3 removes any common-mode signal, yielding a single-ended output referred to the REF pin potential.
OUTPUT 6 REF Q2 R4 400 3 +IN 5
-
C1
A1
A2 C2 10k
R3 400 -IN 2 Q1
R1 25k R5 5555.6 R6 555.6 G = 100
R2
25k
18 G = 100
4 -VS
Figure 3. Simplified Schematic of AD621
THEORY OF OPERATION
The AD621 is a monolithic instrumentation amplifier based on a modification of the classic three op amp circuit. Careful layout of the chip, with particular attention to thermal symmetry builds in tight matching and tracking of critical components, thus preserving the high level of performance inherent in this circuit, at a low price. On chip gain resistors are pretrimmed for gains of 10 and 100. The AD621 is preset to a gain of 10. A single external jumper (between Pins 1 and 8) is all that is needed to select a gain of 100. Special design techniques assure a low gain TC of 5 ppm/C max, even at a gain of 100. Figure 3 is a simplified schematic of the AD621. The input transistors Q1 and Q2 provide a single differential-pair bipolar input for high precision, yet offer 10x lower Input Bias Current, thanks to Supereta processing. Feedback through the Q1-A1-R1 loop and the Q2-A2-R2 loop maintains constant collector current of the input devices Q1 and Q2, thereby impressing the input voltage across the gain-setting resistor, RG, which equals
10V
R = 350
R = 350
R = 350
R = 350
PRECISION BRIDGE TRANSDUCER
-
10k
+
+
- +
A3 10k
10k
The value of RG also determines the transconductance of the preamp stage. As RG is reduced for larger gains, the transconductance increases asymptotically to that of the input transistors. This has three important advantages: (a) Open-loop gain is boosted for increasing programmed gain, thus reducing gainrelated errors. (b) The gain-bandwidth product (determined by C1, C2 and the preamp transconductance) increases with programmed gain, thus optimizing frequency response. (c) The input voltage noise is reduced to a value of 9 nV/Hz, determined mainly by the collector current and base resistance of the input devices.
Make vs. Buy: A Typical Bridge Application Error Budget
The AD621 offers improved performance over discrete three op amp IA designs, along with smaller size, fewer components and 10 times lower supply current. In the typical application, shown in Figure 4, a gain of 100 is required to amplify a bridge output of 20 mV full scale over the industrial temperature range of -40C to +85C. The error budget table below shows how to calculate the effect various error sources have on circuit accuracy. Regardless of the system it is being used in, the AD621 provides greater accuracy, and at low power and price. In simple systems, absolute accuracy and drift errors are by far the most significant contributors to error. In more complex systems with an intelligent processor, an autogain/autozero cycle will remove all absolute accuracy and drift errors leaving only the resolution errors of gain nonlinearity and noise, thus allowing full 14-bit accuracy. Note that for the discrete circuit, the OP07 specifications for input voltage offset and noise have been multiplied by 2. This is because a three op amp type in amp has two op amps at its inputs, both contributing to the overall input error.
+ OP07D -
10k *
10k *
+
10k ** 100k ** 10k ** - OP07D +
AD621A
-
REFERENCE
- OP07D +
AD621A MONOLITHIC INSTRUMENTATION AMPLIFIER, G = 100 SUPPLY CURRENT = 1.3mA MAX
10k *
10k *
3 OP AMP, IN AMP, G = 100 * 0.02% RESISTOR MATCH, 3PPM/ C TRACKING ** DISCRETE 1% RESISTOR, 100PPM/ C TRACKING SUPPLY CURRENT = 15mA MAX
Figure 4. Make vs. Buy
-10-
REV. B
AD621
5V
3k
3k
+
20k REF
AD621B
3k 3k
IN DIGITAL 10k 20k + AD705 - 0.6mA MAX AGND
-
ADC DATA
OUTPUT
1.7mA
1.3mA MAX
0.10mA
Figure 5. A Pressure Monitor Circuit which Operates on a 5 V Power Supply
Pressure Measurement
Although useful in many bridge applications such as weigh-scales, the AD621 is especially suited for higher resistance pressure sensors powered at lower voltages where small size and low power become more even significant. Figure 5 shows a 3 k pressure transducer bridge powered from 5 V. In such a circuit, the bridge consumes only 1.7 mA. Adding the AD621 and a buffered voltage divider allows the signal to be conditioned for only 3.8 mA of total supply current. Small size and low cost make the AD621 especially attractive for voltage output pressure transducers. Since it delivers low noise and drift, it will also serve applications such as diagnostic noninvasion blood pressure measurement.
Wide Dynamic Range Gain Block Suppresses Large CommonMode and Offset Signals
The AD621 is especially useful in wide dynamic range applications such as those requiring the amplification of signals in the
presence of large, unwanted common-mode signals or offsets. Many monolithic in amps achieve low total input drift and noise errors only at relatively high gains (~100). In contrast the AD621's low output errors allow such performance at a gain of 10, thus allowing larger input signals and therefore greater dynamic range. The circuit of Figure 6 ( 15 V supply, G = 10) has only 2.5 V/C max. VOS drift and 0.55 /V p-p typical 0.1 Hz to 10 Hz noise, yet will amplify a 0.5 V differential signal while suppressing a 10 V common-mode signal, or it will amplify a 1.25 V differential signal while suppressing a 1 V offset by use of the DAC driving the reference pin of the AD621. An added benefit, the offsetting DAC connected to the reference pin allows removal of a dc signal without the associated time-constant of ac coupling. Note the representations of a differential and common-mode signal shown in Figure 6 such that a single-ended (or normal mode) signal of 1 V would be composed of a 0.5 V common-mode component and a 1 V differential component.
Table I. Make vs. Buy Error Budget
Error Source ABSOLUTE ACCURACY at TA = +25C Input Offset Voltage, V Output Offset Voltage, V Input Offset Current, nA CMR, dB DRIFT TO +85C Gain Drift, ppm/C Input Offset Voltage Drift, V/C Output Offset Voltage Drift, V/C AD621 Circuit Calculation 125 V/20 mV N/A 2 nA x 350 /20 mV 110 dB3.16 ppm, x 5 V/20 mV Discrete Circuit Calculation (150 V x 2/20 mV ((150 V x 2)/100)/20 mV (6 nA x 350 )/20 mV (0.02% Match x 5 V)/20 mV Total Absolute Error 5 ppm x 60C 1 V/C x 60C/20 mV N/A 100 ppm/C Track x 60C (2.5 V/C x 2 x 60C)/20 mV (2.5 V/C x 2 x 60C)/100/20 mV Total Drift Error RESOLUTION Gain Nonlinearity, ppm of Full Scale 40 ppm Typ 0.1 Hz-10 Hz Voltage Noise, V p-p 0.28 V p-p/20 mV 40 ppm (0.38 V p-p x 2)120 mV Total Resolution Error Grand Total Error
G = 100, VS = 15 V. (All errors are min/max and referred to input.)
Error, ppm of Full Scale AD621 Discrete 16,250 N/A 12,118 12,791 17,558 13,300 13,000 N/A 13,690 12,140 121,14 121,54 11,472 15,000 12,150 121,53 14,988 20,191 12,600 15,000 12,150 15,750 12,140 12,127 121,67 36,008
REV. B
-11-
AD621
INPUT A: 10V CM
+
VDIFF 0.5V
+
VCOM 10V-
- -
OPTIONAL
10 AD621
+
VOUT1 G = 10
10k
-
DAC INPUT B: 1V OFFSET 0 TO 10V 10k VDIFF + VOFFSET (1.25V + 1V)
10 AD621
+
VOUT2 TOTAL GAIN = 100
+ -
USE THIS IN PLACE OF THE DAC FOR ZERO SUPPRESSION FUNCTION. TO REF C TO VOUT1
R - AD548 +
Figure 6. Suppressing a Large Common-Mode or Offset Voltage in Order to Measure a Small Differential Signal (VS = 15 V)
The AD621, as well as many other monolithic instrumentation amplifiers, is based on the "three op amp" in amp circuit (Figure 7) amplifier. Since the input amplifiers (A1 and A2) have a common-mode gain of unity and a differential gain equal to the set gain of the overall in amp, the voltages V1 and V2 are defined by the equations V1 = VCM + G x VDIFF/2 V2 = VCM - G x VDIFF/2 The common-mode voltage will drive the outputs of amplifiers A1 and A2 to the differential-signal voltage, multiplied by the gain, spreads them apart. For a 10 V common-mode 0.1 V differential input, V1 would be at 10.5 V and V2 at 9.5 V.
INPUT AMPLIFIER DIFFERENTIAL GAIN = 10 COMMON MODE GAIN = 1 + A1 - 20k 4.44k + 20k - A2 + V2 10k 10k 10k - A3 V1 OUTPUT AMPLIFIER DIFFERENTIAL GAIN = 1 COMMON MODE GAIN = 1/1000 10k
The AD621's input amplifiers can provide output voltage within 2.5 V of the supplies. To avoid saturation of the input amplifier the input voltage must therefore obey the equations: VCM + G x VDIFF/2 (Upper Supply - 2.5 V) VCM - G x VDIFF/2 (Lower Supply + 2.5 V) Figure 8 shows the trade-off between common-mode and differential-mode input for 15 V supplies and G = 10. By cascading with use of the optional AD621, the circuit of Figure 6 will provide 1 V of zero suppression at gains of 10 and 100 (at VOUT1 and VOUT2 respectively) with maximum TCs of 4 ppm/C and 8 ppm/C, respectively. Therefore, depending on the magnitude of the differential input signal, either VOUT1 or VOUT2 may be used as the output.
1.2
1.0
Volts VDIFF -
0.8
0.6
0.4
Figure 7. Typical Three Op Amp Instrumentation Amplifier, Differential Gain = 10
0.2 0 0 2 4 6 VCM - 8 Volts 10 12
Figure 8. Trade-Off Between VCM and VDIFF Range (VS = 15 V, G = 10), for Reference Pin at Ground
-12-
REV. B
AD621
Precision V-I Converter INPUT OVERLOAD CONSIDERATIONS
The AD621 along with another op amp and two resistors make a precision current source (Figure 9). The op amp buffers the reference terminal to maintain good CMR. The output voltage VX of the AD621 appears across R1 which converts it to a current. This current less only the input bias current of the op amp then flows out to the load.
+VS
Failure of a transducer, faults on input lines, or power supply sequencing can subject the inputs of an instrumentation amplifier to voltages well beyond their linear range, or even the supply voltage, so it is essential that the amplifier handle these overloads without being damaged. The AD621 will safely withstand continuous input overloads of 3.0 volts ( 6.0 mA). This is true for gains of 10 and 100, with power on or off. The inputs of the AD621 are protected by high current capacity dielectrically isolated 400 thin-film resistors R3 and R4 (Figure 3) and by diodes which protect the input transistors Q1 and Q2 from reverse breakdown. If reverse breakdown occurred, there would be a permanent increase in the amplifier's input current. The input overload capability of the AD621 can be easily increased while only slightly degrading the noise, common-mode rejection and offset drift of the device by adding external resistors in series with the amplifier's inputs as shown in Figure 10. Table II summarizes the overload voltages and total input noise for a range of range of r values. Note that a 2 k resistor in series with each input will protect the AD621 from a 15 volt continuous overload, while only increasing input noise to 13 nVHz--about the same level as would be expected from a typical unprotected 3 op amp in amp.
Table II. Input Overload Protection vs. Value of Resistor RP
VIN+
AD621
VIN-
R1 +VX-
IL -VS AD705
IL =
(VIN+ ) - (VIN-) G VX = R1 R1
LOAD
Figure 9. Precision Voltage to Current Converter (Operates on 1.8 mA, 3 V)
INPUT AND OUTPUT OFFSET VOLTAGE
The AD621 is fully specified for total input errors at gains of 10 and 100. That is, effects of all error sources within the AD621 are properly included in the guaranteed input error specs, eliminating the need for separate error calculation. Total Error RTI = Input Error + (Output Error/G) Total Error RTO = (Input Error x G) + Output Error
REFERENCE TERMINAL
Total Input Noise Value of in nVHz @ 1 kHz Resistor RP G = 10 G = 100 0 499 1.00 k 2.00 k 3.01 k* 4.99 k* 14 14 14 15 16 17 9 10 11 13 14 16
Maximum Continuous Overload Voltage, VOL In Volts 3 6 9 15 21 33
Although usually grounded, the reference terminal may be used to offset the output of the AD621. This is useful when the load is "floating" or does not share a ground with the rest of the system. It also provides a direct means of injecting a precise offset. Another benefit of having a reference terminal is that it can be quite effective in eliminating ground loops and noise in a circuit or system.
+VS
*1/4 watt, 1% metal-film resistor. All others are 1/8 watt, 1% RN55 or equivalent.
RP VOL VOL RP GAIN = 10 OR 100 -VS
AD621
VOUT
Figure 10. Input Overload Protection
REV. B
-13-
AD621
Gain Selection
+VS 0.1 F
The AD621 has accurate, low temperature coefficient (TC), gains of 10 and 100 available. The gain of the AD621 is nominally set at 10; this is easily changed to a gain of 100 by simply connecting a jumper between Pins 1 and 8.
+VS 0.1 F
-
INPUTS
-
+
AD621
+
-
AD526 OUTPUT
+
G = 10
555.5
2 20k
0.1 F
REXT 5,555.5
AD621
-VS
0.1 F -VS
Figure 12. A High Performance Programmable Gain Amplifier Figure 11. Programming the AD621 for Gains Between 10 and 100
COMMON-MODE REJECTION
As shown in Figure 11, the device can be programmed for any gain between 10 and 100 by connecting a single external resistor between Pins 1 and 8. Note that adding the external resistor will degrade both the gain accuracy and gain TC. Since the gain equation of the AD621 yields: G = 1+ 9 (RX + 6,111.111) (RX + 555.555)
Instrumentation amplifiers like the AD621 offer high CMR which is a measure of the change in output voltage when both inputs arc changed by equal amounts. These specifications are usually given for a full-range input voltage change and a specified source imbalance. For optimal CMR, the reference terminal should be tied to a low impedance point, and differences in capacitance and resistance should be kept to a minimum between the two inputs. In many applications shielded cables are used to minimize noise, and for best CMR over frequency the shield should he properly driven. Figures 13 and 14 show active data guards that are configured to improve ac common-mode rejections by "bootstrapping" the capacitances of input cable shields, thus minimizing the capacitance mismatch between the inputs.
+VS -INPUT 100 AD648 100k 100k
This can be solved for the nominal value of external resistor for gains between 10 and 100: RX = (G - 1) 555.555 - 55,000 (10 - G )
Table III gives practical 1% resistor values for several common gains.
Table III. Practical 1% External Resistor Values for Gains Between 10 and 100 Desired Recommended Gain 1% Resistor Value 10 20 50 100 (Pins 1 and 8 Open) 4.42 k 698 Temperature Gain Error Coefficient (TC)
100
-
AD621
-VS
VOUT
REFERENCE
*
10% 10%
0 (Pins 1 and 8 Shorted) *
5 ppm/C max 0.4 (50 ppm/C + Resistor TC) 0.4 (50 ppm/C + Resistor TC) 5 ppm/C max
+INPUT
+
-VS
Figure 13. Differential Shield Driver, G = 10
+VS - INPUT 2 1 100 VOUT 7
*Factory trimmed-exact value depends on grade.
A High Performance Programmable Gain Amplifier
The excellent performance of the AD621 at a gain of 10 makes it a good choice to team up with the AD526 programmable gain amplifier (PGA) to yield a differential input PGA with gains of 10, 20, 40, 80, 160. As shown in Figure 12, the low offset of the AD621 allows total circuit offset to be trimmed using the offset null of the AD526, with only a negligible increase in total drift error. The total gain TC will be 9 ppm/C max, with 2 V/C typical input offset drift. Bandwidth is 600 kHz to gains of 10 to 80, and 350 kHz at G = 160. Settling time is 13 s to 0.01% for a 10 V output step for all gains.
AD548
8 + INPUT 3
AD621
5 4 -VS
6 REFERENCE
Figure 14. Common-Mode Shield Driver, G = 100
-14-
REV. B
AD621
GROUNDING
+VS -INPUT
Since the AD621 output voltage is developed with respect to the potential on the reference terminal, it can solve many grounding problems by simply tying the REF pin to the appropriate "local ground." In order to isolate low level analog signals from a noisy digital environment, many data-acquisition components have separate analog and digital ground pins (Figure 15). It would be convenient to use a single ground line; however, current through ground wires and PC runs of the circuit card can cause hundreds of millivolts of error. Therefore, separate ground returns should be provided to minimize the current flow from the sensitive points to the system ground. These ground returns must be tied together at some point, usually best at the ADC package as shown.
ANALOG P.S. +15V C -15V DIGITAL P.S. C +5V
AD621
+INPUT -VS LOAD
VOUT
REFERENCE
TO POWER SUPPLY GROUND
Figure 16a. Ground Returns for Bias Currents when Using Transformer Input Coupling
+VS -INPUT
0.1 F
0.1 F 1F1F 1F
+INPUT
AD621
LOAD -VS
1
VOUT
7 2 4 11 6 6 4 7 9 11 15
+
AD574A ADC DIGITAL DATA OUTPUT
AD621
3 5
AD585 S/H
REFERENCE
TO POWER SUPPLY GROUND
Figure 15. Basic Grounding Practice
GROUND RETURNS FOR INPUT BIAS CURRENTS
Figure 16b. Ground Returns for Bias Currents when Using a Thermocouple Input
+VS -INPUT
Input bias currents are those currents necessary to bias the input transistors of an amplifier. There must be a direct return path for these currents; therefore when amplifying "floating" input sources such as transformers, or ac-coupled sources, there must be a dc path from each input to ground as shown in Figures 16a through 16c. Refer to the Instrumentation Amplifier Application Guide (free from Analog Devices) for more information regarding in amp applications.
AD621
+INPUT 100k 100k -VS LOAD REFERENCE
VOUT
TO POWER SUPPLY GROUND
Figure 16c. Ground Returns for Bias Currents when Using AC Input Coupling
REV. B
-15-
AD621
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic DIP (N-8) Package
8 5
1
4
0.39 (9.91) MAX 0.035 0.01 (0.89 0.25)
0.30 (7.62) REF
0.165 0.01 (4.19 0.25) SEATING PLANE 0.125 (3.18) MIN
0.011 (4.57 0.18 (4.57 0.03 0.76)
0.003 0.76)
0.018 (0.46
0.003 0.08) 0.033 (0.84) NOM
0.10 (2.54) TYP
0 - 15
Cerdip (Q-8) Package
0.005 (0.13) MIN 0.055 (1.4) MAX
8
5 0.310 (7.87) 0.220 (5.59)
1
4 0.070 (1.78) 0.030 (0.76)
0.405 (10.29) MAX 0.200 (5.08) MAX 0.060 (1.52) 0.015 (0.38)
0.320 (8.13) 0.290 (7.37)
0.200 (5.08) 0.125 (3.18)
0.150 (3.81) MIN
0.015 (0.38) 0.008 (0.20)
0.023 (0.58) 0.014 (0.36)
0.100 (2.54) BSC
0 - 15 SEATING PLANE
SOIC (R-8) Package
0.198 (5.03) 0.188 (4.77)
0.158 (4.00) 0.150 (3.80) 0.244 (6.200) 0.228 (5.80)
1
4
0.050 (1.27) TYP
0.018 (0.46) 0.014 (0.36)
0.205 (5.20) 0.181 (4.60)
0.010 (0.25) 0.004 (0.10)
0.094(2.39) 0.100 (2.59)
0.015 (0.38) 0.007 (0.18)
0.045 (1.15) 0.020 (0.50)
-16-
REV. B
PRINTED IN U.S.A.
8
5
C00776-0-1/01 (rev. B)
0.25 (6.35)
0.31 (7.87)


▲Up To Search▲   

 
Price & Availability of AD621

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X