Part Number Hot Search : 
LV123 2SK291 SB140 BU2525DX SX30AP 222MA 000X19 20010TS
Product Description
Full Text Search
 

To Download 5KP22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. 5KP5.0 THRU 5KP110CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W
FEATURES
* 5000W peak pulse power capability * Excellent clamping capability * Low incremental surge resistance * Fast response time: typically less than 1.0ps from 0V to VBR for unidirectional and 5.0nS for bidirectional types. * High temperature soldering guaranteed: 265oC/10S/9.5mm lead length at 5 lbs tension
TECHNICAL SPECIFICATION
R-6
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode except for unidirectional types. * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25oC ambient temperature unless otherwise specified)
RATINGS
Peak power dissipation Peak pulse reverse current Steady state power dissipation Peak forward surge current (Note 1) (Note 1) (Note 2) (Note 3)
SYMBOL
Pppm Ippm Pm(av) IFSM VF
VALUE
Minimum 5000 See Table 8.0 400 3.5
UNITS
W A W A V
o
Maximum instantaneous forward voltage at 100A
TSTG,TJ Operating junction and storage temperature range -55 to + 175 C Notes: o 1. 10/1000S waveform non-repetitive current pulse, and derated above Ta=25 C o 2. Tl=75 C, lead length 9.5mm, Mounted on copper pad area of (20x20mm) 3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
DEVICES FOR BIDIRECTIONAL APPLICATIONS 1. Suffix 'A' dnotes 5% tolerance device,no suffix 'A' dnotes 10% tolerance device. 2. For bidirectional use 'C' or 'CA' suffix for types 5KP5.0 thru types 5KP110A (e.g. 5KP7.5C,5KP110CA), for unidirectional don't use 'C' suffix after types. 3. For bidirectional devices having VWM of 10 volts and less, the ID limit is doubled. 4. Electrical characteristics apply in both directions.
http://www.sse-diode.com
ELECTRICAL CHARACTERISTICS]
( at TA=25oC unless otherwise noted )
Breakdown Voltage V(BR) (Volts) (NOTE 1) MIN
5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3
Device Type
MAX
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8
Maximum Reverse Stand-off Test Voltage Leakage at Current VWM VWM IT(mA) ID (A) (Volts) (NOTE 3)
50 50 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 5000 5000 5000 5000 2000 2000 1000 1000 250 250 150 150 50.0 50.0 20.0 20.0 15.0 15.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0
Maximum Peak Pulse Reverse Current Ippm(Amps) (NOTE 2)
520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 176 164 161 155 172 139 154 127 141 116 128 107 119 99 110 93 103
Maximum Maximum Temperature Clamping Voltage at Coefficient of V(BR) Ippm VC (Volts) (%/oC)
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
http://www.sse-diode.com
ELECTRICAL CHARACTERISTICS
( at TA=25oC unless otherwise noted )
Breakdown Voltage V(BR) (Volts) (NOTE 1) MIN MAX Maximum StandReverse off Test Leakage at Current Voltage VWM VWM IT(mA) ID (A) (Volts) (NOTE 3) Maximum Peak Pulse Reverse Current Ippm (Amps) (NOTE 2) Maximum Clamping Voltage at Ippm VC (Volts)
59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177
Device Type
Maximum Temperature Coefficient of V(BR) (%/oC)
0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.112 0.112
36.7 44.9 5.0 33.0 10.0 85 5KP33 36.7 40.6 5.0 33.0 10.0 94 5KP33A 40.0 48.9 5.0 36.0 10.0 78 5KP36 40.0 44.2 5.0 36.0 10.0 85 5KP36A 44.4 54.3 5.0 40.0 10.0 70 5KP40 44.4 49.1 5.0 40.0 10.0 78 5KP40A 47.8 58.4 5.0 43.0 10.0 65 5KP43 47.8 52.8 5.0 43.0 10.0 72 5KP43A 50.0 61.1 5.0 45.0 10.0 62 5KP45 50.0 55.3 5.0 45.0 10.0 69 5KP45A 53.3 65.2 5.0 48.0 10.0 58 5KP48 53.3 58.9 5.0 48.0 10.0 65 5KP48A 56.7 69.3 5.0 51.0 10.0 55 5KP51 56.7 62.7 5.0 51.0 10.0 61 5KP51A 60.0 73.3 5.0 54.0 10.0 52 5KP54 60.0 66.3 5.0 54.0 10.0 57 5KP54A 64.4 78.7 5.0 58.0 10.0 49 5KP58 64.4 71.2 5.0 58.0 10.0 53 5KP58A 66.7 81.5 5.0 60.0 10.0 47 5KP60 66.7 73.7 5.0 60.0 10.0 52 5KP60A 71.1 96.9 5.0 64.0 10.0 44 5KP64 71.1 78.6 5.0 64.0 10.0 49 5KP64A 77.6 95.1 5.0 70.0 10.0 40 5KP70 77.6 86.0 5.0 70.0 10.0 44 5KP70A 83.3 102 5.0 75.0 10.0 37 5KP75 83.3 92.1 5.0 75.0 10.0 41 5KP75A 86.7 106 5.0 78.0 10.0 36 5KP78 86.7 95.8 5.0 78.0 10.0 40 5KP78A 94.4 115 5.0 85.0 10.0 33 5KP85 94.4 104 5.0 85.0 10.0 36 5KP85A 100 122 5.0 90.0 10.0 31 5KP90 100 111 5.0 90.0 10.0 34 5KP90A 111 136 5.0 100 10.0 28 5KP100 111 123 5.0 100 10.0 31 5KP100A 122 149 5.0 110 10.0 26 5KP110 122 135 5.0 110 10.0 28 5KP110A NOTES: 1. V(BR) measured after IT applied for 300s, IT=square wave pulse or equivalent 2. Surge current waveform and derated 3. For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of 5KP22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X