Part Number Hot Search : 
MGD633 39162 TLHP4405 1778667 TPCP8303 P6SMB 60M35X5 FDS66
Product Description
Full Text Search
 

To Download 381LQ103M0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 381LQ 105 C Compact, High-Ripple Snap-in
23% Smaller for Same Capacitance
Type 381LQ is on average 23% smaller and more than 5 mm shorter than Type 381LX. This is achieved with a new can closure method that permits installing capacitor elements into smaller cans. Approaching the robust capability of the 381L the new 381LQ enables you to shrink equipment size and retain the original performance.
Highlights
New, more capacitance per case Compare to Type 381L
Specifications
Operating Temperature: Rated Voltage: Capacitance: Leakage Current: Ripple Current Multipliers: -40 C to +105 C, 315 Vdc -25 C to +105 C, 350 Vdc 10 to 450 Vdc 100 F to 100,000 F 20% 3 CV A, 5 minutes Ambient Temperature
45 C 2.35 60 C 2.20 50 Hz 10-100 Vdc 160-450 Vdc 0.93 0.75 70 C 2.00 60 Hz 0.95 0.80 85 C 1.70 120 Hz 1.00 1.00 105 C 1.00 500 Hz 1.05 1.20 1 kHz 1.08 1.25 10 kHz & up 1.15 1.40
Frequency
Load Life:
EIA Ripple Life:
Shelf Life:
Vibration:
2000 h at full load at 105 C Capacitance 10% ESR 125% of limit DCL 100% of limit 8000 h at 85 C per EIA IS-749 with 105 C ripple current. Capacitance 10% ESR 200% of limit CL 100% of limit 1000 h at 105 C, Capacitance 10% ESR 200% of limit DCL 100% of limit 10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381LQ 105 C Compact, High-Ripple Snap-in
Outline Drawing
Insulated Case Dimensions
DIAMETER Case H01 H02 H03 H04 H45 H05 J01 J02 J03 J04 J45 J05 22 22 22 22 22 22 25 25 25 25 25 25 D 0.87 0.87 0.87 0.87 0.87 0.87 0.98 0.98 0.98 0.98 0.98 0.98 25 30 35 40 45 50 25 30 35 40 45 50 LENGTH L 0.98 1.18 1.38 1.57 1.77 1.97 0.98 1.18 1.38 1.57 1.77 1.97 Typical Weight 16 19 22 24 28 31 20 24 27 31 35 38 Case Code mm K01 K02 K03 K04 K45 K05 A01 A02 A03 A04 A45 A05 30 30 30 30 30 30 35 35 35 35 35 35 DIAMETER D inches 1.18 1.18 1.18 1.18 1.18 1.18 1.38 1.38 1.38 1.38 1.38 1.38 mm 25 30 35 40 45 50 25 30 35 40 45 50 LENGTH L 0.98 1.18 1.38 1.57 1.77 1.97 0.98 1.18 1.38 1.57 1.77 1.97 Typical Weight 30 35 40 44 49 53 42 48 54 60 67 74 Code mm inches mm inches (grams) inches (grams)
Part Numbering System
381LQ Type 471 Capacitance 471 = 470 F 332 = 3300 F M Tolerance M = 20% 160 Rated Voltage 160 = 160 V 450 = 450 V HO1 Case Code 2 Insulation 2 = PVC
Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381LQ 105 C Compact, High-Ripple Snap-in
Typical Performance Curves
20 15
DF
Life Test, 105 C, Full Load, 1500 F, 200 V
180
35 30
. Cap (%) and DF (%)
150
25 20
10 5 0 -5 -10 0 500 1000 1500 2000 2500 3000 3500
DCL .C
120
DCL (uA)
15
DCL
90
10 5 0
DF
60
C
30
.
0
-5 -10 0 2000 4000 6000 8000 10000
4000
Test Hours
Test Hours
Type 381LQ Operating Life vs Ripple Current
1000
45C
Expected Operating Life, kh
55C 100 65C 75C 85C 10 95C 105C
1
Ratings
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Cap. (F)
Catalog Part Number
ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz D x L () () (A) (A) (mm) 0.065 0.043 0.043 0.035 0.035 0.029 0.029 0.029 0.023 0.023 0.022 0.023 0.022 0.021 0.022 0.021 0.021 0.020 0.020 0.019 0.019 0.019 2.20 2.40 2.40 2.60 2.60 3.10 3.10 3.10 3.40 3.40 3.70 3.70 3.70 4.20 4.20 4.20 5.00 5.00 5.40 5.40 6.10 6.90 2.53 2.76 2.76 2.99 2.99 3.57 3.57 3.57 3.91 3.91 4.26 4.26 4.26 4.83 4.83 4.83 5.75 5.75 6.21 6.21 7.02 7.94 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 25 x 45 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 40 35 x 45 35 x 50
Cap. (F)
Catalog Part Number
ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz DxL () () (A) (A) (mm) 16 Vdc (20 Vdc Surge) 0.063 0.053 0.053 0.042 0.035 0.035 0.029 0.029 0.029 0.023 0.023 0.023 0.023 0.019 0.019 0.020 0.018 0.020 0.014 0.019 0.018 0.018 2.60 2.90 2.90 3.20 3.50 3.50 3.80 3.80 3.80 4.20 4.20 4.20 4.20 4.70 4.70 4.70 5.10 5.10 5.50 5.50 6.00 6.00 2.99 3.34 3.34 3.68 4.03 4.03 4.37 4.37 4.37 4.83 4.83 4.83 4.83 5.41 5.41 5.41 5.87 5.87 6.33 6.33 6.90 6.90 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 40 30 x 50 35 x 45
10 Vdc (13 Vdc Surge) 12000 381LQ123M010H012 0.076 18000 381LQ183M010H022 0.051 18000 381LQ183M010H012 0.051 22000 381LQ223M010H032 0.041 22000 381LQ223M010J022 0.041 27000 381LQ273M010H042 0.034 27000 381LQ273M010J032 0.034 27000 381LQ273M010K012 0.034 33000 381LQ333M010H452 0.028 33000 381LQ333M010J042 0.028 39000 381LQ393M010J452 0.026 39000 381LQ393M010K022 0.026 39000 381LQ393M010A012 0.026 47000 381LQ473M010J052 0.024 47000 381LQ473M010K032 0.024 47000 381LQ473M010A022 0.024 56000 381LQ563M010K042 0.023 56000 381LQ563M010A032 0.023 68000 381LQ683M010K452 0.022 68000 381LQ683M010A042 0.022 82000 381LQ823M010A452 0.021 100000 381LQ104M010A052 0.020
10000 381LQ103M016H012 0.075 12000 381LQ123M016H022 0.062 12000 381LQ123M016J012 0.062 15000 381LQ153M016H032 0.050 18000 381LQ183M016H042 0.041 18000 381LQ183M016J022 0.041 22000 381LQ223M016H452 0.034 22000 381LQ223M016J032 0.034 22000 381LQ223M016H012 0.034 27000 381LQ273M016H052 0.028 27000 381LQ273M016J042 0.028 27000 381LQ273M016K022 0.028 27000 381LQ273M016A012 0.028 33000 381LQ333M016J452 0.023 33000 381LQ333M016K032 0.023 33000 381LQ333M016A022 0.023 39000 381LQ393M016K042 0.022 39000 381LQ393M016A032 0.022 47000 381LQ473M016K452 0.016 47000 381LQ473M016A042 0.021 56000 381LQ563M016K052 0.020 56000 381LQ563M016A452 0.020
Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381LQ 105 C Compact, High-Ripple Snap-in
ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz D x L () () (A) (A) (mm)
25 Vdc (32 Vdc Surge) 6800 8200 8200 10000 12000 12000 15000 15000 15000 18000 18000 18000 18000 22000 22000 22000 27000 27000 33000 33000 39000 39000 47000 4700 5600 5600 6800 8200 8200 10000 10000 10000 12000 12000 12000 15000 15000 15000 18000 18000 22000 22000 27000 381LQ682M025H012 381LQ822M025H022 381LQ822M025J012 381LQ103M025H032 381LQ123M025H042 381LQ123M025J022 381LQ153M025H452 381LQ153M025J032 381LQ153M025K012 381LQ183M025H052 381LQ183M025J042 381LQ183M025K022 381LQ183M025A012 381LQ223M025J452 381LQ223M025K032 381LQ223M025A022 381LQ273M025K042 381LQ273M025A032 381LQ333M025K452 381LQ333M025A042 381LQ393M025K052 381LQ393M025A452 381LQ473M025A052 381LQ472M035H012 381LQ562M035H022 381LQ562M035J012 381LQ682M035H032 381LQ822M035H042 381LQ822M035J022 381LQ103M035H452 381LQ103M035J032 381LQ103M035K012 381LQ123M035J042 381LQ123M035K022 381LQ123M035A012 381LQ153M035J452 381LQ153M035K032 381LQ153M035A032 381LQ183M035K042 381LQ183M035A032 381LQ223M035K452 381LQ223M035A042 381LQ273M035K052 0.085 0.071 0.071 0.058 0.048 0.048 0.039 0.039 0.039 0.032 0.032 0.032 0.032 0.026 0.026 0.026 0.021 0.021 0.018 0.018 0.017 0.017 0.017 0.106 0.089 0.089 0.073 0.061 0.061 0.050 0.050 0.050 0.041 0.041 0.041 0.033 0.033 0.033 0.028 0.028 0.023 0.023 0.018 0.064 0.053 0.053 0.044 0.036 0.036 0.029 0.029 0.029 0.024 0.024 0.024 0.024 0.020 0.020 0.020 0.016 0.016 0.013 0.014 0.013 0.014 0.014 0.079 0.067 0.067 0.055 0.045 0.045 0.037 0.037 0.037 0.031 0.031 0.031 0.025 0.025 0.025 0.021 0.021 0.017 0.017 0.014 2.40 2.70 2.70 3.00 3.20 3.20 3.60 3.60 3.60 3.90 3.90 3.90 3.90 4.30 4.30 4.30 4.80 4.80 5.50 5.50 5.80 5.80 6.30 2.20 2.40 2.40 2.60 2.90 2.90 3.20 3.20 3.20 3.50 3.50 3.50 3.90 3.90 3.90 4.30 4.30 5.00 5.00 5.30 2.76 3.11 3.11 3.45 3.68 3.68 4.14 4.14 4.14 4.49 4.49 4.49 4.49 4.95 4.95 4.95 5.52 5.52 6.33 6.33 6.67 6.67 7.25 2.53 2.76 2.76 2.99 3.34 3.34 3.68 3.68 3.68 4.03 4.03 4.03 4.49 4.49 4.49 4.95 4.95 5.75 5.75 6.10 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 40 30 x 50 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 22 x 45 25 x 35 30 x 25 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 40 30 x 50 2200 2700 2700 3300 3900 3900 3900 4700 4700 5600 5600 5600 5600 6800 2700 3300 3900 3900 4700 4700 5600 5600 4700 4700 5600 5600 5600 6800 6800 6800 6800 8200 8200 10000 10000 10000 12000 12000 15000 15000 18000
Cap. (F)
Catalog Part Number
Cap. (F)
27000 33000
Catalog Part Number
381LQ273M035A452 381LQ333M035A052 381LQ272M050H012 381LQ332M050H022 381LQ392M050H032 381LQ392M050J012 381LQ472M050H042 381LQ472M050J022 381LQ562M050H452 381LQ562M050J032 381LQ472M050H042 381LQ472M050J022 381LQ562M050H452 381LQ562M050J032 381LQ562M050K012 381LQ682M050H052 381LQ682M050J042 381LQ682M050K022 381LQ682M050A012 381LQ822M050J452 381LQ822M050K032 381LQ103M050J052 381LQ103M050K042 381LQ103M050A022 381LQ123M050K452 381LQ123M050A032 381LQ153M050K052 381LQ153M050A042 381LQ183M050A452 381LQ222M063H012 381LQ272M063H022 381LQ272M063J012 381LQ332M063H032 381LQ392M063H042 381LQ392M063J022 381LQ392M063K012 381LQ472M063H452 381LQ472M063J032 381LQ562M063H052 381LQ562M063J042 381LQ562M063K022 381LQ562M063A012 381LQ682M063J452
ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz D x L () () (A) (A) (mm)
0.018 0.015 0.154 0.126 0.106 0.106 0.088 0.088 0.074 0.074 0.088 0.088 0.074 0.074 0.074 0.061 0.061 0.061 0.061 0.051 0.051 0.041 0.041 0.041 0.035 0.035 0.028 0.028 0.023 0.151 0.123 0.123 0.100 0.085 0.085 0.085 0.071 0.071 0.059 0.059 0.059 0.059 0.049 0.014 0.012 0.115 0.094 0.080 0.080 0.066 0.066 0.056 0.056 0.066 0.066 0.056 0.056 0.056 0.046 0.046 0.046 0.046 0.038 0.038 0.031 0.031 0.031 0.026 0.028 0.021 0.022 0.018 0.113 0.092 0.092 0.075 0.064 0.064 0.064 0.053 0.053 0.044 0.044 0.044 0.044 0.037 5.30 5.90 1.80 2.00 2.20 2.20 2.50 2.50 2.80 2.80 2.50 2.50 2.80 2.80 2.80 3.30 3.30 3.30 3.30 3.60 3.60 4.00 4.00 4.00 4.50 4.50 4.80 4.80 5.60 2.00 2.20 2.20 2.50 2.70 2.70 2.70 3.00 3.00 3.30 3.30 3.30 3.30 3.60 6.10 6.79 2.07 2.30 2.53 2.53 2.88 2.88 3.22 3.22 2.88 2.88 3.22 3.22 3.22 3.80 3.80 3.80 3.80 4.14 4.14 4.60 4.60 4.60 5.18 5.18 5.52 5.52 6.44 2.30 2.53 2.53 2.88 3.11 3.11 3.11 3.45 3.45 3.80 3.80 3.80 3.80 4.14 35 x 45 35 x 50 22 x 25 22 x 30 22 x 35 25 x 25 22 x 40 25 x 30 22 x 45 25 x 35 22 x 40 25 x 30 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45
50 Vdc (63 Vdc Surge)
35 Vdc (44 Vdc Surge)
63 Vdc (79 Vdc Surge)
Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381LQ 105 C Compact, High-Ripple Snap-in
ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz DxL () () (A) (A) (mm) 0.049 0.049 0.040 0.040 0.033 0.033 0.028 0.028 0.022 0.235 0.188 0.188 0.157 0.128 0.128 0.104 0.104 0.104 0.085 0.085 0.085 0.085 0.072 0.072 0.060 0.060 0.060 0.050 0.050 0.041 0.041 0.034 0.303 0.207 0.207 0.166 0.166 0.138 0.138 0.138 0.113 0.113 0.113 0.113 0.037 0.037 0.030 0.030 0.025 0.025 0.021 0.022 0.018 0.176 0.141 0.141 0.117 0.096 0.096 0.078 0.078 0.078 0.064 0.064 0.064 0.064 0.054 0.054 0.045 0.045 0.045 0.038 0.038 0.031 0.032 0.027 0.197 0.135 0.135 0.108 0.108 0.090 0.090 0.090 0.073 0.073 0.073 0.073 3.60 3.60 3.90 3.90 4.40 4.40 4.80 4.80 5.40 1.50 1.70 1.70 1.80 2.10 2.10 2.40 2.40 2.40 2.60 2.60 2.60 2.60 3.00 3.00 3.30 3.30 3.30 3.70 3.70 3.90 3.90 4.50 1.40 1.80 1.80 2.10 2.10 2.30 2.30 2.30 2.60 2.60 2.60 2.60 4.14 4.14 4.49 4.49 5.06 5.06 5.52 5.52 6.21 1.73 1.96 1.96 2.07 2.42 2.42 2.76 2.76 2.76 2.99 2.99 2.99 2.99 3.45 3.45 3.80 3.80 3.80 4.26 4.26 4.49 4.49 5.18 1.61 2.07 2.07 2.42 2.42 2.65 2.65 2.65 2.99 2.99 2.99 2.99 30 x 35 35 x 30 30 x 40 35 x 35 30 x 45 35 x 40 30 x 50 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 35 22 x 40 25 x 30 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 35 x 25 560 680 820 ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz DxL () () (A) (A) (mm) 0.092 0.092 0.075 0.075 0.075 0.064 0.064 0.053 0.053 0.044 0.037 0.423 0.355 0.293 0.293 0.243 0.243 0.199 0.199 0.216 0.166 0.166 0.166 0.180 0.133 0.133 0.155 0.110 0.110 0.120 0.090 0.098 0.080 0.086 0.070 0.355 0.355 0.293 0.293 0.243 0.243 0.243 0.199 0.199 0.060 0.060 0.049 0.049 0.049 0.043 0.043 0.038 0.037 0.031 0.027 0.190 0.160 0.132 0.132 0.109 0.109 0.090 0.090 0.108 0.075 0.075 0.075 0.090 0.060 0.060 0.077 0.055 0.055 0.060 0.045 0.049 0.040 0.043 0.042 0.160 0.160 0.132 0.132 0.109 0.109 0.109 0.090 0.090 2.90 2.90 3.20 3.20 3.20 3.60 3.60 3.80 3.80 4.20 4.70 1.40 1.50 1.70 1.70 2.00 2.00 2.20 2.20 2.20 2.30 2.30 2.30 2.30 2.50 2.50 2.50 2.70 2.70 2.70 2.90 2.90 3.10 3.10 3.30 1.50 1.50 1.70 1.70 2.00 2.00 2.00 2.20 2.20 3.34 3.34 3.68 3.68 3.68 4.14 4.14 4.37 4.37 4.83 5.41 1.96 2.10 2.38 2.38 2.80 2.80 3.08 3.08 3.08 3.22 3.22 3.22 3.22 3.50 3.50 3.50 3.78 3.78 3.78 4.06 4.06 4.34 4.34 4.62 2.10 2.10 2.38 2.38 2.80 2.80 2.80 3.08 3.08 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 35 30 x 25 22 x 45 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 40
Cap. (F) 6800 6800 8200 8200
Catalog Part Number 381LQ682M063K032 381LQ682M063A022 381LQ822M063K042 381LQ822M063A032
Cap. (F)
Catalog Part Number
80 Vdc (100 Vdc Surge)
2700 381LQ272M100J452 2700 381LQ272M100K032 3300 381LQ332M100J052 3300 381LQ332M100K042 3300 381LQ332M100A022 3900 381LQ392M100K452 3900 381LQ392M100A032 4700 381LQ472M100K052 4700 381LQ472M100A042 5600 381LQ562M100A452 6800 381LQ682M100A052 470 381LQ471M160H012 560 381LQ561M160H022 680 381LQ681M160H022 680 820 381LQ681M160J012 381LQ821M160J022 820 381LQ821M160H032 1000 381LQ102M160H042 1000 381LQ102M160J032 1000 381LQ102M160K012 1200 381LQ122M160H452 1200 381LQ122M160J042 1200 381LQ122M160K022 1200 381LQ122M160A012 1500 381LQ152M160J452 1500 381LQ152M160K032 1500 381LQ152M160A022 1800 381LQ182M160J052 1800 381LQ182M160K042 1800 381LQ182M160A022 2200 381LQ222M160K452 2200 381LQ222M160A032 2700 381LQ272M160K052 2700 381LQ272M160A042 3300 381LQ332M160A052 560 381LQ561M180H022 381LQ561M180J012 381LQ681M180J022 381LQ821M180J022 680 381LQ681M180H032 820 381LQ821M180H042 820 381LQ821M180K012 1000 381LQ102M180H452 1000 381LQ102M180J042
10000 381LQ103M063K452 10000 381LQ103M063A042 12000 381LQ123M063K052 12000 381LQ123M063A452 15000 381LQ153M063A052 1200 1500 1500 1800 2200 2200 2700 2700 2700 3300 3300 3300 3300 3900 3900 4700 4700 4700 5600 5600 6800 6800 8200 820 1200 1200 1500 1500 1800 1800 1800 2200 2200 2200 2200 381LQ122M080H012 381LQ152M080H022 381LQ152M080J012 381LQ182M080H032 381LQ222M080H042 381LQ222M080J022 381LQ272M080H452 381LQ272M080J032 381LQ272M080K012 381LQ332M080H052 381LQ332M080J042 381LQ332M080K022 381LQ332M080A012 381LQ392M080J452 381LQ392M080K032 381LQ472M080J052 381LQ472M080K042 381LQ472M080A022 381LQ562M080K452 381LQ562M080A032 381LQ682M080K052 381LQ682M080A042 381LQ822M080A452 381LQ821M100H012 381LQ122M100H022 381LQ122M100J012 381LQ152M100H032 381LQ152M100J022 381LQ182M100H042 381LQ182M100J032 381LQ182M100K012 381LQ222M100H452 381LQ222M100J042 381LQ222M100K022 381LQ222M100A012
160 Vdc (200 Vdc Surge)
100 Vdc (125 Vdc Surge)
180 Vdc (225 Vdc Surge)
Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381LQ 105 C Compact, High-Ripple Snap-in
Cap. (F) Catalog Part Number ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz DxL () () (A) (A) (mm) 0.199 0.216 0.166 0.166 0.133 0.133 0.155 0.110 0.129 0.090 0.098 0.086 0.510 0.423 0.355 0.293 0.293 0.243 0.243 0.243 0.199 0.199 0.199 0.216 0.166 0.166 0.180 0.133 0.114 0.110 0.129 0.090 0.096 0.614 0.502 0.502 0.425 0.425 0.353 0.353 0.353 0.296 0.296 0.296 0.090 0.097 0.075 0.075 0.060 0.060 0.077 0.050 0.064 0.041 0.049 0.043 0.230 0.190 0.160 0.132 0.132 0.109 0.109 0.109 0.090 0.090 0.090 0.097 0.075 0.075 0.090 0.060 0.072 0.050 0.084 0.041 0.044 0.276 0.226 0.226 0.191 0.191 0.159 0.159 0.159 0.133 0.133 0.133 2.20 2.20 2.30 2.30 2.50 2.50 2.50 2.70 2.70 2.90 2.90 3.10 1.31 1.45 1.67 1.75 1.75 2.04 2.04 2.04 2.30 2.30 2.30 2.30 2.65 2.65 2.65 2.80 2.80 3.08 3.08 3.48 3.48 1.10 1.20 1.20 1.30 1.30 1.40 1.40 1.40 1.50 1.50 1.50 3.08 3.08 3.22 3.22 3.50 3.50 3.50 3.78 3.78 4.06 4.06 4.34 1.83 2.03 2.34 2.45 2.45 2.86 2.86 2.86 3.22 3.22 3.22 3.22 3.71 3.71 3.71 3.92 3.92 4.31 4.31 4.87 4.87 1.54 1.68 1.68 1.82 1.82 1.96 1.96 1.96 2.10 2.10 2.10 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 50 22 x 25 22 x 30 22 x 30 22 x 40 25 x 30 22 x 45 25 x 35 30 x 25 22 x 50 25 x 45 30 x 30 35 x 25 25 x 50 30 x 35 35 x 30 30 x 40 35 x 30 30 x 45 35 x 40 30 x 50 35 x 45 22 x 25 22 x 30 25 x 25 22 x 35 25 x 25 22 x 40 25 x 30 30 x 25 22 x 45 25 x 35 30 x 25 Cap. (F) 680 Catalog Part Number 381LQ681M250J042 ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz DxL () () (A) (A) (mm) 0.244 0.244 0.244 0.244 0.202 0.202 0.202 0.166 0.138 0.110 0.092 1.105 0.921 0.754 0.614 0.502 0.502 0.502 0.425 0.425 0.425 0.353 0.353 0.296 0.296 0.296 0.244 0.244 0.202 0.202 0.166 1.382 1.105 0.921 0.921 0.754 0.754 0.614 0.614 0.502 0.502 0.425 0.425 0.353 0.110 0.110 0.110 0.110 0.091 0.091 0.091 0.075 0.062 0.050 0.041 0.497 0.414 0.339 0.276 0.226 0.226 0.226 0.191 0.191 0.191 0.159 0.159 0.133 0.133 0.133 0.116 0.116 0.091 0.091 0.075 0.622 0.497 0.414 0.414 0.339 0.339 0.276 0.276 0.226 0.226 0.191 0.191 0.159 1.70 1.70 1.70 1.70 2.00 2.00 2.00 2.20 2.30 2.50 2.70 0.82 0.90 1.00 1.10 1.20 1.20 1.20 1.30 1.30 1.30 1.40 1.40 1.50 1.50 1.50 1.70 1.70 2.00 2.00 2.30 0.75 0.82 0.90 0.90 1.00 1.00 1.10 1.10 1.20 1.20 1.30 1.30 1.40 2.38 2.38 2.38 2.38 2.80 2.80 2.80 3.08 3.22 3.50 3.78 1.15 1.26 1.40 1.54 1.68 1.68 1.68 1.82 1.82 1.82 1.96 1.96 2.10 2.10 2.10 2.38 2.38 2.80 2.80 3.22 1.05 1.15 1.26 1.26 1.40 1.40 1.54 1.54 1.68 1.68 1.82 1.82 1.96 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 30 x 40 30 x 45 35 x 45 35 x 50 22 x 25 22 x 30 22 x 30 25 x 30 22 x 45 25 x 35 30 x 25 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 22 x 30 25 x 25 22 x 35 25 x 30 25 x 35 30 x 25 25 x 40 30 x 30 25 x 45 30 x 35 25 x 50
1000 381LQ102M180K022 1000 381LQ102M180A012 1200 381LQ122M180J452 1200 381LQ122M180K032 1500 381LQ152M180J052 1500 381LQ152M180K042 1500 381LQ152M180A022 1800 381LQ182M180K452 1800 381LQ182M180A032 2200 381LQ222M180K052 2200 381LQ222M180A042 2700 381LQ272M180A052 390 381LQ391M200H012 470 381LQ471M200H022 560 381LQ561M200H022 680 381LQ681M200H042 680 820 381LQ681M200J022 381LQ821M200J032 820 381LQ821M200H452 820 381LQ821M200K012 1000 381LQ102M200H052 1000 381LQ102M200J452 1000 381LQ102M200K022 1000 381LQ102M200A012 1200 381LQ122M200J052 1200 381LQ122M200K032 1200 381LQ122M200A022 1500 381LQ152M200K042 1500 381LQ152M200A022 1800 381LQ182M200K452 1800 381LQ182M200A042 2200 381LQ222M200K052 2200 381LQ222M200A452 270 381LQ271M250H012 330 381LQ331M250H022 330 390 470 381LQ331M250J012 381LQ391M250J012 381LQ471M250J022 390 381LQ391M250H032 470 381LQ471M250H042 470 381LQ471M250K012 560 381LQ561M250H452 560 381LQ561M250J032 560 381LQ561M250K012
680 381LQ681M250H052 680 381LQ681M250K022 680 381LQ681M250A012 820 381LQ821M250J452 820 381LQ821M250K032 820 381LQ821M250A022 1000 381LQ102M250K042 1200 381LQ122M250K452 1500 381LQ152M250A452 1800 381LQ182M250A052 150 381LQ151M315H012 180 381LQ181M315H022 220 381LQ221M315H022 270 330 390 381LQ271M315J022 381LQ331M315J032 381LQ391M315J042 330 381LQ331M315H452 330 381LQ331M315K012 390 381LQ391M315K022 390 381LQ391M315A012 470 560 381LQ471M315J452 381LQ561M315J052 470 381LQ471M315K032 560 381LQ561M315K042 560 381LQ561M315A022 680 381LQ681M315K452 680 381LQ681M315A032 820 381LQ821M315K052 820 381LQ821M315A042 1000 381LQ102M315A452 120 381LQ121M350H012 150 381LQ151M350H022 180 381LQ181M350H022 180 220 270 330 390 470 381LQ181M350J012 381LQ221M350J022 381LQ271M350J032 381LQ331M350J042 381LQ391M350J452 381LQ471M350J052 220 381LQ221M350H032
315 Vdc (365 Vdc Surge)
200 Vdc (250 Vdc Surge)
350 Vdc (400 Vdc Surge)
250 Vdc (300 Vdc Surge)
270 381LQ271M350K012 330 381LQ331M350K022 390 381LQ391M350K032
Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 381LQ 105 C Compact, High-Ripple Snap-in
Cap. (F) Catalog Part Number ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz DxL () () (A) (A) (mm) 0.353 0.296 0.296 0.244 0.244 0.202 1.824 1.520 1.216 1.013 1.013 0.829 0.829 0.829 0.675 0.675 0.675 0.675 0.553 0.553 0.553 0.468 0.468 0.468 0.388 0.388 0.326 0.159 0.133 0.133 0.110 0.110 0.091 0.821 0.684 0.547 0.458 0.458 0.373 0.373 0.373 0.304 0.304 0.304 0.304 0.249 0.249 0.249 0.210 0.210 0.210 0.175 0.175 0.147 1.40 1.50 1.50 1.70 1.70 1.90 0.70 0.75 0.88 0.95 0.95 1.10 1.10 1.10 1.22 1.22 1.22 1.22 1.44 1.44 1.44 1.55 1.55 1.55 1.68 1.68 1.90 1.96 2.10 2.10 2.38 2.38 2.66 0.98 1.05 1.23 1.33 1.33 1.54 1.54 1.54 1.71 1.71 1.71 1.71 2.02 2.02 2.02 2.17 2.17 2.17 2.35 2.35 2.66 35 x 30 30 x 45 35 x 35 30 x 50 35 x 40 35 x 45 22 x 25 22 x 30 22 x 30 22 x 35 25 x 30 22 x 45 25 x 35 30 x 25 22 x 50 25 x 40 30 x 30 35 x 25 25 x 45 30 x 35 35 x 30 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 30 x 50 100 120 150 Cap. (F) Catalog Part Number ESR Max Ripple Amps Nominal @ 25 C @ 105 C Size 120 Hz 20 kHz 120 Hz 20 kHz DxL () () (A) (A) (mm) 0.326 0.268 1.824 1.824 1.520 1.520 1.216 1.216 1.216 1.013 1.013 1.013 0.829 0.829 0.829 0.675 0.675 0.675 0.553 0.553 0.468 0.388 0.326 0.680 0.468 0.388 0.326 0.147 0.121 0.821 0.821 0.684 0.684 0.547 0.547 0.547 0.456 0.456 0.456 0.373 0.373 0.373 0.304 0.304 0.304 0.249 0.249 0.210 0.175 0.147 0.210 0.210 0.175 0.147 1.90 2.12 0.64 0.64 0.72 0.72 0.79 0.79 0.79 0.87 0.87 0.87 1.00 1.00 1.00 1.19 1.19 1.19 1.38 1.38 1.55 1.74 1.90 1.55 1.55 1.74 1.90 2.66 2.97 0.90 0.90 1.01 1.01 1.11 1.11 1.11 1.22 1.22 1.22 1.40 1.40 1.40 1.67 1.67 1.67 1.93 1.93 2.17 2.44 2.66 2.17 2.17 2.44 2.66 35 x 40 35 x 45 22 x 30 25 x 25 22 x 35 25 x 30 22 x 40 25 x 30 30 x 25 22 x 45 25 x 40 30 x 30 25 x 45 30 x 30 35 x 25 25 x 50 30 x 40 35 x 30 30 x 45 35 x 35 35 x 40 35 x 45 35 x 50 30 x 50 35 x 40 35 x 45 35 x 50
470 381LQ471M350A022 560 381LQ561M350K452 560 381LQ561M350A032 680 381LQ681M350K052 680 381LQ681M350A042 820 381LQ821M350A452 100 381LQ101M400H012 120 381LQ121M400H022 150 381LQ151M400H022 180 381LQ181M400H032 180 220 381LQ181M400J022 381LQ221M400J032 220 381LQ221M400H452 220 381LQ221M400K012 270 381LQ271M400H052 270 381LQ271M400J042 270 381LQ271M400K022 270 381LQ271M400A012 330 381LQ331M400J452 330 381LQ331M400K032 330 381LQ331M400A022 390 381LQ391M400J052 390 381LQ391M400K042 390 381LQ391M400A022 470 381LQ471M400K452 470 381LQ471M400A032 560 381LQ561M400K052
560 381LQ561M400A042 680 381LQ681M400A452 100 381LQ101M450H022 381LQ101M450J012 381LQ121M450J022 381LQ151M450J022 120 381LQ121M450H032 150 381LQ151M450H042 150 381LQ151M450K012 180 381LQ181M450H452 180 220 381LQ181M450J042 381LQ221M450J452 180 381LQ181M450K022 220 381LQ221M450K022 220 381LQ221M450A012 270 381LQ271M450J052 270 381LQ271M450K042 270 381LQ271M450A022 330 381LQ331M450K452 330 381LQ331M450A032 390 381LQ391M450A042 470 381LQ471M450A452 560 381LQ561M450A052 390 381LQ391M450K052 390 381LQ391M450A042 470 381LQ471M450A452 560 381LQ561M450A052
450 Vdc (500 Vdc Surge)
400 Vdc (450 Vdc Surge)
Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 381LQ103M0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X