Part Number Hot Search : 
DS1236A 2301P ZF320 TLV16 5517A MSDW1033 ASPI104S RK163
Product Description
Full Text Search
 

To Download 30CPQ100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-2.333 rev. A 12/97
30CPQ080 30CPQ100
SCHOTTKY RECTIFIER 30 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 15 Apk, TJ=125C (per leg) - 55 to 175 C
Description/Features Units
A V A V The 30CPQ... center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
30CPQ...
30 80/100 920 0.67
CASE STYLE AND DIMENSIONS
Conforms to JEDEC Outline TO-247AC (TO-3P) Dimensions in millimeters and inches
www.irf.com
1
30CPQ080, 30CPQ100
PD-2.333 rev. A 12/97
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 80 100 VRWM Max. Working Peak Reverse Voltage (V)
30CPQ080
30CPQ100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 920 240 7.50 0.50 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
30CPQ... Units
30 A
Conditions
50% duty cycle @ TC = 140C, rectangular wave form
TJ = 25 C, I AS = 0.50 Amps, L = 60 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. V A = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
30CPQ... Units
0.86 1.05 0.67 0.81 0.55 7 500 7.5 10,000 V V V V mA mA pF nH V/ s @ 15A @ 30A @ 15A @ 30A
Conditions
T J = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC , (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
30CPQ... Units
-55 to 175 -55 to 175 2.20 1.10 0.24 6 (0.21) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style
C/W DCoperation C/W DCoperation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
TO-247AC(TO-3P) JEDEC
2
www.irf.com
30CPQ080, 30CPQ100
PD-2.333 rev. A 12/97
10 00
10 0 T =1 5 C 7 J R v r eC rr n - I (m ) e es u e t A R 1 0 1 . 1 .0 1 .0 01 .0 0 01 0 1 0C 5 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
In ta t n o s F rw r C r e t - I ( ) s na e u o a d u r n A F
2 0
4 0
6 0
8 0
10 0
1 0
T =1 5C 7 J T =1 5C 2 J T= 2 5C J J n tio C p c a c - C (p ) u c n a a it n e F T
R v r eV lt g - V (V e es o a e R )
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 00
1
T =2 5C J
.1 0
.5
1
1 .5
2
2 .5
10 0 0
2 0
4 0
6 0
8 0
10 0
F r a V lta e Do - V (V o w rd o g r p ) F M
R v rs V lta e- V (V ee e o g R)
Fig. 1 - Max. Forward Voltage Drop Characteristics (PerLeg)
1 0 T e m l Im e a c -Z h r a p d ne ( CW / ) th C J
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D=05 .0 D=0 3 .3 D=02 .5 D=01 .7 D=0 8 .0
P
D M t 1 t 2
.1
.1 0
S g P ls in le u e ( h rm l R s ta c ) T e a e is n e
N te : os 1 D t fa to D= t / t . uy c r 12 2 P a T =P x Z . ek +T JD M th C C J .1 1 1 0 10 0
.0 1 0 . 00 001
.0 0 01
.0 1 0
.1 0
t1, R c n u r P ls D r tio ( e o d ) e ta g la u e u a n S c n s
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
30CPQ080, 30CPQ100
PD-2.333 rev. A 12/97
10 8 A w b C s T m e au e- ( ) llo a le a e e p r t r C 15 7 10 7 15 6 10 6 15 5 10 5 15 4 0 2 4 6 81 1 1 1 1 2 2 0246802 A e a eF r a C rr n -IF A ) ( ) v r g o w rd u e t (V A D C R J (D ) =2 0 C .2 /W th C C 1 4 D=0 8 .0 .1 1 D=0 7 2 D=0 5 .2 D=0 3 .3 1 0 D=0 0 .5 8 M im 6 R SL it 4 2 0 0 2 4 6 81 1 1 1 1 2 2 0246802 A ea eF r a C r n - I v r g o w rd u re t () A FA ) (V D C
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
FSM
A e a eP w rL s - (W t ) v r g o e os ats
Fig. 6 - Forward Power Loss Characteristics (PerLeg)
Non-Repetitive Surge Current - I
(A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02 Vd = 25 Volt
DUT
IRFP460 Rg = 25 ohm
+
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30CPQ100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X