Part Number Hot Search : 
TLP202A MM1564H FQU5N60 56F80 S5BBT CS5010RQ AD5235 57D5004
Product Description
Full Text Search
 

To Download 2SC536 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC536
2SC536
FEATURES Power dissipation PCM:
TRANSISTOR (NPN)
TO-92
1. EMITTER
400 mW (Tamb=25)
2. COLLECTOR 3. BASE 123
Collector current ICM: 100 mA Collector-base voltage V(BR)CBO: 40 V Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) fT Cob
unless otherwise specified)
Test conditions MIN 40 30 5 1 1 60 960 0.5 100 3.5 V MHz pF TYP MAX
UNIT
Ic=100A, IE=0 Ic=1mA, IB=0 IE=100A, IC=0 VCB=35V, IE=0 VEB=4V, IC=0 VCE=6V, IC=1mA IC=50mA, IB=5mA VCE=6V, IC=1mA VCE=6V, f=1MHz
V V V A A
CLASSIFICATION OF hFE Rank Range D 60-120 E 100-200 F 160-320 G 280-560 H 480-960
WEJ ELECTRONIC CO.
Http:// www.wej.cn
E-mail:wej@yongerjia.com


▲Up To Search▲   

 
Price & Availability of 2SC536

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X