Part Number Hot Search : 
SSM2211S MAX5909 TFPT1206 FLZ4V3B 01M10 MR100FF3 EPA3592G NTRLPB
Product Description
Full Text Search
 

To Download 2SC4883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC4883/4883A
Silicon NPN Epitaxial Planar Transistor (Complement to type 2SA1859/A) sAbsolute maximum ratings (Ta=25C)
Symbol 2SC4883 2SC4883A VCBO VCEO VEBO IC IB PC Tj Tstg 150 150 6 2 1 20(Tc=25C) 150 -55 to +150 180 180 Unit V V V A A W C C IEBO V(BR)CEO hFE VCE(sat) fT COB VEB=6V IC=10mA VCE=10V, IC=0.7A IC=0.7A, IB=70mA VCE=12V, IE=-0.7A VCB=10V, f=1MHz
Application : Audio Output Driver and TV Velocity-modulation
(Ta=25C) 2SC4883 2SC4883A Unit
sElectrical Characteristics
Symbol ICBO VCB= 150 10max 150min Conditions
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
10max 180 180min
A A
V V MHz pF
13.0min 16.90.3 8.40.2
V
60 to 240 1.0max 120typ 30typ
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 20 RL () 20 IC (A) 1 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 100 IB2 (mA) -100 ton (s) 0.5typ tstg (s) 1.5typ tf (s) 0.5typ
2.54
3.9 BCE
IC - VCE Characteristics (Typical)
2
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (sa t)( V ) 3
I C - VBE Temperature Characteristics (Typical)
2 (V CE= 4V)
100mA
60mA
30m A
15m
A
Collector Current I C (A)
10m
A
2
Collector Current I C( A)
1
1
)
Temp) -55C (Case
eT
Cas
1
C (
IC=2A 0.5A 0 2 5 10 50 1A 100 500 1000 0 0
0
0
2
4
6
8
10
0.5 Base-Emittor Voltage V B E( V)
25C
125
(Cas
e Te
mp)
IB=5m A
emp
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
1.0
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
hFE - I C Characteristics (Typical)
(V C E= 4V) 300 DC Curr ent Gain h FE
h FE - IC Temperature Characteristics (Typical)
(V C E= 4V) 300 DC Curr ent Gain h FE 125C 25C 100
j- a( C/W)
Transient Thermal Resistance
j-a - t Characteristics
7 5
Typ
100
-55C
50 30 0.01
50 40 0.01 0.05 0.1 0.5 1 2 0.05 0.1 0.5 1 2
1
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(V C E= 12V) 160 140 5
Safe Operating Area (Single Pulse)
20
1m s
P c - T a Derating
Typ
Cut-o ff Fr equ ency f T( M H Z) 120 Collect or Cur ren t I C( A) 100 80 60 40 20 0 -0.01 0.01 -0.1 Emitter Current I E( A) -1 -2 1 5 10 1 0.5
D C
Ma xim um Powe r Dissipat io n P C( W)
10 ms
10 0m s
W ith In fin ite he
10
at si nk
0.1 0.5 Without Heatsink Natural Cooling 1.2SC4883 2.2SC4883A 1 50 100 2 200
2 0
Without Heatsink 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
118


▲Up To Search▲   

 
Price & Availability of 2SC4883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X