Part Number Hot Search : 
M100D C1501 SB820FCT 320F280 C9870G 1209S 1N5834 AP3983E
Product Description
Full Text Search
 

To Download 2SC4410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC4410
Silicon NPN epitaxial planer type
For UHF amplification
Unit: mm
(0.425)
0.30.0
+0.1
0.150.05
+0.10
s Features
q q q
3
Allowing the small current and low voltage operation. High transition frequency fT. S-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
10u
1.250.10
2.10.1 5u
1
2
(0.65) (0.65) 1.30.1 2.00.2
Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature
VCBO VCEO VEBO IC PC Tj Tstg
10 7 2 10 50 150 -55 ~ +150
V V V mA mW C C
1:Base 2:Emitter 3:Collector
0 to 0.1
Parameter
Symbol
Ratings
Unit
0.90.1
0.90.1
+0.2
s Absolute Maximum Ratings
(Ta=25C)
EIAJ:SC-70 SMini3-G1 Package
Marking symbol : 2X
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Transition frequency Collector output capacitance Foward transfer gain Maximum unilateral power gain Noise figure
(Ta=25C)
Symbol ICBO IEBO hFE fT Cob | S21e |2 GUM NF Conditions VCB = 10V, IE = 0 VEB = 1.5V, IC = 0 VCE = 1V, IC = 1mA VCE = 1V, IC = 1mA, f = 800MHz VCB = 1V, IE = 0, f = 1MHz VCE = 1V, IC = 1mA, f = 800MHz VCE = 1V, IC = 1mA, f = 800MHz VCE = 1V, IC = 1mA, f = 800MHz 50 4 0.4 6.0 15 3.5 min typ max 1 1 200 GHz pF dB dB dB Unit A A
Note: Handle the product with care because this is sensitive to the electrostatic breakdown by its structure.
0.20.1
459
Transistor
PC -- Ta
80 6 Ta=25C 70 5 IB=50A 45A 40A 4 35A 30A 3 25A 20A 2 15A 10A 1 10 0 0 20 40 60 80 100 120 140 160 0 0 0.4 0.8 1.2 1.6 2.0 2.4 5A 50
2SC4410
IC -- VCE
60 VCE=1V
IC -- VBE
Collector power dissipation PC (mW)
Collector current IC (mA)
60 50 40 30 20
Collector current IC (mA)
40 25C Ta=75C 30 -25C
20
10
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.1 25C -25C IC/IB=10 240
hFE -- IC
12 VCE=1V
fT -- IC
VCE=1V f=800MHz Ta=25C
Forward current transfer ratio hFE
200
Transition frequency fT (GHz)
10 30 100
10
160 Ta=75C 120 25C 80 -25C 40
8
6
4
2
0.3
1
3
10
30
100
0 0.1
0.3
1
3
0 0.1
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C
GUM -- IC
Maximum unilateral power gain GUM (dB)
24 VCE=1V f=800MHz Ta=25C 6
NF -- IC
VCE=1V (Rg=50) f=800MHz Ta=25C
1.2
1.0
20
5
0.8
16
Noise figure NF (dB)
0.3 1 3 10 30 100
4
0.6
12
3
0.4
8
2
0.2
4
1
0 0.1
0.3
1
3
10
30
100
0 0.1
0 0.1
0.3
1
3
10
30
100
Collector to base voltage VCB (V)
Collector current IC (mA)
Emitter current IE (mA)
460
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SC4410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X