Part Number Hot Search : 
10H2CNX AQV252AX PC810 G226M 10H2CNX 10H2CNX MAX746 CY7B99
Product Description
Full Text Search
 

To Download 2N6728 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 1 MARCH 94 FEATURES * 100 Volt VCEO * Gain of 20 at IC = 0.5 Amp * Ptot=1 Watt
2N6728 2N6729 2N6730
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at Tamb= 25C SYMBOL 2N6728 VCBO VCEO VEBO ICM IC Ptot -60 -60 2N6729 -80 -80 -5 -2 -1 1
E-Line TO92 Compatible 2N6730 -100 -100 UNIT V V V A A W C
Operating and Storage Temperature Range Tj:Tstg
-55 to +200
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER SYMBOL 2N6728 2N6729 2N6730 UNIT CONDITIONS. MIN. MAX MIN. MAX MIN. MAX Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio Transition Frequency Collector Base Capacitance V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) VBE(on) hFE fT CCB 80 50 20 50 -60 -60 -5 -1 -1 -0.5 -0.35 -1.2 250 500 30 3-9 80 50 20 50 -80 -80 -5 -1 -1 -0.5 -0.35 -1.2 250 500 30 80 50 20 50 -100 -100 -5 V V V
A A A A
IC=-0.1mA, IE=0 IC=-1mA, IB=0* IE=-1mA, IC=0 VCB=-60V, IE=0 VCB=-80V, IE=0 VCB=-100V, IE=0 VEB=-5V, IC=0 IC=-250mA,IB=-10mA* IC=-250mA,IB=-25mA* IC=-250mA, VCE=-1V* IC=-50mA, VCE=-1V* IC=-250mA, VCE=-1V* IC=-500mA, VCE=-1V*
-1 -1
-0.5 V -0.35 -1.2 250 500 30 V
MHz IC=-50mA, VCE=-10V pF VCE=-10V, f=1MHz


▲Up To Search▲   

 
Price & Availability of 2N6728

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X