|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet No. 2N3468L Type 2N3468L Geometry 6706 Polarity PNP Qual Level: JAN - JANTXV Features: * * * * General-purpose transistor for switching and amplifier applicatons. Housed in a TO-5 case. Also available in chip form using the 6706 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/348 which Semicoa meets in all cases. Generic Part Number: 2N3468 REF: MIL-PRF-19500/348 TO-5 Maximum Ratings TC = 25 C unless otherwise specified o Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Operating Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC TJ TSTG Rating 50 50 5.0 1.0 -55 to +175 -55 to +175 Unit V V V mA o C C o Data Sheet No. 2N3468L Electrical Characteristics TC = 25oC unless otherwise specified OFF Characteristics Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 10 mA Emitter-Base Breakdown Voltage IE = 10 A, pulsed Collector-Base Cutoff Current VCB = 30 V VCB = 30 V, TA = +150 C Collector-Emitter Cutoff Current VEB = 3.0 V, VCE = 30 V o Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO1 ICBO2 ICEX Min 50 50 5.0 ------- Max ------100 50 100 Unit V V V nA A nA ON Characteristics Forward current Transfer Ratio IC = 150 mA, VCE = 1.0 V (pulse test) IC = 500 mA, VCE = 1.0 V (pulse test) IC = 1.0 A, VCE = 5 V (pulse test) IC = 150 mA, VCE = 1.0 V (pulse test), T = -55oC Symbol hFE1 hFE2 hFE3 hFE4 VCE(sat)1 VCE(sat)2 VCE(sat)3 VBE(sat)1 VBE(sat)2 VBE(sat)3 Min 25 25 25 10 --------0.8 --- Max --75 ----0.35 0.6 1.2 1.0 1.2 1.6 Unit --------V dc V dc V dc V dc V dc V dc Collector-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test) IC = 500 mA, IB = 50 mA (pulse test) IC = 1.0 A, IB = 100 mA (pulse test) Base-Emitter Saturation Voltage IC = 150 mA, IB = 15 mA (pulse test) IC = 500 mA, IB = 50 mA (pulse test) IC = 1.0 A, IB = 100 mA (pulse test) Small Signal Characteristics Extrapolated Unity Gain Frequency VCE = 10 V, IC = 50 mA, f = 100 MHz Open Circuit Output Capacitance VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz Input Capacitance, Output Open Circuited VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz Symbol ft COBO CIBO Min 150 ----- Max 500 25 100 Unit MHz pF pF Switching Characteristics Delay Time IC = 500 mA, IB1 = 50 mA, VEB = 2 V Rise Time IC = 500 mA, IB1 = 50 mA, VEB = 2 V Storage Time IC = 500 mA, IB1 = IB2 = 50 mA Fall Time IC = 500 mA, IB1 = IB2 = 50 mA Symbol td tr ts tf Min --------- Max 10 30 60 30 Unit ns ns ns ns |
Price & Availability of 2N3468L |