Part Number Hot Search : 
245AD 2SK12 245AD DMMT3906 GBJ4A SM104 GSIB840 FM24C128
Product Description
Full Text Search
 

To Download XC74UH32AAM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 x CMOS 2-Input OR Gate x High Speed Operation tpd=7ns TYP x Operating Voltage Range 2V~6V x Low Power Consumption 1A MAX
s Applications
q Palmtops q Digital Equipment
s General Description
The XC74UH32AAM is a 2-input CMOS OR gate, manufactured using silicon gate CMOS fabrication. CMOS low power circuit operation makes high speed LS-TTL operations achieveable. With a wave forming buffer connected internally, stabilized output can be achieved as the circuit offers high noise immunity. As the XC74UH32AAM is integrated into a mini molded, SOT-25 package, high density mounting is possible.
s Features
High Speed Operation: tpd=7ns TYP Operating Voltage Range: 2V~6V Low Power Consumption: 1A MAX Space Saving Package: SOT-25
s Pin Configuration
B 1 5 VCC
s Function
INPUT A L L H H B L H L H OUTPUT Y L H H H
A
2
o
GND
3
4
Y
H=High level, L=Low level
SOT-25
(TOP VIEW)
s Absolute Maximum Ratings
PARAMETER Power Supply Voltage Input Voltage Output Voltage Input Diode Current Output Diode Current Output Current VCC ,GND Current Continuous Total Power Dissipation Storage Temperature
Note: Voltage is all Ground standardized.
Ta=25: RATINGS -0.5 ~ +7.0 -0.5 ~ VCC +0.5 -0.5 ~ VCC +0.5 20 20 25 25 200 -65 ~ +150 UNITS V V V mA mA mA mA mW :
SYMBOL VCC VIN VOUT IIK IOK IOUT ICC, IGND Pd Tstg
s DC Electrical Characteristics
PARAMETER SYMBOL VCC(V) 2.0 VIH Input Voltage VIL 4.5 6.0 2.0 4.5 6.0 2.0 4.5 VOH 6.0 4.5 Output Voltage 6.0 2.0 4.5 VOL 6.0 4.5 Input Current Quiescent Supply Current IIN ICC 6.0 6.0 6.0 VIN=VCC or GND VIN=VCC or GND, IOUT=0A VIN=VIH IOL=2mA IOL=2.6mA VIN=VIH or VIL IOH=-2mA IOH=-2.6mA IOL=20A IOH=-20A CONDITIONS Ta=25: 1.5 3.15 4.2 1.9 4.4 5.9 2.0 4.5 6.0 0.5 1.35 1.8 Ta=-40~85: 1.5 3.15 4.2 1.9 4.4 5.9 4.13 0.5 1.35 1.8 V V V MIN TYP MAX MIN MAX UNITS
4.18 4.36
5.68 5.84 - 5.63 0.0 0.1 0.1 0.0 0.0 0.1 0.1 0.1 0.1 0.33 0.33 1.0 10.0 A V
0.11 0.26 0.13 0.26 - 0.1 1.0
s Switching Electrical Characteristics
PARAMETER Output Transition Time Propagation Delay Time SYMBOL tTLH tTHL tPLH tPHL CONDITIONS CL=15pF, tr=6ns, VCC=5V Ta=25: UNITS MIN TYP MAX 4 3 5 5 10 10 15 15 ns ns ns ns
o
PARAMETER
SYMBOL
VCC(V) 2.0 4.5 6.0 2.0
CONDITIONS
CL=50pF, tr=tf=6ns Ta=-40~85: UNITS MIN TYP MAX MIN MAX Ta=25: 18 7 6 14 6 6 16 8 7 16 6 5 5 125 25 21 125 25 21 100 20 17 100 20 17 10 155 31 26 155 31 26 125 25 21 125 25 21 10 ns pF ns ns ns
tTLH Output Transition Time tTHL
4.5 6.0 2.0
tPLH Propagation Delay Time tPHL Input Capacitance CIN
4.5 6.0 2.0 4.5 6.0 -
s Waveforms
6ns
90%
6ns 90% 50% 10%
VCC
Input
10%
50%
GND
tPHL 90% 50% 10% 90% 50% 10%
tPLH
VOH
VOL Output
tTHL
tTLH
s Typical Application Circuit
VCC
Pulse Generator
Input Output
o
CL
Note: open output when measuring supply current
s Recommended Operating Conditions
PARAMETER Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time SYMBOL VCC VIN VOUT Topr tr, tf CONDITIONS 2~6 0 ~ VCC 0 ~ VCC -40 ~ +85 0 ~ 1000 (VCC=2.0V) 0 ~ 500 (VCC=4.5V) 0 ~ 400 (VCC=6.0V) UNITS V V V : ns


▲Up To Search▲   

 
Price & Availability of XC74UH32AAM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X