Part Number Hot Search : 
2N7370 S0309 5TRMPB L643706 A1070 ELM701SM T08BM ASF140
Product Description
Full Text Search
 

To Download VT1100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT SPECIFICATION VT1101M SERIES AM VIDEO MINI TRANSMITTER - DIRECT CAMERA MOUNT
FEATURES
* AM Video Transmission * NTSC, PAL, SECAM Compatible * Full Color Compatibility * Direct Camera Mountable * No In-field Electrical or Optical Adjustments Required * Optional 24VAC Adapter Available for Direct Use with 24VAC Camera Power Supply. * Power Status Indicating LED to Monitor System Performance * Distances up to 26 miles (42 km) Without Repeaters * VT1125M Distances up to 26 miles (42 km) * Lifetime Warranty
V
DESCRIPTION
The IFS VT1101M series video mini-transmitter provides transmission of a fixed video signal using AM modulation on one multimode or single-mode fiber optic cable. The transmitter is direct camera mountable eliminating the use of coaxial cable at the camera connection and will fit in most camera housings. A BNC feed-through coupler is also supplied to connect to coaxial cable when not mounting the module directly to the camera. The VT1101M video transmitter is compatible with the IFS VR1000, VR1001, VR1100, and VR2100 series receivers, and the VT1130M is compatible with the VR1130. Plug-and-play design ensures ease of installation requiring no electrical or optical adjustments. The transmitter incorporates a power status indicating LED for monitoring proper system operation. The transmitter is available in a stand-alone version only.
Available at:
www.
.com
APPLICATION EXAMPLES
* CCTV (Fixed Video)
* A & E Specifications, (CSI) * AutoCAD Drawings * Operation Manuals * Technical Bulletins
ORDERING INFORMATION
PART NUMBER
MULTIMODE VT1101M 62.5/125m** SINGLE-MODE VT1130M 9/125m
DESCRIPTION
Video Transmitter (850 nm)
FIBERS REQUIRED
1 1
OPTICAL PWR BUDGET
14 dB 14 dB
MAX. DISTANCE*
2.5 miles (4 km) 26 miles (42 km)
Video Transmitter (1310 nm) VT1101M Series is compatible with: VR1000, VR1001, VR1100, VR1130, VR2100 Series Receivers
OPTIONS
PS-12VDC 12 Volt DC Plug-in Power Supply (Included) PS-12VDC-230 12 Volt DC Plug-in Power Supply, 230 VAC Input (Included if specified at time of order) PS-1101M 24 VAC Adapter (Optional, consult factory for availability) Add `-C' for Conformally Coated Printed Circuit Boards (Extra charge, consult factory)
* Optical transmission distance is limited to optical loss of the fiber and any additional loss introduced by connectors, splices and patch panels. Distance can also be limited by fiber bandwidth. ** For 50/125 Fiber, subtract 4 dB from Optical Power Budget.
International Fiber Systems, Incorporated DESIGN CENTER (888)999-9IFS or (203)426-1180 FAX (203)426-3326 sales@ifs.com Europe, Middle East, Africa TEL +44(0)1732-522777 Asia Pacific TEL (852)291-41491 Australia TEL (612)998-01544 Latin America TEL (512)477-8787
TECHNICAL SPECIFICATION VT1101M SERIES AM VIDEO MINI TRANSMITTER - DIRECT CAMERA MOUNT
SPECIFICATIONS
VIDEO
Video Input: Bandwidth: Differential Gain: Differential Phase: Tilt: Signal-to-Noise Ratio (SNR): 1 volt pk-pk (75 ohms) 5 Hz - 10 MHz <5% <5 <1% 60 dB 850 nm, Multimode 1300 nm, Single-mode 1 Max. RG59 Cable Length: Circuit Board: Size (in./cm.) (LxWxH) Surface Mount: Shipping Weight:
ELECTRICAL & MECHANICAL
Power: 9 - 12 VDC @ 150 mA 10 - 14 VAC @ 200 mA 750 ft. Meets IPC Standard 2.5 x 1.6 x 1.0 in., 6.4 x 4.1 x 2.5 cm < 2 lbs./0.9 kg
ENVIRONMENTAL WAVELENGTH NUMBER OF FIBERS CONNECTORS
Optical: Power: Video: ST Terminal Block with Screw Clamps BNC (Gold Plated Center-Pin)
May be extended to condensation conditions by adding suffix `-C' to model number for conformal coating.
MTBF: Operating Temp: Storage Temp: Relative Humidity:
> 100,000 hours -40 C to +74 C -40 C to +85 C 0% to 95% (non-condensing)
AGENCY COMPLIANCE
MADE IN THE USA
OPTICAL POWER BUDGET
FIBER
Multimode 62.5/125m** Single-mode 9/125m
WAVELENGTH
850 nm
TRANSMITTER MODEL OUTPUT
VT1101M 25w (-16 dBm) 100w (-10 dBm)
RECEIVER MODEL SENSITIVITY
VR1000 VR1001 VR1100 VR2100 VR1130 1 w (-30 dBm) 4 w (-24 dBm)
OPTICAL PWR BUDGET
14 dB
MAX. DISTANCE*
2.5 miles (4 km)
1310 nm
VT1130M
14 dB
26 miles (42 km)
* Optical transmission distance is limited to optical loss of the fiber and any additional loss introduced by connectors, splices and patch panels. Distance can also be limited by fiber bandwidth. ** For 50/125 Fiber, subtract 4 dB from Optical Power Budget.
SYSTEM DESIGN
up to 2.5 miles (4 km) VT1101M VR1100
ifs
1 Fiber 62.5/125 MM m
ifs
203.426.1180
International Fiber Systems Incorporated
Video (Coax)
mounted to back of camera
TEL (203)426-1180 FAX (203)426-3326 www.ifs.com sales@ifs.com 16 Commerce Road Newtown, CT 06470
Due to our continued effort to advance technology, product specifications are subject to change without notice.
09/20/02


▲Up To Search▲   

 
Price & Availability of VT1100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X