Part Number Hot Search : 
NM24W16 HA1315 LS266P H5TQ1 2SJ105 WA151C LTM46 74C32N
Product Description
Full Text Search
 

To Download TDA10021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA10021HT DVB-C channel receiver
Product specification Supersedes data of 2000 Jun 21 File under Integrated Circuits, IC02 2001 Oct 01
Philips Semiconductors
Product specification
DVB-C channel receiver
FEATURES * 4, 16, 32, 64, 128 and 256 Quadrature Amplitude Modulation (QAM) demodulator (DVB-C compatible: ETS 300-429/ITU-T J83 annex A/C) * High performance for 256 QAM, especially for direct IF applications * On-chip 10-bit Analog-to-Digital Converter (ADC) * On-chip Phase-Locked Loop (PLL) for crystal frequency multiplication (typically 4 MHz crystal) * Digital downconversion * Programmable half Nyquist filter (roll off = 0.15 or 0.13) * Two Pulse Width Modulated (PWM) AGC outputs with programmable take over point (for tuner and downconverter control) * Clock timing recovery, with programmable 2nd-order loop filter * Variable symbol rate capability from SACLK/64 to SACLK/4 (SACLK = 36 MHz maximum) * Programmable anti-aliasing filters * Full digital carrier recovery loop * Carrier acquisition range up to 18% of symbol rate * Integrated adaptive equalizer (linear transversal equalizer or decision feedback equalizer) * On-chip Forward Error Correction (FEC) decoder (de-interleaver and RS decoder) and fully DVB-C compliant * DVB compatible differential decoding and mapping * Parallel and serial transport stream interface simultaneously * I2C-bus interface, for easy control * CMOS 0.2 m technology. APPLICATIONS * Cable set-top boxes * Cable modems * MMDS (ETS 300-749) set-top boxes. ORDERING INFORMATION TYPE NUMBER TDA10021HT PACKAGE NAME TQFP64 DESCRIPTION GENERAL DESCRIPTION
TDA10021HT
The TDA10021HT is a single-chip DVB-C channel receiver for 4, 16, 32, 64, 128 and 256 QAM modulated signals. The device interfaces directly to the IF signal, which is sampled by a 10-bit ADC. The TDA10021HT performs the clock and the carrier recovery functions. The digital loop filters for both clock and carrier recovery are programmable in order to optimize their characteristics according to the current application. After baseband conversion, equalization filters are used for echo cancellation in cable applications. These filters are configured as either a T-spaced transversal equalizer or a Decision Feedback Equalizer (DFE), so that the system performance can be optimized according to the network characteristics. A proprietary equalization algorithm, independent of carrier offset, is achieved in order to assist carrier recovery. A decision directed algorithm then takes place, to achieve final equalization convergence. The TDA10021HT implements a FORNEY convolutional de-interleaver of depth 12 blocks and a Reed-Solomon decoder which corrects up to 8 erroneous bytes. The de-interleaver and the RS decoder are automatically synchronized by the frame synchronization algorithm which uses the MPEG-2 sync byte. Finally descrambling according to DVB-C standard, is achieved at the Reed Solomon output. This device is controlled via an I2C-bus. Designed in 0.2 m CMOS technology and housed in a 64 pin TQFP package, the TDA10021HT operates over the commercial temperature range.
VERSION SOT357-1
plastic thin quad flat package; 64 leads; body 10 x 10 x 1.0 mm
2001 Oct 01
2
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 2001 Oct 01
VCCD(PLL) DGND XIN 2 3 XOUT 62 61 64 63 1, 24, 7, 41 4, 8, 25, 42 14, 30, 43 15, 31, 44 50 49 52 51 55, 60 56, 59 13 PLLGND VDDD18 4 4 VSSD18 VCCA (PLL) PLL SACLK 5 CLOCK RECOVERY IF ADC 10 BASEBAND CONVERSION DECIMATION FILTERS TIMING INTERPOLATOR GPIO 29 37 to 40, 45 to 48 36 OUTPUT INTERFACE 35 34 33 ENSERI TEST CLR# VIP VIM IICDIV 21 6 16 58 57 10 21 SDA SCL 18 17
I 2C-BUS INTERFACE
BLOCK DIAGRAM
Philips Semiconductors
VDDD33 3 3
handbook, full pagewidth
DVB-C channel receiver
VSSD33 VDDD1
VSSD1 VDDA2
VSSA2 VDDA3 2
VSSA3 VDDD50 2
PWM AGC PWM
9 11
AGCTUN AGCIF
HALF NYQUIST
EQUALIZER
CARRIER RECOVERY
DECISION DIFFERENTIAL DECODER
8 CTRL 32 GPIO DE-INTERLEAVER RS DECODER
DO [ 7: 0 ] DEN OCLK PSYNC UNCOR programmable interface
3
DE-SCRAMBLER
28
TDA10021HT
JTAG
27 22 23 26
TDO TMS TCK TDI TRST ENSERI SDAT SCLT serial interface
19 20
TDA10021HT
54 Vref(neg)
53 Vref(pos)
12
MGW343
Product specification
SADDR
Fig.1 Block diagram.
Philips Semiconductors
Product specification
DVB-C channel receiver
PINNING SYMBOL VDDD18 XIN PIN 1 2 TYPE(1) S I DESCRIPTION digital supply voltage for the core (1.8 V typ.)
TDA10021HT
XTAL oscillator input pin: a fundamental XTAL oscillator is connected between the XIN and XOUT pins. The XTAL frequency must be chosen so that the system frequency SYSCLK (XIN x multiplying factor of the PLL) equals 1.6 times the tuner output intermediate frequency; i.e. SYSCLK = 1.6 x IF. XTAL oscillator output pin: a fundamental XTAL oscillator is connected between the XIN and XOUT pins digital ground for the core sampling clock: this output clock can be fed to an external 10-bit ADC as the sampling clock; SACLK = SYSCLK/2 test input pin: in normal mode, pin TEST must be connected to ground digital supply voltage for the core (1.8 V typ.) digital ground for the core first PWM encoded output signal for AGC tuner: this signal is fed to the AGC amplifier through a single RC network. The maximum signal frequency on the VAGC output is XIN/16. AGC information is refreshed every 1024 symbols. IICDIV: this pin allows the frequency of the I2C-bus internal system clock to be selected, depending on the crystal frequency. The internal I2C-bus clock is a division of XIN by 4IICDIV. second PWM encoded output signal for the AGC IF: This signal is fed to the AGC amplifier through a single RC network. The maximum signal frequency on the VAGC output is XIN/16. AGC information is refreshed every 1024 symbols. However AGCIF can also be configured to output a PWM signal, the value of which can be programmed through the I2C-bus interface. SADDR is the LSB of the I2C-bus address of the TDA10021HT. The MSBs are internally set to 000110. Therefore the complete I2C-bus address of the TDA10021HT is (MSB to LSB) 0, 0, 0, 1, 1, 0 and SADDR. digital supply voltage for the pad 5.0 V (necessary for 5 V tolerant inputs) digital supply voltage for the pads (3.3 V typ.) digital ground for the pads the CLR# input is asynchronous and active LOW, and clears the TDA10021HT: When CLR# goes LOW, the circuit immediately enters its reset mode and normal operation will resume 4 XIN falling edges after CLR# returns HIGH. The I2C-bus register contents are all initialized to their default values. The minimum width of CLR# at LOW level is 4 XIN clock periods. I2C-bus clock input: SCL should nominally be a square wave with a maximum frequency of 400 kHz. SCL is generated by the system I2C-bus master. SDA is a bidirectional signal: it is the serial input/output of the I2C-bus internal block. A pull-up resistor (typically 4.7 k) must be connected between SDA and VDDD50 for proper operation (open-drain output). SDAT is equivalent to SDA I/O of the TDA10021HT but can be 3-stated by I2C-bus programming. It is actually the output of a switch controlled by parameter BYPIIC of register TEST (index 0F). SDAT is an open-drain output and therefore requires an external pull-up resistor.
XOUT VSSD18 SACLK TEST VDDD18 VSSD18 AGCTUN
3 4 5 6 7 8 9
O G O I S G O/OD
IICDIV
10
I
AGCIF
11
O/OD
SADDR
12
I
VDDD50 VDDD33 VSSD33 CLR#
13 14 15 16
S S G I
SCL SDA
17 18
I I/OD
SDAT
19
I/OD
2001 Oct 01
4
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
SYMBOL SCLT
PIN 20
TYPE(1) OD
DESCRIPTION SCLT can be configured to be a control line output or to output the SCL input. This is controlled by parameter BYPIIC and CTRL_SCLT of register TEST (index 0F). SCLT is an open-drain output and therefore requires an external pull-up resistor. when HIGH this pin enables the serial output transport stream through the boundary scan pins TRST, TDO, TCK, TDI and TMS (serial interface). Must be set LOW in bist and boundary scan mode. test clock: an independent clock used to drive the TAP controller in boundary scan mode. In normal mode of operation, TCK must be set LOW. In serial stream mode, TCK is the clock output (OCLK). test data input: the serial input for test data and instruction in boundary scan mode. In normal mode of operation, TDI must be set LOW. In serial stream mode, the TDI is the PSYNC output. digital supply voltage for the core (1.8 V typ.) digital ground for the core test reset: this active LOW input signal is used to reset the TAP controller in boundary scan mode. In normal mode of operation, TRST must be set LOW. In serial stream mode, TRST is the uncorrectable output (UNCOR). test mode select: this input signal provides the logic levels needed to change the TAP controller from state to state. In normal mode of operation, TMS must be set to HIGH. In serial stream mode, TMS is the DEN output. test data output: this is the serial test output pin used in boundary scan mode. Serial data is provided on the falling edge of TCK. In serial stream mode, TDO is the data output (DO). GPIO can be configured by the I2C-bus either as: * A Front-End Lock indicator (FEL) (default mode) * An active LOW output interrupt line (IT) which can be configured by the I2C-bus interface * A control output pin programmable by I2C-bus. GPIO is an open-drain output and therefore requires an external pull-up resistor.
ENSERI
21
I
TCK
22
I/O
TDI
23
I/O
VDDDI8 VSSDI8 TRST
24 25 26
S G I/O
TMS
27
I/O
TDO
28
O
GPIO
29
OD
VDDD33 VSSD33 CTRL UNCOR
30 31 32 33
S G OD O
digital supply voltage for the pads (3.3 V typ.) digital ground for the pads CTRL is a control output pin programmable by the I2C-bus. CTRL is an open-drain output and therefore requires an external pull-up resistor. uncorrectable packet: this output signal is HIGH when the provided packet is uncorrectable (during the 188 bytes of the packet). The uncorrectable packet is not affected by the Reed Solomon decoder, but the MSB of the byte following the sync byte is forced to logic 1 for the MPEG-2 process: error flag indicator (if RSI and IEI are set LOW in the I2C-bus table). pulse synchro: this output signal goes HIGH when the sync byte (0x47) is provided, then it goes LOW until the next sync byte output clock: this is the output clock for the DO[7:0] data outputs. OCLK is internally generated depending on which interface is selected. data enable: this output signal is HIGH when there is valid data on the output bus DO[7:0]
PSYNC OCLK DEN
34 35 36
O O O
2001 Oct 01
5
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
SYMBOL DO[7:4]
PIN 37 to 40
TYPE(1) O
DESCRIPTION data output bus: this 8-bit parallel data is the output from the TDA10021HT after demodulation, de-interleaving, RS decoding and de-scrambling. When one of the two possible parallel interfaces is selected (parameter SERINT = 0, index 20) then DO[7:0] is the transport stream output. When the serial interface is selected (parameter SERINT = 1, index 20) then the serial output is on pin DO[0]. digital supply voltage for the core (1.8 V typ.) digital ground for the core digital supply voltage for the pads (3.3 V typ.) digital ground for the pads data output bus: this 8-bit parallel data is the output from the TDA10021HT after demodulation, de-interleaving, RS decoding and de-scrambling. When one of the two possible parallel interfaces is selected then DO[7:0] is the transport stream output. When the serial interface is selected then the serial output is on pin DO[0]. ground return for the digital switching circuitry (ADC) power supply input for the digital switching circuitry 1.8 V (ADC) ground return for the analog clock drivers (ADC) power supply input for the analog clock drivers 3.3 V (ADC) this is a positive voltage reference for the ADC. It is derived from the internal band gap voltage, VBG, with an on-chip fully differential amplifier. this is the negative voltage reference for the ADC. It is derived from the internal band gap voltage, VBG, with an on-chip fully differential amplifier. power supply input for the analog circuits 3.3 V (ADC) ground return for analog circuits (ADC) negative input to the ADC: this pin is DC biased to half-supply through an internal resistor divider (2 x 20 k resistors). In order to stay in the range of the ADC, VIP - VIM should remain between the input range corresponding to the SW register (index 1B - default value = 0.5 V). positive input to the ADC: this pin is DC biased to half-supply through an internal resistor divider (2 x 20 k resistors). In order to stay in the range of the ADC, VIP - VIM should remain between the input range corresponding to the SW register (index 1B - default value = 0.5 V). ground return for analog circuits (ADC) power supply input for the analog circuits 3.3 V (ADC) power supply for the PLL digital section 1.8 V ground connection for the PLL digital section ground connection for the PLL analog section power supply for the PLL analog section 3.3 V
VDDDI8 VSSD18 VDDD33 VSSD33 DO[3:0]
41 42 43 44 45 to 48
S G S G O
VSSD1 VDDD1 VSSA2 VDDA2 Vref(pos) Vref(neg) VDDA3 VSSA3 VIM
49 50 51 52 53 54 55 56 57
G S G S O O S G I
VIP
58
I
VSSA3 VDDA3 VCCD(PLL) DGND PLLGND VCCA(PLL) Note
59 60 61 62 63 64
G S S G G S
1. All inputs (I) are TTL, 5 V tolerant (except pins XIN, VIP and VIM). OD are open-drain outputs, so they must be connected by a pull-up resistor to either VDDD33 or VDDD50.
2001 Oct 01
6
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
54 Vref(neg)
handbook, full pagewidth
61 VCCD(PLL)
64 VCCA(PLL)
53 Vref(pos)
63 PLLGND
50 VDDD1
52 VDDA2
55 VDDA3
60 VDDA3
VDDD18 1 XIN 2 XOUT 3 VSSD18 4 SACLK 5 TEST 6 VDDD18 7 VSSD18 8 AGCTUN 9 IICDIV 10 AGCIF 11 SADDR 12 VDDD50 13 VDDD33 14 VSSD33 15 CLR# 16
SCLT 20 21 TCK 22 TDI 23 VDDD18 24 VSSD18 25 TRST 26 TMS 27 TDO 28 GPIO 29 VDDD33 30 VSSD33 31 SDAT 19 CTRL 32 SCL 17 SDA 18
49 VSSD1
56 VSSA3
51 VSSA2
59 VSSA3
62 DGND
57 VIM
58 VIP
48 DO [ 0] 47 DO [ 1] 46 DO [ 2] 45 DO [ 3] 44 VSSD33 43 VDDD33 42 VSSD18
TDA10021HT
41 VDDD18 40 DO [ 4] 39 DO [ 5] 38 DO [ 6] 37 DO [ 7] 36 DEN 35 OCLK 34 PSYNC 33 UNCOR
ENSERI
MGW344
Fig.1 Pin configuration.
2001 Oct 01
7
Philips Semiconductors
Product specification
DVB-C channel receiver
CHARACTERISTICS SYMBOL VDDD33 VDDD18 VDDD50 VIH VIL VOH VOL IDDD33 IDDD18 Ptot Ci Tamb XTAL; pin XIN VIH VIL PLL VDDD(PLL) VDDA(PLL) ADC VDDA1 VDDA2,VDDA3 VIP,VIM Vi Vref(pos) Vref(neg) Voffset Ri Ci B Notes analog ADC supply voltage analog ADC supply voltage analog ADC inputs signal input range positive reference voltage negative reference voltage input offset voltage input resistance (VIP or VIM) input capacitance (VIP or VIM) input full power bandwidth IR = VIP - VIM VDDA = 1.8 V 5% VDDA = 3.3 V 10% 1.7 2.97 -0.5 1.8 3.3 - digital PLL supply voltage analog PLL supply voltage VDDD = 1.8 V 5% VDDA = 3.3 V 10% 1.7 2.97 1.8 3.3 HIGH-level input voltage LOW-level input voltage 0.7VDDD33 0 - - PARAMETER digital supply voltage for the pads digital supply voltage for the core digital supply voltage HIGH-level input voltage LOW-level input voltage HIGH-level output voltage LOW-level output voltage digital supply current for the pads digital supply current for the core total power dissipation input capacitance ambient temperature CONDITIONS VDDD = 3.3 V 10% VDDD = 1.8 V 5% only for 5 V requirements; note 1 TTL input; note 2 TTL input note 3 fs = 28.92 MHz; symbol rate = 7 Mbaud fs = 28.92 MHz; symbol rate = 7 Mbaud fs = 28.92 MHz; symbol rate = 7 Mbaud MIN. 2.97 1.7 4.75 2 0 2.4 - - - - - 0 TYP. 3.3 1.8 5.0 - - - - 46 120 540 - -
TDA10021HT
MAX. 3.63 1.9 5.25 VDDD50 0.8 - 0.4 - - - 5 70 VDDD33 0.3VDDD33 1.9 3.63 1.9 3.63 VDDA3 + 0.5
UNIT V V V V V V V mA mA mW pF C V V V V V V V
-0.5 to -1.0 - 1.95 2.15 0.95 -25 - - 40 1.15 - 10 5 50
+0.5 to +1.0 V 2.35 V 1.35 +25 - 10 - V mV k pF MHz
3 dB bandwidth
1. The voltage level of the 5 V supply must always exceed or at least equal the voltage level of the 3.3 V supply during power-up and power-down in order to guarantee protection against latch-up. 2. All digital inputs are 5 V tolerant except pin XIN. 3. IOH, IOL = 4 mA for pins SACLK, SCL, SDA, SDAT, SCLT, TCK, TDI, TRST, TMS, TDO, GPIO, UNCOR, PSYNC, OCLK, DEN and DO[7:0]. For all other pins, IOH, IOL = 2 mA.
2001 Oct 01
8
Philips Semiconductors
Product specification
DVB-C channel receiver
APPLICATION INFORMATION
TDA10021HT
handbook, full pagewidth
AGC1 CIRCUITRY AGC2 CIRCUITRY
AGCIF
AGCTUN
XIN
XOUT
DO [ 7:0] DEN OCLK PSYNC UNCOR
OUTPUT1(1) RF input TUNER IF VIP VIM OUTPUT2(2)
I 2C-bus tuner
ANALOG CIRCUITRY
TDA10021HT
TDO (DO) TMS (DEN) TCK (OCLK) TDI (PSYNC) TRST (UNCOR) SCL, SDA
SCLT, SDAT
I 2C-BUS
MGW346
(1) Output 1 can be either a parallel output mode A, a parallel output mode B or a serial output (programmable interface). (2) Output 2 is a serial output (serial interface).
Fig.2 Front-end receiver schematic.
2001 Oct 01
9
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
handbook, halfpage
TDA10021HT
XIN 2 R XTAL
XOUT 3
C1
C2
MGW347
(1) Typical XTAL is at fundamental frequency (typically 4 Mhz). (2) Values of passive components are dependant on XTAL manufacturer (typically R = 1 M, C1 = C2 = 56 pF).
Fig.3 Typical XTAL connection.
handbook, halfpage
TDA10021HT AGCTUN/ 9 AGCIF 11 R to TUNER/IF C GND
MGW348
SR XIN R and C are chosen to verify ------------- < fc < --------- with R = 1.5 k and C = 1 nF, fc = 100 kHz. 1024 16
Fig.4 External AGC connection.
2001 Oct 01
10
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
handbook, full pagewidth
VCCA(PLL) 64
1 10 nF 10 F
+ 3.3 V
PLLGND DGND
63 62 1 10 nF 10 F 1 10 nF 10 F + 3.3 V + 1.8 V
VCCD(PLL) 61
VDDA3 60
VSSA3 59 VIP 58 0.1 F VINP 0.1 F VINM 100 nF 100 nF 10 nF 10 F
TDA10021HT
VIM 57 Vref(pos) 53
Vref(neg) 54
VDDA2 52
1
+ 3.3 V
VSSA2 51 VDDD1 50 1 10 nF 10 F + 1.8 V
VSSD1 49
MGW349
Fig.5 PLL and ADC connections.
2001 Oct 01
11
Philips Semiconductors
Product specification
DVB-C channel receiver
PACKAGE OUTLINE TQFP64: plastic thin quad flat package; 64 leads; body 10 x 10 x 1.0 mm
TDA10021HT
SOT357-1
c
y X A 48 49 33 32 ZE
e E HE A wM pin 1 index bp 17 1 16 ZD bp D HD wM B vM B vM A detail X Lp L A2 A 1 (A 3)
64
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.2 A1 0.15 0.05 A2 1.05 0.95 A3 0.25 bp 0.27 0.17 c 0.18 0.12 D (1) 10.1 9.9 E (1) 10.1 9.9 e 0.5 HD HE L 1.0 Lp 0.75 0.45 v 0.2 w 0.08 y 0.1 Z D(1) Z E(1) 1.45 1.05 1.45 1.05 7 0o
o
12.15 12.15 11.85 11.85
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT357-1 REFERENCES IEC 137E10 JEDEC MS-026 EIAJ EUROPEAN PROJECTION
ISSUE DATE 99-12-27 00-01-19
2001 Oct 01
12
Philips Semiconductors
Product specification
DVB-C channel receiver
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C for small/thin packages. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. If wave soldering is used the following conditions must be observed for optimal results:
TDA10021HT
* Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2001 Oct 01
13
Philips Semiconductors
Product specification
DVB-C channel receiver
Suitability of surface mount IC packages for wave and reflow soldering methods
TDA10021HT
SOLDERING METHOD PACKAGE WAVE BGA, HBGA, LFBGA, SQFP, TFBGA HBCC, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, SMS PLCC(3), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 2. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink (at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version). 3. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 4. Wave soldering is only suitable for LQFP, TQFP and QFP packages with a pitch (e) equal to or larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 5. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. DATA SHEET STATUS DATA SHEET STATUS(1) Objective specification PRODUCT STATUS(2) Development DEFINITIONS This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A. not suitable not not not suitable(2) recommended(3)(4) recommended(5) suitable REFLOW(1) suitable suitable suitable suitable suitable
Preliminary specification
Qualification
Product specification
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
2001 Oct 01
14
Philips Semiconductors
Product specification
DVB-C channel receiver
DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS
TDA10021HT
Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. ICs with MPEG-2 functionality Use of this product in any manner that complies with the MPEG-2 Standard is expressly prohibited without a license under applicable patents in the MPEG-2 patent portfolio, which license is available from MPEG LA, L.L.C., 250 Steele Street, Suite 300, Denver, Colorado 80206.
PURCHASE OF PHILIPS I2C COMPONENTS
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specification defined by Philips. This specification can be ordered using the code 9398 393 40011.
2001 Oct 01
15
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
753504/04/pp16
Date of release: 2001
Oct 01
Document order number:
9397 750 08497


▲Up To Search▲   

 
Price & Availability of TDA10021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X